Part Number Hot Search : 
M62003P ZMM5241 TM32F VCSP50L 2SJ46407 FR2KL FRS14 2SC460
Product Description
Full Text Search
 

To Download DTA114ESA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  c,mar,2012 digital transistors (built-in resistors) dta114em/dta114ee/dta114eua dta114eka /dta114eca/DTA114ESA equivalent circuit digital transistor (pnp) features ? built-in bias resistors enable the conf iguration of an inverter circuit without connecting external input re sistors(see equivalent circuit) ? the bias resistors consist of th in-film resistors with complete isolation to allow posit ive biasing of the inpu t.they also have the advantage of almost completely eliminating parasitic effects ? only the on/off conditions need to be se t for operation, making device design easy pin connenctions and marking dta114em sot-723 1. in 2. gnd 3. out marking:14 dta114ee sot-523 1. in 2. gnd 3. out marking:14 dta114eua sot-323 1. in 2. gnd 3. out marking:14 dta114eka sot-23-3l 1. in 2. gnd 3. out marking:14 dta114eca sot-23 1. in 2. gnd 3. out marking:14 DTA114ESA to-92s 1. gnd 2. out 3. in 1 of 3 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification e,jun,2013
maximum ratings(ta=25 unless otherwise noted) limits(dta114e ) symbol parameter m e ua ca ka sa unit v cc supply voltage -50 v v in input voltage -40  +10 v i o output current -50 ma i cm peak collector current -100 ma p d power dissipation 100 150 200 200 200 300 mw t j junction temperature 150 t stg storage temperature -55  +150 electrical characteristics (ta=25 unless otherwise specified) parameter symbol conditions min typ max unit v i(off) v cc =-5v,i o =-100a -0.5 v input voltage v i(on) v o =-0.3v,i o =-10 ma -3 v output voltage v o(on) i o /i i =-10ma/-0.5ma -0.3 v input current i i v i =-5v -0.88 ma output current i o(off) v cc =-50v,v i =0 -0.5 a dc current gain g i v o =-5v,i o =-5ma 30 input resistance r 1 7 10 13 k ? resistance ratio r 2 /r 1 0.8 1 1.2 transition frequency f t v o =-10v,i o = - 5ma,f=100mhz 250 mhz  2 of 3 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification e,jun,2013
-0.1 -1 -10 -100 -0.1 -1 -10 -100 -0.0 -0.4 -0.8 -1.2 -1.6 -2.0 -0.01 -0.1 -1 -10 -0.1 -1 -10 -100 1 10 100 1000 0 25 50 75 100 125 150 0 50 100 150 200 250 300 350 400 0481 21 62 0 0 2 4 6 8 10 12 -1 -10 -100 -10 -100 -1000 on characteristics t a =25 t a =100 v o =-0.3v -3 -0.3 -30 output current i o (ma) input voltage v i(on) (v) dta114exx off characteristics t a =100 t a =25 -3 -0.3 -0.03 v cc =-5v output current i o (ma) input voltage v i(off) (v) -0.3 -3 -30 30 t a =25 t a =100 v o =-5v 300 3 -3 -0.3 -30 g i ?? i o output current i o (ma) dc current gain g i dta114em DTA114ESA dta114eua/ca/ka dta114ee p d ?? t a power dissipation p d (mw) ambient temperature t a ( ) f=1mhz t a =25 c o ?? v r output capacitance c o (pf) reverse bias voltage v r (v) -300 -30 -30 -3 v o(on) ?? i o t a =25 t a =100 i o /i i =20 output voltage v o(on) (mv) output current i o (ma) 3 of 3 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification e,jun,2013


▲Up To Search▲   

 
Price & Availability of DTA114ESA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X