Part Number Hot Search : 
M52790SP 101J1 EUP3418 TMMBAT47 MJ15002G C10T40F BUZ102S M5221
Product Description
Full Text Search
 

To Download DMP2004DMK-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dmp2004dmk document number: ds30939 rev. 4 - 2 1 of 5 www.diodes.com august 2012 ? diodes incorporated dmp2004dm k new product dual p-channel enhancement mode mosfet features ? dual p-channel mosfet ? low on-resistance ? very low gate threshold voltage v gs(th) < 1v ? low input capacitance ? fast switching speed ? low input/output leakage ? esd protected gate ? totally lead-free & fully rohs compliant (notes 1 & 2) ? halogen and antimony free. ?green? device (note 3) ? qualified to aec-q101 standards for high reliability mechanical data ? case: sot26 ? case material: molded plasti c, ?green? molding compound. ul flammability classification rating 94v-0 ? moisture sensitivity: level 1 per j-std-020 ? terminal connections: see diagram ? terminals: finish ? matte tin annealed over copper leadframe. solderable per mil-std-202, method 208 ? weight: 0.015 grams (approximate) ordering information (note 4) part number case packaging dmp2004dmk-7 sot26 3000/tape & reel notes: 1. no purposely added lead. fully eu directiv e 2002/95/ec (rohs) & 2011/6 5/eu (rohs 2) compliant. 2. see http://www.diodes.com for more in formation about diodes incorpor ated?s definitions of halogen- and antimony-free, "gree n" and lead-free. ? 3. halogen- and antimony-free "green? products are defined as those which contain <900ppm br omine, <900ppm chlorine (<1500ppm t otal br + cl) and <1000ppm antimony compounds. 4. for packaging details, go to our website at http://www.diodes.com. marking information date code key year 2007 2008 2009 2010 2011 2012 2013 2014 2015 2016 2017 code u v w x y z a b c d e month jan feb mar apr may jun jul aug sep oct nov dec code 1 2 3 4 5 6 7 8 9 o n d sot26 top view top view internal schematic s 1 d 1 d 2 s 2 g 1 g 2 esd protected pab = marking code ym = date code marking y = year (ex: u = 2007) m = month (ex: 9 = september) pab ym s 1 d 2 g 1 d 1 s 2 g 2
dmp2004dmk document number: ds30939 rev. 4 - 2 2 of 5 www.diodes.com august 2012 ? diodes incorporated dmp2004dm k new product maximum ratings (@t a = +25c, unless otherwise specified.) characteristic symbol value units drain-source voltage v dss -20 v gate-source voltage v gss 8 v drain current (note 5) i d -550 ma pulsed drain current i dm -1.9 a thermal characteristics (@t a = +25c, unless otherwise specified.) characteristic symbol value units total power dissipation (note 5) p d 500 mw thermal resistance, junction to ambient (note 5) r ja 250 c/w operating and storage temperature range t j, t stg -55 to +150 c electrical characteristics (@t a = +25c, unless otherwise specified.) characteristic symbol min typ max unit test condition off characteristics (note 6) drain-source breakdown voltage bv dss -20 ? ? v v gs = 0v, i d = -250 a zero gate voltage drain current idss ? ? -1.0 a v ds = -20v, v gs = 0v gate-source leakage i gss ? ? 1.0 a v gs = 4.5v, v ds = 0v on characteristics (note 6) gate threshold voltage v gs ( th ) -0.5 ? -1.0 v v ds = v gs , i d = -250 a static drain-source on-resistance r ds (on) ? 0.7 1.1 1.7 0.9 1.4 2.0 v gs = -4.5v, i d = -430ma v gs = -2.5v, i d = -300ma v gs = -1.8v, i d = -150ma forward transfer admittance |y fs | 200 ? ? ms v ds =10v, i d = -0.2a diode forward voltage (note 6) v sd -0.5 ? -1.2 v v gs = 0v, i s = 115ma dynamic characteristics input capacitance c iss ? ? 175 pf v ds = -16v, v gs = 0v f = 1.0mhz output capacitance c oss ? ? 30 pf reverse transfer capacitance c rss ? ? 20 pf notes: 5. device mounted on fr-4 pcb. 6. short duration pulse test used to minimize self-heating effect.
dmp2004dmk document number: ds30939 rev. 4 - 2 3 of 5 www.diodes.com august 2012 ? diodes incorporated dmp2004dm k new product 0 0 -v , drain source voltage (v) fig. 1 typical output characteristics ds -i , d r ain c u r r en t (a) d -v , gate source voltage (v) fig. 2 typical transfer characteristics gs -i , d r ain c u r r en t (a) d t , ambient temperature (c) a -v , gate threshold voltage (v) gs(th) fig. 3 gate threshold voltage vs. ambient temperature -i , drain-source current (a) d fig. 4 static drain-source on-resistance vs. drain current -i , drain-source current (a) fig. 5 static drain-source on-resistance vs. drain current d -i , drain-source current (a) fig. 6 static drain-source on-resistance vs. drain-source current vs. gate source voltage d 10
dmp2004dmk document number: ds30939 rev. 4 - 2 4 of 5 www.diodes.com august 2012 ? diodes incorporated dmp2004dm k new product t , ambient temperature (c) fig. 7 static drain-source on-state resistance vs. ambient temperature a -i , drain current (a) fig. 9 forward transfer admittance vs. drain current d -v , drain-source voltage (v) fig. 10 typical capacitance ds package outline dimensions please see ap02002 at http://www.diodes.com /datasheets/ap02002.pdf for latest version. sot26 dim min max typ a 0.35 0.50 0.38 b 1.50 1.70 1.60 c 2.70 3.00 2.80 d ? ? 0.95 h 2.90 3.10 3.00 j 0.013 0.10 0.05 k 1.00 1.30 1.10 l 0.35 0.55 0.40 m 0.10 0.20 0.15 0 8 ? all dimensions in mm a m j l d b c h k
dmp2004dmk document number: ds30939 rev. 4 - 2 5 of 5 www.diodes.com august 2012 ? diodes incorporated dmp2004dm k new product suggested pad layout please see ap02001 at http://www.diodes.com/dat asheets/ap02001.pdf for the latest version. important notice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisdiction). diodes incorporated and its subsidiaries rese rve the right to make modifications, enhancements, improvements, corrections or ot her changes without further notice to this document and any product descri bed herein. diodes incorporated does not assume any liability arising out of the application or use of this document or any product described herein; neither does diodes incorporated convey any license under its patent or trademark rights, nor the rights of others. any customer or user of this document or products described herein in such applica tions shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on diodes incorporated website, harmless against all damages. diodes incorporated does not warrant or accept any liability whatsoever in respect of any products purchased through unauthoriz ed sales channel. should customers purchase or use diodes inco rporated products for any unintended or una uthorized application, customers shall i ndemnify and hold diodes incorporated and its representativ es harmless against all claims, damages, expenses, and attorney fees arising out of, directly or indirectly, any claim of personal injury or death a ssociated with such unintended or unauthorized application. products described herein may be covered by one or more united states, international or foreign patents pending. product names and markings noted herein may also be covered by one or more united states, international or foreign trademarks. life support diodes incorporated products are specifically not authorized for use as critical com ponents in life support devices or systems without the express written approval of the chief executive offi cer of diodes incorporated. as used herein: a. life support devices or syst ems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when proper ly used in accordance with instructions for use provided in the labeling can be reasonably expected to result in significant injury to the user. b. a critical component is any component in a life support devic e or system whose failure to perform can be reasonably expect ed to cause the failure of the life support device or to affect its safety or effectiveness. customers represent that they have all necessary expertise in the safety and regulatory ramifi cations of their life support dev ices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety-rel ated requirements concerning the ir products and any use of diodes incorporated products in such safety-critical, life support devices or systems, notwithstanding any devices- or s ystems-related information or support that may be provided by diodes incorporated. further, customers must fully indemnify diodes incorporate d and its representatives against any damages arisi ng out of the use of diodes incorporated pr oducts in such safety-critical, life suppor t devices or systems. copyright ? 2012, diodes incorporated www.diodes.com dimensions value (in mm) z 3.20 g 1.60 x 0.55 y 0.80 c1 2.40 c2 0.95 x z y c1 c2 c2 g


▲Up To Search▲   

 
Price & Availability of DMP2004DMK-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X