Part Number Hot Search : 
FN1016 MAX63 10S24 U2608B L2TVS60A HM2007L FR9024 MAS9191A
Product Description
Full Text Search
 

To Download DMN601K-7-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dmn601k characteristic symbol value units drain-source voltage v dss 60 v gate-source voltage v gss 20 v drain current continuous pulsed i d 300 800 ma total power dissipation p d 350 mw thermal resistance, j unction to ambient r q ja 357 c/w operating and storage temperature range t j , t stg -65 to +150 c mechanical data a e j l t o p v i e w m b c h g d k d g s s o u r c e e q u i v a l e n t c i r c u i t g a t e p r o t e c t i o n d i o d e g a t e d r a i n t c u d o r p w e n case: sot-23 case material: molded pl astic, ?green? molding compound . ul flamm ability classification rating 94v-0 moisture sensitivity: lev el 1 per j-std-020c terminals: finish ? matte tin annealed over alloy 42 leadframe . solderable per mil-std-202, method 208 terminal connections: see diagram weight: 0.008 grams (approximate) low on-resistanc e: r ds (on) low gate thres hold voltage low input capacitance fast switching speed low input/output leakage lead free by design/ rohs compliant esd protecte d up to 2kv "green" device features maximum ratings @ t a = 25c unless otherwise s pecified e s d p r o t e c t e d u p t o 2 k v sot-23 dim min max a 0.37 0.51 b 1.20 1.40 c 2.30 2.50 d 0.89 1.03 e 0.45 0.60 g 1.78 2.05 h 2.80 3.00 j 0.013 0.10 k 0.903 1.10 l 0.45 0.61 m 0.085 0.180 a 0 8 all dimensions in m m 4008-318-123 sales@twtysemi.com http://www.twtysemi.com 1 of 1 smd type smd type smd type smd type smd type smd type smd type smd type smd type smd type product specification


▲Up To Search▲   

 
Price & Availability of DMN601K-7-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X