Part Number Hot Search : 
E4413A Z5248 S32XR2 103K5E KTA1204D DDU8F 0APBF BD734
Product Description
Full Text Search
 

To Download CPH3115 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  91912 tkim tb-00000307/21000 ts(koto) ta-2681 no.6344-1/7 http://onsemi.com semiconductor components industries, llc, 2013 september, 2013 CPH3115/cph3215 bipolar transistor (?) 30v, (?) 1.5a, low v ce ( sat ) , ( pnp ) npn single cph3 stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above t he recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may affect device reliabili ty. applications ? relay drivers, lamp drivers, motor drivers, and strobes features ? adoption of mbit processes ? large current capacity ? low collector-to-emitter saturation voltage ? high-speed switching ? ultrasmall package facilitates miniaturization in end products (mounting height : 0.9mm) ? high allowable power dissipation ? halogen free compliance speci cations ( ): CPH3115 absolute maximum ratings at ta=25c parameter symbol conditions ratings unit collector-to-base voltage v cbo (--30)40 v collector-to-emitter voltage v ceo (--)30 v emitter-to-base voltage v ebo (--)5 v collector current i c (--)1.5 a collector current (pulse) i cp (--)3 a base current i b (--)300 ma collector dissipation p c when mounted on ceramic substrate (600mm 2 0.8mm) 0.9 w junction temperature tj 150 c storage temperature tstg --55 to +150 c package dimensions unit : mm (typ) 7015a-003 ordering number : en6344c product & package information ? package : cph3 ? jeita, jedec : sc-59, to-236, sot-23 ? minimum packing quantity : 3,000 pcs./reel packing type: tl marking electrical connection tl 1 : base 2 : emitter 3 : collecto r cph3 2.9 0.05 0.4 2.8 1.6 0.2 0.6 0.6 0.9 0.2 0.15 2 1 3 0.95 3 2 1 3 2 1 cph3215 CPH3115 aq lot no. cq lot no. cph3215 CPH3115 CPH3115-tl-e cph3215-tl-e CPH3115-tl-h cph3215-tl-h
CPH3115 / cph3215 no.6344-2/7 electrical characteristics at ta=25c parameter symbol conditions ratings unit min typ max collector cutoff current i cbo v cb =(--)30v, i e =0a (--)0.1 a emitter cutoff current i ebo v eb =(--)4v, i c =0a (--)0.1 a dc current gain h fe v ce =(--)2v, i c =(--)100ma 200 560 gain-bandwidth product f t v ce =(--)10v, i c =(--)300ma (450)500 mhz output capacitance cob v cb =(--)10v, f=1mhz (9)8 pf collector-to-emitter saturation voltage v ce (sat) i c =(--)750ma, i b =(--)15ma (--250)150 (--375)225 mv base-to-emitter saturation voltage v be (sat) i c =(--)750ma, i b =(--)15ma (--)0.85 (--)1.2 v collector-to-base breakdown voltage v (br)cbo i c =(--)10 a, i e =0a (--30)40 v collector-to-emitter breakdown voltage v (br)ceo i c =(--)1ma, r be = (--)30 v emitter-to-base breakdown voltage v (br)ebo i e =(--)10 a, i c =0a (--)5 v turn-on time t on see speci ed test circuit. 35 ns storage time t stg (115)205 ns fall time t f 30 ns switching time test circuit ordering information device package shipping memo CPH3115-tl-e cph3 3,000pcs./reel pb free cph3215-tl-e cph3 3,000pcs./reel pb free CPH3115-tl-h cph3 3,000pcs./reel pb free and halogen free cph3215-tl-h cph3 3,000pcs./reel pb free and halogen free --2.0 --1.0 --1.8 --1.6 --1.4 --1.2 --0.8 --0.6 --0.4 --0.2 0 i c -- v ce 0 --0.2 --0.1 --0.3 --0.4 --0.5 --0.6 --0.7 --0.8 --0.9 --1.0 0.2 0.1 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 collector-to-emitter voltage, v ce -- v collector current, i c -- a 2.0 1.0 0 i c -- v ce 0 i b =0 collector-to-emitter voltage, v ce -- v collector current, i c -- a 1.8 1.6 1.4 1.2 0.8 0.6 0.4 0.2 it01673 it01674 CPH3115 --50ma --40ma --30ma --20ma --10ma --2ma --4ma --6ma --8ma i b =0 cph3215 50ma 40ma 30ma 20ma 10ma 8ma 6ma 4ma 2ma + + 50 input outpu t v r r b r l v cc =12v 100 f 470 f v be = --5v pw=20 s i b1 i b2 dc 1% i c =20i b1 = --20i b2 =750ma (for pnp, the polarity is reversed.)
CPH3115 / cph3215 no.6344-3/7 collector current, i c -- a h fe -- i c dc current gain, h fe 1000 7 5 3 2 10 23 57 --0.01 --1.0 --0.1 23 57 23 100 7 5 3 2 CPH3115 v ce = --2v --25 c 25 c ta=75 c collector current, i c -- a f t -- i c gain-bandwidth product, f t -- mhz 1000 3 2 5 7 23 57 23 2 57 --0.01 --1.0 --0.1 100 3 2 5 7 3 2 collector current, i c -- a h fe -- i c dc current gain, h fe 1000 7 5 3 2 10 23 57 0.01 1.0 0.1 23 57 23 100 7 5 3 2 cph3215 v ce =2v --25 c 25 c ta=75 c collector current, i c -- a f t -- i c gain-bandwidth product, f t -- mhz 1000 3 2 5 100 3 2 5 7 7 3 2 23 57 23 2 57 0.01 1.0 0.1 CPH3115 v ce = --10v cph3215 v ce =10v it01677 it01679 it01678 it01680 collector-to-base voltage, v cb -- v cob -- v cb output capacitance, cob -- pf 100 7 5 3 2 7 5 3 2 10 23 57 0.1 1.0 23 57 10 23 5 collector-to-base voltage, v cb -- v cob -- v cb output capacitance, cob -- pf 100 7 5 3 2 7 5 3 2 23 57 --0.1 --1.0 23 57 --10 23 5 10 cph3215 f=1mhz it01681 it01682 CPH3115 f=1mhz base-to-emitter voltage, v be -- v i c -- v be collector current, i c -- a --1.6 --1.4 --1.2 --1.0 --0.8 --0.6 --0.4 --0.2 0 0 --0.2 --0.4 --0.6 --0.8 --1.0 --1.2 CPH3115 v ce = --2v --25 c 25 c ta=75 c base-to-emitter voltage, v be -- v i c -- v be collector current, i c -- a 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 0 0.2 0.4 0.6 0.8 1.2 1.0 --25 c cph3215 v ce =2v ta=75 c 25 c it01675 it01676
CPH3115 / cph3215 no.6344-4/7 collector current, i c -- a v ce (sat) -- i c 1.0 7 5 3 2 0.01 23 57 0.01 1.0 0.1 23 57 23 0.1 7 5 3 2 cph3215 i c / i b =50 75 c ta= --25 c collector current, i c -- a v be (sat) -- i c 10 7 5 3 2 0.1 23 57 0.01 1.0 0.1 23 57 23 1.0 7 5 3 2 cph3215 i c / i b =50 ta= --25 c 25 c 75 c collector current, i c -- a v ce (sat) -- i c 2 23 57 --0.01 --0.01 --1.0 --0.1 23 57 23 CPH3115 i c / i b =50 75 c 25 c ta= --25 c --1.0 7 5 3 2 --0.1 7 5 3 2 collector current, i c -- a v be (sat) -- i c --10 7 5 3 2 --0.1 23 57 --0.01 --1.0 --0.1 23 57 23 --1.0 7 5 3 2 CPH3115 i c / i b =50 ta= --25 c 75 c it01685 it01687 it01686 it01688 25 c ambient temperature, ta -- c p c -- ta collector dissipation, p c -- w 1.4 0 0.2 0.4 0.6 0.8 0.9 1.0 1.2 0 20 40 60 80 100 120 140 160 collector-to-emitter voltage, v ce -- v a s o collector current, i c -- a 2 3 5 7 2 3 5 7 2 3 5 7 10 1.0 0.1 0.01 23 57 23 57 23 57 0.1 1.0 10 100 dc operation 100ms 10ms 500 s 100 s i cp =3a i c =1.5a it01689 it01690 1ms CPH3115 / cph3215 CPH3115 / cph3215 25 c collector current, i c -- a v ce (sat) -- i c 1.0 7 5 3 2 23 57 0.01 1.0 0.1 23 57 23 0.1 0.01 7 5 3 2 collector current, i c -- a v ce (sat) -- i c --1.0 7 5 3 2 --0.01 23 57 --0.01 --1.0 --0.1 23 57 23 --0.1 7 5 3 2 CPH3115 i c / i b =20 --25 c 25 c ta=75 c it01683 it01684 cph3215 i c / i b =20 --25 c ta=75 c 25 c collector-to-emitter saturation voltage, v ce (sat) -- v collector-to-emitter saturation voltage, v ce (sat) -- v collector-to-emitter saturation voltage, v ce (sat) -- v collector-to-emitter saturation voltage, v ce (sat) -- v base-to-emitter saturation voltage, v be (sat) -- v base-to-emitter saturation voltage, v be (sat) -- v ta=25 c single pulse mounted on a ceramic board (600mm 2 0.8mm) for pnp, minus sign is omitted. mounted on a ceramic board (600mm 2 0.8mm)
CPH3115 / cph3215 no.6344-5/7 embossed taping speci cation CPH3115-tl-e, cph3215-tl-e, CPH3115-tl-h, cph3215-tl-h
CPH3115 / cph3215 no.6344-6/7 outline drawing land pattern example CPH3115-tl-e, cph3215-tl-e, CPH3115-tl-h, cph3215-tl-h mass (g) unit 0.013 * for reference mm unit: mm 0.6 2.4 0.95 0.95 1.4
CPH3115 / cph3215 ps no.6344-7/7 on semiconductor and the on logo are registered trademarks of semiconductor components industries, llc (scillc). scillc owns th e rights to a number of patents, trademarks, copyrights, trade secrets, and other intellectual property. a listing of scillc?s product/patent covera ge may be accessed at www.onsemi.com/site/pdf/patent-marking.pdf. scillc reserves the right to make changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc ass ume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation sp ecial, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different ap plications and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life , or for any other application in which the failure of the scillc product could create a situation where personal injury or death may occur. should buyer purchas e or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its officers, employees, subsidiarie s, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the d esign or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws a nd is not for resale in any manner.


▲Up To Search▲   

 
Price & Availability of CPH3115

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X