Part Number Hot Search : 
1SS38 30KPA132 STM8S20 HA173 V800ME14 HA173 F050420 CY7C6
Product Description
Full Text Search
 

To Download CAT16-PT4F4LF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  CAT16-PT4F4LF - concave chip array features high performance termination network miniaturized circuitry and packaging for space reduction designed for gigabit communication networks controlled impedance rohs compliant* electrical characteristics resistance r1 .............................................100 ohms tcr ........................................?00 ppm/?c temperature range .........-55 ?c to +12 5?c max. operating voltage ....................5 vdc max. power resistance ................ .0625 w solderability .....................>95 % coverage derating curve schematic product dimensions packaging specifications 100 80 60 40 20 0 rated power in percentage (%) -55 0 70 125 ( ? c) ambient temperature 16 15 14 13 12 11 10 9 12 3 45678 .80 .10 (.031 .004) 6.40 .15 (.253 .006) .45 .10 (.018 .004) .30 .10 (.012 .004) dia. 1.60 .15 (.063 .060) .60 .10 (.024 .004) .40 .10 (.016 .004) .40 .10 (.016 .004) 16 15 14 13 12 11 10 9 12 345678 r1 r1 r1 r1 2.00 0.20 (.079 .008) 0.9 0.1 (.035 .004) 6.9 0.2 (.272 .008) 4.0 .10 (.157 .004) 2.0 .05 (.079 .002) 5.5 0.1 (.217 .004) 12.0 0.2 (.472 .008) 1.75 .10 (.069 .004) 1.5 +.10/-0 (.060 +.004/-0) 4.0 .10 (.158 .004) 21 0.5 (.827 .020) 13.0 0.3 (.512 .012) 60.0 1.0 (2.36 .039) 178.0 2.0 (7.008 .080) 15.4 1.0 (.606 .039) 13 0.5 (.512 .020) dia. dia. *rohs directive 2002/95/ec jan 27 2003 including annex. specifications are subject to change without notice. customers should verify actual device performance in their specific applications. rev. 11/06 dimensions are: mm (inches) 4000 pcs - per 7 " reel land pattern 2.0 to 2.2 (.079 to .087) 0.7 to 0.9 (.028 to .035) 0.4 to 0.45 (.016 to .0178) 0.80 (.032) chip resistor array cat land solder resist for standard values used in capacitors, inductors, and resistors, click here. *rohs compliant


▲Up To Search▲   

 
Price & Availability of CAT16-PT4F4LF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X