Part Number Hot Search : 
ST92195 C4020 R2010 NTE1871 A8439 HMC51 LN01301 KS899309
Product Description
Full Text Search
 

To Download B120000SL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dvi extender equalizer, single-link video repeater, 1920x1200 at 60hz / 1080p (dvi f/f) model number: b120-000-sl description tripp lite's b120-000-sl dvi single-link signal extender increases the distance a dvi-d signal can be transmitted beyond the recommended 16 ft. (5 m.). supports dvi single link computer video resolutions up to 1920 x 1200, and hd resolutions up to 1080p, as well as a maximum distance of 150 ft. from the source. use p561-series dvi single-link cables in most applications. when extending a 1920 x 1200 (or 1080p) video signal more than 75 ft., use cable made with 24awg wiring. (available from tripp lite as a custom order) simply connect the longer cable between the source and the b120-000-sl, and the shorter cable (16 ft. or less) between the adapter and the monitor. software or drivers are not required. built-in equalization control to adjust the video image. hdcp and ddc compatible. compliant with the federal trade agreements act (taa) for gsa schedule purchases. features extend a dvi-d single-link signal up to 150 ft. from the source supports computer video resolutions up to 1920 x 1200, and hd resolutions up to 1080p. use p561-series dvi single-link cables in most applications when extending a 1920 x 1200 (or 1080p) video signal more than 75 ft., use a cable made with 24awg wiring (available from tripp lite as a custom order) built-in equalization control to adjust the video image hdcp and ddc compatible compliant with the federal trade agreements act (taa) for gsa schedule purchases specifications general info rohs y highlights extend a dvi-d single-link signal up to 150 ft. from the source supports dvi single link computer video resolutions up to 1920 x 1200, and hd resolutions up to 1080p. use p561-series dvi single-link cables in most applications. when extending a 1920 x 1200 (or 1080p) video signal more than 75 ft., use cable made with 24awg wiring compliant with the federal trade agreements act (taa) for gsa schedule purchases package includes b120-000-sl dvi single link extender external power supply (input: 100-240v, 50/60hz, 0.5a output: 5v, 2a) screwdriver for equalization adjustment owner's manual 1 / 2
overview chromebook compatible no display style signal booster model type dvi physical color black connections connector a dvi-i (female) connector b dvi-i (female) number of connectors 2 warranty product warranty period (worldwide) 1-year limited warranty ? 2015 tripp lite. all rights reserved. all trademarks are the sole property of their respective owners. tripp lite has a policy of continuous improvement. specifications are subject to change without notice. photos may differ slightly from final products. 2 / 2


▲Up To Search▲   

 
Price & Availability of B120000SL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X