Part Number Hot Search : 
MOB73DR EMP202 74HC03DB F1621 BD488 PC2508 TC1306 LVDS3
Product Description
Full Text Search
 

To Download AP9T15GH-HF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  advanced power n-channel enhancement mode electronics corp. power mosfet low gate charge bv dss 20v capable of 2.5v gate drive r ds(on) 50m single drive requirement i d 12.5a rohs compliant description absolute maximum ratings symbol units v ds v v gs v i d @t c =25 a i d @t c =100 a i dm a p d @t c =25 w w/ t stg t j symbol value units rthj-c thermal resistance junction-case max. 10 /w rthj-a thermal resistance junction-ambient max. 110 /w data and specifications subject to change without notice thermal data parameter 200908052-1/4 pulsed drain current 1 60 operating junction temperature range -55 to 150 linear derating factor 0.1 storage temperature range total power dissipation 12.5 -55 to 150 continuous drain current, v gs @ 4.5v 12.5 continuous drain current, v gs @ 4.5v 8 drain-source voltage 20 gate-source voltage 16 ap9t15gh/j parameter rating pb free plating product the advanced power mosfets from apec provide the designer with the best combination of fast switching, ruggedized device design, ultra low on-resistance and cost-effectiveness. g d s to-252(h) g d s to-251(j) g d s
electrical characteristics@t j =25 o c(unless otherwise specified) symbol parameter test conditions min. typ. max. units bv dss drain-source breakdown voltage v gs =0v, i d =250ua 20 - - v b v dss / t j breakdown voltage temperature coefficient reference to 25 , i d =1ma - 0.02 - v/ r ds(on) static drain-source on-resistance v gs =4.5v, i d =6a - - 50 m v gs =2.5v, i d =5.2a - - 80 m v gs(th) gate threshold voltage v ds =v gs , i d =250ua 0.5 - 1.5 v g fs forward transconductance v ds =5v, i d =10a - 10 - s i dss drain-source leakage current (t j =25 o c) v ds =20v, v gs =0v - - 1 ua drain-source leakage current (t j =150 o c) v ds =16v ,v gs =0v - - 25 ua i gss gate-source leakage v gs =16v - - 100 na q g total gate charge 2 i d =10a - 5 8 nc q gs gate-source charge v ds =16v - 1 - nc q gd gate-drain ("miller") charge v gs =4.5v - 2 - nc t d(on) turn-on delay time 2 v ds =10v - 8 - ns t r rise time i d =10a - 55 - ns t d(off) turn-off delay time r g =3.3 , v gs =5v - 10 - ns t f fall time r d =1 -3- ns c iss input capacitance v gs =0v - 360 580 pf c oss output capacitance v ds =20v - 70 - pf c rss reverse transfer capacitance f=1.0mhz - 50 - pf r g gate resistance f=1.0mhz - 1.67 - ? source-drain diode symbol parameter test conditions min. typ. max. units v sd forward on voltage 2 i s =10a, v gs =0v - - 1.3 v t rr reverse recovery time 2 i s =10a, v gs =0 v , - 17 - ns q rr reverse recovery charge di/dt=100a/s - 9 - nc notes: 1.pulse width limited by safe operating area. 2.pulse width < 300us , duty cycle < 2%. 2/4 ap9t15gh/j
ap9t15gh/j fig 1. typical output characteristics fig 2. typical output characteristics fig 3. on-resistance v.s. gate voltage fig 4. normalized on-resistance v.s. junction temperature fig 5. forward characteristic of fig 6. gate threshold voltage v.s. reverse diode junction temperature 3/4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 -50 0 50 100 150 t j , junction temperature ( o c) normalized r ds(on) i d =6a v g =4.5v 0 10 20 30 40 50 012345 v ds , drain-to-source voltage (v) i d , drain current (a) 5.0v 4.5v 3.5v 2.5v v g =1.5v t c =25 o c 0 10 20 30 40 0123456 v ds , drain-to-source voltage (v) i d , drain current (a) t c = 150 o c 5.0v 4.5v 3.5v 2.5v v g =1.5v 0 2 4 6 8 10 0 0.2 0.4 0.6 0.8 1 1.2 v sd , source-to-drain voltage (v) i s (a) t j =25 o c t j =150 o c 0.0 0.5 1.0 1.5 2.0 -50 0 50 100 150 t j , junction temperature ( o c) normalized v gs(th) (v) 33 35 37 39 41 43 45 0246810 v gs , gate-to-source voltage (v) r ds(on) (m ) i d = 5.2 a t c =25 o c
fig 7. gate charge characteristics fig 8. typical capacitance characteristics fig 9. maximum safe operating area fig 10. effective transient thermal impedance fig 11. switching time waveform fig 12. gate charge waveform 4/4 ap9t15gh/j 0.01 0.1 1 0.00001 0.0001 0.001 0.01 0.1 1 t , pulse width (s) normalized thermal response (r thjc ) p dm duty factor = t/t peak t j = p dm x r thjc + t c t t 0.02 0.01 0.05 0.1 0.2 duty factor = 0.5 single pulse 0 2 4 6 8 10 12 14 024681012 q g , total gate charge (nc) v gs , gate to source voltage (v) i d =10a v ds =10v v ds =12v v ds =16v 10 100 1000 1 5 9 13 17 21 25 29 v ds , drain-to-source voltage (v) c (pf) f =1.0mh z c iss c oss c rss t d(on) t r t d(off) t f v ds v gs 10% 90% q v g 4.5v q gs q gd q g charge 0.1 1 10 100 0.1 1 10 100 v ds , drain-to-source voltage (v) i d (a) t c =25 o c s in g le puls e 100us 1ms 10ms 100ms dc


▲Up To Search▲   

 
Price & Availability of AP9T15GH-HF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X