Part Number Hot Search : 
29LV128 30CPQ040 X85C33 N2540 GSH05A10 CY8C244 FRK9160R RLZ20B
Product Description
Full Text Search
 

To Download AP4502GM-HF-14 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  advanced power n and p-channel enhancement electronics corp. mode power mosfet simple drive requirement n-ch bv dss 20v low gate charge r ds(on) 18m fast switching performance i d 8.3a rohs compliant & halogen-free p-ch bv dss -20v r ds(on) 45m description i d -5a absolute maximum ratings symbol parameter rating units n-channel p-channel v ds drain-source voltage -20 v v gs gate-source voltage + 12 v i d @t a =25 continuous drain current 3 -5 a i d @t a =70 continuous drain current 3 -4 a i dm pulsed drain current 1 -20 a p d @t a =25 total power dissipation 2.0 w linear derating factor 0.016 w/ t stg storage temperature range -55 to 150 t j operating junction temperature range -55 to 150 symbol value unit rthj-a maximum thermal resistance, junction-ambient 3 62.5 /w data and specifications subject to change without notice parameter 1 thermal data ap4502gm-hf halogen-free product 20 + 12 8.3 6.5 30 200907155 g2 d2 s2 g1 d1 s1 s1 g1 s2 g2 d1 d1 d2 d2 so-8 advanced power mosfets from apec provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost- effectiveness. the so-8 package is widly preferred for commercial-industrial surface mount applications and suited for low voltage applications such as dc/dc converters.
n-ch electrical characteristics@t j =25 o c(unless otherwise specified) symbol parameter test conditions min. typ. max. units bv dss drain-source breakdown voltage v gs =0v, i d =250ua 20 - - v r ds(on) static drain-source on-resistance 2 v gs =10v, i d =9a - - 16 m ? v gs =4.5v, i d =8.3a - - 18 m ? v gs =2.5v, i d =5.2a - - 30 m ? v gs(th) gate threshold voltage v ds =v gs , i d =250ua 0.5 - - v g fs forward transconductance v ds =10v, i d =8.3a - 8.3 - s i dss drain-source leakage current v ds =20v, v gs =0v - - 1 ua drain-source leakage current (t j =70 o c) v ds =16v ,v gs =0v - - 25 ua i gss gate-source leakage v gs =+ 12v, v ds =0v - - + 100 na q g total gate charge 2 i d =8a - 22 - nc q gs gate-source charge v ds =16v - 3 - nc q gd gate-drain ("miller") charge v gs =4.5v - 9 - nc t d(on) turn-on delay time 2 v ds =10v - 11 - ns t r rise time i d =1a - 13 - ns t d(off) turn-off delay time r g =3.3 , v gs =5v - 30 - ns t f fall time r d =10 -14- ns c iss input capacitance v gs =0v - 1350 - pf c oss output capacitance v ds =20v - 325 - pf c rss reverse transfer capacitance f=1.0mhz - 255 - pf source-drain diode symbol parameter test conditions min. typ. max. units v sd forward on voltage 2 i s =1.8a, v gs =0v - - 1.2 v t rr reverse recovery time 2 i s =8a, v gs =0v, - 32 - ns q rr reverse recovery charge di/dt=100a/s - 24 - nc 2 ap4502gm-hf
ap4502gm-hf p-ch electrical characteristics@t j =25 o c(unless otherwise specified) symbol parameter test conditions min. typ. max. units bv dss drain-source breakdown voltage v gs =0v, i d =-250ua -20 - - v r ds(on) static drain-source on-resistance 2 v gs =-10v, i d =-6a - - 40 m ? v gs =-4.5v, i d =-5a - - 45 m ? v gs =-2.5v, i d =-4a - - 80 m ? v gs(th) gate threshold voltage v ds =v gs , i d =-250ua -0.5 - - v g fs forward transconductance v ds =-10v, i d =-2.2a - 2.2 - s i dss drain-source leakage current v ds =-20v, v gs =0v - - -1 ua drain-source leakage current (t j =70 o c) v ds =-16v, v gs =0v - - -25 ua i gss gate-source leakage v gs =+ 12v, v ds =0v - - + 100 na q g total gate charge 2 i d =-5a - 13 - nc q gs gate-source charge v ds =-16v - 1.5 - nc q gd gate-drain ("miller") charge v gs =-4.5v - 4.5 - nc t d(on) turn-on delay time 2 v ds =-10v - 8 - ns t r rise time i d =-1a - 17 - ns t d(off) turn-off delay time r g =3.3 , v gs =-5v - 24 - ns t f fall time r d =10 -36- ns c iss input capacitance v gs =0v - 920 - pf c oss output capacitance v ds =-20v - 90 - pf c rss reverse transfer capacitance f=1.0mhz - 85 - pf source-drain diode symbol parameter test conditions min. typ. max. 30 v sd forward on voltage 2 i s =-1.8a, v gs =0v - - -1.2 v t rr reverse recovery time i s =-5a, v gs =0v, - 28 - ns q rr reverse recovery charge di/dt=100a/s - 16 - nc notes: 1.pulse width limited by max. junction temperature. 2.pulse test 3.surface mounted on 1 in 2 copper pad of fr4 board ; 135 /w when mounted on min. copper pad. this product is sensitive to electrostatic discharge, please handle with caution. use of this product as a critical component in life support or other similar systems is not authorized. apec does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. apec reserves the right to make changes without further notice to any products herein to improve reliability, function or design. 3
n-channel fig 1. typical output characteristics fig 2. typical output characteristics 30 -30 fig 3. on-resistance v.s. gate voltage fig 4. normalized on-resistance v.s. junction temperature fig 5. forward characteristic of fig 6. gate threshold voltage v.s. reverse diode junction temperature 4 ap4502gm-hf 0 10 20 30 0123 v ds , drain-to-source voltage (v) i d , drain current (a) t a =25 5.0v 4.5v 3.5v 2.5v v g = 2.0 v 0 10 20 30 01234 v ds , drain-to-source voltage (v) i d , drain current (a) t a =150 5.0v 4.5v 3.5v 2.5v v g =2.0v 10 14 18 22 26 30 34 12345 v gs , gate-to-source voltage (v) r ds(on0 (m ) i d = 5.2a t a = 25 o c 0.6 1.0 1.4 1.8 -50 0 50 100 150 t j , junction temperature ( o c) normalized r ds(on) i d =8.3a v g =10v 0 2 4 6 8 10 0 0.2 0.4 0.6 0.8 1 1.2 1.4 v sd , source-to-drain voltage (v) i s (a) t j =25 o c t j =150 o c 0.0 0.4 0.8 1.2 1.6 2.0 -50 0 50 100 150 t j , junction temperature ( o c) normalized v gs(th) (v)
ap4502gm-hf n-channel fig 7. gate charge characteristics fig 8. typical capacitance characteristics 30 -30 fig 9. maximum safe operating area fig 10. effective transient thermal impedance fig 11. switching time waveform fig 12. gate charge waveform 5 q v g 4.5v q gs q gd q g charge 0 2 4 6 8 10 12 0 1020304050 q g , total gate charge (nc) v gs , gate to source voltage (v) i d =8a v ds =10v 10 100 1000 10000 1 5 9 13172125 v ds , drain-to-source voltage (v) c (pf) f =1.0mhz c iss c oss c rss 0.01 0.1 1 10 100 0.01 0.1 1 10 100 v ds , drain-to-source voltage (v) i d (a) t a =25 o c single pulse 100us 1ms 10ms 100ms 1s d c 0.001 0.01 0.1 1 0.0001 0.001 0.01 0.1 1 10 100 1000 t , pulse width (s) normalized thermal response (r thja ) p dm duty factor = t/t peak t j = p dm x r thja + t a r thja =135 o c/w t t 0.02 0.01 0.05 0.1 0.2 duty factor=0.5 single pulse t d(on) t r t d(off) t f v ds v gs 10% 90% operation in this area limited by r ds(on)
p-channel fig 1. typical output characteristics fig 2. typical output characteristics 30 -30 fig 3. on-resistance v.s. gate voltage fig 4. normalized on-resistance v.s. junction temperature fig 5. forward characteristic of fig 6. gate threshold voltage v.s. reverse diode junction temperature 6 ap4502gm-hf 0 4 8 12 16 20 012345 -v ds , drain-to-source voltage (v) -i d , drain current (a) t a =25 o c - 5.0 v - 4.5 v - 3.5 v - 2.5 v v g = - 1.5 v 0 4 8 12 16 20 01234 -v ds , drain-to-source voltage (v) -i d , drain current (a) t a = 150 o c -5.0 v - 4.5 v - 3.5 v - 2.5 v v g = - 1.5 v 40 44 48 52 56 60 12345 -v gs , gate-to-source voltage (v) r ds(on) (m ) i d = -5.7 a t a =25 o c 0.6 0.8 1.0 1.2 1.4 -50 0 50 100 150 t j , junction temperature ( o c) normalized r ds(on) i d = -5.7 a v g = - 10v 0 2 4 6 8 0 0.2 0.4 0.6 0.8 1 1.2 1.4 -v sd , source-to-drain voltage (v) -i s (a) t j =25 o c t j =150 o c 0.6 0.8 1.0 1.2 -50 0 50 100 150 t j , junction temperature ( o c) normalized -v gs(th) (v)
ap4502gm-hf p-channel fig 7. gate charge characteristics fig 8. typical capacitance characteristics 30 -30 fig 9. maximum safe operating area fig 10. effective transient thermal impedance fig 11. switching time waveform fig 12. gate charge waveform 7 q v g -4.5v q gs q gd q g charge 0 3 6 9 12 0.0 5.0 10.0 15.0 20.0 25.0 30.0 q g , total gate charge (nc) -v gs , gate to source voltage (v) i d = -5a v ds = -16v 10 100 1000 10000 1 5 9 13172125 -v ds , drain-to-source voltage (v) c (pf) f =1.0mhz c iss c oss c rss 0.01 0.1 1 10 100 0.01 0.1 1 10 100 -v ds , drain-to-source voltage (v) -i d (a) t a =25 o c single pulse 100us 1ms 10ms 100ms 1s dc 0.01 0.1 1 0.0001 0.001 0.01 0.1 1 10 100 1000 t , pulse width (s) normalized thermal response (r thja ) p dm duty factor = t/t peak t j = p dm x r thja + t a r thja =135 o c/w t t 0.02 0.01 0.05 0.1 0.2 duty factor=0.5 single pulse t d(on) t r t d(off) t f v ds v gs 10% 90% operation in this area limited by r ds(on)


▲Up To Search▲   

 
Price & Availability of AP4502GM-HF-14

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X