Part Number Hot Search : 
S6X8TS1 DM6588AF DF005S05 2SC5354 93C56AK GSM793E G110DL R4000
Product Description
Full Text Search
 

To Download AP2305AN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  simple drive requirement bv dss -30v small package outline r ds(on) 80m surface mount device i d - 3.2a description absolute maximum ratings symbol units v ds v v gs v i d @t a =25 a i d @t a =70 a i dm a p d @t a =25 w w/ t stg t j symbol value unit rthj-amb thermal resistance junction-ambient 3 max. 90 /w -55 to 150 linear derating factor thermal data parameter total power dissipation operating junction temperature range storage temperature range 1.38 -55 to 150 parameter drain-source voltage gate-source voltage continuous drain current 3 continuous drain current 3 -2.6 pulsed drain current 1,2 -10 AP2305AN rating - 30 12 -3.2 0.01 the advanced power mosfets from ty provide the designer with the best combination of fast switching, , low on-resistance and cost-effectiveness. the sot-23 package is universally preferred for all commercial- industrial surface mount applications and suited for low voltage applications such as dc/dc converters. g d s d g s sot-23 product specification 1 of 2 4008-318-123 sales@twtysemi.com http://www.twtysemi.com
AP2305AN electrical characteristics@t j =25 o c(unless otherwise specified) symbol parameter test conditions min. typ. max. units bv dss drain-source breakdown voltage v gs =0v, i d =-250ua -30 - - v b v dss / t j breakdown voltage temperature coefficient reference to 25 , i d =-1ma - -0.1 -v/ r ds(on) static drain-source on-resistance v gs =-10v, i d =-3.2a - - 60 m v gs =-4.5v, i d =-3.0a - - 80 m v gs =-2.5v, i d =-2.0a - - 150 m v gs =-1.8v, i d =-1.0a - - 250 m v gs(th) gate threshold voltage v ds =v gs , i d =-250ua -0.5 - -1.2 v g fs forward transconductance v ds =-5v, i d =-3.0a - 9 - s i dss drain-source leakage current (t j =25 o c) v ds =-30v, v gs =0v - - -1 ua drain-source leakage current (t j =70 o c) v ds =-24v, v gs =0v - - -25 ua i gss gate-source leakage v gs =-- na q g total gate charge 2 i d =-3.2a - 10 18 nc q gs gate-source charge v ds =-24v - 1.8 - nc q gd gate-drain ("miller") charge v gs =-4.5v - 3.6 - nc t d(on) turn-on delay time 2 v ds =-15v - 7 - ns t r rise time i d =-3.2a - 15 - ns t d(off) turn-off delay time r g =3.3 , v gs =-10v - 21 - ns t f fall time r d =4.6 -15- ns c iss input capacitance v gs =0v - 735 1325 pf c oss output capacitance v ds =-25v - 100 - pf c rss reverse transfer capacitance f=1.0mhz - 80 - pf source-drain diode symbol parameter test conditions min. typ. max. units v sd forward on voltage 2 i s =-1.2a, v gs =0v - - -1.2 v trr reverse recovery time i s =-3.2a, v gs =0v, - 24 - ns qrr reverse recovery charge di/dt=100a/s - 19 - nc notes: 1.pulse width limited by max. junction temperature. 2.pulse width < 300us , duty cycle < 2%. 3.surface mounted on 1 in 2 copper pad of fr4 board ; 270 /w when mounted on min. copper pad. 12v 100 product specification 2 of 2 4008-318-123 sales@twtysemi.com http://www.twtysemi.com


▲Up To Search▲   

 
Price & Availability of AP2305AN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X