Part Number Hot Search : 
2SC5431 MAX3171 5A05G TF541M SM340AF STA529B N6117 KIA8256
Product Description
Full Text Search
 

To Download AP2302GN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  capable of 2.5v gate drive bv dss 20v small package outline r ds(on) 85m surface mount package i d 3.2a description absolute maximum ratings symbol units v ds v v gs v i d @t a =25 a i d @t a =70 a i dm a p d @t a =25 w w/ t stg t j symbol value unit rthj-a thermal resistance junction-ambient 3 max. 90 /w AP2302GN parameter rating drain-source voltage 20 gate-source voltage 12 continuous drain current 3 , v gs @ 4.5v 3.2 continuous drain current 3 , v gs @ 4.5v 2.6 pulsed drain current 1,2 10 total power dissipation 1.38 -55 to 150 operating junction temperature range -55 to 150 linear derating factor 0.01 thermal data parameter storage temperature range g d s d g s sot-23 the advanced power mosfets from ty provide the designer with the best combination of fast switching, low on-resistance and cost-effectiveness. product specification 1 of 2 4008-318-123 sales@twtysemi.com http://www.twtysemi.com
electrical characteristics@t j =25 o c(unless otherwise specified) symbol parameter test conditions min. typ. max. units bv dss drain-source breakdown voltage v gs =0v, i d =250ua 20 - - v b v dss / t j breakdown voltage temperature coefficient reference to 25 , i d =1ma - 0.1 - v/ r ds(on) static drain-source on-resistance 2 v gs =4.5v, i d =3.6a - - 85 m v gs =2.5v, i d =3.1a - - 115 m v gs(th) gate threshold voltage v ds =v gs , i d =250ua 0.5 - 1.2 v g fs forward transconductance v ds =5v, i d =3.6a - 6 - s i dss drain-source leakage current (t j =25 o c) v ds =20v, v gs =0v - - 1 ua drain-source leakage current (t j =70 o c) v ds =20v ,v gs =0v - - 10 ua i gss gate-source leakage v gs =12v - - 100 na q g total gate charge 2 i d =3.6a - 4.4 - nc q gs gate-source charge v ds =10v - 0.6 - nc q gd gate-drain ("miller") charge v gs =4.5v - 1.9 - nc t d(on) turn-on delay time 2 v ds =10v - 5.2 - ns t r rise time i d =3.6a - 37 - ns t d(off) turn-off delay time r g =6 , v gs =5v - 15 - ns t f fall time r d =2.8 - 5.7 - ns c iss input capacitance v gs =0v - 145 - pf c oss output capacitance v ds =10v - 100 - pf c rss reverse transfer capacitance f=1.0mhz - 50 - pf source-drain diode symbol parameter test conditions min. typ. max. units i s continuous source current ( body diode ) v d =v g =0v , v s =1.2v - - 1 a i sm pulsed source current ( body diode ) 1 --10 a v sd forward on voltage 2 i s =1.6a, v gs =0v - - 1.2 v notes: 1.pulse width limited by max. junction temperature. 2.pulse width < 300us , duty cycle < 2%. 3.surface mounted on 1 in 2 copper pad of fr4 board ; 270 /w when mounted on min. copper pad. AP2302GN product specification 2 of 2 4008-318-123 sales@twtysemi.com http://www.twtysemi.com


▲Up To Search▲   

 
Price & Availability of AP2302GN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X