|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
rev. b information furnished by analog devices is believed to be accurate and reliable. however, no responsibility is assumed by analog devices for its use, nor for any infringements of patents or other rights of third parties which may result from its use. no license is granted by implication or otherwise under any patent or patent rights of analog devices. a variable resolution, monolithic resolver-to-digital converters ad2s81a/ad2s82a an analog signal proportional to velocity is also available and can be used to replace a tachogenerator. product highlights monolithic. a one-chip solution reduces the package size re- quired and increases the reliability. resolution set by user. two control pins are used to select the resolution of the ad2s82a to be 10, 12, 14 or 16 bits al- lowing the user to use the ad2s82a with the optimum resolu- tion for each application. ratiometric tracking conversion. conversion technique provides continuous output position data without conversion delay and is insensitive to absolute signal levels. it also provides good noise immunity and tolerance to harmonic distortion on the reference and input signals. dynamic performance set by the user. by selecting exter- nal resistor and capacitor values the user can determine band- width, maximum tracking rate and velocity scaling of the converter to match the system requirements. the external com- ponents required are all low cost, preferred value resistors and capacitors, and the component values are easy to select using the simple instructions given. velocity output. an analog signal proportional to velocity is available and is linear to typically one percent. this can be used in place of a velocity transducer in many applications to provide loop stabilization in servo controls and velocity feedback data. low power consumption. typically only 300 mw. models available information on the models available is given in the ordering guide. general description the ad2s82a is a monolithic 10-, 12-, 14- or 16-bit tracking resolver-to-digital converter contained in a 44-lead j leaded plcc package. two extra functions are provided in the new surface mount packageCcomplement and vco output. the ad2s81a is a monolithic 12-bit fixed resolution tracking resolver-to-digital converter packaged in a 28-lead dip. the converters allow users to select their own dynamic performance with external components. this allows the users great flexibility in defining the converter that best suits their system requirements. the ad2s82a allows users to select the resolution to be 10, 12, 14 or 16 bits and to track resolver signals rotating at up to 1040 revs per second (62,400 rpm) when set to 10-bit resolution. the ad2s81a and ad2s82a convert resolver format input signals into a parallel natural binary digital word using a ratio- metric tracking conversion method. this ensures high-noise immunity and tolerance of lead length when the converter is remote from the resolver. the output word is in a three-state digital logic form available in two bytes on the 16 output data lines for the ad2s82a and on eight output data lines for the ad2s81a. byte select, enable and inhibit pins ensure easy data transfer to 8- and 16-bit data buses, and outputs are provided to allow for cycle or pitch counting in external counters. ad2s82a functional block diagram sin i/p signal gnd cos i/p analog gnd ripple clk +12v C12v comp data load segment switching sc1 sc2 16 data bits byte select busy dir ac error o/p vco i/p ad2s82a vco o/p 16-bit up/down counter vco data transfer logic +5v digital gnd r-2r dac integrator i/p phase sensitive detector demod i/p demod o/p output data latch integrator o/p a2 a1 a3 inhibit enable features monolithic (bimos ll) tracking r/d converter ratiometric conversion low power consumption: 300 mw typ dynamic performance set by user velocity output esd class 2 protection (2,000 v min) ad2s81a 28-lead dip package low cost ad2s82a 44-lead plcc package 10-, 12-, 14- and 16-bit resolution set by user high max tracking rate 1040 rps (10 bits) vco output (inter lsb output) data complement facility industrial temperature range applications dc brushless and ac motor control process control numerical control of machine tools robotics axis control one technology way, p.o. box 9106, norwood, ma 02062-9106, u.s.a. tel: 781/329-4700 world wide web site: http://www.analog.com fax: 781/326-8703 ? analog devices, inc., 1998
ad2s81a/ad2s82aCspecifications ad2s81a ad2s82a parameter conditions min typ max min typ max units signal inputs frequency 400 20,000 50 20,000 hz voltage level 1.8 2.0 2.2 1.8 2.0 2.2 v rms input bias current 60 150 60 150 na input impedance 1.0 1.0 m w maximum voltage 8 8v pk reference input frequency 400 20,000 50 20,000 hz voltage level 1.0 8.0 1.0 8.0 v pk input bias current 60 150 60 150 na input impedance 1.0 1.0 m w control dynamics repeatability 1 1 lsb allowable phase shift (signals to reference) C10 +10 C10 +10 degrees tracking rate 10 bits 1040 rps 12 bits 260 260 rps 14 bits 65 rps 16 bits 16.25 rps bandwidth 1 user selectable accuracy angular accuracy h 6 22 + 1 lsb arc min j 6 30 + 1 lsb 6 8 + 1 lsb arc min k 6 4 + 1 lsb arc min l 6 2 + 1 lsb arc min monotonicity guaranteed monotonic missing codes (16-bit resolution) j, k 4 codes l 1 code velocity signal linearity over full range 1 6 3 1 6 3 % fsd reversion error 2 2 % fsd dc zero offset 2 66 mv dc zero offset tempco C22 C22 m v/ c gain scaling accuracy 6 10 6 10 % fsd output voltage 1 ma load 8 9 10.5 8 9 10.5 v dynamic ripple mean value 1.5 1.5 % rms o/p output load 1.0 1.0 k w input/output protection analog inputs overvoltage protection 8 8v analog outputs short circuit o/p protection 5.6 8 10.4 5.6 8 10.4 ma digital position resolution 10, 12, 14 and 16 output format bidirectional natural binary load 3 3 lsttl inhibit 3 sense logic lo to inhibit time to stable data 600 600 ns enable 3 logic lo enables position output. logic hi outputs in high impedance state enable /disable time 35 110 35 110 ns byte select 3 sense logic hi ms byte db1Cdb8, (ls byte db9Cdb16) 4 logic lo ls byte db1Cdb8, (ls byte db9Cdb16) 4 time to data available 60 140 60 140 ns short cycle inputs 4, 5 internally pulled high (100 k w ) to +v s sc1 sc2 0 0 10 bit 0 1 12 bit 1 0 14 bit 1 1 16 bit data load 4, 5 sense internally pulled high (100 k w ) 150 300 ns to +v s; logic lo allows data to be loaded into the counters from the data lines rev. b C2C (@ t a = +25 8 c, unless otherwise noted) C3C ad2s81a ad2s82a parameter conditions min typ max min typ max units complement 4, 5 internally pulled high (100 k w ) to +v s ; logic lo to activate; no connect for normal operation busy 3 sense logic hi when position o/p changing width 200 600 200 600 ns load use additional pull-up 1 1 lsttl direction 3 sense logic hi counting up logic lo counting down max load 3 3 lsttl ripple clock 3 sense logic hi, all 1s to all 0s all 0s to all 1s width dependent on input velocity 300 300 reset before next busy load 3 3 lsttl digital inputs high voltage, v ih inhibit , enable 2.0 2.0 v db1Cdb16, byte select v s = 10.8 v, v l = 5.0 v low voltage, v il inhibit , enable 0.8 0.8 v db1Cdb16, byte select v s = 13.2 v, v l = 5.0 v digital inputs high current, i ih inhibit , enable 6 100 6 100 m a db1Cdb16 v s = 13.2 v, v l = 5.5 v low current, i il inhibit , enable 6 100 6 100 m a db1Cdb16, byte select v s = 13.2 v, v l = 5.5 v digital inputs low voltage, v il enable = hi 1.0 1.0 v sc1, sc2, data load v s = 12.0 v, v l = 5.0 v low current, i il enable = hi C400 C400 m a sc1, sc2, data load v s = 12.0 v, v l = 5.0 v digital outputs high voltage, v oh db1Cdb16; ripple clk, dir 2.4 2.4 v v s = 12.0 v, v l = 4.5 v i oh = 100 m a low voltage, v ol db1Cdb16, ripple clk, dir 0.4 0.4 v v s = 12.0 v, v l = 5.5 v i ol = 1.2 ma three-state leakage db1Cdb16 only current i l +v s = 12.0 v, v l = 5.5 v 100 100 m a v ol = 0 v +v s = 12.0 v, v l = 5.5 v 100 100 m a v oh = 5.0 v power supplies voltage levels +v s +10.8 +13.2 +10.8 +13.2 v Cv s C10.8 C13.2 C10.8 C13.2 v +v l +5 +13.2 +5 +13.2 v current +i s v s @ 12 v 6 12 6 23 6 12 6 23 ma +i s v s @ 13.2 v 6 19 6 30 6 19 6 30 ma +i l v l @ 5.0 v 6 0.5 6 1.5 6 0.5 6 1.5 ma notes 1 refers to small signal bandwidth. 2 output offset dependent on value for r6. 3 refer to timing diagram. 4 ad2s82a only. 5 these pins are referenced to +v s (i.e., hi = +12 v, lo = 0 v). specifications subject to change without notice. all min and max specifications are guaranteed. specifications in boldface are tested on all production units at final electrical test. ad2s81a/ad2s82a rev. b ad2s81a ad2s82a parameter conditions min typ max min typ max units ratio multiplier ac error output scaling 10 bit 177.6 mv/bit 12 bit 44.4 44.4 mv/bit 14 bit 11.1 mv/bit 16 bit 2.775 mv/bit phase sensitive detector output offset voltage 12 12 mv gain in phase w.r.t. ref C0.882 C0.9 C0.918 C0.882 C0.9 C0.918 v rms/v dc in quadrature w.r.t. ref 0.04 0.04 v rms/v dc input bias current 60 150 60 150 na input impedance 1 1 m w input voltage 8 8v integrator open-loop gain at 10 khz 57 63 57 63 db dead zone current (hysteresis) 100 100 na/lsb input offset voltage 1 5 1 5 mv input bias current 60 150 60 150 na output voltage range v s = 10.8 v dc 7v vco v s = 12 v dc maximum rate 1.0 1.1 1.0 1.1 mhz vco rate positive dir 7.1 7.9 8.7 7.1 7.9 8.7 khz/ m a negative dir 7.1 7.9 8.7 7.1 7.9 8.7 khz/ m a vco power supply sensitivity increase +v s +0.5 +0.5 %/v Cv s C8.0 C8.0 %/v decrease +v s C8.0 C8.0 %/v Cv s +2.0 +2.0 %/v input offset voltage 1 5 1 5 mv input bias current 70 380 70 380 na input bias current tempco C1.22 C1.22 na/ c input voltage range 8 8v linearity of absolute rate full range < 2 < 2 % fsd over 0% to 50% of full range < 1 < 1 % fsd reversion error 1.5 1.5 % fsd sensitivity of reversion error 8 8 %/v of to symmetry of power supplies asymmetry vco output 1, 2 2.7 3.0 3.3 v/lsb power supplies voltage levels +v s +10.8 +13.2 +10.8 +13.2 v Cv s C10.8 C13.2 C10.8 C13.2 v +v l +5 +13.2 +5 +13.2 v current +i s v s @ 12 v 6 12 6 23 6 12 6 23 ma +i s v s @ 13.2 v 6 19 6 30 6 19 6 30 ma +i l v l @ 5.0 v 6 0.5 6 1.5 6 0.5 6 1.5 ma notes 1 the vco output swings between 3 v depending on the resolver direction. 2 ad2s82a only. specifications in boldfac e are tested on all production units at final electrical test. specifications subject to change without notice. (typical @ +25 8 c unless otherwise noted) ad2s81a/ad2s82aCspecifications esd sensitivity the ad2s81a and ad2s82a features an input protection circuit consisting of large distributed diodes and polysilicon series resistors to dissipate both high energy discharge (human body model) and fast, low energy pulses (charges device model). t he ad2s81a and ad2s82a is esd protection class ii (2000 v min). proper esd precautions are strongly recommended to avoid functional damage or performance degradation. for further informa- tion on esd precautions, refer to analog devices esd prevention manual. C4C rev. b warning! esd sensitive device ordering guide operating temperature package accuracy ranges options* ad2s81ajd 30 arc min 0 c to +70 c d-28 ad2s82ahp 22 arc min C40 c to +85 c p-44a ad2s82ajp 8 arc min C40 c to +85 c p-44a ad2s82akp 4 arc min C40 c to +85 c p-44a ad2s82alp 2 arc min C40 c to +85 c p-44a *d = ceramic dip package; p = plastic leaded chip carrier (plcc) package. ad2s81a/ad2s82a rev. b C5C recommended operating conditions power supply voltage (+v s to Cv s ) . . . . . . . . . 12 v dc 10% power supply voltage v l . . . . . . . . . . . . . . . . . . +5 v dc 10% analog input voltage (sin and cos) . . . . . . . . 2 v rms 10% analog input voltage (ref) . . . . . . . . . . . . . . 1 v to 8 v peak signal and reference harmonic distortion . . . . . . . 10% (max) phase shift between signal and reference . 10 degrees (max) ambient operating temperature range commercial (jd) . . . . . . . . . . . . . . . . . . . . . . 0 c to +70 c industrial (hp, jp, kp, lp) . . . . . . . . . . . . C40 c to +85 c pin function descriptions mnemonic description reference i/p reference signal input demod i/p demodulator input ac error o/p ratio multiplier output cos i/p cosine input analog gnd power ground signal gnd resolver signal ground sin i/p sine input +v s positive power supply db1Cdb16 parallel output data +v l logic power supply enable logic hi-output data in high impedance state logic lo present data to the output latches byte select logic hi-most significant byte to db1Cdb8 logic lo-most significant byte to db1Cdb8 inhibit logic lo inhibits data transfer to output latches digital gnd digital ground sc1Csc2* select converter resolution data load* logic lo db1Cdb16 inputs logic hi db1Cdb16 outputs busy converter busy, data not valid while busy hi dir logic state defines direction of input signal rotation ripple clk po sitive pulse when converter output changes from 1s to all 0s or vice versa Cv s negative power supply vco i/p vco input integrator i/p integrator input integrator o/p integrator output demod o/p demodulator output complement * active logic lo vco o/p* vco output *ad2s82a only. bit weight table binary resolution degrees minutes seconds bits (n) (2 n ) /bit /bit /bit 0 1 360.0 21600.0 1296000.0 1 2 180.0 10800.0 648000.0 2 4 90.0 5400.0 324000.0 3 8 45.0 2700.0 162000.0 4 16 22.5 1350.0 81000.0 5 32 11.25 675.0 40500.0 6 64 5.625 337.5 20250.0 7 128 2.8125 168.75 10125.0 8 256 1.40625 84.375 5062.5 9 512 0.703125 42.1875 2531.25 10 1024 0.3515625 21.09375 1265.625 11 2048 0.1757813 10.546875 632.8125 12 4096 0.0878906 5.273438 316.40625 13 8192 0.0439453 2.636719 158.20313 14 1 16384 0.0219727 1.318359 79.10156 15 32768 0.0109836 0.659180 39.55078 16 65536 0.0054932 0.329590 19.77539 17 131072 0.0027466 0.164795 9. 88770 18 262144 0.0013733 0.082397 4. 94385 absolute maximum ratings 1 (with respect to gnd) +v s 2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +14 v dc Cv s . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . C14 v dc +v l . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +v s reference . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +14 v to Cv s sin . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +14 v to Cv s cos . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +14 v to Cv s any logical input . . . . . . . . . . . . . . . . . . . C0.4 v dc to +v l dc demodulator input . . . . . . . . . . . . . . . . . . . . . . . +14 v to Cv s integrator input . . . . . . . . . . . . . . . . . . . . . . . . . . +14 v to Cv s vco input . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +14 v to Cv s power dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . 860 mw operating temperature commercial (jd) . . . . . . . . . . . . . . . . . . . . . . 0 c to +70 c industrial (hp, jp, kp, lp) . . . . . . . . . . . . . C40 c to +85 c storage temperature (all grades) . . . . . . . . . C65 c to +150 c lead temperature (soldering, 10 sec) . . . . . . . . . . . . +300 c caution 1. absolute maximum ratings are those values beyond which damage to the device may occur. 2. correct polarity voltages must be maintained on the +v s and Cv s pins. ad2s81a/ad2s82a pin configurations reference i/p demod i/p demod o/p integrator o/p analog gnd sin i/p +v s Cv s ripple clk dir ac error o/p cos i/p integrator i/p vco i/p msb db1 busy db2 digital gnd db3 db4 byte select db5 db6 +v l db7 db8 lsb top view (not to scale) 28 27 26 25 24 23 22 21 20 19 18 17 16 15 1 2 3 4 5 6 7 8 9 10 11 12 13 14 ad2s81a inhibit enable 7 8 9 10 11 12 13 14 15 16 17 6 5 4 3 2 1 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 18 19 20 21 22 23 24 25 26 27 28 pin 1 identifier top view (not to scale) nc = no connect Cv s ripple clk dir busy data load complement sc2 sc1 digital gnd inhibit nc sin o/p +v s msb db1 nc db2 db3 db4 db5 db6 db7 db8 db9 db10 db11 db12 db14 db15 lsb db16 +v l enable byte select db13 ad2s82a signal gnd analog gnd cos i/p ac error o/p demod i/p reference i/p demod o/p integrator o/p integrator i/p vco o/p vco i/p rev. b C6C ad2s81a/ad2s82a connecting the converter the power supply voltages connected to +v s and Cv s pins should be +12 v dc and C12 v dc and must not be reversed. the voltage applied to v l can be +5 v dc to +v s . it is recommended that the decoupling capacitors are connected in parallel between the power lines +v s , Cv s and analog gnd adjacent to the converter. recommended values are 100 nf (ceramic) and 10 m f (tantalum). also capacitors of 100 nf and 10 m f should be connected between +v l and digital gnd adjacent to the converter. when more than one converter is used on a card, then separate decoupling capacitors should be used for each converter. the resolver connections should be made to the sin and cos inputs, reference i/p and signal gnd as shown in figure 7 and described in the connecting the resolver section. the two signal ground wires from the resolver should be joined at the signal ground pin of the resolver to minimize the coupling between the sine and cosine signals. for this reason it is also recommended that the resolver is connected using indi- vidually screened twisted pair cables with the sine, cosine and reference signals twisted separately. signal gnd and analog gnd are connected internally. analog gnd and digital gnd must be connected externally. the external components required should be connected as shown in figures 1a and 1b. sin i/p signal gnd cos i/p analog gnd ripple clk +12v C12v comp data load sc1 16 data bits byte select busy dir ac error o/p vco i/p demod i/p demod o/p integrator o/p ad2s82a integrator i/p digital gnd sc2 16-bit up/down counter output data latch +5v vco o/p vco data transfer logic c1 c2 r1 r2 hp filter r4 r3 c3 reference i/p +12v C12v r8 offset adjust r5 c4 c5 bandwidth selection velocity signal r6 r7 c6 tracking rate selection r9 segment switching a2 a1 a3 enable inhibit r-2r dac phase-sensitive detector figure 1a. ad2s82a connection diagram sin i/p signal gnd cos i/p ripple clk +12v C12v 8 data bits byte select busy dir ac error o/p vco i/p demod i/p demod o/p integrator o/p ad2s81a integrator i/p digital gnd +5v vco data transfer logic c1 c2 r1 r2 hp filter r4 r3 c3 reference i/p +12v C12v r8 offset adjust r5 c4 c5 bandwidth selection velocity signal r6 r7 c6 tracking rate selection r9 segment switching a2 a1 a3 enable inhibit r-2r dac phase-sensitive detector output data latch 16-bit up/down counter figure 1b. ad2s81a connection diagram ad2s81a/ad2s82a rev. b C7C harmonic distortion the amount of harmonic distortion allowable on the signal and reference lines is 10%. square waveforms can be used but the input levels should be adjusted so that the average value is 1.9 v rms. (for example, a square wave should be 1.9 v peak). triangular and sawtooth waveforms should have a amplitude of 2 v rms. note: the figure specified of 10% harmonic distortion is for calibration convenience only. position output the resolver shaft position is represented at the converter out- put by a natural binary parallel digital word. as the digital position output of the converter passes through the major carries, i.e., all 1s to all 0s or the converse, a ripple clk logic output is initiated indicating that a revolu- tion or a pitch of the input has been completed. the direction of input rotation is indicated by the direction (dir) logic output. this direction data is always valid in ad- vance of a ripple clk pulse and, as it is internally latched, only changing state (1 lsb min change) with a corresponding change in direction. both the ripple clk pulse and the dir data are unaffected by the application of the inhibit . the static positional accuracy quoted is the worst case error that can occur over the full operating temperature excluding the effects of offset signals at the integrator i/p (which can be trimmed outCsee figures 1a and 1b), and with the following conditions: input signal amplitudes are within 10% of the nominal; phase shift between signal and reference is less than 10 degrees. these operating conditions are selected primarily to establish a repeatable acceptance test procedure which can be traced to national standards. in practice, the ad2s81a/ad2s82a can be used well outside these operating conditions providing the above points are observed. velocity signal the tracking converter technique generates an internal signal at the output of the integrator (the integrator o/p pin) that is proportional to the rate of change of the input angle. this is a dc analog output referred to as the velocity signal. in many applications it is possible to use the velocity signal of the ad2s81a/ad2s82a to replace a conventional tachogenerator. dc error signal the signal at the output of the phase-sensitive detector (demod o/p) is the signal to be nulled by the tracking loop and is, there- fore, proportional to the error between the input angle and the output digital angle. this is the dc error of the converter; and as the converter is a type 2 servo loop, it will increase if the output fails to track the input for any reason. it is an indication that the input has exceeded the maximum tracking rate of the converter or, due to some internal malfunction, the converter is unable to reach a null. by connecting two external comparators, this volt- age can be used as a built-in test. converter resolution (ad2s82a only) two major areas of the ad2s82a specification can be selected by the user to optimize the total system performance. the reso- lution of the digital output is set by the logic state of the inputs sc1 and sc2 to be 10, 12, 14 or 16 bits and the dynamic char- acteristics of bandwidth and tracking rate are selected by the choice of external components. the choice of the resolution will affect the values of r4 and r6 which scale the inputs to the integrator and the vco, respec- tively (see the component selection section). if the resolution is changed, then new values of r4 and r6 must be switched into the circuit. note: when changing resolution under dynamic conditions, do it when the busy is low, i.e., when data is not changing. converter operation when connected in a circuit such as shown in figure 1, the ad2s81a/ad2s82a operates as a tracking resolver-to-digital converter and forms a type 2 closed loop system. the output will automatically follow the input for speeds up to the selected maximum tracking rate. no convert command is necessary as the conversion is automatically initiated by each lsb increment, or decrement, of the input. each lsb change of the converter initiates a busy pulse. the ad2s81a/ad2s82a is remarkably tolerant of input ampli- tude and frequency variation because the conversion depends only on the ratio of the input signals. consequently there is no need for accurate, stable oscillator to produce the reference signal. the inclusion of the phase sensitive detector in the con- version loop ensures a high immunity to signals that are not coherent or are in quadrature with the reference signal. signal conditioning the amplitude of the sine and cosine signal inputs should be maintained within 10% of the nominal values if full perfor- mance is required from the velocity signal. the digital position output is relatively insensitive to amplitude variation. increasing the input signal levels by more than 10% will result in a loss in accuracy due to internal overload. reduc- ing levels will result in a steady decline in accuracy. with the signal levels at 50% of the correct value, the angular error will increase to an amount equivalent to 1.3 lsb. at this level the repeatability will also degrade to 2 lsb and the dynamic re- sponse will also change, since the dynamic characteristics are proportional to the signal level. the ad2s81a/ad2s82a will not be damaged if the signal inputs are applied to the converter without the power supplies and/or the reference. reference input the amplitude of the reference signal applied to the converters input is not critical, but care should be taken to ensure it is kept within the recommended operating limits. the ad2s81a/ad2s82a will not be damaged if the reference is supplied to the converter without the power supplies and/or the signal inputs. rev. b C8C ad2s81a/ad2s82a component selection the following instructions describe how to select the external components for the converter in order to achieve the required bandwidth and tracking rate. in all cases the nearest preferred value component should be used and a 5% tolerance will not degrade the overall performance of the converter. care should be taken that the resistors and capacitors will function over the required operating temperature range. the components should be connected as shown in figure 1. pc compatible software is available to help users select the optimum component values for the ad2s81a and ad2s82a, and display the transfer gain, phase and small step response. for more detailed information and explanation, see the circuit functions and dynamic performance section. 1. hf filter (r1, r2, c1, c2) the function of the hf filter is to remove any dc offset and to reduce the amount of noise present on the signal inputs to the ad2s81a/ad2s82a, reaching the phase sensitive detector and affecting the outputs. r1 and c2 may be omit- tedin which case r2 = r3 and c1 = c3, calculated below but their use is particularly recommended if noise from switch mode power supplies and brushless motor drive is present. values should be chosen so that 15 k w r 1 = r 2 56 k w c 1 = c 2 1 2 p r 1 f ref and f ref = reference frequency (hz) this filter gives an attenuation of three times at the input to the phase sensitive detector. 2. gain scaling resistor (r4) if r1, c2 are fitted, then: r 4 = e dc 100 10 - 9 1 3 w where 100 10 C9 = current/lsb if r1, c2 are not fitted, then: r 4 = e dc 100 10 9 w where e dc = 160 10 C3 for 10 bits resolution = 40 10 C3 for 12 bits = 10 10 C3 for 14 bits = 2.5 10 C3 for 16 bits = scaling of the dc error in volts 3. ac coupling of reference input (r3, c3) select r3 and c3 so that there is no significant phase shift at the reference frequency. that is, r 3 = 100 k w c 3 > 1 r 3 f ref f with r 3 in w . 4. maximum tracking rate (r6) the vco input resistor r6 sets the maximum tracking rate of the converter, and hence the velocity scaling as at the max tracking rate, the velocity output will be 8 v. decide on your maximum tracking rate, t, in revolutions per second. note that t must not exceed the maximum tracking rate or 1/16 of the reference frequency. r 6 = 6. 32 10 10 t n w where n = bits per revolution = 1,024 for 10 bits resolution = 4,096 for 12 bits = 16,384 for 14 bits = 65,536 for 16 bits 5. closed-loop bandwidth selection (c4, c5, r5) a. choose the closed-loop bandwidth (f bw ) required ensuring that the ratio of reference frequency to band- width does exceed the following guidelines: resolution ratio of reference frequency/bandwidth 10 2.5 : 1 12 4 : 1 14 6 : 1 16 7.5 : 1 typical values may be 100 hz for a 400 hz reference fre- quency and 500 hz to 1000 hz for a 5 khz reference frequency. b. select c4 so that c 4 = 21 r 6 f bw 2 f with r 6 in w and f bw , in hz selected above. c. c5 is given by c 5 = 5 c 4 f d. r5 is given by r 5 = 4 2 p f bw c 5 w 6. vco phase compensation the following values of c6 and r7 should be fitted. c 6 = 470 pf , r 7 = 68 w 7. offset adjust offsets and bias currents at the integrator input can cause an additional positional offset at the output of the converter of 1 arc minute typical, 5.3 arc minutes maximum. if this can be tolerated, then r8 and r9 can be omitted from the circuit. if fitted, the following values of r8 and r9 should be used: r 8 = 4. 7 m w , r 9 = 1 m w potentiometer to adjust the zero offset, ensure the resolver is disconnected and all the external components are fitted. connect the cos pin to the reference i/p and the sin pin to the signal gnd and with the power and reference applied, adjust the potentiometer to give all 0s on the digital output bits. the potentiometer may be replaced with select on test resistors if preferred. ad2s81a/ad2s82a rev. b C9C if the ad2s81a/ad2s82a is being used in a pitch and revolu- tion counting application, the ripple and busy will need to be gated to prevent false decrement or increment (see figure 2). ripple clk is unaffected by inhibit . ripple clk busy 1n4148 1n414 8 10k v 1k v 0v to counter (clock) 2n3904 5k1 note: do not use above cct when inhibit is lo. +5v +5v figure 2. diode transistor logic nand gate direction output the direction (dir) logic output indicates the direction of the input rotation. any change in the state of dir precedes the corresponding busy, data, and ripple clk updates. dir can be considered as an asynchronous output and can make multiple changes in state between two consecutive lsb update cycles. this corresponds to a change in input rotation direction but less than 1 lsb. complement (ad2s82a only) the complement input is internally pulled to +12 v in the inactive state. it is pulled down to digital ground (100 m a) to activate. when used in conjunction with data load, strobing data load and complement pins to logic lo, will set the logic high bits of the ad2s82a counter to a lo state. those bits of the applied data which are logic lo will not change the corre- sponding bits in the ad2s82a counter: for example: initial counter state 1 0 1 0 1 applied data word 1 1 0 0 0 counter state after data load 1 1 0 0 0 initial counter state 1 0 1 0 1 applied data word 1 1 0 0 0 counter state after data load and complement 0 0 1 0 1 in order to read the output the following procedures should be followed: 1. place outputs in high impedance ( enable = hi). 2. present data to pins. 3. pull data load and complement pins to ground. 4. wait 100 ns. 5. remove data from pins. 6. remove outputs from high impedance state ( enable = lo). 7. read outputs. data transfer to transfer data the inhibit input should be used. the data will be valid 600 ns after the application of a logic lo to the inhibit . this is regardless of the time when the inhibit is applied and allows time for an active busy to clear. by using the enable input the two bytes of data can be transferred after which the inhibit should be returned to a logic hi state to enable the output latches to be updated. busy output the validity of the output data is indicated by the state of the busy output. when the input to the converter is changing, the signal appearing on the busy output is a series of pulses at ttl level. a busy pulse is initiated each time the input moves by the analog equivalent of one lsb and the internal counter is incremented or decremented. inhibit input the inhibit logic input only inhibits the data transfer from the up-down counter to the output latches and, therefore, does not interrupt the operation of the tracking loop. releasing the inhibit automatically generates a busy pulse to refresh the output data. enable input the enable input determines the state of the output data. a logic hi maintains the output data pins in the high impedance condition, and the application of a logic lo presents the data in the latches to the output pins. the operation of the en able has no effect on the conversion process. byte select input the byte select input on the ad2s82a selects the byte of the position data to be presented at the data output db1 to db8. the least significant byte will be presented on data output db9 to db16 (with the enable input taken to a logic lo) regardless of the state of the byte select pin. note that when the ad2s82a is used with a resolution less than 16 bits, the unused data lines are pulled to a logic lo. a logic hi on the byte select input will present the eight most signifi- cant data bits on data output db1 and db8. a logic lo will present the least significant byte on data outputs 1 to 8, i.e., data outputs 1 to 8 will duplicate data outputs 9 to 16. when the byte select pin is a logic hi on the ad2s81a, the most significant byte is presented on pins 8 to 15 (with the enable input taken to a logic lo). a logic hi presents the 4 least significant bits on pins 8 to 11 and places a logic lo on pins 12 to 15 (with the enable input taken to a logic lo). the operation of the byte select has no effect on the con- version process of the converter. ripple clock as the output of the converter passes through the major carry, i.e., all 1s to all 0s or the converse, a positive going edge on the ripple clk output is initiated indicating that a revolu- tion, or a pitch, of the input has been completed. the minimum pulsewidth of the ripple clock is 300 ns. ripple clk is normally set high before a busy pulse and resets before the next positive going edge of the next consecutive pulse. the only exception to this is when dir changes while the ripple clk is high. resetting of the ripple clk will only occur if the dir remains stable for two consecutive positive busy pulse edges. rev. b C10C ad2s81a/ad2s82a busy ripple clk data dir data byte select data enable inhibit v l v h t 1 v h t 2 t 4 v h v l v h v h t 3 t 5 v l v h inhibit t 6 v h t 7 t 8 t 9 v l v l v l t 10 v z v h v l t 11 v l v h v h v l t 13 t 12 parameter t min t max condition t 1 200 600 busy width v h Cv h t 2 10 25 ripple clock v h to busy v h t 3 470 580 ripple clock v l to next busy v h t 4 16 45 busy v h to data v h t 5 3 25 busy v h to data v l t 6 70 140 inhibit v h to busy v h t 7 485 625 min dir v h to busy v h t 8 515 670 min dir v h to busy v h t 9 C 600 inhibit v l to data stable t 10 40 110 enable v l to data v h t 11 35 110 enable v l to data v l t 12 60 140 byte select v l to data stable t 13 60 125 byte select v h to data stable figure 3. digital timing phase- sensitive demodulator ac error ratio multiplier a1 sin ( u C f ) sin v t sin u sin v t cos u sin v t digital f vco c4 c5 r5 r4 r6 velocity clock direction integrator figure 4. ad2s81a/ad2s82a functional diagram circuit functions and dynamic performance the ad2s81a/ad2s82a allows the user greater flexibility in choosing the dynamic characteristics of the resolver-to-digital conversion to ensure the optimum system performance. the characteristics are set by the external components shown in figure 1, and the component selection section explains how to select desired maximum tracking rate and bandwidth values. the following paragraphs explain in greater detail the circuit of the ad2s81a/ad2s82a and the variations in the dynamic performance available to the user. loop compensation the ad2s81a and ad2s82a (connected as shown in figure 1a and 1b) operates as a type 2 tracking servo loop where the vco/counter combination and integrator perform the two inte- gration functions inherent in a type 2 loop. additional compensation in the form of a pole/zero pair is re- quired to stabilize any type 2 loop to avoid the loop gain charac- teristic crossing the 0 db axis with 180 of additional phase lag, as shown in figure 6. this compensation is implemented by the integrator components (r4, c4, r5, c5). the overall response of such a system is that of a unity gain second order low pass filter, with the angle of the resolver as the input and the digital position data as the output. the ad2s81a/ad2s82a does not have to be connected as tracking converter, parts of the circuit can be used indepen- dently. this is particularly true of the ratio multiplier which can be used as a control transformer (see application note). a block diagram of the ad2s81a/ad2s82a is given in figure 4. ad2s81a/ad2s82a rev. b C11C phase sensitive demodulator the phase sensitive demodulator is effectively ideal and devel- ops a mean dc output at the demodulator o/p pin of 22 p (/) demodulator i p rms voltage for sinusoidal signals in phase or antiphase with the reference (for a square wave the demodulator o/p voltage will equal the demodulator i/p). this provides a signal at the demodulator o/p which is a dc level proportional to the positional error of the converter. dc error scaling = 160 mv/bit (10-bits resolution) = 40 mv/bit (12-bits resolution) = 10 mv/bit (14-bits resolution) = 2.5 mv/bit (16-bits resolution) when the tracking loop is closed, this error is nulled to zero unless the converter input angle is accelerating. integrator the integrator components (r4, c4, r5, c5) are external to the ad2s81a/ad2s82a to allow the user to determine the optimum dynamic characteristics for any given application. the component selection section explains how to select compo- nents for a chosen bandwidth. since the output from the integrator is fed to the vco input, it is proportional to velocity (rate of change of output angle) and can be scaled by selection of r6, the vco input resistor. this is explained in the voltage controlled oscillator (vco) section below. to prevent the converter from flickering (i.e., continually toggling by 1 bit when the quantized digital angle, f , is not an exact representation of the input angle, q ), feedback is internally applied from the vco to the integrator input to ensure that the vco will only update the counter when the error is greater than or equal to 1 lsb. in order to ensure that this feedback hyster- esis is set to 1 lsb the input current to the integrator must be scaled to be 100 na/bit. therefore, r 4 = dc error scaling ( mv / bit ) 100 ( na / bit ) any offset at the input of the integrator will affect the accuracy of the conversion as it will be treated as an error signal and offset the digital output. one lsb of extra error will be added for each 100 na of input bias current. the method of adjusting out this offset is given in the component selection section. voltage controlled oscillator (vco) the vco is essentially a simple integrator feeding a pair of dc level comparators. whenever the integrator output reaches one of the comparator threshold voltages, a fixed charge is injected into the integrator input to balance the input current. at the same time the counter is clocking either up or down, dependent on the polarity of the input current. in this way the counter is clocked at a rate proportional to the magnitude of the input current of the vco. ratio multiplier the ratio multiplier is the input section of the ad2s81a/ ad2s82a and compares the signal from the resolver input angle, q , to the digital angle, f , held in the counter. any differ- ence between these two angles results in an analog voltage at the ac error output. this circuit function has histori- cally been called a control transformer as it was originally performed by an electromechanical device known by that name. the ac error signal is given by a 1 sin ( q f ) sin w t where w = 2 p f ref f ref = reference frequency a1, the gain of the ratio multiplier stage is 14.5. so for 2 v rms inputs signals ac error output in volts/(bit of error) = 2 sin 360 n ? ? ? ? a 1 where n = bits per rev = 1,024 for 10-bits resolution = 4,096 for 12 bits = 16,384 for 14 bits = 65,536 for 16 bits giving an ac error o/p = 178 mv/bit @ 10-bits resolution = 44.5 mv/bit @ 12 bits = 11.125 mv/bit @ 14 bits = 2.78 mv/bit @ 16 bits the ratio multiplier will work in exactly the same way whether the ad2s81a/ad2s82a is connected as a tracking converter or as a control transformer, where data is preset into the counters using the data load pin. hf filter the ac error output may be fed to the psd via a simple ac coupling network (r2, c1) to remove any dc offset at this point. note, however, that the psd of the ad2s81a/ad2s82a is a wideband demodulator and is capable of aliasing hf noise down to within the loop bandwidth. this is most likely to hap- pen where the resolver is situated in particularly noisy environ- ments, and the user is advised to fit a simple hf filter r1, c2 prior to the phase sensitive demodulator. the attenuation and frequency response of a filter will affect the loop gain and must be taken into account in deriving the loop transfer function. the suggested filter (r1, c1, r2, c2) is shown in figure 1 and gives an attenuation at the reference frequency (f ref ) of 3 times at the input to the phase sensitive demodulator. values of components used in the filter must be chosen to en- sure that the phase shift at f ref is within the allowable signal to reference phase shift of the converter. rev. b C12C ad2s81a/ad2s82a during the reset period the input continues to be integrated, the reset period is constant at 400 ns. the vco rate is fixed for a given input current by the vco scaling factor: = 7. 9 khz / m a the tracking rate in rps per m a of vco input current can be found by dividing the vco scaling factor by the number of lsb changes per rev (i.e., 4096 for 12-bit resolution). the input resistor r6 determines the scaling between the con- verter velocity signal voltage at the integrator o/p pin and the vco input current. thus to achieve a 5 v output at 100 rps (6000 rpm) and 12-bit resolution the vco input current must be: (100 4096) / (7900) = 51.8 m a thus, r6 would be set to: 5/(51.8 10 -C6 ) = 96 k w the velocity offset voltage depends on the vco input resistor, r6, and the vco bias current and is given by velocity offset voltage = r 6 ( vco bias current ) the temperature coefficient of this offset is given by velocity offset tempco = r 6 ( vco bias current tempco ) where the vco bias current tempco is typically C1.22 na/ c. the maximum recommended rate for the vco is 1.1 mhz which sets the maximum possible tracking rate. since the minimum voltage swing available at the integrator output is 8 v, this implies that the minimum value for r6 is 57 k w . as max current = 1. 1 10 6 7. 9 10 3 = 139 m a min value r 6 = 8 139 10 - 6 = 57 k w vco output in order to overcome the freeplay inherent in a servo system using digitized position feedback, an analog output voltage is available representing the resolver shaft position within the least significant bit of digital angle output. the converter updates the output if the error is an lsb or greater and the vco output gives the positional error smaller than 1 lsb. input angle 0 vco output +3v C3v +lsb Clsb digital count output figure 5. figure 5 illustrates how the vco output compensates for in- stances where, due to hysteresis, there is no change in the digital count output for 1 lsb change in input angle. the sum of the digital count output and vco output equals the actual input angle. transfer function by selecting components using the method outlined in the component selection section, the converter will have a critically damped time response and maximum phase margin. the closed-loop transfer function is given by: q out q in = 14 (1 + s n ) ( s n + 2.4)( s n 2 + 3.4 s n + 5.8) where s n , the normalized frequency variable, is: s n = 2 p s f bw and f bw is the closed loop 3 db bandwidth (selected by the choice of external components). the acceleration constant, k a , is given approximately by k a = 6 ( f bw ) 2 sec - 2 the normalized gain and phase diagrams are given in figures 6 and 7. 12 9 6 3 0 C3 C6 C9 C12 0.02 0.04 0.1 0.2 0.4 0 2 frequency C f bw gain plot figure 6. ad2s81a/ad2s82a gain plot 180 0 C45 C90 C135 C180 0.02 0.04 0.1 0.2 0.4 0 2 frequency C f bw 135 90 45 phase plot figure 7. ad2s81a/ad2s82a phase plot ad2s81a/ad2s82a rev. b C13C the small signal step response is shown in figure 8. the time from the step to the first peak is t 1 and the t 2 is the time from the step until the converter is settled to 1 lsb. the times t 1 and t 2 are given approximately by t 1 = 1 f bw t 2 = 5 f bw r 12 where r = resolution, i.e., 10, 12, 14 or 16. time output position t 1 t 2 figure 8. ad2s81a/ad2s82a small step response the large signal step response (for steps greater than 5 degrees) applies when the error voltage exceeds the linear range of the converter. typically the converter will take three times longer to reach the first peak for a 179 degrees step. in response to a velocity step, the velocity output will exhibit the same time response characteristics as outlined above for the position output. acceleration error a tracking converter employing a type 2 servo loop does not suffer any velocity lag, however, there is an additional error due to acceleration. this additional error can be defined using the acceleration constant k a of the converter. k a = input acceleration error in output angle the numerator and denominator must have consistent angular units. for example, if k a is in sec C2 , then the input acceleration may be specified in degrees/sec 2 and the error output in degrees. angular measurement may also be specified using radians, min- utes of arc, lsbs, etc. k a does not define maximum input acceleration, only the error due to its acceleration. the maximum acceleration allowable before the converter loses track is dependent on the angular accuracy requirements of the system. angular accuracy k a = degrees / sec 2 k a can be used to predict the output position error for a given input acceleration. for example for an acceleration of 100 revs/ sec 2 , k a = 2.7 10 6 sec C2 and 12-bit resolution. to determine the value of k a based on the passive components used to define the dynamics of the converter, the following should be used: k a = 4. 04 10 11 2 n r 6 r 4 ( c 4 + c 5) where n = resolution of the converter r 4, r 6 in ohms c 5, c 4 in farads sources of errors integrator offset additional inaccuracies in the conversion of the resolver signals will result from an offset at the input to the integrator as it will be treated as an error signal. this error will typically be 1 arc minute over the operating temperature range. a description of how to adjust from zero offset is given in the component selection section and the circuit required is shown in figures 1a and 1b. differential phase shift phase shift between the sine and cosine signals from the resolver is known as differential phase shift and can cause static error. some differential phase shift will be present on all resolvers as a result of coupling. a small resolver residual voltage (quadrature voltage) indicates a small differential phase shift. additional phase shift can be introduced if the sine channel wires and the cosine channel wires are treated differently. for instance, differ- ent cable lengths or different loads could cause differential phase shift. the additional error caused by differential phase shift on the input signals approximates to error = 0.53 a b arc minutes where a = differential phase shift (degrees). b = signal to reference phase shift (degrees). this error can be minimized by choosing a resolver with a small residual voltage, ensuring that the sine and cosine signals are handled identically and removing the reference phase shift (see connecting the resolver section). by taking these precautions the extra error can be made insignificant. under static operating conditions phase shift between the refer- ence and the signal lines alone will not theoretically affect the converters static accuracy. however, most resolvers exhibit a phase shift between the signal and the reference. this phase shift will give rise under dynamic conditions to an additional error defined by: shaft speed ( rps ) phase shift ( degrees ) reference frequency error in lsbs input acceleration lsb k rev lsbs or of arc a = = = [/] [] [/ ] . .. sec sec sec seconds 2 2 12 6 100 2 27 10 015 475 2 rev. b C14C ad2s81a/ad2s82a following the preceding precautions will allow the user to use the velocity signal in very noisy environments for example pwm motor drive applications. resolver/converter error curves may exhibit apparent acceleration/deceleration at a constant velocity. this results in ripple on the velocity signal of frequency twice the input rotation. connecting the resolver the recommended connection circuit is shown in figure 9. 31 1 2 3 4 5 6 7 twisted pair screened cable s2 s4 r1 r2 s3 s1 power return resolver ref i/p ad2s82a cos i/p analog gnd signal gnd sin i/p c3 r3 digital gnd oscillator (e. g. osc1758) figure 9. connecting the ad2s82a to a resolver in cases where the reference phase relative to the input signals from the resolver requires adjustment, this can be easily achieved by varying the value of the resistor r2 of the hf filter (see figures 1a and 1b). assuming that r1 = r2 = r and c1 = c2 = c and reference frequency = 1 2 p rc by altering the value of r2, the phase of the reference relative to the input signals will change in an approximately linear manner for phase shifts of up to 10 degrees. increasing r2 by 10% introduces a phase lag of 2 degrees. de- creasing r2 by 10% introduces a phase lead of 2 degrees. r c phase lead = arc tan 1 2 p frc phase lag = arc tan 2 p frc r c figure 10. phase shift circuits for example, for a phase shift of 20 degrees, a shaft rotation of 22 rps and a reference frequency of 5 khz, the converter will exhibit an additional error of: 22 20 5000 0.088 degrees this effect can be eliminated by putting a phase shift in the reference to the converter equivalent to the phase shift in the resolver (see connecting the resolver section). note: capacitive and inductive crosstalk in the signal and reference leads and wiring can cause similar problems. velocity errors the signal at the integrator o/p pin relative to the ana- log gnd pin is an analog voltage proportional to the rate of change of the input angle. this signal can be used to stabilize servo loops or in the place of a velocity transducer. although the conversion loop of the ad2s81a/ad2s82a includes a digital section, there is an additional analog feedback loop around the velocity signal. this ensures against flicker in the digital posi- tional output in both dynamic and static states. a better quality velocity signal will be achieved if the following points are considered: 1. protection. the velocity signal should be buffered before use. 2. reversion error* the reversion error can be nulled by varying one supply rail relative to the other. 3. ripple and noise. noise on the input signals to the converter is the major cause of noise on the velocity signal. this can be reduced to a minimum if the following precautions are taken: the resolver is connected to the converter using separate twisted pair cable for the sine, cosine and reference signals. care is taken to reduce the external noise wherever possible. an hf filter is fitted before the phase-sensitive demodulator (as described in the section hf filter). a resolver is chosen that has low residual voltage, i.e., a small signal in quadrature with the reference. components are selected to operate the ad2s81a/ad2s82a with the lowest acceptable bandwidth. feedthrough of the reference frequency should be removed by a filter on the velocity signal. maintenance of the input signal voltages at 2 v rms will prevent lsb flicker at the positional output. the analog feedback or hysteresis employed around the vco and the integrator is a function of the input signal levels (see integra- tor section). * reversion error, or side-to-side nonlinearity, is a result of differences in the up and down rates of the vco. ad2s81a/ad2s82a rev. b C15C for more information on resistive scaling of sin, cos and reference converter inputs, refer to the application note circuit applications of the 2s81 and 2s80 resolver-to-digital converters. applications control transformer the ratio multiplier of the ad2s82a can be used independently of the loop integrators as a control transformer . in this mode the resolver inputs q are multiplied by a digital angle f , any differ- ence between and f and q will be represented by the ac error output as sin w t sin ( q C f ) or the demod output as sin ( q C f ). to use the ad2s81a/ad2s82a in this mode refer to the control transformer application note. dynamic switching in applications where the user requires wide band response from the converter, for example 100 rpm to 6000 rpm, superior per- formance is achieved if the converters control characteristics are switched dynamically. this reduces velocity offset levels at low tracking rates. for more information on the technique refer to dynamic resolution switching using the variable resolution monolithic resolver-to-digital converters. other products the ad2s80a is a monolithic resolver-to-digital converter offering 10C16 bits of resolution and user selectable dynamics. the ad2s80a is also available in 40-lead ceramic dip, 44-lead lcc and is qualified to mil-std 883b rev c. the ad2s46 is a highly integrated hybrid resolver/synchro to digital converter packaged in a 28-lead ceramic dip. the part offers the user 1.3 arc minutes of accuracy over the full military temperature range. the ad2s34 is a dual channel 14-bit hybrid resolver-to-digital converter packaged in a 1 in 2 32-lead flatpack. the 1740/41/42 are hybrid resolver/synchro to digital converters which incorporate pico-transformer isolated input signal conditioning. typical circuit configuration figure 11 shows a typical circuit configuration for the ad2s81a/ ad2s82a in a 12-bit resolution mode. values of the external components have been chosen for a reference frequency of 5 khz and a maximum tracking rate of 260 rps with a bandwidth of 520 hz. placing the values for r4, r6, c4 and c5 in the equa- tion for k a gives a value of 2.7 10 6 . the resistors are 0.125 w, 5% tolerance preferred values. the capacitors are 100 v ceramic, 10% tolerance components. for signal and reference voltages greater than 2 v rms a simple voltage divider circuit of resistors can be used to generate the correct signal level at the converter. care should be taken to ensure that the ratios of the resistors between the sine signal line and ground and the cosine signal line and ground are the same. any difference will result in an additional position error. time C ms 360 0 024 4 angle C degrees 8121620 315 180 135 90 45 270 225 figure 12. large step response curves for typical circuit shown in figure 11 ripple clk direction busy data load byte select C12v msb lsb 0v velocity o/p +5v 15k v 22nf pin 1 identifier 18 19 20 21 22 23 24 25 26 27 28 6543214443424140 7 8 9 10 11 12 13 14 15 16 17 39 38 37 36 35 34 33 32 31 30 29 ad2s82a top view (not to scale) cos high ref low cos low sin low complement sc2 15k v 22nf 100k v 100nf 100nf +12v sin high reference input 68 v 470pf 39k v 110k v 180k v 1.5nf 6.8nf 100nf 4.7m v 1m v inhibit enable data output resolver signal data output figure 11. typical circuit configuration rev. b C16C ad2s81a/ad2s82a printed in u.s.a. c1453bC2.5C11/98 outline dimensions dimensions shown in inches and (mm). ceramic dip (d) package (d-28) 28 114 15 0.610 (15.49) 0.500 (12.70) pin 1 0.100 (2.54) max 0.005 (0.13) min seating plane 0.026 (0.66) 0.014 (0.36) 0.110 (2.79) 0.090 (2.29) 0.060 (1.52) 0.015 (0.38) 0.225 (5.72) max 1.490 (37.85) max 0.200 (5.08) 0.125 (3.18) 0.070 (1.78) 0.030 (0.76) 0.150 (3.81) min 0.620 (15.75) 0.590 (14.99) 0.018 (0.46) 0.008 (0.20) plastic leaded chip carrier (p) package (p-44a) 6 pin 1 identifier 7 40 39 17 18 29 28 top view (pins down) 0.695 (17.65) 0.685 (17.40) sq 0.656 (16.66) 0.650 (16.51) sq 0.048 (1.21) 0.042 (1.07) 0.048 (1.21) 0.042 (1.07) 0.020 (0.50) r 0.021 (0.53) 0.013 (0.33) 0.050 (1.27) bsc 0.63 (16.00) 0.59 (14.99) 0.032 (0.81) 0.026 (0.66) 0.180 (4.57) 0.165 (4.19) 0.040 (1.01) 0.025 (0.64) 0.025 (0.63) 0.015 (0.38) 0.110 (2.79) 0.085 (2.16) 0.056 (1.42) 0.042 (1.07) |
Price & Availability of AD2S81A-15 |