Part Number Hot Search : 
SB250 IL3842N 1N4454 PMD17K60 Z89304 SD01127 TC170 B1A0A
Product Description
Full Text Search
 

To Download 2SB1548 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  inchange semiconductor product specification silicon pnp power transistors 2SB1548 2SB1548a description ? with to-220f package ? complement to type 2sd2374/2374a ? low collector saturation voltage ? high forward current transfer ratio h fe which has satisfactory linearity applications ? for power amplifications pinning pin description 1 emitter 2 collector 3 base absolute maximum ratings (ta=25 ?? ) symbol parameter conditions value unit 2SB1548 -60 v cbo collector-base voltage 2SB1548a open emitter -80 v 2SB1548 -60 v ceo collector-emitter voltage 2SB1548a open base -80 v v ebo emitter-base voltage open collector -5 v i c collector current -3 a i cm collector current-peak -5 a t a =25 ?? 2 p c collector dissipation t c =25 ?? 25 w t j junction temperature 150 ?? t stg storage temperature -55~150 ?? fig.1 simplified outline (to-220f) and symbol
inchange semiconductor product specification 2 silicon pnp power transistors 2SB1548 2SB1548a characteristics tj=25 ?? unless otherwise specified symbol parameter conditions min typ. max unit 2SB1548 -60 v ceo collector-emitter voltage 2SB1548a i c =-30ma ; i b =0 -80 v v cesat collector-emitter saturation voltage i c =-3a ;i b =-0.375a -1.2 v v be base-emitter voltage i c =-3a ; v ce =-4v -1.8 v 2SB1548 v cb =-60v; i e =0 i cbo collector cut-off current 2SB1548a v cb =-80v; i e =0 -200 | a 2SB1548 v ce =-30v; i b =0 i ceo collector cut-off current 2SB1548a v ce =-60v; i b =0 -300 | a i ebo emitter cut-off current v eb =-5v; i c =0 -1 ma h fe-1 dc current gain i c =-1a ; v ce =-4v 70 250 h fe-2 dc current gain i c =-3a ; v ce =-4v 10 f t transition frequency i c =-0.5a ; v ce =-10v 30 mhz switching times t on turn-on time 0.5 | s t s storage time 1.2 | s t f fall time i c =-1.0a i b1 =-i b2 =-0.1a 0.3 | s ? h fe-1 classifications q p 70-150 120-250
inchange semiconductor product specification 3 silicon pnp power transistors 2SB1548 2SB1548a package outline fig.2 outline dimensions
inchange semiconductor product specification 4 silicon pnp power transistors 2SB1548 2SB1548a


▲Up To Search▲   

 
Price & Availability of 2SB1548

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X