Part Number Hot Search : 
XC9221 MM3Z3V0 EPS13 PT21747 101M1 STV8217T 2N681 C107M
Product Description
Full Text Search
 

To Download 1SS400CS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  - moisture sensitivity level 1 - pb free and rohs compliant - green compound (halogen free) with suffix "g" on packing code and prefix "g" on date code sod-923f - case: flat lead sod-923f small outline plastic pack age - terminal: matte tin plated, lead free , solderable per mil-std-202, method 208 guaranteed - high temperature soldering guaranteed: 260c/10s - polarity: indicated by cathode band - marking code: 7 v rm v v r v i fm ma i o ma i surge ma t j c t stg c symbol min typ max unit v f 1.2 v i r 0.1 a c r 3 pf t rr 4 ns document number: ds_s1402006 1SS400CS features - fast switching device (t rr <4.0ns) - surface mount device type taiwan semiconductor small signal product high speed smd switching diode maximum ratings and electrical characteristics (t a =25 unless otherwise noted) version: a14 500 150 junction temperature v r =6v , i f =10ma , r l =100 peak reverse voltage 225 100 mechanical data 90 parameter dc reverse voltage unit forward voltage i f =100ma reverse current v r =80v storage temperature limit peak forward current -55 to + 150 80 parameter test condition capacitance between terminals v r =0.5v , f=1mhz reverse recovery time symbol mean rectifying current surge current(t=1s)
part no. 1SS400CS part no. 1SS400CS 1SS400CS document number: ds_s1402006 version: a14 1SS400CS rtg rt g green compound 1SS400CS green compound manufacture code m0 taiwan semiconductor small signal product g package 1SS400CS-m0 rtg rt g manufacture code (note) ordering information green compound code example preferred p/n packing code packing code green compound code description rt note: manufacture special control, if empty means n o special control requirement. packing 8k / 7" reel sod-923f
dimensions sod-923f min max min max a 0.55 0.65 0.022 0.026 b 0.90 1.10 0.035 0.043 c 0.15 0.27 0.006 0.011 d 0.75 0.85 0.030 0.033 e 0.34 0.43 0.013 0.017 f - 0.15 - 0.006 pin configuration document number: ds_s1402006 version: a14 1SS400CS dim. taiwan semiconductor unit (mm) unit (inch) small signal product


▲Up To Search▲   

 
Price & Availability of 1SS400CS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X