Part Number Hot Search : 
STR80145 33405 1812L035 CS98100 DL4728A 9843H VSP9405B DL4728A
Product Description
Full Text Search
 

To Download 1SS400-L0RKG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  - moisture sensitivity level 1 - matte tin(sn) lead finish - pb free and rohs compliant - green compound (halogen free) with suffix "g" on packing code and prefix "g" on date code mechanical data - case: flat lead sod-523f small outline plastic pa ckage - terminal: matte tin plated, lead free , solderable per mil-std-202, method 208 guaranteed - high temperature soldering guaranteed: 260c/10s - polarity: indicated by cathode band - weight: 1.68 0.5mg - marking code: a p d mw v rrm v v r v i o ma i fsm ma r ja c/w t j , t stg o c symbol min typ max unit v (br) 100 - v v f - 1.2 v i r - 0.1 a t rr 4 ns c j - 4 pf document number: ds_s1404002 power dissipation 200 thermal resistance (junction to ambient) 625 junction capacitance -55 to + 150 reverse recovery time v r = 0.5 v , f = 1.0 mhz parameter test condition reverse leakage current v r = 80 v mean forward current peak forward surge current 100 200 200mw, smd high speed switching diode maximum ratings and electrical characteristics (t a =2 5 unless otherwise noted) unit symbol limit - surface mount device type parameter repetitive peak reverse voltage version: b14 500 i f = 10 ma , v r = 6 v, r l = 100 ? breakdown voltage i r = 100 a forward voltage i f = 100 ma storage temperature range reverse voltage 1ss400 features 100 - fast switching device ( t rr < 4.0 ns ) taiwan semiconductor small signal product sod-523f
(ta=25 unless otherwise noted) document number: ds_s1404002 ratings and characteristics curves (1ss400) version: b14 1ss400 taiwan semiconductor small signal product 0.00 0.05 0.10 0.15 0.20 0.25 0.30 0.35 0.40 0.45 0.50 0 5 10 15 20 25 30 35 40 capacitance (pf) reverse voltage (v) fig. 1 total capacitance 0.00 0.20 0.40 0.60 0.80 1.00 1.20 1.40 0.01 0.1 1 10 100 1000 forward voltage (v) ambient forward current (a) fig. 2 forward voltage vs. ambient forward current 0 50 100 150 200 250 0 25 50 75 100 125 150 175 power dissipation : p d (mw) temperature ( o c) fig. 3 power derating curve 1.e+00 1.e+01 1.e+02 1.e+03 1.e+04 1.e+05 1.e+06 1.e+07 0 50 100 150 200 reverse current (ma) reverse voltage, v r (v) fig. 4 reverse current vs. reverse voltage 25 o c 75 o c 125 o c 100 o c
part no. marking 1ss400 a 1ss400 a part no. 1ss400 1ss400 1ss400 document number: ds_s1404002 package rk rs taiwan semiconductor small signal product gg packing 3k / 7" reel 8k / 7" reel sod-523f sod-523f manufacture code (note) 1ss400 rkg rk g green compound green compound example preferred p/n 1ss400 green compound manufacture code l0 ordering information packing code packing code green compound code description 1ss400-b0 rkg b0 rk g green compound note: manufacture special control, if empty means n o special control requirement. 1ss400-l0 rkg rk g version: b14
dimensions sot-523f min max min max a 0.70 0.90 0.028 0.035 b 1.50 1.70 0.059 0.067 c 0.25 0.40 0.010 0.016 d 1.10 1.30 0.043 0.051 e 0.50 0.77 0.020 0.030 f 0.07 0.20 0.003 0.008 suggested pad layout x x1 y document number: ds_s1404002 0.80 2.30 unit (inch) 0.024 1ss400 dim. unit (mm) 0.60 taiwan semiconductor unit (mm) dim. unit (inch) 0.031 small signal product version: b14 typ. typ. 0.091
notice document number: ds_s1404002 specifications of the products displayed herein are subject to change without notice. tsc or anyone on its behalf, assumes no responsibility or liability for any errors inaccuracies. information contained herein is intended to provide a product description only. no license, express or implied, to any intellectual property rights is granted by this document. except as provi ded in tsc's terms and conditions of sale for such products, tsc assumes no liability whatsoever, and disclaims any express or implied wa rranty, relating to sale and/or use of tsc products including liability or warranties relating to fitness for a particular purpose, merch antability, or infringement of any patent, copyrigh t, or other intellectual property right. the products shown herein are not designed for use in medical, life-saving, or life-sustaining applica tions. customers using or seling these products for use in such applications do so at thei r own risk and agree to fully indemnify tsc for any damages resulting from such improper use or sale. version: b14 1ss400 taiwan semiconductor small signal product


▲Up To Search▲   

 
Price & Availability of 1SS400-L0RKG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X