Part Number Hot Search : 
DTC143 470MN EPM7256 BE681T NGPWR70 M5453 36607 67100
Product Description
Full Text Search
 

To Download ZXTN25100BFH-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  zxtn25100bfh document number: ds33 703 rev. 3 - 2 1 of 7 www.diodes.com may 2015 ? diodes incorporated a product line of diodes incorporated zxtn25100bfh 100v npn low saturation transistor in sot23 features ? b v ce o > 1 00 v ? bv ce x > 170v f orward b locking v oltage ? bv eco > 6v r everse b locking v oltage ? i c = 3 a high c ontinuous collector current ? low s aturation v oltage , v ce(sat) < 80mv @1a ? r ce(sat) = 67 m? for a l ow e quivalent on - resistance ? 1.25 w power d issipation ? h fe s pecified up to 3 a for h igh c urrent g ain h old up ? complementary pnp type : zxtp25100bfh ? totally lead - free & fully rohs compliant (notes 1 & 2) ? halogen and antimony free. green device (note 3) ? qualified to aec - q101 standards for high reliability mechanical data ? case: sot23 ? case material: molded plastic, green m olding c ompound ; ul flammability classification rating 94v - 0 ? moisture sensitivity: level 1 per j - std - 020 ? terminals: finish C matte tin plated leads, s olderabl e pe r mil - std - 202, method 208 ? weight 0.008 grams ( a pproximate) applications ? lamp r elay and s olenoid d rivers ? general s witching in a utomotive and i ndustrial a pplications ? motor d rive and c ontrol ordering information (note 4 ) product marking reel size (inches) tape width (mm) quantity per reel zxtn25100bfh ta 021 7 8 3 , 000 notes: 1. no purposely added lead. fully eu directive 2002/95/ec (rohs) & 2011/65/eu (rohs 2) compliant. 2. see http://www.diodes.com/quality/lead_free.html for more information about diodes incorporateds definitions of halogen - and antimony - free, "green" and lead - free. 3. halogen - and antimony - free "green products are defined as those which contain < 900ppm bromine, <900ppm chlorine (<1500ppm total br + cl) and <1000ppm antimony compounds. 4. for packaging details, go to our website at http://www.diodes.com/products/packages.html . marking information 021 = product t ype marking code sot23 top view pin - out top v iew device s ymbol sot23 c e b c e b 021
zxtn25100bfh document number: ds33 703 rev. 3 - 2 2 of 7 www.diodes.com may 2015 ? diodes incorporated a product line of diodes incorporated zxtn25100bfh absolute maximum ratings (@ t a = +25c, unless otherwise specified.) characteristic symbol value unit collector - base voltage v cbo 1 70 v collector - emitter voltage (forward blocking) v cex 170 v collector - emitter voltage v ceo 1 00 v emitter - base voltage (reverse blocking) v eco 6 v emitter - base voltage v ebo 7 v continuous collector current i c 3 a peak pulse current i cm 9 a thermal characteristics (@ t a = +25c, unless otherwise specified.) characteristic symbol value unit power dissipation linear derating factor (note 5 ) p d 0.60 4.80 w mw (note 6 ) 0.73 5.84 (note 7) 1.05 8.4 (note 8 ) 1.25 9.6 (note 9 ) 1.81 14.5 thermal resistance, junction to ambient (note 5 ) r ja 209 c /w (note 6) 171 (note 7 ) 119 (note 8 ) 100 (note 9 ) 69 thermal resistance, junction to leads (note 10 ) r jl 75 c /w ? j, t stg - 55 to + 150 c esd ratings (note 11 ) characteristic symbol value unit jedec class electrostatic discharge - human body model esd hbm 8,000 v 3 b electrostatic discharge - machine model esd mm 400 v c notes: 5 . for a device mounted on minimum recommended pad layout with 1oz copper that is on a single - sided 1.6mm fr4 pcb; device is measured under still air conditions whilst operating in steady - state. 6. same as n ote 5, except mounted with the collector lead on 15mm x 15mm 1oz copper. 7. same as n ote 5, except mounted with the collector lead on 2 5mm x 2 5mm 2 oz copper. 8 . same as n ote 5 , except mounted with the collector lead on 50mm x 50mm 2 oz copper. 9 . same a s n ote 8 , except measured at t < 5 sec ond s. 10 . t hermal resistance from junction to solder - point ( at the end of collector lead ). 11 . refer to jedec specification jesd22 - a114 and jesd22 - a115.
zxtn25100bfh document number: ds33 703 rev. 3 - 2 3 of 7 www.diodes.com may 2015 ? diodes incorporated a product line of diodes incorporated zxtn25100bfh thermal characteristics and derating information 0 20 40 60 80 100 120 140 160 180 1 10 100 100m 1 10 100 10m 100m 1 10 safe operating area 50mm x 50mm x 1.6mm fr4 2oz cu single pulse t amb =25c v ce(sat) limited 100s 1ms 10ms 100ms 1s dc safe operating area i c collector current (a) v ce collector-emitter voltage (v) 0 20 40 60 80 100 120 140 160 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 25mm x 25mm x 1.6mm fr4 2oz cu 15mm x 15mm x 1.6mm fr4 1oz cu derating curve temperature (c) max power dissipation (w) 50mm x 50mm x 1.6mm fr4 2oz cu 100 1m 10m 100m 1 10 100 1k 0 20 40 60 80 100 t amb =25c 50mm x 50mm x 1.6mm fr4 2oz cu transient thermal impedance d=0.5 d=0.2 d=0.1 single pulse d=0.05 thermal resistance (c/w) pulse width (s) 100 1m 10m 100m 1 10 100 1k 1 10 100 single pulse t amb =25c 50mm x 50mm x 1.6mm fr4 2oz cu pulse power dissipation pulse width (s) maximum power (w) bv (br)cev =170v bv (br)ceo =100v failure may occur in this region t amb =25c v ce collector-emitter voltage (v) i c collector current (a)
zxtn25100bfh document number: ds33 703 rev. 3 - 2 4 of 7 www.diodes.com may 2015 ? diodes incorporated a product line of diodes incorporated zxtn25100bfh e lectrical characteristics (@ t a = +25c, unless otherwise specified.) characteristic symbol min typ max unit test condition collector - base breakdown voltage b v cbo 170 220 - v i c = 10 0 a collector - emitter breakdown voltage (forward blocking) (note 12 ) b v cex 170 210 - v i c = 100 a , r be < 1k be < 0.25v collector - emitter breakdown voltage (note 12 ) b v ceo 100 120 - v i c = 1 ma emitter - collector breakdown voltage (reverse blocking) (note 12 ) b v e cx 6 7 - v i e = 100 a , r bc < 1k bc > - 0.25v emitter - collector breakdown voltage b v eco 6 8.4 - v i e = 100 a emitter - base breakdown voltage b v ebo 7 8 - v i e = 10 0 a collector cut - o ff current i cbo - <1 5 0 20 n a v cb = 1 36 v v cb = 136 v , t a = +100c collector emitter cut - o ff current i cex - - 100 na v ce = 136v, r be < 1k be < 0.25v emitter cut - o ff current i ebo - <1 50 na v eb = 5.6 v static forward current transfer ratio (note 12 ) h fe 100 50 - 200 85 20 300 - - - i c = 10 ma, v ce = 2 v i c = 1 a, v ce = 2 v i c = 3 a, v ce = 2 v collector - emitter saturation voltage (note 12 ) v ce(sat ) - - - - 40 100 70 200 5 5 135 80 250 m v i c = 0. 5 a, i b = 5 0 m a i c = 0.5 a, i b = 1 0 m a i c = 1 a, i b = 10 0 ma i c = 3 a, i b = 30 0 m a base - emitter saturation voltage (note 12 ) v be(sat) - 940 1050 m v i c = 3 a, i b = 30 0 m a base - emitter saturation voltage (note 12 ) v be(on) - 890 1000 m v i c = 3 a, v ce = 2 v transition frequency f t - 160 - m hz i c = 10 0m a, v ce = 5 v , f = 100mhz collector output capacitance c ob o - 9.4 20 pf v c b = 10v, f = 1mhz delay time t (d) - 16 - ns v c c = 1 0v, i c = 0.5a, i b1 = - i b2 = 50 m a rise time t (r) - 55 - ns storage time t (s) - 677 - ns fall time t (f) - 95 - ns note : 12 . measured under pulsed conditions. pulse width 300s. duty cycle 2%
zxtn25100bfh document number: ds33 703 rev. 3 - 2 5 of 7 www.diodes.com may 2015 ? diodes incorporated a product line of diodes incorporated zxtn25100bfh typical electrical characteristics (@ t a = +25c, unless otherwise specified.) 1m 10m 100m 1 10 10m 100m 1 10m 100m 1 0.0 0.1 0.2 0.3 0.4 0.5 1m 10m 100m 1 10 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1m 10m 100m 1 0.4 0.6 0.8 1.0 1.2 1m 10m 100m 1 0.2 0.4 0.6 0.8 1.0 0 25 50 75 100 125 150 175 200 225 250 275 300 325 350 i c /i b =100 v ce(sat) v i c tamb=25c i c /i b =50 i c /i b =20 i c /i b =10 v ce(sat) (v) i c collector current (a) 150c v be(sat) v i c i c /i b =10 100c 25c -55c v ce(sat) (v) i c collector current (a) 150c h fe v i c v ce =2v -55c 25c 100c normalised gain i c collector current (a) 150c 25c v ce(sat) v i c i c /i b =10 100c -55c v be(sat) (v) i c collector current (a) 150c v be(on) v i c v ce =2v 100c 25c -55c v be(on) (v) i c collector current (a) typical gain (h fe )
zxtn25100bfh document number: ds33 703 rev. 3 - 2 6 of 7 www.diodes.com may 2015 ? diodes incorporated a product line of diodes incorporated zxtn25100bfh package outline dimensions please see ap02002 at http://www.diodes.com/datasheets/ap02002.pdf for the latest version. suggested pad layout please see ap02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version. note: for high voltage applications, the appropriate industry sector guidelines should be considered with regards to creepage and c learance distances between device t erminals and pcb tracking. sot23 dim min max typ a 0.37 0.51 0.40 b 1.20 1.40 1.30 c 2.30 2.50 2.40 d 0.89 1.03 0.915 f 0.45 0.60 0.535 g 1.78 2.05 1.83 h 2.80 3.00 2.90 j 0.013 0.10 0.05 k 0. 890 1. 0 0 0.975 k1 0.903 1.10 1.0 25 l 0.45 0.61 0.55 l 1 0. 2 5 0. 55 0. 40 m 0.085 0.1 50 0.11 0 a ? all dimensions in mm dimensions value (in mm) z 2.9 x 0.8 y 0.9 c 2.0 e 1.35 j k1 k l1 gauge plane 0.25 h l m all 7 a c b d g f a x e y c z
zxtn25100bfh document number: ds33 703 rev. 3 - 2 7 of 7 www.diodes.com may 2015 ? diodes incorporated a product line of diodes incorporated zxtn25100bfh important notice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisdiction). diodes incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to this document and any product described herein. diodes incorporated does not assume any liability arising out of the application or use of this document or any product described herein; neither does diodes incorporated convey any license unde r its patent or trademark rights, nor the rights of others. any customer or user of t his document or products described herein in such applications shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on diod es incorporated website, harmless against all damages. diodes incorporated does not warrant or accept any liability whatsoever in respect of any products purchased through unauthor ized sales channel. should customers purchase or use diodes incorporated products for any unintended or unauthorized application , customers shall indemnify and hold diodes incorporated and its representatives harmless against all claims, damages, expenses, and attorney fees arising ou t of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized application. products described herein may be covered by one or more united states, international or foreign patents pending. product nam es and markings noted herein may also be covered by one or more united states, international or fore ign trademarks. this document is written in english but may be translated into multiple languages for reference. only the english version of this document is the final and determinative format released by diodes incorporated. life support diodes incorp orated products are specifically not authorized for use as critical components in life support devices or systems without the express written approval of the chief executive officer of diodes incorporated. as used herein: a. life support devices or syst ems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when properly used in accordance with instructions for use provided i n the labeling can be reasonably expected to result in significant injury to the user. b. a critical component is any component in a life support device or system whose failure to perform can be reasonably expe cted to cause the failure of the life support device or to affect its safety or effectiveness. customers represent that they have all necessary expertise in the safety and regulatory ramifications of their life support d evices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safe ty - related requirements concerning their products and any use of diodes incorporated products in such safety - critical, life support devices or systems, notwithstanding any devices - or systems - related information or support that may be provided by diodes in corporated. further, customers must fully indemnify diodes incorporated and its representatives against any damages arising out of the use of diodes incorporated products in such safety - critical, life support devices or systems. copyright ? 2015 , diodes incorporated www.diodes.com


▲Up To Search▲   

 
Price & Availability of ZXTN25100BFH-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X