Part Number Hot Search : 
C3510 CEF09N6 80007 ZC833A TBA120U 10060 PB1002S 1608X7
Product Description
Full Text Search
 

To Download U74AHCT1G08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  unisonic technologies co., ltd U74AHCT1G08 cmos ic www.unisonic.com.tw 1 of 4 copyright ? 2011 unisonic technologies co., ltd qw-r502-214.d 2-input and gate ? description the U74AHCT1G08 is a 2-input a nd gate which provides the function y=a*b ? features * low power current: i cc =1.0 a(max) * high speed: t pd =5ns(typ) * high noise immunity ? ordering information ordering number package packing lead free halogen free U74AHCT1G08l-ae5-r U74AHCT1G08g-ae5-r sot-23-5 tape reel U74AHCT1G08l-af5-r U74AHCT1G08g-af5-r sot-25 tape reel U74AHCT1G08l-al5-r u74ahct1g 08g-al5-r sot-353 tape reel ? marking
U74AHCT1G08 cmos ic unisonic technologies co., ltd 2 of 4 www.unisonic.com.tw qw-r502-214.d ? pin configuration 3 2 1 4 5 ab gnd y v cc ? function table (each gate) input output a b y l l l l h l h l l h h h ? logic diagram (positive logic) iec logic symbol
U74AHCT1G08 cmos ic unisonic technologies co., ltd 3 of 4 www.unisonic.com.tw qw-r502-214.d ? absolute maximum ratings parameter symbol ratings unit supply voltage v cc -0.5~7 v input voltage v in -0.5~7 v output voltage v out -0.5~v cc +0.5 v input clamp current i ik -20 ma output clamp current i ok 20 ma output current i out 25 ma v cc or gnd current i cc 50 ma storage temperature t stg -65 ~ +150 c note: absolute maximum ratings are those values beyond which the device could be permanently damaged. absolute maximum ratings are stress ratings only and functional device oper ation is not implied. ? recommended operating conditions parameter symbol conditions min typ max unit supply voltage v cc 4.5 5.5 v input voltage v in 0 5.5 v output voltage v out 0 v cc v input transition rise or fall rate t r , t f v cc =5.0+0.5v 20 ns/v operating temperature t a -40 85 c ? static characteristics (t a =25c) parameter symbol test conditions min typ max unit high-level input voltage v ih v cc =4.5v~5.5v 2.0 v low-level input voltage v il v cc =4.5v~5.5v 0.8 v high-level output voltage v oh v cc =4.5v, i oh =-50 a 4.4 4.5 v v cc =4.5v, i oh =-8ma 3.94 v low-level output voltage v ol v cc =4.5v, i ol =50 a 0.1 v v cc =4.5v, i ol =8ma 0.36 v input leakage current i i ( leak ) v cc =5.5v, v in =v cc or gnd 0.1 a quiescent supply current i q v cc =5.5v, v in =v cc or gnd, i out =0 1 a additional quiescent supply current i q v cc =5.5v, v in =3.4v;other input at v cc or gnd; i out =0 1.35 ma input capacitance c in v cc =5v, v in =v cc or gnd 4 10 pf ? dynamic characteristics (t r , t f 3ns;) parameter symbol test conditions min typ max unit propagation delay from input (a and b) to output(y) t plh v cc =5v0.5v, c l =15pf 5 6.9 ns t phl 5 6.9 ns t plh v cc =5v0.5v, c l =50 pf 5.5 7.9 ns t phl 5.5 7.9 ns ? operating characteristics v cc 5v; t a =25c parameter symbol test conditions min typ max unit power dissipation capacitance c pd no load, f=1mhz 18 pf
U74AHCT1G08 cmos ic unisonic technologies co., ltd 4 of 4 www.unisonic.com.tw qw-r502-214.d ? test circuit and waveforms note: c l includes probe and jig capacitance. utc assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all utc products described or contained herein. utc products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.


▲Up To Search▲   

 
Price & Availability of U74AHCT1G08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X