Part Number Hot Search : 
CR1612 74LVC652 M948B 10005 P921707 UPD17215 LT350 SD204
Product Description
Full Text Search
 

To Download U20D20D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  maximum ratings and electrical characteristics for capacitive load, derate current by 20%. single phase, half wave, 60hz, resistive or inductive load. rating at 25 o c ambient temperature unless otherwise specified. notes : -55 to +150 symbol v rrm v rms v dc if (av) i fsm v f i r trr c j t j , t stg 200 140 200 600 420 600 20.0 5.0 200 175 0.98 1.3 1.7 35 100 120 70 unit v v v v a a ua ua o c pf ns 400 280 400 maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average forward rectified peak forward surge current, 8.3ms single maximum instantaneous forward voltage maximum dc reverse current @t j =25 o c typical junction capacitance (note 2) operating junction and storage current t c =125 o c half sine-wave superimposed on rated load (jedec method) @ 10.0 a at rated dc blocking voltage @t j =125 o c maximum reverse recovery time (note 1) temperature range (1) reverse recovery test conditions i f = 0.5a, i r = 1.0a, irr = 0.25a. (2) measured at 1.0 mhz and applied reverse voltage of 4.0 volts dc. ? U20D20D thru u20d60d pb free plating product U20D20D/u20d40d/u20d60d 20 ampere dual doubler polarity ultra fast recovery rectifier diodes pb ? 2006 thinki semiconductor co.,ltd. http://www.thinkisemi.com/ page 1/2 U20D20D rev.05 u20d40d u20d60d .087(2.2) .839(21.3) .600(15.25) .798(20.25) .170(4.3) .199(5.05) .142(3.6) .126(3.2) .030(0.75) .050(1.25) .225(5.7) .225(5.7) .640(16.25) .070(1.8) .819(20.8) .580(14.75) .777(19.75) .145(3.7) .175(4.45) .125(3.2) .110(2.8) .017(0.45) .045(1.15) .204(5.2) .204(5.2) .095(2.4) .620(15.75) to-3p/to-247ad unit: inch (mm) features  dual rectifier construction, positive center-tap  plastic package has underwriters laboratory flammability classification 94v0  glass passivated chip junctions  superfast recovery time, high voltage  low forward voltage, high current capability  low thermal resistance  low power loss, high efficiency  high temperature soldering guaranteed: 260 o c, 0.16?(4.06mm)from case for 10 seconds mechanical data  cases: to-3p/to-247ad molded plastic  terminals: pure tin plated, lead free solderable per mil-std-750. method 2026  polarity: as marked  mounting position: any  mounting torque: 10in-lbs. max.  weight: 6.5 gram approximately positive negative doubler common cathode case case case common anode suffix "c" tandem polarity case reverse doubler tandem polarity suffix "a" suffix "d" suffix "s"
f i g . 1 - f o r w a r d c u r r e n t d e r a t i n g c u r v e f i g . 3 - t y p i c a l i n s t a n t a n e o u s f o r w a r d c h a r a c t e r i s t i c s a v e r a g e f o r w a r d r e c t i f i e d c u r r e n t , a m p e r e s 2 0 8 6 4 1 0 1 6 i i n s t a n t a n e o u s f o r w a r d c u r r e n t , a m p e r e s 0 . 1 10 100 0 . 0 1 0 . 4 0 . 2 0 . 6 0 . 8 1 . 0 1 . 2 1 . 4 1 . 6 0 0 5 0 1 0 0 1 5 0 c a s e t e m p e r a t u r e , o c i n s t a n t a n e o u s f o r w a r d v o l t a g e , v o l t s f i g . 2 - m a x i m u m n o n - r e p e t i t i v e p e a k f o r w a r d s u r g e c u r r e n t p e a k f o r w a r d s u r g e c u r r e n t , a m p e r e s n u m b e r o f c y c l e s a t 6 0 h z 0 2 5 5 0 7 5 1 0 0 1 2 5 1 5 0 1 7 5 2 0 0 1 1 0 1 0 0 f i g . 4 - t y p i c a l r e v e r s e c h a r a c t e r i s t i c s p e r c e n t o f r a t e d p e a k r e v e r s e v o l t a g e , % i n s t a n t a n e o u s r e v e r s e c u r r e n t , m i c r o a m p e r e s 0 . 1 0 1 1 0 1 0 0 0 1 0 0 2 0 4 0 6 0 8 0 1 0 0 f i g . 5 - t y p i c a l j u n c t i o n c a p a c i t a n c e r e v e r s e v o l t a g e , v o l t s 0 . 1 1 0 j u n c t i o n c a p a c i t a n c e , p f 1 0 0 0 1 . 0 4 . 0 1 0 1 0 0 1 0 0 6 0 h z r e s i s t i v e o r i n d u c t i v e l o a d p u l s e w i d t h 8 . 3 m s s i n g l e h a l f - s i r e - w a v e ( j e d e c m e t h o d ) t j = 2 5 o c p u l s e w i d t h = 3 0 0 u s 1 % d u t y c y c l e t j = 1 2 5 o c t j = 2 5 o c t j = 2 5 o c f = 1 . 0 m h z v s i g = 5 0 m v p - p U20D20D u20d40d u20d60d U20D20D u20d40d-u20d60d ? 2006 thinki semiconductor co.,ltd. http://www.thinkisemi.com/ page 2/2 rev.05 ? U20D20D thru u20d60d


▲Up To Search▲   

 
Price & Availability of U20D20D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X