Part Number Hot Search : 
Y7C680 302MR Z5232 SX8124 SFBUX16 TPS62260 BAW56W08 XT5008
Product Description
Full Text Search
 

To Download TC74VHC299F-12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tc74vhc299f/ft 2007-10-01 1 toshiba cmos digital integrat ed ci rcuit silicon monolithic tc74vhc299f,tc74vhc299ft 8-bit pipo shift register with asynchronous clear the tc74vhc299 is an advanced high speed cmos 8-bit pipo shift register fabricat ed with silicon gate c 2 mos technology. it achieves the high speed op eration similar to equivalent bipolar schottky ttl while main taining the cmos low power dissipation. it has a four modes (hold, shift left, shift right and load data) controlled by the two selection inputs (s0, s1). when one or both enable ( 1g , 2g ) are high, the eight i/o are forced to the high-impedance state; however, sequential operation or clearing of th e register is not affected. all inputs are equipped with prot ection circuits against static discharge. features (note 1) (note 2) (note 3) ? high speed: f max = 160 mhz (typ.) at v cc = 5 v ? low power dissipation: i cc = 4 a (max) at ta = 25c ? high noise immunity: v nih = v nil = 28% v cc (min) ? balanced propagation delays: t plh ? t phl ? wide operating voltage range: v cc (opr) = 2 to 5.5 v ? low noise: v olp = 1.4 v (max) ? pin and function compatible with 74als299 note 1: do not apply a signal to a/qa to h/qh bus te rminal when it is in the output mode. damage may result. note 2: all floating (high impedance) a/qa to h/qh bus termi nals must have their input levels fixed by means of pull up or pull down resistors. note 3: a parasitic diode is formed between a/qa to h/qh bus and v cc terminals. therefore bus terminal can not be used to interface 5 v to 3 v systems directly. tc74vhc299f tc74vhc299ft weight sop20-p-300-1.27a : 0.22 g (typ.) tssop20-p-0044-0.65a : 0.08 g (typ.)
tc74vhc299f/ft 2007-10-01 2 pin assignment iec logic symbol truth table inputs inputs /outputs outputs function select output control serial mode clr s1 s0 1 g (note) 2 g (note) ck sl sr a/qa h/qh qa? qh? z l h h x x x x x z z l l clear l l l x x l l l l l x x x x x x l l l l l l l l hold h l l l l x x x qa 0 qh 0 qa 0 qh 0 shift right h h l l h h l l l l x x h l h l qg n qg n h l qg n qg n shift left h h h h l l l l l l h l x x qb n qb n h l qb n qb n h l load h h h x x x x a h a h note: when one or both output controls are high, the eight input/ output terminals are in the high-impedance state; however sequential or clearing of the register is not affected. z: high impedance q n0 : the level of q n before the indicated steady-state input conditions were established. q nn : the level of q n before the most recent acti ve transition indicated by or . a, h: the level of the steady-st ate inputs a, h, respectively. x: don?t care. b/qb d/qd f/qf v cc 16 qh? 15 14 13 12 11 20 1 2 3 4 5 6 7 qa? clr 8 sl 19 s1 g/qg 18 9 2 g gnd 10 sr 17 ck (top view) s0 e/qe c/qc a/qa 1g h/qh (3) (2) (11) 1, 4d sr 3 en 13 r 2g (6) c/qc (14) d/qd (5) e/qe (15) f/qf srg 8 (18) sl (17) qh? z12 (8) qa? (9) & 0 1 s0 (1) (19) (12) c4/1 /2 s1 ck (7) a/qa (13) b/qb (16) h/qh (4) g/qg z5 z6 clr 1g 3, 4d 12, 13 2, 4d 3, 4d 5, 13 3, 4d 6, 13 3 0 m
tc74vhc299f/ft 2007-10-01 3 timing chart ck hold shift left clr s0 clear shift right clear load s1 sr sl qa? a /q a b/qb c/dc d/qd e/qe f/qf g/qg h/qh qh? mode control inputs serial data inputs inputs/ outputs outputs outputs
tc74vhc299f/ft 2007-10-01 4 system diagram h/qh ck dq r g/qg ck dq r f/qf ck dq r e/qe ck dq r d/qd ck dq r c/qc ck dq r b/qb ck dq r a /q a ck dq r s0 s1 1 19 11 sr 12 ck 9 qa? 83 2 clr 1g 2g qh? sl 18 16 4 15 5 14 6 13 7 17
tc74vhc299f/ft 2007-10-01 5 absolute maximum ratings (note) characteristics symbol rating unit supply voltage range v cc ? 0.5 to 7.0 v dc input voltage v in ? 0.5 to 7.0 v dc bus i/o voltage (a/qa to h/qh?) v in/out ? 0.5 to v cc  0.5 v dc output voltage (qa? to qh?) v out ? 0.5 to v cc  0.5 v input diode current i ik ? 20 ma output diode current i ok 20 ma dc output current i out 25 ma dc v cc /ground current i cc 80 ma power dissipation p d 180 mw storage temperature t stg ? 65 to 150 c note: exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in ic performance or even destruction. using continuously under heavy loads (e.g. the app lication of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temper ature/current/voltage, etc. ) are within the absolute maximum ratings and the operating ranges. please design the appropriate reliability upon reviewing the toshiba semiconductor reliability handbook (?handling precautions?/?derating concept and methods?) and individual reliability data (i.e. reliability test report and estimated failure rate, etc). operating ranges (note) characteristics symbol rating unit supply voltage v cc 2.0 to 5.5 v input voltage v in 0 to 5.5 v dc bus i/o voltage (a/qa to h/qh) v in/out 0 to v cc v dc output voltage (qa? to qh?) v out 0 to v cc v operating temperature t opr ? 40 to 85 c input rise and fall time dt/dv 0 to 100 (v cc = 3.3 0.3 v) 0 to 20 (v cc = 5 0.5 v) ns/v note: the operating ranges must be maintained to ensure the normal oper ation of the device. unused inputs must be tied to either vcc or gnd.
tc74vhc299f/ft 2007-10-01 6 electrical characteristics dc characteristics test condition ta = 25c ta = 40 to 85c characteristics symbol v cc (v) min typ. max min max unit high-level input voltage v ih ? 2.0 3.0 to 5.5 1.50 v cc 0.7 ? ? ? ? 1.50 v cc 0.7 ? ? v low-level input voltage v il ? 2.0 3.0 to 5.5 ? ? ? ? 0.50 v cc 0.3 ? ? 0.50 v cc 0.3 v i oh = 50  a 2.0 3.0 4.5 1.9 2.9 4.4 2.0 3.0 4.5 ? ? ? 1.9 2.9 4.4 ? ? ? high-level output voltage v oh v in = v ih or v il i oh = 4 ma i oh = 8 ma 3.0 4.5 2.58 3.94 ? ? ? ? 2.48 3.80 ? ? v i ol = 50  a 2.0 3.0 4.5 ? ? ? 0.0 0.0 0.0 0.1 0.1 0.1 ? ? ? 0.1 0.1 0.1 low-level output voltage v ol v in = v ih or v il i ol = 4 ma i ol = 8 ma 3.0 4.5 ? ? ? ? 0.36 0.36 ? ? 0.44 0.44 v 3-state output off-state current i oz v in = v ih or v il v out = v cc or gnd 5.5 ? ? 0.25 ? 2.50  a input leakage current i in v in = 5.5 v or gnd 0 to 5.5 ? ? 0.1 ? 1.0  a quiescent supply current i cc v in = v cc or gnd 5.5 ? ? 4.0 ? 40.0  a
tc74vhc299f/ft 2007-10-01 7 ac characteristics (input: t r = t f = 3 ns) test condition ta = 25c ta = 40 to 85c characteristics symbol v cc (v) c l (pf) min typ. max min max unit 15 ? 12.2 17.2 1.0 19.8 3.3 0.3 50 ? 14.7 20.7 1.0 23.3 15 ? 8.5 10.8 1.0 12.0 propagation delay time (ck-qa?, qh?) t plh t phl ? 5.0 0.5 50 ? 10.0 12.8 1.0 14.0 ns 15 ? 13.0 19.0 1.0 22.0 3.3 0.3 50 ? 15.5 22.5 1.0 25.5 15 ? 9.1 11.2 1.0 13.5 propagation delay time ( clr -qa?, qh?) t phl ? 5.0 0.5 50 ? 10.8 13.2 1.0 15.5 ns 15 ? 10.3 14.3 1.0 16.6 3.3 0.3 50 ? 12.8 17.8 1.0 20.1 15 ? 7.3 9.1 1.0 10.4 propagation delay time (ck-qa to qh) t plh t phl ? 5.0 0.5 50 ? 8.8 11.1 1.0 12.4 ns 15 ? 10.8 17.0 1.0 19.5 3.3 0.3 50 ? 13.3 20.5 1.0 23.0 15 ? 7.7 10.5 1.0 12.0 propagation delay time ( clr -qa to qh) t phl ? 5.0 0.5 50 ? 9.2 12.5 1.0 14.0 ns 15 ? 13.3 16.5 1.0 19.2 3.3 0.3 50 ? 14.8 19.0 1.0 21.7 15 ? 8.9 9.7 1.0 11.3 output enable time t pzl t pzh r l = 1 k  5.0 0.5 50 ? 10.4 11.2 1.0 12.6 ns 3.3 r 0.3 50 ? 18.0 21.3 1.0 24.3 output disable time t plz t phz r l 1 k  5.0 r 0.5 50 ? 11.8 13.2 1.0 15.0 ns 15 65 100 ? 55 ? 3.3 0.3 50 55 90 ? 50 ? 15 125 160 ? 110 ? maximum clock frequency f max ? 5.0 0.5 50 115 150 ? 100 ? mhz input capacitance c in ? ? 4 10 ? ? pf bus i/o capacitance (a/qa to h/qh) c out ? ? 8 ? ? ? pf power dissipation capacitance c pd (note) ? 110 ? ? ? pf note: c pd is defined as the value of the internal equivalent capacitance which is ca lculated from the operating current consumption without load. average operating current can be obtained by the equation: i cc (opr) c pd v cc f in  i cc
tc74vhc299f/ft 2007-10-01 8 timing requirements (input: t r = t f = 3 ns) test condition ta = 25c ta = 40 to 85c characteristics symbol v cc (v) typ. limit limit unit minimum pulse width (ck) t w (h) t w (l) ? 3.3 0.3 5.0 0.5 ? ? 7.0 7.0 8.0 8.0 ns minimum pulse width ( clr ) t w (l) ? 3.3 0.3 5.0 0.5 ? ? 6.0 6.0 7.0 7.0 ns minimum set-up time (sl, sr) t s ? 3.3 0.3 5.0 0.5 ? ? 8.5 5.0 10.0 5.0 ns minimum set-up time (a to h) t s ? 3.3 0.3 5.0 0.5 ? ? 8.0 4.0 9.0 4.0 ns minimum set-up time (s0, s1) t s ? 3.3 0.3 5.0 0.5 ? ? 14.5 7.0 17.0 8.0 ns minimum hold time (sl, sr) t h ? 3.3 0.3 5.0 0.5 ? ? 1.0 1.0 1.0 1.0 ns minimum hold time (a to h) t h ? 3.3 0.3 5.0 0.5 ? ? 0.5 1.5 0.5 1.5 ns minimum hold time (s0, s1) t h ? 3.3 0.3 5.0 0.5 ? ? 0 0.5 0 0.5 ns minimum removal time ( clr ) t rem ? 3.3 0.3 5.0 0.5 ? ? 5.0 4.0 6.0 4.0 ns noise characteristics (input: t r = t f = 3 ns) test condition ta = 25c characteristics symbol v cc (v) typ. limit unit quiet output maximum dynamic v ol v olp c l = 50 pf 5.0 0.9 1.2 v quiet output minimum dynamic v ol v olv c l = 50 pf 5.0 0.9 1.2 v minimum high level dynamic input voltage v ihd c l = 50 pf 5.0 ? 3.5 v maximum low high level dynamic input voltage v ild c l = 50 pf 5.0 ? 1.5 v
tc74vhc299f/ft 2007-10-01 9 input equivalent circuit a/qa to h/ qh bus terminal equivalent circuit input i/o
tc74vhc299f/ft 2007-10-01 10 package dimensions weight: 0.22 g (typ.)
tc74vhc299f/ft 2007-10-01 11 package dimensions weight: 0.08 g (typ.)
tc74vhc299f/ft 2007-10-01 12 restrictions on product use ? toshiba corporation, and its subsidiaries and affiliates (collect ively ?toshiba?), reserve the right to make changes to the in formation in this document, and related hardware, software a nd systems (collectively ?product?) without notice. ? this document and any information herein may not be reproduc ed without prior written permission from toshiba. even with toshiba?s written permission, reproduc tion is permissible only if reproducti on is without alteration/omission. ? though toshiba works continually to improve product?s quality a nd reliability, product can malfunction or fail. customers are responsible for complying with safety standards and for prov iding adequate designs and safeguards for their hardware, software and systems which minimize risk and avoid situat ions in which a malfunction or failure of product could cause loss of human life, b odily injury or damage to property, including data loss or corruption. before creating and producing des igns and using, customers mus t also refer to and comply with (a) the latest versions of all re levant toshiba information, including without limitation, this d ocument, the specifications, the data sheets and applic ation notes for product and the precautions and conditions set forth in the ?tosh iba semiconductor reliability handbook ? and (b) the instructions for the application that product will be used with or for. custome rs are solely responsible for all aspects of t heir own product design or applications, incl uding but not limited to (a) determining th e appropriateness of the use of this product in such design or applications; (b) evaluating and det ermining the applicability of any information contained in this document, or in charts, diagrams, programs, algorithms, sample application circuits, or any other referenced documents; and (c) validating all operating parameters for such designs and applications. toshiba assumes no liability for customers? product design or applications. ? product is intended for use in general el ectronics applications (e.g., computers, personal equipment, office equipment, measur ing equipment, industrial robots and home electroni cs appliances) or for specif ic applications as expre ssly stated in this document . product is neither intended nor warranted for use in equipment or systems that require extraordinarily high levels of quality a nd/or reliability and/or a malfunction or failure of which may cause loss of human life, bodily injury, serious property damage or se rious public impact (?unintended use?). unintended use includes, without limitation, equipment used in nuclear facilities, equipment used in the aerospace industry, medical equipment, equipment used for automobiles, trains, ships and other transportation, traffic s ignaling equipment, equipment used to control combustions or explosions, safety dev ices, elevators and escalato rs, devices related to el ectric power, and equipment used in finance-related fields. do not use product for unintended use unless specifically permitted in thi s document. ? do not disassemble, analyze, reverse-engineer, alter, modify, translate or copy product, whether in whole or in part. ? product shall not be used for or incorporated into any products or systems whose manufacture, use, or sale is prohibited under any applicable laws or regulations. ? the information contained herein is pres ented only as guidance for product use. no re sponsibility is assumed by toshiba for an y infringement of patents or any other intellectual property rights of third parties that may result from the use of product. no license to any intellectual property right is granted by this document, whether express or implied, by estoppel or otherwise. ? absent a written signed agreement, except as provid ed in the relevant terms and conditions of sale for product, and to the maximum extent allowable by law, toshiba (1) assumes no liability whatsoever, including without limitation, indirect, co nsequential, special, or incidental damages or loss, including without limitation, loss of profit s, loss of opportunities, business interruption and loss of data, and (2) disclaims any and all express or implied warranties and conditions related to sale, use of product, or information, including warranties or conditions of merchantability, fitness for a particular purpose, accuracy of information, or noninfringement. ? do not use or otherwise make available product or related so ftware or technology for any military purposes, including without limitation, for the design, development, use, stockpiling or m anufacturing of nuclear, chemical , or biological weapons or missi le technology products (mass destruction w eapons). product and related software and technology may be controlled under the japanese foreign exchange and foreign trade law and the u.s. expor t administration regulations. ex port and re-export of product or related software or technology are strictly prohibited exc ept in compliance with all applicable export laws and regulations. ? please contact your toshiba sales representative for details as to environmental matters such as the rohs compatibility of pro duct. please use product in compliance with all applicable laws and regula tions that regulate the inclusion or use of controlled subs tances, including without limitation, the eu rohs directive. toshiba assumes no liability for damages or losses occurring as a result o f noncompliance with applicable laws and regulations.


▲Up To Search▲   

 
Price & Availability of TC74VHC299F-12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X