Part Number Hot Search : 
MAX96701 FSMD1206 XB0126P 60N60 TCC20L25 68200 22001 C2604
Product Description
Full Text Search
 

To Download SPU40105 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  spu40 series 40w desk t op switching power supplies f or i.t .e. wide input v oltage 90 to 264 vac,47 to 63 hz iec -320- c14 input inlet single output optional output connector (see appendix) over v oltage protection (crowbar design) splash proofclass i cec and energy star compliance approved as limited p ower source (lps). 2 year warranty saf ety a ppr o vals : electrical char acteristics: description: f ea tur es: en vir onmental : hr relat ive humid ity opera ting tempe ratur e at 25 c , calcu lated per mil-h dbk-2 17f 5 0.1m 95 hrs % toper o p e r a t i n g t e m p e r a t u r e tstg mtbf s t o r a g e t e m p e r a t u r e pd 0 70 8 5 -40 s y m . p a r a m e t e r m i n . t y p . m a x . u n i t derat e lin early from 100% load at 4 0 c t o 50% load at 7 0 c t e s t condi tions c c the spu40 series of ac/dc switching mode power supplies provide 40 w atts of continuous output power and is well- suited for a variety of applications. all supplies are ul 94v -1 min compliant. all models meet fcc p ar t-15 class b and cispr -22 class b emission limits and are designed to comply with ul/c-ul(ul 60950-1), tuv/gs(en 60950-1) and new ce requirements. all units are 100% burned in and tested. c b s e p s y m . p a r a m e t e r t e s t co n d it io n s m in . t y p . m a x . un it vin input voltage oper ating v oltage 90 264 vac f in input frequenc y 47 63 hz p o output power r ange vi n=90 to 264vac 0 40 w vo output voltage range se e rat ing chart v io output current range se e rat ing chart a iil input current (low lin e) io =full l oad, vin =115vac 1 a iih input current (high li ne) io =full l oad, vin =230vac 0 . 5 a irl low li ne inrus h curren t io =full l oad, 25 e c , cool start, vi n=115va c 2 0 25 a irh high l ine inru sh curre nt io =full l oad, 25 e c , cool start, vi n=230va c 4 2 5 0 a eff effici ency io =full l oad, vin =230vac 7 8 8 3 90 % r eg - i line r egulatio n io =full l oad 0 .5 1 % r eg - o load r egulatio n vi n=230va c 3 7 % ovp over v oltage p rotectio n 112 132 % ocp over c urrent p rot ectio n 110 150 % ttr time o f transi ent resp onse io =full load to half load, vin=100 vac 4 ms t hold hold - u p time io =full l oad, vin =1 1 0vac 1 2 ms ts start up time io =full l oad, vin =100vac 0.3 0.5 s vrn ripple & no ise (peak to pea k) fu ll load , vin=90 v ac 0 .5 1 % ilk safety ground lea kage curre nt io =full l oad, vin =240vac 0 .5 0.75 ma t c temper ature co efficien t al l outpu t - 0.04 0.0 4 %/ e c p n o no - loa d power consumpt ion no load, vin=240v ac 0 .3 0.5 w a g r e e t o a p p l y f o r t h e p s e i f o r d e r o n h a n d
spu40 series n o t e : 1 . d i m e n s i o n s a r e s h o w n i n m m . 2 . w e i g h t : 2 7 5 g s a p p r o x . 3 . o p t i o n a l o u t p u t c o n n e c t o r : s e e p a g e a p p e n d i x . saf ety specifica tions: output v olta ge and cur r ent ra ting char t ( single output ) : p a r a m e t e r t e s t condit ions m i n . t y p . m a x . u n i t d i e l e c t r i c w i t h s t a n d i n g v o l t a g e f o r p r i m a r y t o s e c o n d a r y prima ry to se conda ry 4242 vdc prima ry to gr ound 2121 t e s t v o l t a g e = 5 0 0 v d c 50 m vin=2 20vac b class s y m . vps vpg ri s c i s p r fcc isola tion resis tance e m i r e q u i r e m e n t s f o r c i s p r - 2 2 vin=1 10vac vdc b class d i e l e c t r i c w i t h s t a n d i n g v o l t a g e f o r p r i m a r y t o g r o u n d e m i r e q u i r e m e n t s f o r f c c p a r t - 1 5 40w desk t op switching power supplies f or i.t .e. mec hanical specifica tions : m o d e l . 1 0 2 ~ 1 0 5 s h a l l u s e  a w g # 1 6 , 4 f t l o n g  t o m e e t t h e r e q u i r e m e n t o f c e c . m o d e l . 1 0 6 ~ 1 1 1 s h a l l u s e  a w g # 1 8 , 4 f t l o n g  t o m e e t t h e r e q u i r e m e n t o f c e c . t h e r e g u l a t i o n w i l l b e c h a n g e d b y m o d i f i e d o u t p u t c a b l e . m o d e l num b e r ou tp u t v o lt a g e ou tp u t cu rre n t t o t a l re g u la ti o n m a x im u m ou tp u t pow e r s p u 4 0 - 10 2 5 ~ 0 6 v dc 5 . 00 ~ 4 .1 6 a 5 % 2 5 w s p u 4 0 - 10 3 6 ~ 0 8 vd c 5 . 00 ~ 3 .7 5 a 5 % 3 0 w s p u 4 0 - 10 4 8 ~ 11 v dc 4 . 37 ~ 3 .1 8 a 4 % 3 5 w s p u 4 0 - 10 5 1 1 ~ 1 3 v dc 3 . 63 ~ 3 . 0 7 a 3 % 4 0 w s p u 4 0 - 10 6 1 3 ~ 1 6 v dc 3 . 07 ~ 2 . 5 0 a 3 % 4 0 w s p u 4 0 - 10 7 1 6 ~ 2 1 v dc 2 . 50 ~ 1 .9 0 a 3 % 4 0 w s p u 4 0 - 10 8 2 1 ~ 2 7 v dc 1 . 90 ~ 1 . 4 8 a 2 % 4 0 w s p u 4 0 - 10 9 2 7 ~ 3 3 v dc 1 . 48 ~ 1 . 2 1 a 2 % 4 0 w s p u 4 0 - 1 1 0 3 3 ~ 4 0 v dc 1 . 21 ~ 1 . 0 0 a 2 % 4 0 w s p u 4 0 - 1 1 1 4 0 ~ 5 0 v dc 1 . 00 ~ 0 .8 0 a 2 % 4 0 w m a r k " " m e a n s " p s e a p p r o v a l " * * * * * t h e m o d e l h a d b e e n a p p r o v e d b y c e c l e v e l i v n u m b e r o f 1 0 2 ~ 1 0 4 . t h e m o d e l h a d b e e n a p p r o v e d b y c e c l e v e l v n u m b e r o f 1 0 5 ~ 1 1 1 .


▲Up To Search▲   

 
Price & Availability of SPU40105

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X