Part Number Hot Search : 
CXD3003R VLP210F MBR5200D 00111 255DE 2003M IW4050BN THD277HI
Product Description
Full Text Search
 

To Download SMA5101 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  90512 tkim/o0610am tkim tc-00002495 no. a1839-1/7 http://onsemi.com semiconductor components industries, llc, 2013 august, 2013 SMA5101 mmic mixer, iip3=15dbm, gc=-0.5db@450mhz, mcph6 stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above t he recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may affect device reliabili ty. features ? wide band : up to ku band ? high conversion gain : --0.5db (@450mhz) ? low distortion : iip3=20dbm (@i cc > 11ma) ? low voltage available : 1.2v and above ? smt, ultra small package : 2.02.10.85mm ? halogen free compliance speci cations absolute maximum ratings at ta=25 c parameter symbol conditions ratings unit collector-to-base voltage v cbo 8v collector-to-emitter voltage v ceo 6v emitter-to-base voltage v ebo 2v collector current i cc 50 ma max power dissipation p c 280 mw operating temperature topr --40 to +85 c storage temperature tstg --55 to +150 c package dimensions unit : mm (typ) 7022a-020 ordering number : ena1839a product & package information ? package : mcph6 ? jeita, jedec : sc-88, sc-70-6, sot-363 ? minimum packing quantity : 3,000 pcs./reel packing type : tl marking equivalent circuit tl 1 : base2 2 : collector1 3 : collector2 4 : emitter2 5 : emitter1 6 : base1 mcph6 2.0 0.25 1.6 2.1 0.25 0.85 0.3 0.65 0.15 0 to 0.02 0.07 654 123 654 123 SMA5101-tl-h ld lot no. lot no. 1 6 2 3 4 5 it15506
SMA5101 no. a1839-2/7 recommended operating condition at ta=25 c parameter symbol conditions ratings unit min typ max supply voltage v c1e1 1.236v v c2e1 1.236v v c1e2 1.236v v c2e2 1.236v electrical characteristics at ta=25c parameter symbol conditions ratings unit min typ max collector cutoff current i c1b1o v c1b1 =5v 1 a i c2b1o v c2b1 =5v 1 a i c1b2o v c1b2 =5v 1 a i c2b2o v c2b2 =5v 1 a emitter cutoff current i e1b1o v e1b1 =1v 1 a i e2b1o v e2b1 =1v 1 a i e1b2o v e1b2 =1v 1 a i e2b2o v e2b2 =1v 1 a dc current gain h fe 1v c1e1 =1v, i c1e1 =3ma 20 120 h fe 2v c2e1 =1v, i c2e1 =3ma 20 120 h fe 3v c1e2 =1v, i c1e2 =3ma 20 120 h fe 4v c2e2 =1v, i c2e2 =3ma 20 120 conversion gain *1 gc v cc =5v, i cc =6ma, f(rf)=450mhz, f(lo)=500mhz, p(rf)=--15dbm, p(lo)=--6dbm --0.5 db input intercept point *1 iip3 v cc =5v, i cc =6ma, f(rf1)=450mhz, f(rf2)=451mhz, f(lo)=500mhz, p(rf1)=p(rf2)=--15dbm, p(lo)=--6dbm 15 dbm * 1 : on evaluation board ordering information device package shipping memo SMA5101-tl-h mcph6 3,000pcs./reel pb free and halogen free measurement circuit 0.1 f 0.1 f 0.1 f 0.1 f 10k balun balun balun if SMA5101 vb v cc lo rf ld it15507
SMA5101 no. a1839-3/7 evaluation board circuit example (self bias) lo vb v cc if rf it15508 t1 t2 t3 c1 c2 c3 c4 r1 r2 ic ic : SMA5101 t1 to t3 : balun c1 to c4 : 0.1 f r1 : 10k r2 : 0 (short) 0.1 f 0.1 f 0.1 f 0.1 f balun balun balun if SMA5101 v cc rbias lo rf ld it15509
SMA5101 no. a1839-4/7 p1db -- i cc p1db -- dbm collector current, i cc -- ma iip3 -- i cc iip3 -- dbm collector current, i cc -- ma gc -- i cc gc -- db collector current, i cc -- ma it15978 0 5 10 15 25 20 25 15 10 5 20 0 --3dbm p(lo)= --6dbm 0dbm v cc =5v f(rf1)=450mhz f(rf2)=451mhz f(lo)=500mhz p(rf)= --15dbm 0 5 10 15 25 20 it15976 10 0 -- 5 5 -- 10 --6dbm v cc =5v f(rf)=450mhz f(lo)=500mhz p(lo)= --3dbm 0dbm 0 5 10 15 25 20 it15977 10 0 -- 5 5 -- 10 --6dbm v cc =5v f(rf)=450mhz f(lo)=500mhz p(rf)= --15dbm p(lo)= --3dbm 0dbm
SMA5101 no. a1839-5/7 embossed taping speci cation SMA5101-tl-h
SMA5101 no. a1839-6/7 outline drawing land pattern example SMA5101-tl-h mass (g) unit 0.008 * for reference mm unit: mm 0.65 0.65 0.4 2.1 0.6
SMA5101 ps no. a1839-7/7 on semiconductor and the on logo are registered trademarks of semiconductor components industries, llc (scillc). scillc owns th e rights to a number of patents, trademarks, copyrights, trade secrets, and other intellectual property. a listing of scillc?s product/patent covera ge may be accessed at www.onsemi.com/site/pdf/patent-marking.pdf. scillc reserves the right to make changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc ass ume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation sp ecial, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different ap plications and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life , or for any other application in which the failure of the scillc product could create a situation where personal injury or death may occur. should buyer purchas e or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its officers, employees, subsidiarie s, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the d esign or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws a nd is not for resale in any manner.


▲Up To Search▲   

 
Price & Availability of SMA5101

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X