|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
1 of 13 optimum technology matching? applied gaas hbt ingap hbt gaas mesfet sige bicmos si bicmos sige hbt gaas phemt si cmos si bjt gan hemt functional block diagram rf micro devices?, rfmd?, optimum technology matching?, enabling wireless connectivity?, powerstar?, polaris? total radio? and ultimateblue? are trademarks of rfmd, llc. bluetooth is a trade- mark owned by bluetooth sig, inc., u.s.a. and licensed for use by rfmd. all other trade names, trademarks and registered tradem arks are the property of their respective owners. ?2012, rf micro devices, inc. product description 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or customerservice@rfmd.com . ordering information bifet hbt ldmos tx rx ant pa_en n/c lna_en c_rx bt c_bt n/c vdd pdet vcc vcc 3 1 12 2 13 11 10 9 8 7 6 5 4 14 15 16 gnd gnd RFFM8200 2.4ghz to 2.5ghz 802.11b/g/n wifi front end module the RFFM8200 provides a complete inte grated solution in a single front end module (fem) for wifi 802.11b/g/n and bluetooth ? systems. the ultra small form factor and integrated matching greatly reduces the num- ber of external components and layout area in the customer application. this simplifies the total front end soluti on by reducing the bill of materials, system footprint, and manufacturabil ity cost. the RFFM8200 integrates a 2.4ghz power amplifier (pa), low nois e amplifier (lna) with bypass mode, power detector coupler for improved accuracy, and some filtering for har- monic rejection. the device is provided in a 3mm x 3mm x 1.0mm, 16-pin package. this module meets or exceeds the rf front end needs of ieee 802.11b/g/n wifi rf systems. features ? integrated 2.5ghz b/g/n amplifier, lna with bypass mode, sp3t switch, and power detector coupler ? single supply voltage 3.0v to 4.8v ? 11n p out = 18dbm, 2.5% dynamic evm ? 11b p out = 21dbm, meeting spectral mask applications ? cellular handsets ? mobile devices ? tablets ? consumer electronics ? gaming ? netbooks and notebooks ? tv, monitors, and video ? smart energy ami RFFM8200sb standard 5 pieces sample bag RFFM8200 standard 25 pieces sample bag RFFM8200sr standard 100 pieces reel RFFM8200tr7 standard 2500 pieces reel RFFM8200pck-410 fully assembled evaluation board with 5-piece bag ds120713 ? ? package style: laminate, 16-pin, 3mm x 3mm x 1.05mm
2 of 13 RFFM8200 ds120713 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or customerservice@rfmd.com . absolute maximum ratings parameter rating unit dc supply voltage (continuous with no damage) 5.4 v dc supply current 500 ma operating ambient temperature -40 to +85 c storage temperature -40 to +150 c maximum tx input power into 50 ? load for 11b/g/n (no damage) +5 dbm maximum rx input power into 50 ? load(no damage) +5 dbm moisture sensitivity msl3 parameter specification unit condition min. typ. max. 2.4ghz transmit parameters compliance ieee802.11b/g/n, fcc cfg 15.247,.205,.209, en, and jdec nominal conditions v cc = 3.3v to 4.2v; pa_en = v ctrl = v cc -0.2v; p out =18dbm; duty cycle=50%; temp= -10c to +70c; freq = 2412mhz to 2484mhz; modulation 11n mcs7 20mhz, unless noted otherwise. operating frequency range 2.412 2.484 ghz power supply 3.0 3.3 4.8 v voltage supply operating range pa_en voltage on 2.8 3.1 4.8 v pa on, control voltage not to exceed v cc off 0.00 0.20 v pa off dynamic evm 2 2.5 % temp = 25c 22.5%p out = 17dbm adjacent channel power acp1 -36 -33 dbc p out = 23dbm, 1mbps; 100% duty cycle; +/- 11mhz offset from carrier acp2 -56 -52 dbc p out = 23dbm, 1mbps; 100% duty cycle; +/- 22mhz offset from carrier gain 24 26.5 28 db v cc = 3.3v; temp=25c 23 26.5 29 db gain flatness at rated power and a given supply voltage channel 20mhz bw -0.25 0.25 db v cc = 3.3v; 100% duty cycle; temp=25c channel 40mhz bw -0.5 0.5 db frequency 100mhz bw -1 1 db out of band rejection 8 dbc 2110 to 2170mhz; cw signal; temp=25c; v cc = 3.3v caution! esd sensitive device. exceeding any one or a combination of the absolute maximum rating conditions may cause permanent damage to the device. ex tended application of absolute maximum rating conditions to the device may reduce device reliability. specified typical perfor- mance or functional operation of the devi ce under absolute maximum rating condi- tions is not implied. the information in this publication is believed to be accurate and reliable. however, no responsibility is assumed by rf micro devices, inc. ("rfmd") for its use, nor for any infringement of patents, or other rights of third parties, resulting from its use. no license is granted by implication or otherwise under any patent or patent rights of rfmd. rfmd reserves the right to change component circuitry, recommended appli- cation circuitry and specifications at any time without prior notice. 3 of 13 RFFM8200 ds120713 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or customerservice@rfmd.com . parameter specification unit condition min. typ. max. 2.4ghz transmit parameters (continued) power detector voltage at p out = 0dbm 0 0.15 0.2 v v cc = 3.3v voltage at p out = 18dbm 0.6 0.7 0.8 v v cc = 3.3v voltage target at 23dbm p out 1.21.351.5 vv cc = 3.3v variation over phase -1.5 1.5 db up to 3:1 vswr; 0 to 360 load pull; temp=25c current consumption i cc 195 210 ma v cc = 3.3v; temp = 25c 200 230 ma quiescent current 160 200 ma ?rf off? fem leakage current 2 10 ? av cc = 4.8v, rf off input port return loss 9.6 12 db output port return loss 10 15 db ruggedness no damage conditions: max operating voltage, max input power, max temperature output vswr 10:1 all phase angles, no spurious or oscillations input power 0 dbm stability pa must be stable from 0dbm to 21dbm. cw signal, no spurs above -41.25dbm for non-harmonic related sig- nals. output vswr 4:1 all phase angles, no spurious or oscillations out-of-band emissions 2310mhz to 2390mhz and 2483.5mhz to 2500mhz (note 1) -41.25 dbm/mhz p out = 17dbm, 54mbps ofdm modulation, 64qam, rbw = 1mhz, vbw = 100khz, v cc = 3.3v; temp=25c -41.25 dbm/mhz p out = 20dbm, 11mbps cck modulation, rbw = 1mhz, vbw = 100khz, v cc = 3.3v; temp=25c harmonics 11b modulation, 1mbps, bw = 1mhz; p out = 21.5dbm second -15 dbm 4.80ghz to 5.00ghz t h i rd - 4 5 - 3 0 d b m 7. 2 0 g h z to 7. 5 0 g h z noise power at 2170mhz -134 dbm/hz temp=25c turn-on/off time 200 600 ns output from 10% to 90% of final gain note 1: the output power for channels 1 and 11 may be reduced to meet fcc restricted band requirements. 4 of 13 RFFM8200 ds120713 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or customerservice@rfmd.com . parameter specification unit condition min. typ. max. 2.4ghz receive parameters compliance ieee802.11b/g/n, fcc cfg 15.247,.205,.209, en, and jdec nominal conditions v cc = 3.3v to 4.2v; lna_en = v ctrl = v cc -0.2v; temp= -10c to +70c; freq = 2412mhz to 2484mhz; cw signal; unless noted otherwise. frequency range 2.412 2.484 ghz lna voltage supply 3.0 3.3 4.8 v lna v dd tied to v batt at all times lna current 8 13 ma gain receive 111315dblna on; v cc = 3.3v; temp= 25c 10.5 13 15.5 db bypass mode -12 -10 -8 db lna off; c_rx = high noise figure 2 3 db lna on input ip3 3 5 dbm temp=25c input p1db -10 -5 dbm output return loss 8.5 db input return loss 4 5 db bluetooth tx/rx parameters nominal conditions v cc =3.3v to 4.2v; v ctrl = v cc -0.2v; temp= -10c to +70c; freq = 2412mhz to 2484mhz; cw signal; unless noted otherwise. frequency 2.412 2.484 ghz insertion loss 0.9 1.2 db input/output return loss 9.6 db switch in bluetooth mode input p1db 25 30 dbm other requirements isolation tx to rx 30 35 db in tx mode (measured from ant to rx port) bt to rx 25 27 db in bt mode (measured from ant to rx port) tx to bt 15 18 db in tx mode (measured from ant to bt port) rx to bt 18 25 db in rx high gain mode (measured from ant to bt port) rx to bt (bypass mode) 18 20 db in rx bypass mode (measured from ant to bt port) switch control voltage c rx, c bt, lna_en, and pa_en control lines low 0 0.2 v high 2.8 3.1 4.8 v not to exceed v cc switch control current 10 100 ? a per control line enable control current 60 100 ? a pa_en, lna_en, over v cc , frequency and temperature switch control speed 100 nsec esd human body model 500 v eia/jesd22-114a rf pins 1000 v eia/jesd22-114a dc pins charge device model 250 v jesd22-c101c all pins 5 of 13 RFFM8200 ds120713 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or customerservice@rfmd.com . RFFM8200 control logic operating mode pa_en lna_en c_rx c_bt transmit high low low low receive low high high low bypass low low high low bluetooth low low low high standby low low low low 6 of 13 RFFM8200 ds120713 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or customerservice@rfmd.com . pin out pin function description 1pdet power detector voltage for tx section. pdet voltage varies with output power. may need external capacitor for noise decoupling. 2nc no connect pin. 3vcc supply voltage for the pa. see applications schematic for biasing and bypassing components. 4vcc supply voltage for the pa. see applications schematic for biasing and bypassing components. 5tx rf input port for the pa. input is matched to 50 ? and dc block is provided internally. 6pa_en control voltage for the pa bias circuit. see control logic table for proper settings. 7nc no connect pin. 8rx rf output port for the lna. input is matched to 50 ? and dc block is provided internally. 9lna_en control voltage for the lna. when this pin is set to a low logic state, the bypass mode is enabled. 10 vdd supply voltage for the lna and regulator. see appl ications schematic for biasing and bypassing compo- nents. 11 bt rf bidirectional port for bluetooth ?? input is matched to 50 ? and dc block is provided. 12 gnd ground connection. 13 c_bt bluetooth ? switch control pin. see control logic table for proper settings. 14 c_rx receive switch control pin. see control logic table for proper settings. 15 gnd ground connection. 16 ant rf bidirectional antenna port matched to 50 ? and dc block is provided internally. pkg base gnd ground connection. the backside of the package should be connected to the ground plane through a short path; pcb vias under the device are recommended. tx rx ant pa_en lna_en c_rx bt c_bt n/c vdd pdet vcc vcc 7 5 16 6 1 15 14 13 12 11 10 9 8 2 3 4 gnd gnd n/c 7 of 13 RFFM8200 ds120713 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or customerservice@rfmd.com . package drawing notes: 1. shaded area represents pin 1 location 8 of 13 RFFM8200 ds120713 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or customerservice@rfmd.com . RFFM8200 pcb footprint and stencil recommendations notes: 1. shaded area represents pin 1 location 2. thermal vias for center slug ?c? should be incorporated into the pcb design. the number and size of thermal vias will depend on the application, power dissipation and electrical requirements. example of the number and size of vias can be found on the rfm d evaluation board layout (gerber files are available upon request). 9 of 13 RFFM8200 ds120713 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or customerservice@rfmd.com . applications schematic note: pins 2, 7, 12 and 15 are not connected internally. these pins can be left floating or grounded. it is recommended to follow rfmd evaluation board layout. pdet c_rx bt vcc 1uf lna_en c_bt nc vdd tx rx pa_en 0.1uf nc 7 5 16 6 1 15 14 13 12 11 10 9 8 2 3 4 ant 10 of 13 RFFM8200 ds120713 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or customerservice@rfmd.com . evaluation board layers mid layer2 mid layer1 top bottom 11 of 13 RFFM8200 ds120713 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or customerservice@rfmd.com . RFFM8200 transmit performance plots 802.11n mcs7 ht20 performance plots 20 21 22 23 24 25 26 27 28 29 30 1 2 3 4 5 6 7 8 9 10111213141516171819202122 gain (db) output power (dbm) gain versus output power vcc = 3.3v pa_en = 3.1v temperature = 25c 2412 mhz 2442 mhz 2484 mhz 20 21 22 23 24 25 26 27 28 29 30 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 gain (db) output power (dbm) gain versus output power vcc = 3.3v pa_en = 3.1v 2442 mhz over temperature 70c 25c -10c 0.05 0.1 0.15 0.2 0.25 0.3 0.35 1 2 3 4 5 6 7 8 9 10111213141516171819202122 operang current (a) output power (dbm) operang current versus output power vcc = 3.3v pa_en = 3.1v temperature = 25c 2412 mhz 2442 mhz 2484 mhz 0.05 0.1 0.15 0.2 0.25 0.3 0.35 1 2 3 4 5 6 7 8 9 10111213141516171819202122 operang current (a) output power (dbm) operang current versus output power vcc = 3.3v pa_en = 3.1v 2442 mhz over temperature 70c 25c -10c 12 of 13 RFFM8200 ds120713 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or customerservice@rfmd.com . RFFM8200 transmit performance plots 802.11n mcs7 ht20 performance plots 0 1 2 3 4 5 6 7 8 12345678910111213141516171819202122 evm(%) output power (dbm) evm versus output power vcc = 3.3v pa_en = 3.1v temperature = 25c 2412 mhz 2442 mhz 2484 mhz 0 1 2 3 4 5 6 7 8 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 evm(%) output power (dbm) evm versus output power vcc = 3.3v pa_en = 3.1v 2442 mhz over temperature 70c 25c -10c 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 pdet (v) output power (dbm) power detector versus output power vcc = 3.3v pa_en = 3.1v temperature = 25c 2412 mhz 2442 mhz 2484 mhz -50 -40 -30 -20 -10 0 10 20 30 1234 db frequency in ghz transmit mode small signal vcc = 3.3v pa_en = 3.1v temperature = 25c s21 s22 s11 s12 13 of 13 RFFM8200 ds120713 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or customerservice@rfmd.com . RFFM8200 receive and bluetooth performance plots -10 -5 0 5 10 15 20 12345 gain (db) frequency in ghz lna gain versus frequency v dd = 3.3v lna_en = 3.1v temperature = 25c s21 log mag -20 -15 -10 -5 0 5 10 12345 gain (db) frequency in ghz lna bypass versus frequency v dd = 3.3v lna_en = 0.2v c_rx = 3.1v temperature = 25c s21 log mag 0 5 10 15 20 -20 -15 -10 -5 lna current (ma) input power (dbm) 2412 mhz 2442 mhz 2484 mhz -20 -15 -10 -5 0 5 10 12345 gain (db) frequency in ghz ant - bluetooth versus frequency v dd = 3.3v lna_en = 0.2v c_bt = 3.1v temperature = 25c s21 log mag lna current versus input power v dd = 3.3v lne_en = 3.1v temperature = 25c 0 2 4 6 8 10 12 14 16 18 20 -20 -15 -10 -5 lna current (ma) input power (dbm) lna current versus input power vdd = 3.3v lne_en = 3.1v 2442 mhz over temperature 70 c 25 c -10 c 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 2.412 2.422 2.432 2.442 2.452 2.462 2.472 2.482 noise figure (db) frequency (ghz) noise figure versus frequency vdd = 3.3v lna_en = 3.1v over temperature 70c 25c -10c |
Price & Availability of RFFM8200 |