Part Number Hot Search : 
ID244H01 LM211D 00200 02800 BU2286FV L1040 SAA7187 NJM4556A
Product Description
Full Text Search
 

To Download PT61011 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  PT61011 - lan 10/100 base-tx features ieee.802.3 ethernet compatible dual channel 16-pin smd lead free versions available (see how to order) lead free versions are rohs compliant* applications ethernet 16 15 14 1 2 tx 3 1:1 11 10 9 6 7 rx 8 1:1 electrical specifications @ 25 c inductance - open circuit ....350 h min. (100 khz, 0.2 v with 8 ma dc bias) turns ratio (? %) ................tx 1ct : 1ct; rx 1ct : 1 ct leakage inductance ............0.5 h max. dcr ..................................0.9 ohms max. insertion loss 0.1 - 100 mhz ..................-1.0 db max. return loss (@ 100 ohms) 0.1 - 30 mhz ......................-18 db min. 30 - 60 mhz ......................-14 db min. 60 - 80 mhz ......................-11 db min. cross talk 0.1 - 100 mhz ....................-35 db min. common mode rejection ratio 1 - 100 mhz........................-40 db typ. cww ......................................25 pf max. isolation ....................................1500 vac operating temperature ....0 ? to +70 ? *ct: center tap packaging specifications tube ....................................18 pcs./tube reel......................................750 pcs./reel electrical schematic product dimensions recommended layout 1.27 (0.050) 11.6 ?0.3 (0.457 ?0.012) 6.9 ?0.3 (0.272 ?0.012) 9.1 ?0.3 (0.358 ?0.012) 0.46 (0.018) logo pin 1 date code p/n 0.25 ?0.13 (0.010 ?0.005) 0.25 ?0.10 (0.010 ?0.004) 0?~8? 5.6 ?0.3 (0.220 ?0.012) 0.7 ?0.3 (0.028 ?0.012) 0.64 (0.025) 1.27 (0.050) 10.66 (0.420) 6.86 (0.270) 8.89 (0.350) dimensions are: mm (inches) *rohs directive 2002/95/ec jan 27 2003 including annex specifications are subject to change without notice. customers should verify actual device performance in their specific applications. rev. 04/06 *rohs compliant versions available how to order PT61011 __ __ model packaging blank = 18 pcs./tube e = 750 pcs./reel termination coating blank = tin-lead l = 100 % tin (lead free) reliable electronic solutions asia-pacific: tel +886-2 25624117 ?fax +886-2 25624116 europe: tel +41-41 7685555 ?fax +41-41 7685510 the americas: tel +1-951 781-5500 ?fax +1-951 781-5700 www.bourns.com copyright?2006, bourns, inc. litho in u.s.a. e 03/06 ic0614


▲Up To Search▲   

 
Price & Availability of PT61011

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X