Part Number Hot Search : 
MC33349 MAX2740 ROCHI BYV26BZ FM340 KA78M20R HA13421A 3021F
Product Description
Full Text Search
 

To Download PL00130-WCA02 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  *flat lens thin package 1.6 x 0.8 x 0.8mm *low current requirements *high light output *compatible with ir solder - process *industry standard footprint *4000 pcs per reel *rohs compliant electrical & optical characteristics at t a = 25 c part number emitting color chip material viewing angle 2 ? 1/2 forward voltage @ 20ma (v) luminous intensity @ 20ma (mcd) dominant wave length peak wave length water clear lens (nm) (nm) deg typ max min typ pl00130 - wca02 amber gaasp 605 610 110 2.2 2.6 3.6 7.2 features package dimensions are in millimeters . tolerance is 0. 15mm unless otherwise specified. pl00130 series smd led 0603 package top view absolute maximum ratings at t a = 25 c power dissipation ..... 65mw reverse voltage (<1 0a) .................. 5.0v max forward current .............. 25ma peak forward current (1/10 duty cycle, 0.1ms pulse width) ..... 1 0 0 ma operating temperature range ............ - 40 c to + 8 5 c storage temperature range .......... - 40 c to +85 c reflow soldering temperature .......... 260c for 10 seconds recommended soldering pad layout 11.14.14 rev1 jas tel:(866) 695 4162 tel:(719) 589 3122 fax:(719) 589 3592 www.p - tec.net p - tec corp. 2405 commerce circle alamosa co 81101 0.8 0.7 0.8 led die 0.8 1.0 0.8 1.6 0.3 cathode mark 1.0 0.8


▲Up To Search▲   

 
Price & Availability of PL00130-WCA02

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X