Part Number Hot Search : 
18F66J MX7543TD CTC1F ATU18680 RK73H2H 30D60B F115F G5015S
Product Description
Full Text Search
 

To Download NSSW203T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  n i chia st s-da1- 2370 nichia corporation specifications for white led NSSW203T pb-f r e e r e f l o w so lder ing a ppli c at io n r o hs co mp lia nt http://
n i chia st s-da1- 2370 1 specifica t ions (1) ab sol u te maxi mum r a ti ngs item symbol absolute maximum rating unit f o rw ard current i f 25 ma pulse f o rw ard current i fp 80 ma r evers e v o lta g e v r 5 v po w e r d i s s i p a t i o n p d 88 mw oper ati n g t e m p er ature t op r - 30~85 c stor age t e mper ature t st g - 40~100 c jun c t i on t e mp er ature t j 100 c * abs o l u te maxi mum r a t i ngs at t a =25c. * i fp co ndit io n s wi th pu ls e wi dth 1 0 m s an d dut y cycl e 10%. ( 2 ) in it ial e l ect r ical/ o pt i cal c h ar acterist ics ite m symbol condition typ unit f orward voltage v f i f =20ma 3.2 v r everse current i r v r =5v - a lum inous flux v i f =20ma 5.1 lm lum inous intensity i v i f =20ma 1.75 cd x - i f =20ma 0.300 - chromaticit y c oordinate y - i f =20ma 0.295 - * char acteristics at t a =25c . * lum i nous f l ux v a l u e as p e r cie 127: 200 7 s t andard . * chrom a t i ci t y coordi nate s as pe r cie 1931 chrom a ti cit y chart .
n i chia st s-da1- 2370 2 ranks item rank min max unit forward voltage - 2. 8 3. 5 v reverse current - - 5 0 a w550 5. 50 5.75 w525 5. 25 5.50 w500 5. 00 5.25 w475 4. 75 5.00 w450 4. 50 4.75 luminous flux w425 4. 25 4.50 lm color r a nks r a nk sa52 rank sa56 x 0. 2800 0. 2720 0. 2820 0. 2880 x 0. 2830 0. 2800 0. 2880 0.2910 y 0. 2480 0. 2580 0. 2720 0. 2620 y 0. 2440 0. 2480 0. 2620 0.2580 r a nk sa57 rank sa62 x 0. 2720 0. 2793 0. 2820 x 0. 2880 0. 2820 0.2910 0.2960 y 0. 2580 0. 2755 0. 2720 y 0. 2620 0. 2720 0.2870 0.2760 r a nk sa66 rank sa67 x 0. 2910 0. 2880 0. 2960 0. 2980 x 0. 2820 0. 2793 0. 2887 0.2910 y 0. 2580 0. 2620 0. 2760 0. 2710 y 0. 2720 0. 2755 0. 2916 0.2870 ra n k s b j 2 rank sbj6 x 0. 2960 0. 2910 0. 2990 0. 3040 x 0. 2980 0. 2960 0. 3040 0.3062 y 0. 2760 0. 2870 0. 3010 0. 2900 y 0. 2710 0. 2760 0. 2900 0.2853 ra n k s b j 7 rank sbk2 x 0. 2910 0. 2887 0. 2968 0. 2990 x 0. 3040 0. 2990 0. 3070 0.3120 y 0. 2870 0. 2916 0. 3058 0. 3010 y 0. 2900 0. 3010 0. 3150 0.3040 ra n k s b k 6 rank sbk7 x 0. 3062 0. 3040 0. 3120 0. 3142 x 0. 2990 0. 2968 0. 3048 0.3070 y 0. 2853 0. 2900 0. 3040 0. 2993 y 0. 3010 0. 3058 0. 3198 0.3150 ra n k s b m 2 rank sbm6 x 0. 3120 0. 3070 0. 3150 0. 3200 x 0. 3142 0. 3120 0. 3200 0.3222 y 0. 3040 0. 3150 0. 3290 0. 3180 y 0. 2993 0. 3040 0. 3180 0.3133 rank sbm7 x 0. 3070 0. 3048 0. 3128 0. 3150 y 0. 3150 0. 3198 0. 3338 0. 3290 * r a nking at t a =25c. * t o ler a nce of mea s ure m e n t s of the f o rward v o ltage is 0 .0 5 v . * t o ler a nce of mea s ure m e n t s of the l u m i n o us f l ux is 7 %. * t o l e r a nc e of m e as urem ents of t h e c h romat i c i t y coordinat e is 0. 005. * a shipm en t shal l co ns is t o f led s in a co m b ina t io n o f the above r a nk s. the per c en t a ge o f each r a nk in the sh ip men t s h al l be deter m ined by ni ch ia.
n i chia st s-da1- 2370 3 chroma ticity d i agram sa52 sa56 sa 5 7 sa 6 2 sa 6 6 sa 6 7 sb j 2 sb j 6 sb j 7 sb k2 sb k6 sb k7 sb m 2 sb m 6 sb m 7 0.20 0.25 0.30 0.35 0.40 0 .20 0.25 0.30 0.35 0.40 x y
n i chia st s-da1- 2370 4 outline dimensions sts- da7- 2472 nssw 203 no. ( g unit: mm) t h is produc t co m p li es wi th ro hs d i re cti v e. u ? ro hs ? m ?? * ( g unit : mm, to le r a n c e : 0 . 1 ) ? item ??`| package materials ??| encapsulating resin materials ?O| electrodes materials | weight description ????` heat-resistant polymer ?`? ? + w? silicone resin (with diffuser and phosphor) ~? + y? ag-plated copper alloy 0. 0021 g ( typ) dimensions do not include mold flash or metal burr. ? ? ?? ? * ka 3.7 (0.63) 0. 56 (0 . 0 7 ) 0.2 5 0. 6 8 0.25 catho d e ano d e ca t h o d e m a r k 3.8 (2.1) (0. 2 1 ) 0.3 0.0 8 0.41 1
n ichia st s-da1- 2370 5 soldering ? r e co mm end e d r e f l ow sold ering co ndi t io n ( lead -free sol d er) ? r e co mm end e d hand so lde r ing cond it ion temperature 350c max soldering time 3sec max r e co mmen d e d sold ering p ad p a ttern ( g unit: mm) 1.68 0.76 0.76 0.45 0.85 0.47 * thi s led is desi gned to be refl ow so l d ered on to a pc b . if dip soldered , n i ch ia can n ot guar antee its r e liabilit y . * r e flow so ld ering mu st not be performed more than twic e. han d sold ering mu st not b e performed more than o n ce. * a v oid r apid cooling. r a mp down th e temp er ature gr adua lly from th e peak temper ature. * n i trogen ref l ow soldering is re co mmend e d. air flow sold ering cond it ion s can cause op tical d e gr adation, caused by h e at and / or atmospher e . * r e pairing should not be d one after th e l e ds ha v e been solder ed. wh en repair i ng is u n a v oidable, a double-h ead solder ing ir on shou ld be u s ed. it should b e confir med b e forehand wh et h e r th e char ac te ri st i cs of th e l e d s wi ll or w i l l not be damaged by repairing . * when sold ering, do not ap ply stre s s to t h e le d whi l e th e le d is hot . 120sec max pre- hea t 180 t o 200c 260c max 10sec max 60sec max above 220c 1 t o 5c per sec
n ichia st s-da1- 2370 6 t a pe and reel dimensions n x xx203x sts- da7- 2473 1 ` ? 7000 * the t ape packing met h od compl i es wi t h j i s c 0806 (packagin g o f elect r o n ic co mp o n ents on c ontinuo u s t apes ) . * j i s c 0 806 ? ` ? ?`? tape 1.75 0 . 1 2 0 .0 5 4 0.1 5.5 0 . 0 5 4 0. 1 12 +0 .3 -0. 1 -0 1.5 +0 . 1 ( g uni t : mm) no. ` ? reel 15. 4 1 60 +1 -0 -0 180 +0 -3 2 1 0 . 8 1 3 0 . 2 ? la b e l 13 +1 ? ` / ` trailer and leader ?? ` ?` e m bossed carrier tape ? ??` to p co ver ta p e f eed di rect ion ` 400mm l e ader witho u t to p co ver ta pe 4 0 0 m m mi n ? ` 160mm trai le r 1 60mm mi n(empty po ckets ) led ? lo aded po ck ets 100 m m l e ader w i th t op co ver t ape 100 mm min(empty poc k et) r e el siz e : 7000pc s 1. 1 0 .1 0.15 0. 0 5 3.9 1 0.1 0.4 0. 1 0.8 0.0 5 catho d e mark
n i chia st s-da1- 2370 7 p a ckaging - t a pe & reel nichia led sts-da7-0006b n x xxxxxx ? label la b e l no . reel ` ?` sea l mo isture-proo f bag ? ? for details, see "lot numbering scheme" in this document. * ? ? ???? ? ? if n o t provide d , it is n o t in d i cat e d on t h e l a b e l . ******* is t h e cus t o m er p a r t n u mber. O ? ? ? ? * ******* ? the l a b e l does no t have the r a n k fi el d fo r u n - ra n k e d pr o d u c ts. * ? ? ? ? rohs nxxx xx xx xxxx led ******* nichia corporation 491 oka, kaminaka, anan, tokushima, japan typ e lot qty . ym xx xx -rrr pcs rohs nxx xxx xx xxxx led ** *** ** rr r pcs typ e rank qty. nichia corporation 491 oka, kaminaka, anan, tokushima, japan reels are shipped with desiccants in heat-seale d moisture-proof bags. ` ? ` de sic c ant s ? pr o d ucts sh ipp e d o n tape a n d r eel a r e p a ck ed in a moistu re-proo f bag. t h ey a r e shipp e d in card bo ard bo xes to p r otect th em fro m exte rnal f orce s during trans p o r ta tio n . ? \ H? y ? B ? ? y * ?` ? ? ? y ? ? * ? Q H n ? u? p ? ? ? ? * * u ? ?` ? n ? g o ?` y ? usin g a n orig inal packaging material or eq u i vale n t in t r an s i t is r e com m en de d. d o not ex po se to wa ter, the box is no t water-resi s t ant. do not drop o r sho c k the box. i t may dama g e th e pr o d ucts. mo is tu re -pr o of ba gs a r e pa ck e d in c a r d bo a r d bo x e s w i th c or r u ga ted pa rti t i on s . ? K ? ` ?
n i chia st s-da1- 2370 8 l o t numbering scheme lot numb er is presented by using th e following alpha n u m er ic cod e . ymxxxx - r r r y - y e a r year y 2009 9 2010 a 2011 b 2012 c 2013 d 2014 e m - m o n t h month m month m 1 1 7 7 2 2 8 8 3 3 9 9 4 4 10 a 5 5 11 b 6 6 12 c xxxx -n ichia's product n u m b er rrr - r ank i ng by color c oordinat e s , r a nking by lu mi nous fl ux
n i chia st s-da1- 2370 9 dera ting characteristics ns s w 2 0 3 s t s -d a 7-24 74 no . de r a t i n g 1 0 10 20 30 40 50 0 2 04 0 6 08 0 1 0 0 1 2 0 (35, 25.0) (85, 5.50) du t y 1 10 10 0 1 1 0 100 25 80 S all owa bl e f orwar d c urr ent ( m a) ? - S am b i e n t t e mp e r a t u r e v s a l lo wa ble f o r w a r d c u r r e n t S allowable forward curr ent(ma) ? a m b i en t t e m p er atu r e( c) ? ` ` d u ty r a ti o ( % ) ` ` - S d u ty r a ti o v s a l l o w a bl e f o r w a r d c u r r e n t t a = 25 c
n i chia st s-da1- 2370 10 optical characteristics ns s w 2 0 3 n o . s t s -d a 7 -24 7 5 spectrum 0. 0 0. 2 0. 4 0. 6 0. 8 1. 0 350 400 45 0 5 0 0 550 600 650 70 0 7 5 0 r e la t i v e i l lu mi n a n c e ( a . u . ) di r e c t iv i t y 1 90 80 70 60 50 40 30 20 10 0 -1 0 -2 0 -3 0 -4 0 -5 0 -6 0 -7 0 -8 0 -9 0 k sp e c t r um k r e l a ti v e e m i s s i o n i n ten s i t y ( a. u . ) L wa v e l e n g th ( n m ) ? d ir e c t iv it y ? r a di a t i o n a n gl e 10 . 5 0 0 . 5 1 20 m a i f = t a =25c * ?? a l l ch a r act e r i st i c s sh ow n a r e f o r r e f e re n c e on l y a n d ar e n o t g u ara n t e e d . 20m a i fp = t a =2 5 c y y xx x- x y- y
n i chia st s-da1- 2370 11 for w a r d cur r e n t char acteris t ics / tempera t ure characteristics ns s w 2 0 3 s t s -d a 7-24 76 no . tavf 2. 0 2. 5 3. 0 3. 5 4. 0 4. 5 5. 0 - 60 - 4 0 - 20 0 2 0 4 0 60 80 100 1 2 0 ta i v 0. 6 0. 8 1. 0 1. 2 1. 4 - 60 - 4 0 - 2 0 0 2 0 40 6 0 80 100 12 0 vf i f 1 10 100 2 . 02 . 5 3 . 03 . 5 4 . 04 . 5 5 . 0 20 80 relative luminous flux(a.u.) ??- am b i e n t te m p e r a t u r e v s r e l a t i v e l u m i no us f l u x for ward curren t( m a) ifiv 0. 0 0. 5 1. 0 1. 5 2. 0 2. 5 3. 0 3. 5 4. 0 0 2 04 06 08 0 1 0 0 r e l a t i v e l um i no u s f l ux ( a . u. ) - fo r w a r d c u r r e n t v s r e la t i v e l u m i no us f l u x forw a r d c u rre nt ( m a ) R- fo r w a r d v o l t a g e v s fo r w a r d c u r r e n t ? - R amb i e n t t e mp e r a t u r e v s fo r w a r d v o l t a g e ?R forw a r d v o lt a g e( v ) R f o rward voltage(v) ?? ambien t t e m p erature ( c ) ?? a m b i ent temperature(c) i fp = 2 0m a i fp = 6 0m a i fp = 5 ma t a =2 5 c * ?? a l l c h ar ac t e r i s t i c s s h o w n a r e f o r r e f e r e n c e o n l y a n d a r e n o t g u ar a n t eed . t a =25 c i fp = 20ma
n i chia st s-da1- 2370 12 for w a r d cur r e n t char acteris t ics / tempera t ure characteristics no . nssw203 sts-da7-2477 taxy 0. 28 0. 29 0. 30 0. 31 0. 32 0. 2 8 0. 29 0. 30 0. 31 0. 32 - 30 c 0c 25 c 50c 85 c x if x y 0.28 0. 29 0. 30 0. 31 0. 32 0. 28 0. 29 0. 30 0. 31 0. 32 1ma 5ma 20ma 25ma 80m a x y y 20 m a i fp = ? - ? ambie nt te mperature vs chromaticity c oordinate - ? fo r w a r d c u r r e n t vs c h r o m a ti c i ty c o o r d i n a te t a =2 5 c * ? a l l c h a r ac t e r i st i c s sh ow n a r e f o r r e f e re n c e on l y a n d a r e n o t g u aran t e ed .
n i chia st s-da1- 2370 13 reliability (1) t e s t s a n d r e sults te s t reference standard test conditions te s t duration failure criteria # units failed/tested r e si st anc e t o soldering heat (reflow soldering) j e it a ed- 4701 300 30 1 t sl d =260c, 10 s e c, 2refl ows , prec ondit i o n : 3 0 c, 70% r h , 168hr #1 0/ 50 solderability (reflow soldering) j e it a ed- 4701 303 30 3a t sl d =2455c, 5s ec, lead- fr ee sold er( s n- 3. 0ag - 0.5cu) #2 0/ 50 thermal shock j e it a ed- 4701 300 30 7 0c t o 100c, 15s ec dwell 20c y c l e s #1 0/ 50 t emperature cycle je it a ed- 4701 100 10 5 - 40c( 30mi n )~25c( 5mi n )~ 100c( 30m i n )~25c( 5mi n ) 100c y c l e s #1 0/ 50 mois ture resistance (cycl ic) je it a ed- 4701 200 20 3 25c~65c~-10c, 90% r h , 24hr per cy cle 10c y c l e s #1 0/ 50 high t emperature stor age je it a ed- 4701 200 20 1 t a =100c 1000hours #1 0/ 50 t emperature humidity stor age je it a ed- 4701 100 10 3 t a =60c, r h =90% 1000hours #1 0/ 50 low t emperature stor age je it a ed- 4701 200 20 2 t a =- 40c 1000hours #1 0/ 50 r oom temperature oper ating life condi t ion 1 t a =25c, i f =20m a 1000hours #1 0/ 50 r oom temperature oper ating life condi t ion 2 t a =25c, i f =25m a 500hours #1 0/ 50 high t emperature oper ating life t a =85c, i f =5m a 1000hours #1 0/ 50 t emperature humidity oper ating lif e 60c, r h =90 % , i f =15m a 500hours #1 0/ 50 low t emperature oper ating life t a =- 30c, i f =20m a 1000hours #1 0/ 50 vibr ation j e it a ed- 4701 400 40 3 200m/ s 2 , 100 ~2000~100hz , 4 c ycle s, 4 m i n , each x, y , z 48m i n ut es #1 0/ 50 board ben ding je it a ed - 4702b 003 1bend to a def l ection of 3mm for 51s ec #1 0/ 50 no tes: measuremen ts ar e perf ormed after allowi ng t h e l e d s to re turn to room te mp er at ure. ( 2 ) f a ilu re c r it eria criteria # items conditions failure criteria f orward voltage(v f ) i f =20ma >u.s.l.1.1 lumino us flux( v ) i f =20ma u .s .l .2 . 0 #2 solderability - less than 95% solder coverage u . s.l . : up pe r specif ica t ion lim i t l.s.l. : lower spe c if ica t io n li mi t
n i chia st s-da1- 2370 14 ca u t ion s (1) stor age conditions te m p e ra t u r e humidity time before opening aluminum bag 30c 90%rh within 1 year from delivery date stor age after opening aluminum bag 30c 70%rh 168hours baking 655c - 24hours product c o m p li es wit h j e d e c msl 3 or equiv a lent . se e ipc/j e d e c std - 020 for m o i s t u re- s ens i t i v i t y det a il s. absorbed moisture in le d packages can v aporize and expand during soldering, w h ich can ca use in terface delamina tion and result in optical p e rforman c e degr ad ation . prod ucts are pack e d in moisture-proof alu m inu m bag s to min i mize moistur e abso r ptio n d u ring tr ansporta tion a n d stor age. in c l u d e d s ilic a ge l de si cc ant s ch an ge from bl u e t o re d i f m ois tu re h ad pe n e t r at e d bags. after openin g the moisture-proof alu m inu m bag, the pro d ucts should g o through th e solder ing pro c ess withi n th e r a nge of th e co ndi t ion s s t at ed above. un us e d rema in ing le ds shou ld be s t ored wi th silic a gel de sicca nt s in a hermetically sea l ed co nta i ner , prefer ably th e orig in al mo isture -pr oof bags for stor age. after t h e ?p eriod aft e r op enin g? s t or age time h a s be en exceed ed or s i l i ca ge l de sicca nts ar e no lo ng er blu e , the products should be b a k ed. baking should only be d one once. customer i s advi s ed to k e ep the leds in a n ai rti g ht co nt ainer w h e n not in u s e. expos u re to a corrosiv e en v i ronment may cause t h e pla t ed me ta l part s of the p r oduct to tarn i s h, w h i c h co ul d adverse ly affect so ld ering a n d optica l char acter i sti cs . it is also recommended to return th e le d s to th e orig inal moistur e p r oof bags and resea l . after assembly and dur i ng use, silv er p l at i n g can b e affe cted by t h e corrosive ga ses emitted by componen ts an d mater i als in close pro x imit y of the l e ds with in an end produ c t, a n d th e gas es e n ter i ng in to th e produc t from the exter n al a t mo spher e . the above should b e take n into cons ider a t ion w he n des i gning . r e sin mat e r i al s, in part i cu l a r , may co nta i n sub s ta nc e s whi c h ca n affe ct s i lver pla t i n g, su ch a s halo gen. do not use s u lfur- c on tai n i n g ma teri als i n commercial products. some mater i als, su ch a s seals and adh esives, ma y co nta i n su lfur . the extre m ely corroded or conta m inat ed plating of le ds mig h t cause a n open ci rc ui t. sil i co ne rubb er is re comme n d e d as a materi al for sea l s. bear in mi nd , t h e use of s i l i co ne s may l e ad to si li co ne con t a m i n at ion of e l e c tri c a l con t ac ts inside th e p r oduct s , caus e d by lo w mol e c u lar we igh t vol a tile siloxane . t o prevent w a ter cond en s a tion , p l eas e avoid large te m p er at ure a n d h u midi t y fl uc tua t ions for th e s t or age condi t io ns. (2) di recti o ns for use when de sig n ing a cir c u i t , t h e c u rren t thro ugh ea ch le d mu st no t exc e ed th e abso lu t e maxi mu m r a tin g . oper ating a t a co nstan t cu rrent p e r le d is reco mmen ded. in case of o p er ating at a consta nt v o ltag e, c i rcui t b is r e commended . if the led s are oper ated w i th con s ta nt vo ltag e us ing c i r c ui t a, th e curr ent throug h t h e le ds may v a ry due to t h e v a riat ion in f orw ard v oltage ch ar acteristics of the leds. (a) ... (b) .. . led s sho uld be o p er ated in f o r w ar d bias. dr iv ing c i r c ui ts mus t no t subj ect le ds to ei t h er forw ard or reverse vol t ag e whi l e off . continuo us reverse vol t ag e can caus e m i gr ation an d le d dam a ge. f o r stab il iz i n g th e le d ch a r acter i s t i c s , i t i s reco mm end e d to oper ate a t greater than 1 0 % nom i na l cu rrent . care mu st b e taken to en s u re th at t h e re verse vol t age wil l no t exce ed the ab sol u t e maxi mu m r a t i ng when us ing the l e d s wi th matr ix drive . f o r outdoor use , ne ce ssary mea s ure s sho u ld be taken to prevent wa ter , moi s tur e and sal t air da mag e .
n i chia st s-da1- 2370 15 (3) handl i n g precau ti ons do not hand le le ds wi th b a re hand s, it ma y con t a m i n ate t h e l e d su rface and affe c t opt i ca l char a c ter i s t i c s . in the worst case , ca tas t ro phic fa il ure fro m exce ss pr es sure throug h w i re-bond break s and packag e damage ma y r e su lt. when ha ndl i ng t h e produ c t wi th t w ee zer s , be carefu l n o t to apply exc e ss ive forc e to the r e s i n. otherwis e, the re si n can be cu t, ch ipped, delamina te or deform ed , causing w i re-bo n d breaks an d cata stroph ic fa ilures. dropping th e produc t ma y cause damage. do not sta c k asse mb led p c bs tog e t h er . f a il ure to comp l y can cau s e th e res i n port io n of the produ c t to be cut, ch ip ped, delaminated and/or defor m ed . it ma y cause w i re to break, l e ad ing to catas t roph ic f a il ures . (4) desi gn consi d er ati o n pcb warpag e after moun ti ng th e produc t s on to a pc b c a n cau s e the p a ckage to br ea k. the led s h ould be p l ac ed in a w a y to m i ni mize t h e s t re ss on the l e d s due to pc b bo w and twis t. the positi o n and ori e nta t i o n of the leds affect how much m e cha n i c al stre ss i s exerte d on the led s plac ed near th e score l i n e s . the led s h ould be p l ac ed in a w a y to mi ni mize t h e s t re ss on the l e d s due to board f l ex ing. board separ a tion mu st b e performed us in g spec ia l j i g s , no t u s in g hand s. (5) el ectrostati c di scha r ge (es d ) the produ c t s are se ns it ive to sta t ic e l e c tr i c i t y or surg e voltag e. es d ca n damag e a di e and i t s re l i ab il i t y . when handl i ng t h e produ c ts , th e fol l owi n g mea s ure s ag ains t e l e c tro s t a ti c di sch arge are stron g ly re com m e n ded : e l i m i n a t i n g t h e c h a r g e g r o u n d e d w r i s t s t r a p , e s d footw e ar , clothes, a n d fl oo rs grounded workstat i on equi pm en t and tools esd tabl e/s h e l f ma t ma de o f co ndu c t i v e ma ter i al s pr o p er gr o u nding is r e qu ir ed f o r all d e v i c e s, equ i pm en t, and mac hi ner y used in pr o d uct a s s e mb ly . surge protecti on should be cons idere d wh en de sig n ing of commercia l products. if tools or e q uip m e n t co nt ain i n s u la ti ng mat e ria l s su ch as gla ss or pla s t i c , t h e fol l o wi ng m e as u r es agai n s t el ec t r os t a ti c di sch arge are stron g ly re com m e n ded : diss ipat i n g sta t ic c h arg e wi th co nduc t i ve mat e ria l s preventi ng charg e gen e r a tion w i th m o is ture n e u t r a l i z i n g t h e c h a r g e w i t h i o n i z e r s th e cu st ome r i s advi se d to c h ec k if the leds are da ma ged by esd when performi ng th e c h ar acter i s t i cs in spe c t i on of th e le ds in t h e app l i c at ion. damage ca n be detected with a forw ard v o ltag e mea s u r eme n t or a l i g h t - up te st a t lo w curren t ( 1m a ) . esd damag e d led s may h a ve an incr e a s e d leak ag e cur r ent , cur r e nt f l o w at a lo w vo ltage o r no lo nge r ill umina t e at a lo w cur r e n t . f a ilur e c r iter ia : v f <2.0 v at i f =0.5ma (6) t h ermal manageme nt proper th er mal manage m e nt is a n i m po r t an t when designing prod uc ts with le ds . le d di e t e mp er at ure i s affec t ed by pcb ther mal r e sistan ce and le d spa c ing on th e boar d. pl eas e de sig n produc ts in a w a y that t h e l ed d i e t e mperature does not exceed th e max i mu m j unc t i on t e mper a t ure ( t j ). drive curre nt s h oul d be d e ter m ined for t h e s u rround ing ambi en t te mp er ature (t a ) to dis s ipa t e the h e at from the pr oduct . (7) cl eani ng if r e quir ed, iso p r o py l a l co h o l (ip a ) s ho ul d be use d . ot he r solven ts may caus e pre m at ure fai l ure to t h e le ds due to the d a mage to th e r e si n port ion . t h e effe ct s o f s u ch so lve n t s s h o u ld b e ver i f i ed pr io r to u se . in additio n , the use of c f c s su ch as freo n is heavi l y re gula ted . ul tr ason ic cl eani ng is no t recom m e nde d s i nc e i t ma y have adverse eff e ct s on t h e l e ds depending on the ultr ason ic power a n d h o w led is assembled. if ultr asoni c clea ni ng mu s t be use d , t h e c u sto m er is adv i se d to mak e sure th e le ds w i ll not b e da ma ged prior to cleaning .
n i chia st s-da1- 2370 16 (8) ey e saf e t y in 2006, t h e interna t i o nal el ec t r i c a l comm is si on (iec ) publi s hed iec 62471: 200 6 phot obi o l o gic a l s a fet y of l a m p s and lamp sy stem s, wh ic h a dded le ds in it s scop e . on t h e ot her hand, t h e iec 60825- 1: 20 07 l a s e r s a f e t y s t andard r e mo v e d leds from it s sc ope. however , pl ease b e advi se d that some co untr i es and regions ha v e ado p ted stand a rds bas e d on t h e iec l a s e r safet y s t a n dard iec 60825- 1: 20 112001, whi c h s t ill i n cl udes leds i n i t s sc op e. most of n i chi a 's leds ca n be cl a s si fied as bel o ng ing in to either the ex empt group or risk group 1. high-power led s , tha t e m i t l i gh t con t ai ni ng blu e wavel e ngth s, may be cla s s i fi ed as ri sk group 2 . please pro c eed wi th cau t io n whe n view in g direc t ly an y leds dri v en at hi gh current, o r vi ewing led s with opt i ca l inst ru me nt s w h ic h may great l y in crea se t h e damage s to your eyes . view ing a f l ashi ng l i gh t m a y caus e eye d i s c omfort . w h e n in co r p o r ati n g the l e d in to yo ur pr o d uct , please be careful to a v oid adverse eff e c t s on the hu man body caus ed by ligh t s t i m u l a t ion. (9) ot hers the led s d e scr ibed in th is brochure ar e i n te nded to be used for ordi na ry elec tron ic e q uip m e n t (su c h as offic e eq ui pme n t , commun i cat i ons equ i pm en t, mea s ure m e n t in str ume n t s and hous eho l d applia nc es ). co nsult n i c hia' s sal e s staf f in adv a n c e f o r inf o r m a t io n o n th e appl ica t i o ns i n wh ich e x cept io na l qua l it y and r eliab i l i t y ar e r eq u ir ed , par t icu l ar ly when the f a il ur e o r malf u n c t io n o f the le ds m a y dir ec t ly j eo p ar dize lif e o r health (s uc h as for airpl a n e s, a e rospa c e , sub m ers i b l e re peat ers, nuc le ar reactor co ntrol system , a u tom o bil e s, tr affic contr o l equ i p m en t, l i fe s u pport sy s t e m s and safe ty devic e s ) . the c u s t om er sha ll not reverse eng i ne er by disas s e m bl i n g or analys i s of the le ds wi t h out ha v i ng pr i o r writt e n co ns ent f r o m nich ia . w h en def e c t iv e le ds ar e f o u n d, t h e c u s t o m er sha ll inf o r m ni ch ia dir e c t ly bef o r e di sas s e m bl ing o r ana l y s is . both th e cu sto m ers a n d n i chia wi ll agr ee on offici al s p ec ifi c at ions of su pplied products before a custom er's v olume producti on . specificatio ns and app e ar ance subject to chang e for i m provem en t w i tho u t not i c e .


▲Up To Search▲   

 
Price & Availability of NSSW203T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X