Part Number Hot Search : 
DS310 M1684 SAP16P 78M00 TS52011 216CO2 40N50 1SMA4756
Product Description
Full Text Search
 

To Download NCP716MT15TG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2014 january, 2014 ? rev. 1 1 publication order number: ncp716/d ncp716 80 ma ultra-low iq, wide input voltage low dropout regulator the ncp716 is 80 ma ldo linear voltage regulator. it is a very stable and accurate device with ultra ? low ground current consumption (4.7  a over the full output load range) and a wide input voltage range (up to 24 v). the regulator incorporates several protection features such as thermal shutdown and current limiting. features ? operating input voltage range: 2.5 v to 24 v ? fixed voltage options available: 1.2 v to 5.0 v ? ultra low quiescent current: max. 4.7  a over temperature ? 2% accuracy over full load, line and temperature variations ? psrr: 60 db at 100 khz ? noise: 200  v rms from 200 hz to 100 khz ? thermal shutdown and current limit protection ? available in wdfn6, 2x2x0.8 mm package ? this is a pb ? free device typical applicaitons ? portable equipment ? communication systems figure 1. typical application schematic http://onsemi.com see detailed ordering and shipping information in the package dimensions section on page 16 of this data sheet. ordering information marking diagrams wdfn6 case 511br pin connections wdfn6 2x2 mm (top view) 1 2 3 exp xx m 1 xx = specific device code m = date code 6 5 4
ncp716 http://onsemi.com 2 figure 2. simplified block diagram in out mosfet driver with current limit thermal shutdown eeprom uvlo gnd bandgap reference table 1. pin function description pin no. wdfn6, 2 x 2 pin name description 6 out regulated output voltage pin. a small 0.47  f ceramic capacitor is needed from this pin to ground to assure stability. 2 n/c no connection. this pin can be tied to ground to improve thermal dissipation or left disconnected. 3, exp gnd power supply ground. exposed pad exp must be tied with gnd pin 3. 4 n/c no connection. this pin can be tied to ground to improve thermal dissipation or left disconnected. 5 n/c no connection. this pin can be tied to ground to improve thermal dissipation or left disconnected. 1 in input pin. a small capacitor is needed from this pin to ground to assure stability. table 2. absolute maximum ratings rating symbol value unit input voltage (note 1) v in ? 0.3 to 24 v output voltage v out ? 0.3 to 5 v output short circuit duration t sc indefinite s maximum junction temperature t j(max) 150 c storage temperature t stg ? 55 to 150 c esd capability, human body model (note 2) esd hbm 2000 v esd capability, machine model (note 2) esd mm 200 v stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above t he recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may af fect device reliability. 1. refer to electrical characteristics and application information for safe operating area. 2. this device series incorporates esd protection and is tested by the following methods: esd human body model tested per aec ? q100 ? 002 (eia/jesd22 ? a114) esd machine model tested per aec ? q100 ? 003 (eia/jesd22 ? a115) latch up current maximum rating tested per jedec standard: jesd78 table 3. thermal characteristics rating symbol value unit thermal characteristics, wdfn6, 2 mm x 2 mm thermal resistance, junction ? to ? air r  ja 120 c/w
ncp716 http://onsemi.com 3 table 4. electrical characteristics voltage version 1.2 v ? 40 c t j 125 c; v in = 3.0 v; i out = 1 ma, c in = c out = 1.0  f, unless otherwise noted. typical values are at t j = +25 c. (note 5) parameter test conditions symbol min typ max unit operating input voltage i out 10 ma v in 2.5 24 v 10 ma < i out < 80 ma 3.0 24 output voltage accuracy 3.0 v < v in < 24 v, 0 < i out < 80 ma v out 1.164 1.2 1.236 v line regulation 3.0 v v in 24 v, i out = 1 ma reg line 30 mv load regulation i out = 0 ma to 80 ma reg load 20 mv dropout voltage (note 3) v do ? mv maximum output current (note 6) i out 110 ma ground current 0 < i out < 80 ma, ? 40 < t a < 85 c i gnd 3.2 4.2  a 0 < i out < 80 ma, v in = 24 v 5.8  a power supply rejection ratio v in = 3.0 v, v out = 1.2 v v pp = 200 mv modulation i out = 1 ma, c out = 10  f f = 100 khz psrr 63 db output noise voltage v out = 1.2 v, i out = 80 ma f = 200 hz to 100 khz v n 105  v rms thermal shutdown temperature (note 4) temperature increasing from t j = +25 c t sd 155 c thermal shutdown hysteresis (note 4) temperature falling from t sd t sdh ? 25 ? c 3. not characterized at v in = 3.0 v, v out = 1.2 v, i out = 80 ma 4. guaranteed by design and characterization. 5. performance guaranteed over the indicated operating temperature range by design and/or characterization production tested at t j = t a = 25 c. low duty cycle pulse techniques are used during testing to maintain the junction temperature as close to ambient as possible . 6. respect soa
ncp716 http://onsemi.com 4 table 5. electrical characteristics voltage version 1.5 v ? 40 c t j 125 c; v in = 3.0 v; i out = 1 ma, c in = c out = 1.0  f, unless otherwise noted. typical values are at t j = +25 c. (note 9) parameter test conditions symbol min typ max unit operating input voltage i out 10 ma v in 2.5 24 v 10 ma < i out < 80 ma 3.0 24 output voltage accuracy 3.0 v < v in < 24 v, 0 < i out < 80 ma v out 1.455 1.5 1.545 v line regulation 3.0 v v in 24 v, i out = 1 ma reg line 20 mv load regulation i out = 0 ma to 80 ma reg load 20 mv dropout voltage (note 7) maximum output current (note 10) i out 110 ma ground current 0 < i out < 80 ma, ? 40 < t a < 85 c i gnd 3.2 4.2  a 0 < i out < 80 ma, v in = 24 v 5.8  a power supply rejection ratio v in = 3.0 v, v out = 1.5 v v pp = 200 mv modulation i out = 1 ma, c out = 10  f f = 100 khz psrr 60 db output noise voltage v out = 1.5 v, i out = 80 ma f = 200 hz to 100 khz v n 120  v rms thermal shutdown temperature (note 8) temperature increasing from t j = +25 c t sd 155 c thermal shutdown hysteresis (note 8) temperature falling from t sd t sdh ? 25 ? c 7. not characterized at v in = 3.0 v, v out = 1.5 v, i out = 80 ma 8. guaranteed by design and characterization. 9. performance guaranteed over the indicated operating temperature range by design and/or characterization production tested at t j = t a = 25 c. low duty cycle pulse techniques are used during testing to maintain the junction temperature as close to ambient as possible . 10. respect soa
ncp716 http://onsemi.com 5 table 6. electrical characteristics voltage version 1.8 v ? 40 c t j 125 c; v in = 3.0 v; i out = 1 ma, c in = c out = 1.0  f, unless otherwise noted. typical values are at t j = +25 c. (note 13) parameter test conditions symbol min typ max unit operating input voltage i out 10 ma v in 2.8 24 v 10 ma < i out < 80 ma 3.0 24 output voltage accuracy 3.0 v < v in < 24 v, 0 < i out < 80 ma v out 1.746 1.8 1.854 v line regulation 3.0 v v in 24 v, i out = 1 ma reg line 15 mv load regulation i out = 0 ma to 80 ma reg load 15 mv dropout voltage (note 11) maximum output current (note 14) i out 110 ma ground current 0 < i out < 80 ma, ? 40 < t a < 85 c i gnd 3.2 4.2  a 0 < i out < 80 ma, v in = 24 v 5.8  a power supply rejection ratio v in = 3.0 v, v out = 1.8 v v pp = 200 mv modulation i out = 1 ma, c out = 10  f f = 100 khz psrr 60 db output noise voltage v out = 1.8 v, i out = 80 ma f = 200 hz to 100 khz v n 140  v rms thermal shutdown temperature (note 12) temperature increasing from t j = +25 c t sd 155 c thermal shutdown hysteresis (note 12) temperature falling from t sd t sdh ? 25 ? c 11. not characterized at v in = 3.0 v, v out = 1.8 v, i out = 80 ma 12. guaranteed by design and characterization. 13. performance guaranteed over the indicated operating temperature range by design and/or characterization production tested at t j = t a = 25 c. low duty cycle pulse techniques are used during testing to maintain the junction temperature as close to ambient as possible . 14. respect soa
ncp716 http://onsemi.com 6 table 7. electrical characteristics voltage version 2.5 v ? 40 c t j 125 c; v in = 3.5 v; i out = 1 ma, c in = c out = 1.0  f, unless otherwise noted. typical values are at t j = +25 c. (note 17) parameter test conditions symbol min typ max unit operating input voltage 0 < i out < 80 ma v in 3.5 24 v output voltage accuracy 3.5 v < v in < 24 v, 0 < i out < 80 ma v out 2.45 2.5 2.55 v line regulation v out + 1 v v in 24 v, i out = 1ma reg line 15 mv load regulation i out = 0 ma to 80 ma reg load 15 mv dropout voltage (note 15) v do = v in ? (v out(nom) ? 75 mv) i out = 80 ma v do 400 640 mv maximum output current (note 18) i out 110 ma ground current 0 < i out < 80 ma, ? 40 < t a < 85 c i gnd 3.2 4.2  a 0 < i out < 80 ma, v in = 24 v 5.8  a power supply rejection ratio v in = 3.5 v, v out = 2.5 v v pp = 200 mv modulation i out = 1 ma, c out = 10  f f = 100 khz psrr 60 db output noise voltage v out = 2.5 v, i out = 80 ma f = 200 hz to 100 khz v n 160  v rms thermal shutdown temperature (note 16) temperature increasing from t j = +25 c t sd 155 c thermal shutdown hysteresis (note 16) temperature falling from t sd t sdh ? 25 ? c 15. characterized when v out falls 75 mv below the regulated voltage and only for devices with v out = 2.5 v 16. guaranteed by design and characterization. 17. performance guaranteed over the indicated operating temperature range by design and/or characterization production tested at t j = t a = 25 c. low duty cycle pulse techniques are used during testing to maintain the junction temperature as close to ambient as possible . 18. respect soa
ncp716 http://onsemi.com 7 table 8. electrical characteristics voltage version 3.0 v ? 40 c t j 125 c; v in = 4.0 v; i out = 1 ma, c in = c out = 1.0  f, unless otherwise noted. typical values are at t j = +25 c. (note 21) parameter test conditions symbol min typ max unit operating input voltage 0 < i out < 80 ma v in 4.0 24 v output voltage accuracy 4.3 v < v in < 24 v, 0 < i out < 80 ma v out 2.94 3.0 3.06 v line regulation v out + 1 v v in 24 v, i out = 1 ma reg line 4 10 mv load regulation i out = 0 ma to 80 ma reg load 10 30 mv dropout voltage (note 19) v do = v in ? (v out(nom) ? 90 mv) i out = 80 ma v do 370 580 mv maximum output current (note 22) i out 110 ma ground current 0 < i out < 80 ma, ? 40 < t a < 85 c i gnd 3.2 4.2  a 0 < i out < 80 ma, v in = 24 v 5.8  a power supply rejection ratio v in = 4.3 v, v out = 3.3 v v pp = 200 mv modulation i out = 1 ma, c out = 10  f f = 100 khz psrr 58 db output noise voltage v out = 4.3 v, i out = 80 ma f = 200 hz to 100 khz v n 190  v rms thermal shutdown temperature (note 20) temperature increasing from t j = +25 c t sd 155 c thermal shutdown hysteresis (note 20) temperature falling from t sd t sdh ? 25 ? c 19. characterized when v out falls 90 mv below the regulated voltage and only for devices with v out = 3.0 v 20. guaranteed by design and characterization. 21. performance guaranteed over the indicated operating temperature range by design and/or characterization production tested at t j = t a = 25 c. low duty cycle pulse techniques are used during testing to maintain the junction temperature as close to ambient as possible . 22. respect soa
ncp716 http://onsemi.com 8 table 9. electrical characteristics voltage version 3.3 v ? 40 c t j 125 c; v in = 4.3 v; i out = 1 ma, c in = c out = 1.0  f, unless otherwise noted. typical values are at t j = +25 c. (note 25) parameter test conditions symbol min typ max unit operating input voltage 0 < i out < 80 ma v in 4.3 24 v output voltage accuracy 4.3 v < v in < 24 v, 0 < i out < 80 ma v out 3.234 3.3 3.366 v line regulation v out + 1 v v in 24 v, i out = 1 ma reg line 4 10 mv load regulation i out = 0 ma to 80 ma reg load 10 30 mv dropout voltage (note 23) v do = v in ? (v out(nom) ? 99 mv) i out = 80 ma v do 350 560 mv maximum output current (note 26) i out 110 ma ground current 0 < i out < 80 ma, ? 40 < t a < 85 c i gnd 3.2 4.2  a 0 < i out < 80 ma, v in = 24 v 5.8  a power supply rejection ratio v in = 4.3 v, v out = 3.3 v v pp = 200 mv modulation i out = 1 ma, c out = 10  f f = 100 khz psrr 60 db output noise voltage v out = 4.3 v, i out = 80 ma f = 200 hz to 100 khz v n 200  v rms thermal shutdown temperature (note 24) temperature increasing from t j = +25 c t sd 155 c thermal shutdown hysteresis (note 24) temperature falling from t sd t sdh ? 25 ? c 23. characterized when v out falls 99 mv below the regulated voltage and only for devices with v out = 3.3 v 24. guaranteed by design and characterization. 25. performance guaranteed over the indicated operating temperature range by design and/or characterization production tested at t j = t a = 25 c. low duty cycle pulse techniques are used during testing to maintain the junction temperature as close to ambient as possible . 26. respect soa
ncp716 http://onsemi.com 9 table 10. electrical characteristics voltage version 5.0 v ? 40 c t j 125 c; v in = 6.0 v; i out = 1 ma, c in = c out = 1.0  f, unless otherwise noted. typical values are at t j = +25 c. (note 29) parameter test conditions symbol min typ max unit operating input voltage 0 < i out < 80 ma v in 6.0 24 v output voltage accuracy 6.0 v < v in < 24 v, 0 < i out < 80 ma v out 4.9 5.0 5.1 v line regulation v out + 1 v v in 24 v, i out = 1 ma reg line 4 10 mv load regulation i out = 0 ma to 80 ma reg load 10 30 mv dropout voltage (note 27) v do = v in ? (v out(nom) ? 150 mv) i out = 80 ma v do 310 500 mv maximum output current (note 30) i out 110 ma ground current 0 < i out < 80 ma, ? 40 < t a < 85 c i gnd 3.2 4.2  a 0 < i out < 80 ma, v in = 24 v 5.8  a power supply rejection ratio v in = 6.0 v, v out = 5.0 v v pp = 200 mv modulation i out = 1 ma, c out =10  f f = 100 khz psrr 54 db output noise voltage v out = 5.0 v, i out = 80 ma f = 200 hz to 100 khz v n 220  v rms thermal shutdown temperature (note 28) temperature increasing from t j = +25 c t sd 155 c thermal shutdown hysteresis (note 28) temperature falling from t sd t sdh ? 25 ? c 27. characterized when v out falls 150 mv below the regulated voltage and only for devices with v out = 5.0 v 28. guaranteed by design and characterization. 29. performance guaranteed over the indicated operating temperature range by design and/or characterization production tested at t j = t a = 25 c. low duty cycle pulse techniques are used during testing to maintain the junction temperature as close to ambient as possible . 30. respect soa
ncp716 http://onsemi.com 10 typical characteristics 5.0 v 15 v 24 v 10 v 20 v 4.0 v 5.0 v 15 v 24 v 10 v 20 v figure 3. ncp716x12xxx output voltage vs. temperature figure 4. ncp716x25xxx output voltage vs. temperature temperature ( c) temperature ( c) 100 80 60 40 20 0 ? 20 ? 40 1.190 1.195 1.200 1.205 1.210 1.215 1.220 100 80 60 40 20 0 ? 20 ? 40 2.490 2.494 2.498 2.502 2.506 2.510 2.514 figure 5. ncp716x33xxx output voltage vs. temperature figure 6. ncp716x50xxx output voltage vs. temperature temperature ( c) temperature ( c) 100 80 60 40 20 0 ? 20 ? 40 3.284 3.288 3.292 3.296 3.300 3.304 3.308 120 80 60 40 20 0 ? 20 ? 40 4.945 4.955 4.965 4.975 4.985 4.995 5.005 figure 7. ncp716x12xxx output voltage vs. output current figure 8. ncp716x25xxx output voltage vs. output current output current (ma) output current (ma) 70 60 50 40 30 20 10 0 1.190 1.194 1.198 1.202 1.206 1.210 1.214 70 60 50 40 30 20 10 0 2.46 2.47 2.48 2.49 2.50 2.51 2.52 output voltage (v) output voltage (v) output voltage (v) output voltage (v) output voltage (v) output voltage (v) 120 120 120 v in = 2.5 v v in = (5 v ? 24 v) i out = 1 ma c in = c out = 1  f v in = 3.5 v v in = (5 v ? 24 v) i out = 1 ma c in = c out = 1  f v in = (4.3 v ? 24 v) i out = 1 ma c in = c out = 1  f v in = 6.0 v v in = (8 v ? 24 v) i out = 1 ma c in = c out = 1  f 100 t a = 25 c c in = c out = 1  f 80 v in = 3.0 v 80 t a = 25 c c in = c out = 1  f v in = 3.5 v
ncp716 http://onsemi.com 11 typical characteristics 8.0 v 15 v 20 v figure 9. ncp7163v3 output voltage vs. output current figure 10. ncp716x50xxx output voltage vs. output current output current (ma) output current (ma) 70 60 50 40 30 20 10 0 3.280 3.284 3.288 3.292 3.296 3.300 3.304 70 60 50 40 30 20 10 0 4.970 4.975 4.980 4.985 4.990 4.995 5.000 figure 11. ncp716x25xxx dropout voltage vs. output current figure 12. ncp716x33xxx dropout voltage vs. output current output current (ma) output current (ma) 70 60 50 40 30 20 10 0 0 0.1 0.2 0.3 0.4 0.5 0.6 70 60 50 40 30 20 10 0 0 0.1 0.2 0.3 0.4 0.5 0.6 figure 13. ncp716x50xxx dropout voltage vs. output current figure 14. ncp716x12xxx ground current vs. input voltage output current (ma) input voltage (v) 70 60 50 40 30 20 10 0 0 0.1 0.2 0.3 0.4 0.5 0.6 25 20 15 10 5 0 0 5 10 15 20 25 30 output voltage (v) output voltage (v) dropout voltage (v) dropout voltage (v) dropout voltage (v) quiescent current (  a) 80 5.0 v 24 v 10 v t a = 25 c c in = c out = 1  f v in = 4.3 v 15 v 20 v 24 v 10 v t a = 25 c c in = c out = 1  f v in = 6.0 v 80 c in = c out = 1  f t a = 25 c t a = ? 40 c t a = 125 c 80 80 c in = c out = 1  f t a = 25 c t a = ? 40 c t a = 125 c c in = c out = 1  f t a = 25 c t a = ? 40 c t a = 125 c 80 t a = 25 c c in = c out = 1  f i out = 0 i out = 80 ma
ncp716 http://onsemi.com 12 typical characteristics figure 15. ncp716x25xxx ground current vs. input voltage figure 16. ncp716x50xxx ground current vs. input voltage input voltage (v) input voltage (v) 25 20 15 10 5 0 0 5 10 15 20 25 30 25 20 15 10 5 0 0 5 10 15 25 30 35 40 figure 17. ncp716x33xxx ground current vs. input voltage figure 18. ncp716x12xxx quiescent current vs. temperature input voltage (v) temperature ( c) 25 20 15 10 5 0 0 5 10 15 20 25 30 100 80 60 40 20 0 ? 20 ? 40 2.5 3.0 3.5 4.0 4.5 5.0 5.5 figure 19. ncp716x25xxx quiescent current vs. temperature figure 20. ncp716x33xxx quiescent current vs. temperature temperature ( c) temperature ( c) 100 80 60 40 20 0 ? 20 ? 40 2.5 3.0 3.5 4.0 4.5 5.0 5.5 100 80 60 40 20 0 ? 20 ? 40 2.5 3.0 3.5 4.0 4.5 5.0 5.5 quiescent current (  a) quiescent current (  a) quiescent current (  a) quiescent current (  a) quiescent current (  a) quiescent current (  a) t a = 25 c c in = c out = 1  f i out = 0 i out = 80 ma t a = 25 c c in = c out = 1  f i out = 0 i out = 80 ma 20 t a = 25 c c in = c out = 1  f i out = 0 i out = 80 ma 120 v in = 3.0 v i out = 0 c in = c out = 1  f v in = 10 v v in = 24 v v in = 3.5 v i out = 0 c in = c out = 1  f v in = 10 v v in = 24 v 120 120 v in = 4.3 v i out = 0 c in = c out = 1  f v in = 10 v v in = 24 v
ncp716 http://onsemi.com 13 typical characteristics figure 21. nvp716x50xxx quiescent current vs. temperature figure 22. ncp716x12xxx psrr vs. frequency temperature ( c) frequency (khz) 100 80 60 40 20 0 ? 20 ? 40 2.5 3.0 3.5 4.0 4.5 5.0 5.5 1000 100 10 1 0.1 0 20 40 60 80 100 figure 23. ncp716x25xxx psrr vs. frequency figure 24. ncp716x33xxx psrr vs. frequency frequency (khz) frequency (khz) 1000 100 10 1 0.1 0 20 40 60 80 100 1000 100 10 1 0.1 0 20 40 60 80 100 figure 25. ncp716x50xxx psrr vs. frequency figure 26. ncp716x12xxx output spectral noise density vs. frequency frequency (khz) frequency (khz) 1000 100 10 1 0.1 0 20 40 60 80 100 1000 100 10 1 0.1 0.01 0 0.2 0.4 0.6 1.0 1.2 1.4 1.6 quiescent current (  a) psrr (db) psrr (db) psrr (db) psrr (db)  v/sqrt (hz) v in = 6.0 v i out = 0 c in = c out = 1  f v in = 10 v v in = 24 v 120 0.8 i out = 80 ma i out = 10 ma i out = 1 ma v in = 3.0 v + 200 mvpp modulation c out = 10  f t a = 25 c v in = 3.5 v + 200 mvpp modulation c out = 10  f t a = 25 c i out = 80 ma i out = 10 ma i out = 1 ma v in = 4.3 v + 200 mvpp modulation c out = 10  f t a = 25 c i out = 80 ma i out = 10 ma i out = 1 ma v in = 6.0 v + 200 mvpp modulation c out = 10  f t a = 25 c i out = 80 ma i out = 10 ma i out = 1 ma c out = 4.7  f c out = 10  f i out = 80 ma t a = 25 c v in = 3.0 v
ncp716 http://onsemi.com 14 typical characteristics figure 27. ncp716x25xxx output spectral noise density vs. frequency figure 28. ncp716x33xxx output spectral noise density vs. frequency frequency (khz) frequency (khz) 1000 100 10 1 0.1 0.01 0 0.5 1.0 1.5 2.0 3.0 3.5 4.0 1000 100 10 1 0.1 0.01 0 0.5 1.5 2.0 2.5 3.5 4.5 5.0 figure 29. ncp716x50xxx output spectral noise density vs. frequency figure 30. load transient response frequency (khz) 1000 100 10 1 0.1 0.01 0 1 2 4 5 6 7 8 figure 31. load transient response figure 32. load transient response  v/sqrt (hz)  v/sqrt (hz)  v/sqrt (hz) 2.5 1.0 3.0 4.0 3 c out = 4.7  f c out = 10  f i out = 80 ma t a = 25 c v in = 3.5 v c out = 4.7  f c out = 10  f i out = 80 ma t a = 25 c v in = 4.3 v c out = 4.7  f c out = 10  f i out = 80 ma t a = 25 c v in = 6.0 v
ncp716 http://onsemi.com 15 typical characteristics figure 33. load transient response figure 34. line transient response figure 35. line transient response figure 36. line transient response figure 37. line transient response
ncp716 http://onsemi.com 16 applications information the ncp716 is the member of new family of wide input voltage range low dropout regulators which delivers ultra low ground current consumption, good noise and power supply rejection ratio performance. input decoupling (c in ) it is recommended to connect at least 0.1  f ceramic x5r or x7r capacitor between in and gnd pin of the device. this capacitor will provide a low impedance path for any unwanted ac signals or noise superimposed onto constant input voltage. the good input capacitor will limit the influence of input trace inductances and source resistance during sudden load current changes. higher capacitance and lower esr capacitors will improve the overall line transient response. output decoupling (c out ) the ncp716 does not require a minimum equivalent series resistance (esr) for the output capacitor. the device is designed to be stable with standard ceramics capacitors with values of 0.47  f or greater up to 10  f. the x5r and x7r types have the lowest capacitance variations over temperature thus they are recommended. power dissipation and heat sinking the maximum power dissipation supported by the device is dependent upon board design and layout. mounting pad configuration on the pcb, the board material, and the ambient temperature af fect the rate of junction temperature rise for the part. the maximum power dissipation the ncp716 can handle is given by: p d(max)   t j(max)  t a  r  ja (eq. 1) the power dissipated by the ncp716 for given application conditions can be calculated from the following equations: p d  v in  i gnd (i out )  i out  v in  v out  (eq. 2) or v in(max)  p d(max)  v out
i out  i out i gnd (eq. 3) hints v in and gnd printed circuit board traces should be as wide as possible. when the impedance of these traces is high, there is a chance to pick up noise or cause the regulator to malfunction. place external components, especially the output capacitor, as close as possible to the ncp716, and make traces as short as possible . ordering information device voltage option marking package shipping ? ncp716mt12tbg 1.2 v 6a wdfn6 (pb ? free) 3000 / tape & reel NCP716MT15TG 1.5 v 6c ncp716mt18tbg 1.8 v 6d ncp716mt25tbg 2.5 v 6e ncp716mt30tbg 3.0 v 6f ncp716mt33tbg 3.3 v 6g ncp716mt50tbg 5.0 v 6h ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d.
ncp716 http://onsemi.com 17 package dimensions wdfn6 2x2, 0.65p case 511br issue o notes: 1. dimensioning and tolerancing per asme y14.5m, 1994. 2. controlling dimension: millimeters. 3. dimension b applies to plated terminal and is measured between 0.15 and 0.25 mm from the terminal tip. 4. coplanarity applies to the exposed pad as well as the terminals. seating plane d e 0.10 c a3 a a1 0.10 c dim a min max millimeters 0.70 0.80 a1 0.00 0.05 a3 0.20 ref b 0.25 0.35 d 2.00 bsc d2 1.50 1.70 0.90 1.10 e 2.00 bsc e2 e 0.65 bsc 0.20 0.40 l pin one reference 0.05 c 0.05 c note 4 a 0.10 c note 3 l e d2 e2 b b 3 6 6x 1 4 0.05 c mounting footprint* bottom view recommended dimensions: millimeters l1 detail a l alternate constructions l ?? ?? --- 0.15 l1 6x 0.45 2.30 1.12 1.72 0.65 pitch 6x 0.40 1 package outline 6x m m *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. on semiconductor and are registered trademarks of semiconductor co mponents industries, llc (scillc). scillc owns the rights to a numb er of patents, trademarks, copyrights, trade secrets, and other inte llectual property. a listing of scillc?s product/patent coverage may be accessed at ww w.onsemi.com/site/pdf/patent ? marking.pdf. scillc reserves the right to make changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and s pecifically disclaims any and all liability, including without limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/ or specifications can and do vary in different applications and actual performance may vary over time. all operating parameters, including ?typical s? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the right s of others. scillc products are not designed, intended, or a uthorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in whic h the failure of the scillc product could create a situation where personal injury or death may occur. should buyer purchase or us e scillc products for any such unintended or unauthorized appli cation, buyer shall indemnify and hold scillc and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unin tended or unauthorized use, even if such claim alleges that scil lc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyrig ht laws and is not for resale in any manner. publication ordering information n. american technical support : 800 ? 282 ? 9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81 ? 3 ? 5817 ? 1050 ncp716/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303 ? 675 ? 2175 or 800 ? 344 ? 3860 toll free usa/canada fax : 303 ? 675 ? 2176 or 800 ? 344 ? 3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your local sales representative


▲Up To Search▲   

 
Price & Availability of NCP716MT15TG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X