|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
isometric isometric title scale date dr dwg rev the information contained in this document is proprietary to e-switch and is not to be copied or transferred sheet of rev pcr no description date by tl3300cf160q 2:1 7/9/2010 N301102 a blr 1 1 .50 [.020 in] max. circuit diagram p.c.b. layout 12.00 [.472 in] 1 2 4 3 1 2 4 3 1 2 4 3 8.50 [.335 in] 1.00 [.039 in] 3.50 [.138 in] 15.0 [.591 in] a 19149 released for production 7/9/10 blr 12.00 [.472 in] 5.00 [.197 in] .30 [.012 in] 5.00 [.197 in] 15.50 [.610 in] 12.40 [.488 in] 1.60 [.063 in] 7.10 [.280 in] n actuator color brown notes: 1. all dimensions in mm [inch] 2. general tolerance: x.x=0.4 x.xx=0.25 3. term. nos. for reference only. 4. rating: 50ma @ 12vdc 5. operating force: 160 ` 50 gms 6. travel: 0.35mm 0.1 7. contact resistance: 100 milli ohms max. (initial) 8. mechanical/electrical life 200,000 cycles min. 9. insulation resistance: 100m ohms min. at 500vac 11. dielectric strength: 250vac for 1 minute 10. packaging: 400 pcs. per tape & reel 11. 2002/95/ec (rohs) compliant 12. denotes critical parameter
|
Price & Availability of N301102 |