Part Number Hot Search : 
9318M8 N5383 C3830 LSC2609 29LV8 PC357N03 BCR108 2SD1047
Product Description
Full Text Search
 

To Download MM3Z2V0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  - 50 to + 175 200 mw 200mw surface mount zener diodes features maximum ratings and elect rical char acterist ics @ t a = 25c unless otherwise s pecified mechanical data    1of2   total power dissipation : max. 200 mw small plastic package suitable for surface mounted design tolerance approximately 5% parameter symbol value unit power dissipation p tot junction temperature t j 150 o c storage temperature range t s o c parameter symbol max. unit thermal resistance junction to ambient air r tha 0.3 k/w forward voltage at i f = 10 ma v f 0.9 v MM3Z2V0~mm3z75 k l m j c h ba sod-323 dim min max a 0.25 0.35 b 1.20 1.40 c 2.30 2.70 h 1.60 1.80 j 0.00 0.10 k 1.0 1.1 l 0.20 0.40 m 0.10 0.15 0 8 all dimensions in mm case: sod-323, molded plastic
zener voltage range 1) dynamic impedance 2) reverse leakage current l zt for v zt z zt (max.) at i zt i r (max.) at v r type marking code v znom v ma v ? ma a v MM3Z2V0 b0 2.0 5 1.8...2.15 100 5 120 0.5 mm3z2v2 c0 2.2 5 2.08...2.33 100 5 120 0.7 mm3z2v4 1c 2.4 5 2.28...2.56 100 5 120 1 mm3z2v7 1d 2.7 5 2.5...2.9 110 5 120 1 mm3z3v0 1e 3.0 5 2.8...3.2 120 5 50 1 mm3z3v3 1f 3.3 5 3.1...3.5 130 5 20 1 mm3z3v6 1h 3.6 5 3.4...3.8 130 5 10 1 mm3z3v9 1j 3.9 5 3.7...4.1 130 5 5 1 mm3z4v3 1k 4.3 5 4...4.6 130 5 5 1 mm3z4v7 1m 4.7 5 4.4...5 130 5 2 1 mm3z5v1 1n 5.1 5 4.8...5.4 130 5 2 1.5 mm3z5v6 1p 5.6 5 5.2...6 80 5 1 2.5 mm3z6v2 1r 6.2 5 5.8...6.6 50 5 1 3 mm3z6v8 1x 6.8 5 6.4...7.2 30 5 0.5 3.5 mm3z7v5 1y 7.5 5 7...7.9 30 5 0.5 4 mm3z8v2 1z 8.2 5 7.7...8.7 30 5 0.5 5 mm3z9v1 2a 9.1 5 8.5...9.6 30 5 0.5 6 mm3z10 2b 10 5 9.4...10.6 30 5 0.1 7 mm3z11 2c 11 5 10.4...11.6 30 5 0.1 8 mm3z12 2d 12 5 11.4...12.7 35 5 0.1 9 mm3z13 2e 13 5 12.4...14.1 35 5 0.1 10 mm3z15 2f 15 5 13.8...15.6 40 5 0.1 11 mm3z16 2h 16 5 15.3...17.1 40 5 0.1 12 mm3z18 2j 18 5 16.8...19.1 45 5 0.1 13 mm3z20 2k 20 5 18.8...21.2 50 5 0.1 15 mm3z22 2m 22 5 20.8...23.3 55 5 0.1 17 mm3z24 2n 24 5 22.8...25.6 60 5 0.1 19 mm3z27 2p 27 5 25.1...28.9 70 2 0.1 21 mm3z30 2r 30 5 28...32 80 2 0.1 23 mm3z33 2x 33 5 31...35 80 2 0.1 25 mm3z36 2y 36 5 34...38 90 2 0.1 27 mm3z39 2z 39 2.5 37...41 100 2 2 30 mm3z43 3a 43 2.5 40...46 130 2 2 33 mm3z47 3b 47 2.5 44...50 150 2 2 36 mm3z51 3c 51 2.5 48...54 180 2 1 39 mm3z56 3d 56 2.5 52...60 180 2 1 43 mm3z62 3e 62 2.5 58...66 200 2 0.2 47 mm3z68 3f 68 2.5 64...72 250 2 0.2 52 mm3z75 3h 75 2.5 70...79 300 2 0.2 57 1) v z is tested with pulses (20 ms). 2) z zt is measured at i z by given a very small a.c. current signal. 2of2


▲Up To Search▲   

 
Price & Availability of MM3Z2V0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X