Part Number Hot Search : 
CXA18 MAX6681 SFR102L C783CD MC14566 74LVCH SE9303 4000B
Product Description
Full Text Search
 

To Download MIP-3104-AE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 4u compactpci supports 2 or 7 peripheral slots ? high performance or low power consumption cpu selectable ? lockable power on/off switch prevents inadvertent access ? 40db ultra low system noise for working environments ? easy-accessible cooling fan and air flter for system maintenance ? robust design, anti-vibration up to 2g with ssd introduction the mic-3106 and 3111 are advantech's latest ipcs and the frst to use the compactpci standard. compactpci is an open standard that gives users the fexibility to add the components that they need. the small footprint of mic-3106 and 3111 makes it the smallest cpci system available and offers either 2 or 7 expansion slots to give users the fexibility to build the system they require. for improved access and confguration, the mic-3106 and 3111 are front accessible and the highly reliable nature of compactpci makes it the perfect choice for industrial applications. the three available models in the mic-3106 and 3111 offer a choice of either high power or low power cpus and therefore a range of prices to suit the requirements of specifc companies. specifcations mic-3106 mic-3111 power supply power type atx atx input voltage 100 ~ 240 v ac 100 ~ 240 v ac wattage 180w 180w on/off switch lockable toggle switch lockable toggle switch backplane system slot 1, on the right 1, on the right peripheral slot 2 slots 7 slots pci bus 32-bit 33mhz 32-bit 33mhz physical dimensions (w x h x d mm) 134 x 177 x 238 234 x 177 x 258 weight (kg) 4.33 kg 6.14 kg environment temperature operating 0 ~ 50c 0 ~ 50c non-operating -20 ~ 60c -20 ~ 60c humidity (non-condensing) operating 10 ~ 85% @ 40c 10 ~ 85% @ 40c non-operating 10 ~ 95% @ 40c 10 ~ 95% @ 40c vibration (5 ~ 500 hz) operating 2grms (without hdd) 2grms (without hdd) non-operating 2g 2g shock (11ms) operating 10g 10g non-operating 30g 30g compliance regulatory ce, fcc, ccc, ul, rohs ce, fcc, ccc, ul, rohs compliance picmg 2.0 rev. 3.0 picmg 2.0 rev. 3.0 mic-3111 mic-3106 preliminary 4u compactpci with 2 peripheral slots 4u compactpci with 7 peripheral slots ordering information part number description mic-3106-00-ae modular industrial chassis 4u, 2 slots, w/ 180w mic-3111-00-ae modular industrial chassis 4u, 7 slots, w/ 180w mic-3106-l1-ae 4u, 2 slots, w/ 180w, mic-3325n mic-3106-l2-ae 4u, 2 slots, w/ 180w, mic-3325d mic-3106-h1-ae 4u, 2 slots, w/ 180w, mic-3328 w/ 3217ue mic-3111-l1-ae 4u, 7 slots, w/ 180w, mic-3325n mic-3111-l2-ae 4u, 7 slots, w/ 180w, mic-3325d mic-3111-h1-ae 4u, 7 slots, w/ 180w, mic-3328 w/ 3217ue MIP-3104-AE mic-3100 pci hybrid box mic-3106-h2-ae 4u, 2 slots, w/ 180w, mic-3328 w/ 3517ue mic-3111-h2-ae 4u, 7 slots, w/ 180w, mic-3328 w/ 3517ue optional accessories part number description 1990024035n000 fan flter 130 x 10 x 12 mm 3 (for mic-3106) 1990024034n000 fan flter 230 x 10 x 10 mm 3 (for mic-3111) 1750002440 bottom side fan 60 x 60 x 13 mm 3 1750007398-01 up side blower 51 x 51 x 15 mm 3 1960064154n001 4hp bracket cover 1960064193n001 wall mount kit for mic-3106 1960064192n001 wall mount kit for mic-3111 1960064183n001 table mount for mic-3106 1960064184n001 table mount for mic-3111 mic-3106 mic-3111 all product specifications are subject to change without notice last updated : 5-may-2015 compactpci systems features
mic-3106/3111 mip-3104 backplane cpci interface to chassis 1 for chassis pci slot 4 slots pci slot power (4 slot) 12v @ 2.4a, -12v @ 0.8a, +5v @ 7.5a, +3.3v @ 10a physical dimensions (w x h x d mm) 142 x 131 x 213 weight (g) 725 temperature operating 0~50c non-operating -20~60c humidity (non-condensing) operating 10~85% @40c non-operating 10~95% @40c vibration (5~500 hz) operating 1 grms (with mic-3100 chassis) non-operating 1g shock (11 ms) operating 10g (with mic-3100 chassis) non-operating 30g compliance regulatory ce, fcc compliance picmg 2.0 rev. 3.0 cpu options pci hybrid box l1 processor cpu intel atom n455, 1.66ghz memory 2 gb onboard storage 1 x compactflash type ii 1 x 2.5 sata hdd front i/o vga 1 x db15 port ethernet 2 x 10/100/1000 mbps, rj45 connector usb 2.0 3 x type a serial 2 x rs-232, db9 connector ps/2 1 operating system windows xp, xpe, 7 l2 processor system cpu intel atom d525, 1.8ghz memory 2gb on board storage 1 x compactflash type ii 1 x 2.5 sata hdd front i/o vga 1 x db15 port ethernet 2 x 10/100/1000 mbps, rj45 connector usb 2.0 3 x type a serial 2 x rs-232, db9 connector ps/2 1 operating system windows xp ,xpe, 7 h1 processor cpu intel 3rd gen. core i3-3217ue, 1.6ghz memory 4gb on board storage 1 x cfast 1 x 2.5 sata hdd front i/o vga 1 x db15 port ethernet 2 x 10/100/1000 mbps, rj45 connector usb 2.0 2 x type a serial 2 x rs-232, rj45 connector ps/2 1 operating system windows xp, 7 h2 processor cpu intel 3rd gen. core i7-3517ue, 1.7 ghz memory 4gb on board storage 1 x cfast 1 x 2.5 sata hdd front i/o vga 1 x db15 port ethernet 2 x 10/100/1000 mbps, rj45 connectors usb 3.0 2 x type a serial 2 x rs-232, rj45 connector ps/2 1 operating system windows xp, 7 www.advantech.com/products online download


▲Up To Search▲   

 
Price & Availability of MIP-3104-AE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X