Part Number Hot Search : 
MIC520 IRFF30 MMSZ5 100MZF 3EVKIT KD200 MBRS130L SZ553J
Product Description
Full Text Search
 

To Download MD-SR2310 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  customer : no. : mkm- edit : date : product : 2.3" single digit 7-segment numeric display model no. md-2310/2317 approval revision chk chk appd. remarks mikwang electronics co., ltd. rm1401, 60-24,gasan-dong, geumcheon-gu, seoul, korea tel : 82-2-2113-7700(rep.) fax : 82-2-2113-7707 url : www.led.co.kr / e-mail : mkled7700@hanmail.net specification for approval mikwang electronics co., ltd.
5 5 8 8 mikwang electronics co., ltd.
ultra red md-ur2310/2310(algaas/gaas) absolute maximum ratings(ta=25) electrical/optical characteristics(ta=25) power dissipation/total 880 mw parameter s y mbol condition min typ max unit power dissipation/seg 120 mw forward voltage/seg vf if=10ma - 5.4 6 v forward current 20 ma reverse current/seg ir vr=15v - - 10 a peak forward current 60 ma luminous intensity/digit iv if=10ma 800 2500 - cd reverse voltage 15 v peak wave length p if=10ma - 660 - nm operating temperature -25~+85 spectral line half width if=10ma - 20 - nm stroage temperature -55~+100 * vf of dot (typ : 1.8v, max 6v) ultra green md-ug2310/2317(algainp/gap) absolute maximum ratings(ta=25) e lectrical/optical characteristics(ta=25) power dissipation/total 1048 mw parameter s y mbol condition min typ max unit power dissipation/seg 144 mw forward voltage/seg vf if=10ma - 6 7.2 v forward current 20 ma reverse current/seg ir vr=15v - - 10 a peak forward current 60 ma luminous intensity/digit iv if=10ma 700 1500 - cd reverse voltage 15 v peak wave length p if=10ma 569 570 575 nm operating temperature -25~+85 spectral line half width if=10ma - 30 - nm stroage temperature -55~+100 * vf of dot (typ : 2v, max 2.4v) super red MD-SR2310/2310(algaas/gaas) absolute maximum ratings(ta=25) electrical/optical characteristics(ta=25) power dissipation/total 880 mw parameter s y mbol condition min typ max unit power dissipation/seg 120 mw forward voltage/seg vf if=10ma - 5.4 6 v forward current 20 ma reverse current/seg ir vr=15v - - 10 a peak forward current 60 ma luminous intensity/digit iv if=10ma 800 1500 - cd reverse voltage 15 v peak wave length p if=10ma - 660 - nm operating temperature -25~+85 spectral line half width if=10ma - 20 - nm stroage temperature -55~+100 * vf of dot (typ : 1.8v, max 6v) green md-g2310/2317(gap) absolute maximum ratings(ta=25) e lectrical/optical characteristics(ta=25) power dissipation/total 1048 mw parameter s y mbol condition min typ max unit power dissipation/seg 144 mw forward voltage/seg vf if=10ma - 6 7.2 v forward current 20 ma reverse current/seg ir vr=15v - - 10 a peak forward current 60 ma luminous intensity/digit iv if=10ma - 1300 - cd reverse voltage 15 v peak wave length p if=10ma 570 573 nm operating temperature -25~+85 spectral line half width if=10ma - 30 - nm stroage temperature -55~+100 * vf of dot (typ : 2v, max 2.4v) pulse width - 1ms duty cycle - 1/5 mikwang electronics co., ltd.


▲Up To Search▲   

 
Price & Availability of MD-SR2310

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X