Part Number Hot Search : 
10041724 AN8808SB AN439 A1002 82C55A HMC442 UFV14 X3225
Product Description
Full Text Search
 

To Download MBRL1040CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  data sheet semiconductor http://www.yeashin.com 1 rev.01 20140624 MBRL1040CT~mbrl10200ct 10a schottky b a rrie r re ctifier fe a t ures ?e s c ho ttky barrier chip ?e guard ring for t r ansien t pro t ection ?e high curren t capability , low forw a r d ?e l o w re v e rse le akage curren t ?e high sur ge curr ent cap ability ?e plasti c ma terial h a s ul flammability c l assi fi cati on 9 4 v- o ?e high temper atur e so ldering : 260 o c / 10 se cond s at ter m inals ?e pb free p r odu ct at av ailable : 99% sn abov e meet ro hs env ironment su bst a nce dire ctiv e reque st m e c h an i c al d a t a ?e ca se : to-2 20ab m o lded pl asti c ?e termina l s: plate d lead s solderab le per mil-std-750, me thod 2026 ?e polari ty : as mar k ed on body ?e m oun ting po sitio n : a n y ?e mar k ing : ty pe number maximu m ra tin g s an d electric a l charac teristic s @t a = 25 c u n l ess ot her w ise specifi ed single p hase, hal f w a v e , 60hz, re sisti v e or inductiv e load . for cap a ci tiv e load, dera t e curr ent by 20%. to-220 ab unit:inch(mm) characterist i c s y m b o l 1040ct peak repet i tiv e r e v e rse volt age w o r k i n g p e ak re ve r s e v o l t a g e dc bl ocki ng vo l t age v rrm v rw m v r 40 60 100 150 rm s re ve r s e v o lta g e v r(rms ) 70 a verage rectif ied output current @ t c = 90c if 10 non-repeti ti v e pe ak for w a r d su r g e cur r e nt 8.3ms s i ngle ha lf sine- w av e superimposed on r a ted l o ad (j edec method) if sm for w a r d vo l t age @ i f = 10.0 a v f 0.52 0.95 1.05 peak rev e rse current @t a = 25c i rm 0.3 0.2 oper ati ng and sto r age tempe r atur e range t j , t st g -55 ~ +150 units volts volts volts 200 140 mbrl mbrl 45 31.5 0.5 0.58 amps ma amps mbrl mbrl mbrl mbrl 1045ct 1060ct 10100ct 10150ct 10200ct 28 42 105 150 0.72 o c .419(10.66) .387(9.85) .134(3.40) min. .055(1.40) .039(1.00) .039(1.00) .019(0.50) .1(2.54) .1(2.54) .59(15.00) .50(12.70) .177(4.50) max. .624(15.87) .584(13.93) .269(6.85) .226(5.75) .196(5.00) .163(4.16) .059(1.50) .039(1.00) .025(0.65) max.
http://www.yeashin.com 2 rev.01 20140624 MBRL1040CT~mbrl10200ct device characteristics fig.2- typical instantaneous forward characteristic fig.1- forward current derating curve fig.3- typical reverse characteristic instantaneous reverse current, milamperes 0 100 200 300 100 10 1.0 0.1 0.01 t = 100 c c o t=75c c o t=25c c o peak forward surge current, fig.4- maximum non-repetitive surge current no. of cycle at 60hz 150 120 110 90 70 50 30 20 10 1 2 5 10 20 50 100 percent of peak reverse voltage average forward current case temperature, c o 0 20 40 60 0 80 100 instantaneous forward current amperes instantaneous forward voltage, volts .4 .5 .6 .7 .8 .9 1.0 1.1 40 10 2 1.0 .8 .6 .4 .2 .1 t = 25 c pulse width = 300 s 1% duty cycle j o  100v 40,45v 150 80 60v 150v 200v 10 8 6 4 2
marking information http ?g // www . y ea shin.com ? yeashin technology co., ltd. mb rl 1 0 xxct xxxx line 1: ys logo and date code the first half of line 1: ys logo the second half of line 1 : yy ww: year, yy ww : week. line 2 : device name and package type mbr : schottky barrier rectifier xx : 10 ampere series product. 10 xx : the peak reverse voltage of product. line 3 : device structure symbol 1 0 l : low vf
?Z packing ? dimension ? qty picture ?? bag/tube / ? 527mm*33mm*7mm 50 pcs inner box ? 555mm*140mm*55mm 2000 pcs carton 575mm*285mm *155mm 8000 pcs to/ito220 ? yeashin technology co., ltd. http ?g //www.yeashin.com


▲Up To Search▲   

 
Price & Availability of MBRL1040CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X