Part Number Hot Search : 
2SJ483 N4902B BD241B 2SK4107 KA224 82434LX MAX2324 2W2K7
Product Description
Full Text Search
 

To Download MAC3020 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  digitron semiconductors 144 market street kenilworth nj 07033 usa phone +1.908.245-7200 mac3010 series silicon bidirectional thyristors MAC3020 series mac3030 series mac3040 series available non-rohs (standard) or rohs compliant (add pbf suffix). available as ?hr? (high reliability) screened per mil-prf- 19500, jantx level. add ?hr? suffix to base part number. maximum ratings (t c = 25c unless otherwise noted) current ratings rating symbol -4 -8 -15 -25 -40 -401 unit rms on-state current (full sine wave, 50 to 60hz) i t(rms) 4.0 8.0 15 25 40 40 amps peak non-repetitive surge current (1 cycle, 60 hz, t c = 110c) i tsm 30 80 150 250 300 300 amps circuit fusing considerations (t j = -40 to +110c, t = 8.3ms) i 2 t 3.6 26 90 260 370 370 a 2 s peak gate voltage (t 2.0s) v gm 5 10 10 10 10 10 volts peak gate power (t 2.0s) p gm 10 20 20 20 20 20 watts peak gate current (t 2.0s) i gm 11 12 12 12 12 12 amps average gate power (t c = 80c, t = 8.3ms) p g(av) 0.5 watts operating junction temperature range t j -40 to +100 -40 to +125 -40 to +100 c storage temperature range t stg -40 to +150 c mounting torque - 6.0 8.0 8.0 8.0 30 30 in. lb. peak repetitive forward voltage mac3010/mac3030 MAC3020/mac3040 v drm 250 400 250 400 250 400 250 400 250 400 250 400 volts note 1: v drm for all types can be applied on a continuous basis. blocking voltage shall not be tested with a constant current source such t hat the voltage ratings of the devices are exceeded. thermal characteristics current ratings characteristic symbol -4 -8 -15 -25 -40 -401 unit thermal resistance, junction to case r ? jc 3.5 2.2 2.0 1.2 0.9 0.9 c/w thermal resistance, junction to ambient r ? ja 75 60 60 60 1.0 1.0 c/w electrical characteristics (t c = 25c and either polarity of mt2 to mt1 voltage unless otherwise noted) characteristic symbol min typ. max unit -4 current rating peak blocking current (2) (rated v drm @ t j = 110c) i drm - - 2.0 ma peak on-state voltage (either direction) (i tm = 6a peak, pulse width 2 ms, duty cycle 2%) v tm - - 2.0 volts gate trigger current (continuous dc) (v d = 12v, r l = 100 ? ) mt2(+),g(+); mt2(-),g(-) i gt - - 30 ma gate trigger voltage (continuous dc) (v d = 12v, r l = 100 ? ) mt2(+),g(+); mt2(-),g(-) (r l = 10k ? , t j = 110c) mt2(+),g(+); mt2(-),g(-) v gt - 0.2 - - 2.0 - volts holding current (v d = 12v, i tm = 200ma, gate open) i h - - 40 ma sales@digitroncorp.com fax +1.908.245-0555 www.digitroncorp.com rev. 20130205
digitron semiconductors 144 market street kenilworth nj 07033 usa phone +1.908.245-7200 mac3010 series silicon bidirectional thyristors MAC3020 series mac3030 series mac3040 series characteristic symbol min typ. max unit gate controlled turn on time (i tm = 6a peak, i g = 100ma) tgt - 1.5 - s critical rate of rise of commutation voltage (i tm = 6a peak, commutating di/dt = 3.1a/ms, gate unenergized, t c = 85c) dv/dt(c) - 5.0 - v/s critical rate of rise of off-state voltage (exponential waveform, t c = 110c) dv/dt - 20 - v/s note 2: ratings apply for open gate conditions. thyristor device s shall not be tested with a co nstant current source for blocki ng voltage such that the voltage applied exceeds the rated blocking voltage. mechanical characteristic case to-126 (mac3010-4) marking body painted, alpha-numeric pin out see below to-126 inches millimeters min max min max a 0.425 0.435 10.80 11.050 b 0.295 0.305 7.490 7.750 c 0.095 0.105 2.410 2.670 d 0.020 0.026 0.510 0.660 f 0.115 0.125 2.920 3.180 g 0.091 0.097 2.310 2.460 h 0.050 0.095 1.270 2.410 j 0.015 0.025 0.380 0.640 k 0.595 0.655 15.110 16.640 m 3 typ 3 typ q 0.148 0.158 3.760 4.010 r 0.045 0.055 1.140 1.400 s 0.025 0.035 0.640 0.890 u 0.145 0.155 3.680 3.940 v 0.040 - 1.020 - sales@digitroncorp.com fax +1.908.245-0555 www.digitroncorp.com rev. 20130205
digitron semiconductors 144 market street kenilworth nj 07033 usa phone +1.908.245-7200 mac3010 series silicon bidirectional thyristors MAC3020 series mac3030 series mac3040 series electrical characteristics (t c = 25c and either polarity of mt2 to mt1 voltage unless otherwise noted) characteristic symbol min typ. max unit -8, -15, -25 current rating peak blocking current (2) (@ t j = 125c) i drm - - 2.0 ma peak on-state voltage (i tm = 2 i t(rms) a peak, pulse width 2 ms, duty cycle 2%) mac3030-8 mac3030-15 mac3030-25 v tm - - - - - - 1.6 1.6 1.85 volts gate trigger current (continuous dc) (v d = 12v, r l = 100 ? ) mt2(+),g(+); mt2(-),g(-) i gt - - 40 ma gate trigger voltage (continuous dc) (v d = 12v, r l = 100 ? ) mt2(+),g(+); mt2(-),g(-) (r l = 10k ? , t j = 125c) mt2(+),g(+); mt2(-),g(-) v gt - 0.2 - - 2.0 - volts holding current (v d = 12v, i tm = 200ma, gate open) i h - - 40 ma gate controlled turn on time (i tm = 2 i t(rms) a peak, i g = 100ma) t gt - 1.5 - s critical rate of rise of commutation voltage (i tm = 2 i t(rms) a peak, commutating di/dt = 0.52 i t(rms) a/ms , gate unenergized, t c = 80c) dv/dt(c) - 5.0 - v/s critical rate of rise of off-state voltage (exponential waveform, t c = 125c) dv/dt 40 - - v/s note 2: ratings apply for open gate conditions. thyristor device s shall not be tested with a co nstant current source for blocki ng voltage such that the voltage applied exceeds the rated blocking voltage sales@digitroncorp.com fax +1.908.245-0555 www.digitroncorp.com rev. 20130205
digitron semiconductors 144 market street kenilworth nj 07033 usa phone +1.908.245-7200 mac3010 series silicon bidirectional thyristors MAC3020 series mac3030 series mac3040 series mechanical characteristic case to-220ab (mac3010-8, -15, -25) marking body painted, alpha-numeric pin out see below to-220ab inches millimeters min max min max a 0.575 0.620 14.600 15.750 b 0.380 0.405 9.650 10.290 c 0.160 0.190 4.060 4.820 d 0.025 0.035 0.640 0.890 f 0.142 0.147 3.610 3.730 g 0.095 0.105 2.410 2.670 h 0.110 0.155 2.790 3.930 j 0.014 0.022 0.360 0.560 k 0.500 0.562 12.700 14.270 l 0.045 0.055 1.140 1.390 n 0.190 0.210 4.830 5.330 q 0.100 0.120 2.540 3.040 r 0.080 0.110 2.040 2.790 s 0.045 0.055 1.140 1.390 t 0.235 0.255 5.970 6.480 u - 0.050 - 1.270 v 0.045 - 1.140 - z - 0.080 - 2.030 sales@digitroncorp.com fax +1.908.245-0555 www.digitroncorp.com rev. 20130205
digitron semiconductors 144 market street kenilworth nj 07033 usa phone +1.908.245-7200 mac3010 series silicon bidirectional thyristors MAC3020 series mac3030 series mac3040 series electrical characteristics (t c = 25c and either polarity of mt2 to mt1 voltage unless otherwise noted) characteristic symbol min typ. max unit -40, -401 current rating peak blocking current (2) (@ t j = 110c) i drm - - 2.0 ma peak on-state voltage (either direction) (i tm = 56a peak, pulse width 2 ms, duty cycle 2%) v tm - - 1.85 volts gate trigger current (continuous dc) (v d = 12v, r l = 100 ? ) mt2(+),g(+); mt2(-),g(-) i gt - - 40 ma gate trigger voltage (continuous dc) (v d = 12v, r l = 100 ? ) mt2(+),g(+); mt2(-),g(-) (r l = 10k ? , t j = 110c) mt2(+),g(+); mt2(-),g(-) v gt - 0.2 - - 2.0 - volts holding current (v d = 12v, i tm = 200ma, gate open) i h - - 50 ma gate controlled turn on time (i tm = 56a peak, i g = 200ma) t gt - 1.5 - s critical rate of rise of commutation voltage (i tm = 56a peak, commutating di/dt = 22 a/ms , gate unenergized, t c = 60c) dv/dt(c) 5.0 - - v/s critical rate of rise of off-state voltage (exponential waveform, t c = 110c) dv/dt 30 - - v/s note 2: ratings apply for open gate conditions. thyristor device s shall not be tested with a co nstant current source for blocki ng voltage such that the voltage applied exceeds the rated blocking voltage mechanical characteristic case to-48 (mac3010-40) marking body painted, alpha-numeric polarity cathode is stud to-48 inches millimeters min max min max a 0.604 0.614 15.340 15.600 b 0.551 0.559 14.000 14.200 c 1.050 1.190 2.670 30.230 f 0.135 0.160 3.430 4.060 h - 0.265 - 6.730 j 0.420 0.455 10.670 11.560 k 0.620 0.670 15.750 17.020 l 0.300 0.350 7.620 8.890 q 0.055 0.085 1.400 2.160 t 0.501 0.505 12.730 12.830 sales@digitroncorp.com fax +1.908.245-0555 www.digitroncorp.com rev. 20130205
digitron semiconductors 144 market street kenilworth nj 07033 usa phone +1.908.245-7200 mac3010 series silicon bidirectional thyristors MAC3020 series mac3030 series mac3040 series mechanical characteristic case to-48 iso (mac3010-401) marking body painted, alpha-numeric polarity cathode is stud to-48 iso inches millimeters min max min max a 0.551 0.559 14.000 14.200 b 0.501 0.505 12.730 12.830 c - 1.280 - 32.510 f - 0.160 - 4.060 h - 0.265 - 6.730 j 0.420 0.455 10.670 11.560 k 0.300 0.350 7.620 8.890 l 0.255 0.275 6.480 6.990 q 0.055 0.085 1.400 2.160 t 0.135 0.150 3.430 3.810 sales@digitroncorp.com fax +1.908.245-0555 www.digitroncorp.com rev. 20130205


▲Up To Search▲   

 
Price & Availability of MAC3020

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X