Part Number Hot Search : 
08100 R5F7286 MC145 IRFF120R SSR2045G 08100 F25BR FM380
Product Description
Full Text Search
 

To Download KMB8D2N60QA-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2007. 9. 3 1/4 semiconductor technical data kmb8d2n60qa n-ch trench mosfet revision no : 1 general description this trench mosfet has better characteristics, such as fast switching time, low on resistance, low gate charge and excellent avalanche characteristiscs. it is mainly suitable for back-light inverter. features h v dss =60v, i d =8.2a. h drain-source on resistance. r ds(on) =22m ? (max.) @ v gs =10v r ds(on) =27m ? (max.) @ v gs =4.5v h super high dense cell design mosfet maximum ratings (ta=25 ? unless otherwise noted) flp-8 0.20+0.1/-0.05 p t 1.27 u 0.1 max millimeters 0.4 0.1 0.15+0.1/-0.05 4.85 0.2 b2 g h l d a b1 dim 6.02 0.3 1.63 0.2 0.65 0.2 3.94 0.2 + _ + _ + _ + _ + _ + _ g h b1 b2 1 4 5 8 a p d l t u note : *surface mounted on 1 ? 1 fr4 board 1 2 3 4 8 7 6 5 s s s g d d d d 1 2 3 4 8 7 6 5 kmb8d2n 60qa pin connection (top view) characteristic symbol pating unit drain source voltage v dss 60 v gate source voltage v gss ? 20 v drain current dc@t a =25 ? i d * 8.2 a dc@t a =70 ? 6.6 a pulsed i dp 40 a drain source diode forward current i s 3.0 a drain power dissipation t a =25 ? p d * 3.0 w t a =70 ? 2.0 w maximum junction temperature t j 150 ? storage temperature range t stg -55~150 ? thermal resistance, junction to ambient r thja * 41 ? /w
2007. 9. 3 2/4 kmb8d2n60qa revision no : 1 electrical characteristics (ta=25 ? ) unless otherwise noted characteristic symbol test condition min. typ. max. unit static drain-source breakdown voltage bv dss v gs =0v, i ds =250  a 60 - - v drain cut-off current i dss v ds =48v, v gs =0v - - 1  a v ds =48v, v gs =0v, t j =70 ? - - 5 gate leakage current i gss v gs = ? 20v, v ds =0v - - ? 100 na gate threshold voltage v th v ds =v gs, i d =250  a 1.0 - 3.0 v drain-source on resistance r ds(on)* v gs =10v, i d =8.2a - 16 22 m ? v gs =4.5v, i d =7.6a - 20 27 forward transconductance g fs* v ds =5v, i d =8.2a - 2.4 - s dynamic input capaclitance c iss v ds =30v, v gs =0v, f=1mhz - 1920 2300 pf ouput capacitance c oss - 155 - reverse transfer capacitance c rss - 116 - total gate charge (v gs =10v) q g* v ds =30v, v gs =10v, i d =8.2a - 47.6 58 nc total gate charge (v gs =4.5v) - 24.2 30 gate-source charge q gs* - 6.0 - gate-drain charge q gd* - 14.4 - turn-on delay time t d(on)* v dd =30v, v gs =10v r l =3.6 ? , r g =3 ? - 8.2 - ns turn-on rise time t r* - 5.5 - turn-off delay time t d(off)* - 29.7 - turn-off fall time t f* - 5.2 - source-drain diode ratings source-drain forward voltage v sdf* v gs =0v, i dr =1.7a, - 0.74 1.0 v note 1. pulse test : pulse width ? 10 k , duty cycle ? 1%
2007. 9. 3 3/4 kmb8d2n60qa revision no : 1
2007. 9. 3 4/4 kmb8d2n60qa revision no : 1


▲Up To Search▲   

 
Price & Availability of KMB8D2N60QA-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X