Part Number Hot Search : 
ZTB506E KA75420Z 85042 JHD162 5KP78 LM290 LM258 ASPDF5T0
Product Description
Full Text Search
 

To Download JANTX1N6464 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  t4 - lds -0 286, rev . 1 ( 4/22/13 ) ?201 3 microsemi corporation page 1 of 6 1n 6461 ? 1n6468 available on commercial versions v oidless h ermetically s ealed u nidirectional t ransient v oltage s uppressors qualified per mil - prf - 19500/ 551 qualified levels : jan, jantx, and jantxv description this series of 500 watt voidless hermetically sealed unidirectional transient voltage suppressor s (tvs) are military qualified to mil - prf - 19500/551 and are ideal for high - reliability applications where a failure cannot be tolerated. w orking peak ?s tandoff? v oltage s are available from 5.0 to 51.6 v olts. they are very robust, using a hard glass casing and internal category 1 metallurgical bonds. these devices are also available in a surface mount melf package configuration. ?b? package also available in : ? b ? sq - melf package ( surface mount ) 1n6461us - 1n6468us important: for the latest information, visit our website http://www.microsemi.com . features ? popular jedec regis tered 1n6461 thru 1n6468 series. ? available as 500 w p eak p ulse p ower (p pp ). ? working p eak ? s tandoff? v oltage (v wm ) from 5.0 to 51.6 v . ? high surge current and peak pulse power provides transient voltage protection for sensitive circuits . ? triple - layer passivation. ? internal ? category 1 ? metallurgical bonds . ? voidless hermetically sealed glass package. ? jan, jantx, and jantxv qualification s available per mil - prf - 19500/ 551. other screening in reference to mil - prf - 19500 is also available. (see part nomenclature for all available options.) ? rohs compliant versions available (commercial grade only) . applications / benefits ? military and other high - reliability transient protection. ? extremely robust construction. ? esd and eft protection per iec61000 - 4 - 2 and iec61000- 4 - 4 respectively . ? protection from secondary effects of lightning pe r select levels in iec61000 -4 -5. ? flexible axial - leaded m ounting terminals . ? nonsensitive to esd per mil - std -750 m ethod 1020 . ? inherently radiation hard as described in microsemi ? micronote 050 ?. maximum ratings @ 25 oc parameters/test conditions symbol value unit junction and storage temperature t j and t stg - 55 to +175 o c thermal resistance, junction to lead (1) r ? jl 60 oc/w forward surge current @ 8.3 ms half - sine i fsm 80 a forward voltage @ 1 amp v f 1.5 v peak pulse power @ 10/1000 s p pp 500 w reverse power dissipation (2) p r 2.5 w solder temperature @ 10 s 260 o c notes: 1. at l = 0.375 inch (9.53 mm) from body . 2. derate at 16.7 mw/ o c (see figure 4 ). msc ? lawrence 6 lake street, lawrence, ma 01841 tel: 1 -800- 446- 1158 or (978) 620 - 2600 fax: (978) 689 - 0803 msc ? ireland gort road business par k, ennis, co. clare, ireland tel: +353 (0) 65 6840044 fax: +353 (0) 65 6822298 website: www.microsemi.com
t4 - lds -0 286, rev . 1 ( 4/22/13 ) ?201 3 microsemi corporation page 2 of 6 1n 6461 ? 1n6468 mechanical and packaging ? case: hermetically sealed voidless hard glass with t ungsten slugs. ? termina ls : axial - leads are t in/ l ead over c opper. rohs compliant matte -ti n is available for commercial grade only. ? marking: body paint and part number . ? polarity: cathode band. ? tape & re el option: standard per eia - 296. contact factory for quantities. ? weight: approximately 750 m illigrams . ? see p ackage d imensions on last page. part nomenclature jan 1n6461 e3 reliability level jan = jan level jantx = jantx level jantxv = jantxv leve l cds (reference jans) blank = c ommercial jedec type number see electrical characteristic s t able rohs compliance e3 = rohs c ompliant ( available on commercial grade only ) blank = non - rohs c ompliant symbols & definitions symbol definition v ( br) temperature coefficient of breakdown voltage: the change in breakdown voltage divided by the change in temperature expressed in %/ c or mv/ c. v ( br ) breakdown voltage: the voltage across the device at a specified current i (br) in the breakdown region. v wm rated working standoff voltage: the maximum - rated value of dc or repetitive peak positive cathode - to - anode voltage that may be continuously applie d over the standard operating temperature. i d standby current: the current through the device at rated stand - off voltage. i pp peak impulse current: the maximum rated random recurring peak impulse current or nonrepetitive peak impulse current that may be applied to a device. a random recurring or nonrepetitive transient current is usually due to an external cause, and it is assumed that its effect will have completely disappeared before the next transient arrives. v c clamping voltage: the voltage across the device in a region of low differential resistance during the application of an impulse current (i pp ) for a specified waveform. p pp peak pulse power. the rated random recurring peak impulse power or rated nonrepetitive peak impulse power. the impulse power is the maximum - rated value of the product of i pp and v c .
t4 - lds -0 286, rev . 1 ( 4/22/13 ) ?201 3 microsemi corporation page 3 of 6 1n 6461 ? 1n6468 electrical characteristics type minimum break down voltage v ( br) @ i ( br) breakdown current i (br) rated working standoff voltage v wm maximum standby current i d @ v wm maximum clamping voltage v c @ 10/1000 s maximum peak im pulse current i pp maximum temp. coef. of v(br) @ 8/20 s @ 10/1000 s volts ma v (pk) a v (pk) a (pk) a (pk) %/ o c 1n6461 5.6 25 5 3000 9.0 315 56 - 0 .03, +0.04 5 1n6462 6.5 20 6 2500 11.0 258 46 + 0.06 0 1n6463 13.6 5 12 500 22.6 125 22 + 0.085 1n6464 16.4 5 15 500 26.5 107 19 + 0.085 1n6465 27.0 2 24 50 41.4 69 12 +0 .096 1n6466 33.0 1 30.5 3 47.5 63 11 +0 .098 1n6467 43.7 1 40.3 2 63.5 45 8 +0 .101 1n6468 54.0 1 51.6 2 78.5 35 6 +0 .103
t4 - lds -0 286, rev . 1 ( 4/22/13 ) ?201 3 microsemi corporation page 4 of 6 1n 6461 ? 1n6468 graphs pulse time (tp) figure 1 peak pulse power vs pulse time time (t) in milliseconds figure 2 1 0/1000 s current impulse waveform reverse peak pulse power (p pp ) in kw i pp ? peak pulse current - % i pp
t4 - lds -0 286, rev . 1 ( 4/22/13 ) ?201 3 microsemi corporation page 5 of 6 1n 6461 ? 1n6468 graphs time (t) in mi cro seconds figure 3 8 /20 s current impulse waveform t ? temperature - c figure 4 derating curve i pp ? peak pulse current - % i pp pe ak pulse power ( p pp ), current ( i pp ), and dc power in percent of 25c ratin g
t4 - lds -0 286, rev . 1 ( 4/22/13 ) ?201 3 microsemi corporation page 6 of 6 1n 6461 ? 1n6468 package dimensions s y mbol d imensions n o te s inch es m illimeters m i n m a x m i n m a x bd 0 .11 5 0.145 2.92 3.68 3 ,4 bl 0 . 150 0.300 3.81 7.62 4 ld 0.037 0.042 0.94 1.07 4 ll 0 .90 0 1.30 22. 86 33.0 2 l1 0.050 1.27 4 no t es: 1 . d imension s ar e i n inches. 2 . m illimete r equi v alent s ar e gi v e n fo r informatio n onl y . 3 . d imensio n bd shal l b e mea s ure d a t th e larges t diameter. 4. dimension bl includ e s dimension l1 region in which the diameter may vary from bd maximum to ld minimum. 5 . i n accordanc e w it h as m e y 14.5 m , diameter s ar e equi v alen t t o x s y mbolog y .


▲Up To Search▲   

 
Price & Availability of JANTX1N6464

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X