Part Number Hot Search : 
05N18 1N4751A AK4309 ML120 FT10M15E 1N6171A MAU122 HER103S
Product Description
Full Text Search
 

To Download IXFX48N60Q3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2011 ixys corporation, all rights reserved symbol test conditions maximum ratings v dss t j = 25 c to 150 c 600 v v dgr t j = 25 c to 150 c, r gs = 1m 600 v v gss continuous 30 v v gsm transient 40 v i d25 t c = 25 c 48 a i dm t c = 25 c, pulse width limited by t jm 120 a i a t c = 25 c 48a e as t c = 25 c2j dv/dt i s i dm , v dd v dss , t j 150 c 50 v/ns p d t c = 25 c 1000 w t j -55 ... +150 c t jm 150 c t stg -55 ... +150 c t l 1.6mm (0.062 in.) from case for 10s 300 c t sold plastic body for 10s 260 c m d mounting torque (to-264) 1.13/10 nm/lb.in. f c mounting force (plus247) 20..120 /4.5..27 n/lb. weight to-264 10 g plus247 6 g symbol test conditions characteristic values (t j = 25 c unless otherwise specified) min. typ. max. bv dss v gs = 0v, i d = 1ma 600 v v gs(th) v ds = v gs , i d = 4ma 3.5 6.5 v i gss v gs = 30v, v ds = 0v 200 na i dss v ds = v dss , v gs = 0v 25 a t j = 125 c 1 ma r ds(on) v gs = 10v, i d = 0.5 ? i d25 , note 1 140 m hiperfet tm power mosfets q3-class ixfk48n60q3 IXFX48N60Q3 v dss = 600v i d25 = 48a r ds(on) 140m t rr 300ns ds100348(06/11) n-channel enhancement mode avalanche rated fast intrinsic rectifier g = gate d = drain s = source tab = drain plus247 (ixfx) tab g d s to-264 (ixfk) s g d tab features z low intrinsic gate resistance z low package inductance z fast intrinsic rectifier z low r ds(on) and q g advantages z high power density z easy to mount z space savings applications z dc-dc converters z battery chargers z switch-mode and resonant-mode power supplies z dc choppers z temperature and lighting controls advance technical information
ixfk48n60q3 IXFX48N60Q3 ixys reserves the right to change limits, test conditions, and dimensions. symbol test conditions characteristic values (t j = 25 c unless otherwise specified) min. typ. max. g fs v ds = 20v, i d = 0.5 ? i d25 , note 1 20 36 s c iss 7020 pf c oss v gs = 0v, v ds = 25v, f = 1mhz 790 pf c rss 70 pf r gi gate input resistance 0.13 t d(on) 37 ns t r 11 ns t d(off) 40 ns t f 9 ns q g(on) 140 nc q gs v gs = 10v, v ds = 0.5 ? v dss , i d = 0.5 ? i d25 54 nc q gd 60 nc r thjc 0.125 c/w r thcs 0.15 c/w source-drain diode symbol test conditions characteristic values (t j = 25 c unless otherwise specified) min. typ. max. i s v gs = 0v 48 a i sm repetitive, pulse width limited by t jm 192 a v sd i f = i s , v gs = 0v, note 1 1.4 v t rr 300 ns q rm 2.2 c i rm 15.4 a ixys mosfets and igbts are covered 4,835,592 4,931,844 5,049,961 5,237,481 6,162,665 6,404,065 b1 6,683,344 6,727,585 7,005,734 b2 7,157,338b2 by one or more of the following u.s. patents: 4,850,072 5,017,508 5,063,307 5,381,025 6,259,123 b1 6,534,343 6,710,405 b2 6,759,692 7,063,975 b2 4,881,106 5,034,796 5,187,117 5,486,715 6,306,728 b1 6,583,505 6,710,463 6,771,478 b2 7,071,537 note 1. pulse test, t 300 s, duty cycle, d 2%. resistive switching times v gs = 10v, v ds = 0.5 ? v dss , i d = 0.5 ? i d25 r g = 1 (external) i f = 24a, -di/dt = 100a/ s v r = 100v, v gs = 0v advance technical information the product presented herein is under development. the technical specifications offered are derived from a subjective evaluation of the design, based upon prior knowledge and experience, and constitute a "considered reflection" of the anticipated result. ixys reserves the right to change limits, test conditions, and dimensions without notice. terminals: 1 - gate 2 - drain 3 - source plus 247 tm outline dim. millimeter inches min. max. min. max. a 4.83 5.21 .190 .205 a 1 2.29 2.54 .090 .100 a 2 1.91 2.16 .075 .085 b 1.14 1.40 .045 .055 b 1 1.91 2.13 .075 .084 b 2 2.92 3.12 .115 .123 c 0.61 0.80 .024 .031 d 20.80 21.34 .819 .840 e 15.75 16.13 .620 .635 e 5.45 bsc .215 bsc l 19.81 20.32 .780 .800 l1 3.81 4.32 .150 .170 q 5.59 6.20 .220 0.244 r 4.32 4.83 .170 .190 terminals: 1 - gate 2 - drain 3 - source 4 - drain millimeter inches min. max. min. max. a 4.82 5.13 .190 .202 a1 2.54 2.89 .100 .114 a2 2.00 2.10 .079 .083 b 1.12 1.42 .044 .056 b1 2.39 2.69 .094 .106 b2 2.90 3.09 .114 .122 c 0.53 0.83 .021 .033 d 25.91 26.16 1.020 1.030 e 19.81 19.96 .780 .786 e 5.46 bsc .215 bsc j 0.00 0.25 .000 .010 k 0.00 0.25 .000 .010 l 20.32 20.83 .800 .820 l1 2.29 2.59 .090 .102 p 3.17 3.66 .125 .144 q 6.07 6.27 .239 .247 q1 8.38 8.69 .330 .342 r 3.81 4.32 .150 .170 r1 1.78 2.29 .070 .090 s 6.04 6.30 .238 .248 t 1.57 1.83 .062 .072 dim. to-264 aa outline
? 2011 ixys corporation, all rights reserved ixfk48n60q3 IXFX48N60Q3 fig. 1. output characteristics @ t j = 25oc 0 10 20 30 40 50 01234567 v ds - volts i d - amperes v gs = 10v 9 v 8 v 7 v 6 v fig. 2. extended output characteristics @ t j = 25oc 0 20 40 60 80 100 0 5 10 15 20 25 30 v ds - volts i d - amperes v gs = 10v 7 v 8 v 9 v fig. 3. output characteristics @ t j = 125oc 0 10 20 30 40 50 0 2 4 6 8 10121416 v ds - volts i d - amperes 6 v 7v 5v v gs = 10v 8v fig. 4. r ds(on) normalized to i d = 24a value vs. junction temperature 0.2 0.6 1.0 1.4 1.8 2.2 2.6 3.0 3.4 -50 -25 0 25 50 75 100 125 150 t j - degrees centigrade r ds(on) - normalized v gs = 10v i d = 48a i d = 24a fig. 5. r ds(on) normalized to i d = 24a value vs. drain current 0.6 1.0 1.4 1.8 2.2 2.6 3.0 0 102030405060708090100110 i d - amperes r ds(on) - normalized v gs = 10v t j = 125oc t j = 25oc fig. 6. maximum drain current vs. case temperature 0 5 10 15 20 25 30 35 40 45 50 -50 -25 0 25 50 75 100 125 150 t c - degrees centigrade i d - amperes
ixfk48n60q3 IXFX48N60Q3 ixys reserves the right to change limits, test conditions, and dimensions. fig. 7. input admittance 0 10 20 30 40 50 60 70 80 4.5 5.0 5.5 6.0 6.5 7.0 7.5 8.0 8.5 9.0 9.5 10.0 v gs - volts i d - amperes t j = 125oc - 40oc 25oc fig. 8. transconductance 0 10 20 30 40 50 60 70 0 1020304050607080 i d - amperes g f s - siemens t j = - 40oc 125oc 25oc fig. 9. forward voltage drop of intrinsic diode 0 20 40 60 80 100 120 140 160 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 v sd - volts i s - amperes t j = 125oc t j = 25oc fig. 10. gate charge 0 2 4 6 8 10 12 14 16 0 50 100 150 200 q g - nanocoulombs v gs - volts v ds = 300v i d = 24a i g = 10ma fig. 11. capacitance 10 100 1,000 10,000 100,000 0 5 10 15 20 25 30 35 40 v ds - volts capacitance - picofarads f = 1 mhz c iss c rss c oss fig. 12. forward-bias safe operating area 0.1 1 10 100 1000 10 100 1,000 v ds - volts i d - amperes t j = 150oc t c = 25oc single pulse 100s 1ms r ds(on) limit 25s 10ms
? 2011 ixys corporation, all rights reserved ixys ref: f_48n60q3(r8) 6-22-11 ixfk48n60q3 IXFX48N60Q3 fig. 13. maximum transient thermal impedance 0.001 0.01 0.1 1 0.00001 0.0001 0.001 0.01 0.1 1 10 pulse width - seconds z (th)jc - oc / w


▲Up To Search▲   

 
Price & Availability of IXFX48N60Q3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X