Part Number Hot Search : 
SF5008 AA10C NCP3418D ST2SC 4100B PQ60015 K1540 LDA200S
Product Description
Full Text Search
 

To Download HTS8A60H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  semihow rev.a1,march 2013 HTS8A60H_hts8a80h t2 t1 g features ? repetitive peak off - state voltage : 600v/800v ? r.m.s on ? state current (i t(rms) = 8a) ? gate trigger current : 35ma ? high commutation capability. applications general purpose of ac switching, heating control, motor control, etc general description semihow?s standard triac product is a glass passivated device, has a high commutative performance, stable gate triggering level to temperature and high off state voltage . it is generally suitable for power and phase control in ac application HTS8A60H/hts8a80h 3 quadrants standard triac v drm = 600v/800v i t(rms) = 8 a i tsm = 84 a i gt = 35ma to - 220f symbol absolute maximum ratings (t j =25 unless otherwise specified ) symbol parameter conditions ratings unit HTS8A60H hts8a80h v drm repetitive peak off - state voltage sine wave, 50/60hz, gate open 600 800 v v rrm repetitive peak reverse voltage 600 800 v i t(av) average on - state current full sine wave, t c = 97.6 o c 7.2 a i t(rms) r.m.s. on - state current 8 a i tsm surge on - state current ? cycle, 50hz/60hz, sine wave, non repetitive 80/84 a i 2 t fusing current t = 10ms 32 a 2 s p gm forward peak g ate power dissipation t j = 125 c 5 w p g(av) forward average gate power dissipation t j = 125 c, over any 20ms 0.5 w i fgm forward peak gate current t j = 125 c, pulse width 20us 2 a v rgm reverse peak gate voltage t j = 125 c, pulse width 20us 10 v t j operating junction temperature - 40~+ 150 o c t stg storage temperature - 40~+150 o c
semihow rev.a1,march 2013 HTS8A60H_hts8a80h electrical characteristics ( t j =25 unless otherwise specified ) thermal characteristics symbol parameter conditions min typ max unit r jc thermal resistance junction to case 3.7 o c /w r ja thermal resistance junction to ambient 58 o c /w notes : 1. pulse width 1.0ms, duty cycle 1% symbol parameter conditions min typ max unit i drm repetitive peak off - state current v d = v drm t j =25 o c - - 50 ua t j =125 o c - - 5 ma i rrm repetitive peak reverse current v d = v drm t j =25 o c - - 50 ua t j =125 o c - - 5 ma i gt gate trigger current v d = 12v, r l =330 ? 1+, 1 -, 3 - - - 35 ma v gt gate trigger voltage v d = 12v, r l =330 ? 1+, 1 -, 3 - - - 1.5 v v gd non - trigger gate voltage 1 v d = 12v, r l =330 ? , t j =125 o c 0.2 - - v v tm peak on - state voltage i t = 11a, i g = 20ma - 1.2 1.5 v dv/ dt critical rate of rise of off - state voltage v d = 2/3 v drm , t j =125 o c 200 - - v/us i h holding current i t = 0.2a - 30 - ma
semihow rev.a1,march 2013 HTS8A60H_hts8a80h typical characteristics fig 1. r.m.s. current vs. power dissipation fig 2. r.m.s. current vs. case temperature fig 3. gate power characteristics fig 4. surge on state current rating (non - repetitive) fig 5. gate trigger current vs. junction temperature fig 6. gate trigger voltage vs. junction temperature 0 1 2 3 4 5 6 7 8 9 10 90 100 110 120 130 180 o 150 o 120 o 90 o 60 o maximum allowable case temperature, t c [ o c] r.m.s. on state current, i t(rms) [a] 30 o 0 1 2 3 4 5 6 7 8 9 10 0 2 4 6 8 10 30 o 60 o 90 o 120 o 150 o power dissipation, p d [w] r.m.s. on state current, i t(rms) [a] 180 o 10 0 10 1 10 2 0 10 20 30 40 50 60 70 80 90 100 50hz 60hz surge on state current, i tsm [a] time [cycles] 10 0 10 1 10 2 10 3 10 4 10 -1 10 0 10 1 25[ o c] i + gt1 i - gt1 i - gt3 p g(av) (0.5w) p gm (5w) v gd gate voltage, v g [v] gate current, i g [ma] -50 -25 0 25 50 75 100 125 150 0 1 2 x 100 (%) igt(t o c) igt(25 o c) junction temperature, t j [ o c] i + gt1 i - gt1 i - gt3 -50 -25 0 25 50 75 100 125 150 0 1 2 junction temperature, t j [ o c] v + gt1 v - gt1 v - gt3 x 100 (%) igt(t o c) igt(25 o c)
semihow rev.a1,march 2013 HTS8A60H_hts8a80h typical characteristics fig 7. holding current vs. junction temperature fig 8. thermal impedance vs. pulse time fig 9. instantaneous on state current vs. instantaneous on state voltage r g r l v dd v g (1) quadrant i r g r l v dd v g (2) quadrant ii r g r l v dd v g (3) quadrant iii r g r l v dd v g (4) quadrant iv measurement of gate trigger current note. whole parameter and test condition can not be over absolute maximum ratings in this datasheet. 10 -2 10 -1 10 0 10 1 10 0 10 1 thermal impedance [ o c/w] pulse time [sec] 0 1 2 3 4 10 -1 10 0 10 1 10 2 25 o c instantaneou on state current, i t [a] instantaneou on state voltage, v t [v] 150 o c -50 -25 0 25 50 75 100 125 150 0 1 2 junction temperature, t j [ o c] x 100(%) i h (t o c) i h (25 o c) r s =0.019 ? v to =0.86v
semihow rev.a1,march 2013 HTS8A60H_hts8a80h package dimension 0.70 0.20 0.20 3.30 0.20 15.87 0.20 12.42 0.20 2.54typ 6.68 0.20 0.80 0.20 1.47max 2.54 0.20 0.20 0.50 0.20 2.76 0.20 2.54typ 9.75 0.20 3.18 0.20 to - 220f


▲Up To Search▲   

 
Price & Availability of HTS8A60H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X