Part Number Hot Search : 
APT50M85 CM2180 NTE7019 C4115 86VBA 74LVC 08852 QS6U24
Product Description
Full Text Search
 

To Download DTM4953A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 dual p-channel 30-v (d-s) mosfet features ? halogen-free acc or ding to iec 61249-2-21 definition ? trenchfet ? power mosfets ? compliant to rohs directive 2002/95/ec p roduct summary v ds (v) r ds(on) ( )i d (a ) - 30 0.053 at v gs = - 10 v - 4.9 0.090 at v gs = - 4.5 v - 3.7 s 1 d 1 g 1 d 1 s 2 d 2 g 2 d 2 so-8 5 6 7 8 t op v ie w 2 3 4 1 s 1 g 1 d 1 p-channel mosfet s 2 g 2 d 2 p-channel mosfet notes: a. surface mounted on 1" x 1" fr4 board. absolute maximum ratings t a = 25 c , unless otherwise noted parameter symbol 10 s s teady state unit drain-source voltage v ds - 30 v gat e-source vo ltage v gs 20 contin uous drain current (t j = 150 c) a t a = 25 c i d - 4.9 - 3.7 a t a = 70 c - 3.9 - 2.9 pulsed drain cu rrent i dm - 30 contin uous sou rce current (diode conduction) a i s - 1.7 - 0.9 maximu m power dissipation a t a = 25 c p d 2. 0 1.1 w t a = 70 c 1. 3 0.7 operating junction and storage temperature range t j , t stg - 55 to 150 c thermal resistance rati ngs p aramete r symbol typical maximum unit maximum junction-to-ambient a t 10 s r thj a 52 62.5 c/w stead y state 90 110 maximum junction-to-foot (d rain) steady state r thjf 32 40 www.din-tek.jp DTM4953A
2 no tes : a. pulse test; pulse width 300 s, duty cycle 2 %. b. guaranteed by design, not s ubject to production testing. st resses be yond those listed under ?absolute maximum ratings? ma y cause permanent damage to the device. these are stress rating s only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. ty pical chara cteristics 25 c, unless otherwise noted s pecifications t j = 25 c, unless otherwise noted p arameter symbol test conditions min. typ. max. unit static gate t hreshold vo ltage v gs(t h) v ds = v gs , i d = - 250 a - 1 v gate-b o dy lea kage i gss v ds = 0 v , v gs = 20 v 100 na z ero gate voltage drain current i dss v ds = - 30 v , v gs = 0 v - 1 a v ds = - 30 v, v gs = 0 v , t j = 55 c - 25 on-state drain current a i d( on) v ds = - 5 v , v gs = - 10 v - 30 a drain-source on-state re sista nce a r ds( on) v gs = - 10 v , i d = - 4.9 a 0.045 0.053 v gs = - 4.5 v , i d = - 3.7 a 0.075 0.090 forward t ransconductance a g fs v ds = - 10 v, i d = - 4.9 a 9s diode forw ard voltage a v sd i s = - 1.7 a, v gs = 0 v - 0.8 - 1.2 v dy namic b t otal gate charge q g v ds = - 15 v , v gs = - 10 v , i d = - 4 .9 a 15 25 nc gate-sou rce charge q gs 4 gate- drain charge q gd 2 tu r n - o n d e l ay t i m e t d( on) v dd = - 15 v, r l = 15 i d ? - 1 a, v ge n = - 10 v , r g = 6 71 5 ns rise time t r 10 20 turn -off delay time t d( off) 40 80 fall time t f 20 40 source-drain re verse recovery time t rr i f = - 1.7 a, di/ dt = 100 a/s 30 60 outpu t characteristics 0 6 12 18 24 30 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 v gs = 10 v thru 7 v 4 v v ds - drain-to-source voltage - drain current (a) i d 3 v 5 v 6 v t ransfer characteristics 0 6 12 18 24 30 0123456 t c = - 55 c 125 c 25 c v gs - gate-to-source voltage - dr ain current (a) i d www.din-tek.jp DTM4953A
3 typica l c har ac teri stic s 25 c, unless otherwise noted on -resistance vs. drain current gate charge source-drain diode forward voltage - on-resistance ( ) r ds(on) 0 0.05 0.10 0.15 0.20 0 6 12 18 24 30 i d - drain current (a) v gs = 10 v v gs = 4.5 v 0 2 4 6 8 10 0 4 8 12 16 20 v ds = 15 v i d = 4.9 a - gate-to-source voltage (v) q g - t otal gate charge (nc) v gs 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 30 10 1 v sd - source-to-dr ain voltage (v) - source current (a) i s t j = 25 c t j = 150 c cap acitance on-resistance vs. junction temperature on-resistance vs. gate-to-source voltage 0 300 600 900 1200 1500 0 6 12 18 24 30 v ds - drain-to-source voltage (v) c rss c os s c is s c - capacitance (pf) 0.6 0.8 1.0 1.2 1.4 1.6 - 50 - 25 0 25 50 75 100 125 150 v gs = 10 v i d = 4.9 a t j - j unction temperature (c) (nor malized) - on-resistance r ds(on) 0 0.05 0.10 0.15 0.20 0.25 0.30 0.35 0.40 02468 10 i d = 4.9 a - on -resistance () r ds(on ) v gs - gate-to -source voltage (v) www.din-tek.jp DTM4953A
4 ty pi cal ch ara cteristics 25 c , un less otherwise noted t hreshold voltage - 0.4 - 0.2 0.0 0.2 0.4 0.6 0.8 - 50 - 25 0 25 50 75 100 125 150 i d = 250 a v ariance (v) v gs(th) t j - t emper ature (c) sing le pulse po wer 0 30 50 10 20 power (w) t ime (s) 40 1 100 600 10 10 -1 10 -2 10 -3 no r m alized t h erma l trans ient impe dan ce, junction-to-ambient 10 -3 10 -2 1 10 600 10 -1 10 -4 100 2 1 0.1 0.01 0.2 0.1 0.05 0.02 single pulse duty cycle = 0.5 square wa ve pulse duration (s) nor malized eff ective transient thermal impedance 1. duty cycle, d = 2. p er unit base = r thj a = 90 c/w 3. t jm - t a = p dm z thj a (t) t 1 t 2 t 1 t 2 notes: 4. surface mounted p dm no rmalized therm al transient impedance, junction-to-foot 10 -3 10 -2 11 0 10 -1 10 -4 2 1 0.1 0.01 0.2 0.1 0.05 0.02 single pulse duty cycle = 0.5 square wave pulse duration (s) normalized ef fective transient thermal impedance www.din-tek.jp DTM4953A
1 di m millimeter s inc hes min ma x min max a 1 .35 1.7 5 0.053 0.069 a 1 0 .10 0.2 0 0.004 0.008 b 0.35 0.51 0.014 0.020 c 0.19 0.25 0.0075 0.010 d 4.80 5.00 0.189 0.196 e 3.80 4.00 0.150 0.157 e 1.27 bsc 0.050 bsc h 5.80 6.20 0.228 0.244 h 0.25 0.50 0.010 0.020 l 0.50 0.93 0.020 0.037 q0 8 0 8 s 0.44 0.64 0.018 0.026 ecn: c-06527-rev. i, 11-sep-06 dwg: 5498 4 3 1 2 5 6 8 7 h e h x 45 c all lea d s q 0.101 mm 0.004" l ba 1 a e d 0.25 mm (ga ge pla ne) soic (narrow): 8-lead jedec p a rt n u m b er: ms -012 s package information www.din-tek.jp
1 appl ication note r ecommended minimum pads for so-8 0.246 (6.248) recommended mi nimum pads dimensions in inches/(mm) 0.172 (4.369) 0.152 (3.861) 0.047 (1.194) 0.028 (0.71 1) 0.050 (1.270) 0.022 (0.559) return to index r eturn to inde x application note www.din-tek.jp
1 disclaimer all product, produ ct specifications and data are subject to change without notice to improve reliability, function or design or otherwise. din-tek intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, din-tek ), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. din-tek makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, din-tek disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on din-tek s knowledge of typical requirements that are often placed on din-tek products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify din-tek s terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, din-tek products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the din-tek product could result in personal injury or death. customers using or selling din-tek products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized din-tek personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of din-tek . product names and markings noted herein may be trad emarks of their respective owners. material category policy din-tek intertech nology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some din-tek documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. din-tek intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some din-tek documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards. legal disclaimer notice www.din-tek.jp


▲Up To Search▲   

 
Price & Availability of DTM4953A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X