Part Number Hot Search : 
KTC2875 BZY91C56 2SC3947 MPS650 P6KE350 220DR TA7237 05EVAL
Product Description
Full Text Search
 

To Download DFE201612P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  19 DFE201612P inductance range: 0.24~2.2 ? h (unit: mm) (unit: mm) features L ? miniature size: 2016 footprint (2.0mm1.6mm) and low profile(1.2mm max. height) ? the use of magnetic iron powder ensure capability fo r large current. ? the use of flat wire for low dc resistance. ? optimization of electrode fo r more low dc resistance. ? magnetically shielded, low audible core noise. ? reflow solderable. ? operating temperature : -40 +125c ? halogen free, rohs compliant. ? ?? (2.0 1.6 ?? 1.2mm max.) ? ?????? ? ?????? ? ?Om????? ? ]??Q ? ?? ? ??? -40 +125c ? ???` rohs ? toko standard part numbers | ???E type DFE201612P (quantity/reel; 3,000 pcs) |? S? y? ?? S toko part number inductance l( ? h) tolerance (%) test frequency (mhz) dc resistance (m ? ) max. (typ.) rated dc current (a) max. (typ.) l/l=30% t=40 ? c DFE201612P-r24m 0.24 ? 20 1 23 (15) 6.5 (7.2) 4.4 (5.2) DFE201612P-r33m 0.33 ? 20 1 28 (21) 5.6 (6.2) 3.9 (4.6) DFE201612P-r47m 0.47 ? 20 1 33 (25) 4.8 (5.4) 3.7 (4.3) DFE201612P-1r0m 1.0 ? 20 1 54 (45) 3.3 (3.7) 2.7 (3.1) DFE201612P-1r5m 1.5 ? 20 1 95 (78) 2.7 (3.0) 2.0 (2.3) DFE201612P-2r2m 2.2 ? 20 1 144 (120) 2.1 (2.3) 1.5 (1.8) (1) inductance is measured with a lcr meter 4284a ( agilent technologies ) or equivalent. test frequency at 1mhz (2) dc resistance is measured with 34420a (agilent technologies) or 3541(hioki). (reference ambient temperature 20c) (3) maximum allowable dc current is that which causes a 30% inductance reduction from the initial value, coil temperature to rise by 40 ? c whichever is smaller. (reference ambient temperature 20c) (1) ?? lcr ` 4284a ( agilent technologies ) ? ???y?y? 1mhz (2) ???y 34420a agilent technologies ? 3541 hioki ???y??? 20c (3) S???r??? ? 30 p?????? ?? 40c ?N?? ?? 20c ??? recommended patterns ?X?` metal alloy inductors ??? ? extra low dcr type ??


▲Up To Search▲   

 
Price & Availability of DFE201612P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X