Part Number Hot Search : 
54854A T1200 MURA140 SB160 A220AR 00006 TLP4197G 74LV373
Product Description
Full Text Search
 

To Download D2SB40 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  creat by art - ideal for printed circuit board - high case dielectric strength - high surge current capability - ul recognized file # e-326243 - halogen-free according to iec 61249-2-21 definition molding compound, ul flammability classification rating 94v-0 base p/n with suffix "g" on packing code - green compound (halogen-free) terminal: matte tin plated leads, solderable per jesd22-b102 meet jesd 201 class 1a whisker test v rrm 50 100 200 400 600 800 v v rms 35 70 140 280 420 560 v v dc 50 100 200 400 600 800 v i f(av) a i 2 ta 2 s t j o c t stg o c document number: ds_d1408052 version: i14 polarity: as marked weight: 2 g (approximately) d2sb05 thru d2sb80 taiwan semiconductor glass passivated sin g le-phase brid g e rectifier features maximum ratings and electrical characteristics (t a =25 o c unless otherwise noted) - compliant to rohs directive 2011/65/eu and in accordance to weee 2002/96/ec gbl mechanical data case: gbl parameter symbol d2sb 05 d2sb 10 d2sb 20 d2sb 40 d2sb 60 d2sb 80 v i fsm 80 a unit maximum repetitive peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average forward rectified current 2 maximum reverse current @ rated vr t j =25 o c t j =125 o c i r 10 a 500 rating of fusing ( t<8.3ms) 26 maximum instantaneous forward voltage (note 1) i f = 2 a v f 1.1 storage temperature range - 55 to +150 note 1: pulse test with pw=300 s, 1% duty cycle peak forward surge current, 8.3 ms single half sine- wave superimposed on rated load typical thermal resistance r jl r ja 10 47 o c/w operating junction temperature range - 55 to +150
part no. part no. d2sb80 d2sb80 (ta=25 o c unless otherwise noted) document number: ds_d1408052 version: i14 preferred p/n packing code green compound code note 1: "xx" defines voltage from 50v (d2sb05) to 800v (d2sb80) d2sbxx (note 1) c2 suffix "g" gbl x0 25 / tube description gbl d2 gbl example 25 / tube 25 / tube / forming d2sb05 thru d2sb80 taiwan semiconductor packing code green compound code package packing ordering information ratings and characteristics curves d2sb80 c2 c2 d2sb80 c2g c2 g green compound 0 0.5 1 1.5 2 2.5 0 25 50 75 100 125 150 average forward a current (a) ambient temperature ( o c) fig.1 maximum forward current derating curve 20 30 40 50 60 70 80 1 10 100 peak forward surge current (a) number of cycles at 60 hz fig. 3 maximum non-repetitive forward surge current 0.1 1 10 100 0 20 40 60 80 100 120 140 instantaneous reverse current ( a) percent of rated peak reverse voltage (%) fig. 2 typical reverse characteristics t j =25 o c t j =125 o c 0.1 1 10 0.6 0.7 0.8 0.9 1 1.1 1.2 1.3 1.4 instantaneous forward current (a) forward voltage (v) fig. 4 typical forward characteristics pulse width-300 s 1% duty cycle
min max min max a 19.70 20.30 0.776 0.799 b 2.30 2.70 0.091 0.106 c 1.30 2.00 0.051 0.079 d 0.90 1.10 0.035 0.043 e 4.80 5.20 0.189 0.205 f 10.70 11.30 0.421 0.445 g 2.30 2.70 0.091 0.106 h 13.00 14.00 0.512 0.551 i 3.30 3.70 0.130 0.146 j 0.80 1.20 0.031 0.047 k 0.40 0.60 0.016 0.024 p/n = specific device code g = green compound yww = date code f = factory code document number: ds_d1408052 version: i14 marking diagram d2sb05 thru d2sb80 taiwan semiconductor package outline dimensions dim. unit (mm) unit (inch) gbl 0 100 200 300 400 500 600 0.1 1 10 100 1000 junction capacitance (pf) reverse voltage(v) fig. 5 typical junction capacitance f=1.0mhz vslg=50mvp-p
creat by art assumes no responsibility or liability for any errors inaccuracies. information contained herein is intended to provide a product description only. no license, express or implied,to any intellectual property rights is granted by this document. except as provided in tsc's terms and conditions of sale for such products, tsc assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of tsc products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. the products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. customers using or seling these products for use in such applications do so at their own risk and agree to fully indemnify tsc for any damages resulting from such improper use or sale. document number: ds_d1408052 version: i14 d2sb05 thru d2sb80 taiwan semiconductor notice specifications of the products displayed herein are subject to change without notice. tsc or anyone on its behalf,


▲Up To Search▲   

 
Price & Availability of D2SB40

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X