Part Number Hot Search : 
682KS NDT01N60 STTH3 BC338 Q9945A 7852CV 1N3502 M7744
Product Description
Full Text Search
 

To Download BTA41-700BRG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bta40 a/b march 1995 standard triacs symbol parameter value unit i t(rms) rms on-state current (360 conduction angle) tc = 75 c40 a i tsm non repetitive surge peak on-state current ( tj initial = 25 c) tp = 8.3 ms 315 a tp = 10 ms 300 i 2 ti 2 t value tp = 10 ms 450 a 2 s di/dt critical rate of rise of on-state current gate supply : i g = 500ma di g /dt = 1a/ m s repetitive f = 50 hz 10 a/ m s non repetitive 50 tstg tj storage and operating junction temperature range - 40 to + 150 - 40 to + 125 c c tl maximum lead temperature for soldering during 10 s at 4.5 mm from case 260 c rd91 (plastic) . high surge current capability . commutation : (dv/dt)c > 10v/ m s . bta family : insulating voltage = 2500v (rms) (ul recognized : e81734) description symbol parameter bta40-... a/b unit 400 600 700 800 v drm v rrm repetitive peak off-state voltage tj = 125 c 400 600 700 800 v absolute ratings (limiting values) features the bta40 a/b triac family are high performance glass passivated pnpn devices. these parts are suitables for general purpose ap- plications where high surge current capability is re- quired. application such as phase control and static switching on inductive or resistive load. a 2 g a 1 1/5
gate characteristics (maximum values) symbol parameter value unit rth (j-c) dc junction to case for dc 1.2 c/w rth (j-c) ac junction to case for 360 conduction angle ( f= 50 hz) 0.9 c/w symbol test conditions quadrant suffix unit ab i gt v d =12v (dc) r l =33 w tj=25 c i-ii-iii max 100 50 ma iv max 150 100 v gt v d =12v (dc) r l =33 w tj=25 c i-ii-iii-iv max 1.5 v v gd v d =v drm r l =3.3k w tj=125 c i-ii-iii-iv min 0.2 v tgt v d =v drm i g = 500ma di g /dt = 3a/ m s tj=25 c i-ii-iii-iv typ 2.5 m s i l i g =1.2 i gt tj=25 c i-iii-iv typ 70 60 ma ii 200 180 i h *i t = 500ma gate open tj=25 c max 100 80 ma v tm *i tm = 60a tp= 380 m s tj=25 c max 1.8 v i drm i rrm v drm rated v rrm rated tj=25 c max 0.01 ma tj=125 c max 6 dv/dt * linear slope up to v d =67%v drm gate open tj=125 c min 250 v/ m s (dv/dt)c * (di/dt)c = 18a/ms tj=125 c min 10 v/ m s * for either polarity of electrode a 2 voltage with reference to electrode a 1 . p g (av) =1w p gm = 40w (tp = 20 m s) i gm =8a(tp=20 m s) v gm = 16v (tp = 20 m s). electrical characteristics thermal resistances bta40 a/b 2/5
ordering information package i t(rms) v drm /v rrm sensitivity specification av a b bta (insulated) 40 400 x x 600 x x 700 x x 800 x x fig.1 : maximum rms power dissipation versus rms on-state current (f=50hz). (curves are cut off by (di/dt)c limitation) fig.2 : correlation between maximum rms power dissipation and maximum allowable temperatures (t amb and t case ) for different thermal resistances heatsink + contact. fig.3 : rms on-state current versus case temperature. tp (s) 1e-3 1e-2 1e-1 1e +0 1 e+1 0.01 0.1 1 zth(j-c)/rth(j-c) fig.4 : relative variation of thermal impedance junction to case versus pulse duration. bta40 a/b 3/5
fig.5 : relative variation of gate trigger current and holding current versus junction temperature. fig.6 : non repetitive surge peak on-state current versus number of cycles. fig.7 : non repetitive surge peak on-state current for a sinusoidal pulse with width : t 10ms, and corresponding value of i 2 t. fig.8 : on-state characteristics (maximum values). bta40 a/b 4/5
package mechanical data rd91 plastic marking : type number weight : 20 g a a1 a2 b d1 b2 c c1 c2 e f i li l2 n1 n2 ref. dimensions millimeters inches min. max. min. max. a 40.00 1.575 a1 29.90 30.30 1.177 1.193 a2 22.00 0.867 b 27.00 1.063 b1 13.50 16.50 0.531 0.650 b2 24.00 0.945 c 14.00 0.551 c1 3.50 0.138 c2 1.95 3.00 0.077 0.118 e 0.70 0.90 0.027 0.035 f 4.00 4.50 0.157 0.177 i 11.20 13.60 0.441 0.535 l1 3.10 3.50 0.122 0.138 l2 1.70 1.90 0.067 0.075 n1 33 43 33 43 n2 28 38 28 38 information furnished is believed to be accurate and reliable. however, sgs-thomson microelectronics assumes no responsability for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. no license is granted by implication or otherwise under any patent or patent rights of sgs-thomson microelectronics. specifications mentioned in this publication are subject to change without notice. this publication supersedes and replaces all information previously supplied. sgs-thomson microelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of sgs-thomson microelectronics. ? 1995 sgs-thomson microelectronics - printed in italy - all rights reserved. sgs-thomson microelectronics group of companies australia - brazil - france - germany - hong kong - italy - japan - korea - malaysia - malta - morocco - the nether- lands - singapore - spain - sweden - switzerland - taiwan - thailand - united kingdom - u.s.a. bta40 a/b 5/5


▲Up To Search▲   

 
Price & Availability of BTA41-700BRG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X