Part Number Hot Search : 
GS25U48 ORE9901 59008 0P100 2SD96 OPI2154 BU4530AL 3862PYG
Product Description
Full Text Search
 

To Download BAV100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  250ma surface mount schottky barrier diode 1 of 2 features     features   mechanical data a c b minimelf dim min max a 3.30 3.70 b 1.30 1.60 c 0.28 0.50 all dimensions in mm @ t a = 25  c unless otherwise specified maximum ratings and electrical characteristics s w i t c h i ng s p ee d : m a x . 50 ns g e n e r a l app li c a t i on c on t i nuou s r e v e r s e v o l t ag e: m a x . 50 v , 100 v , 150 v a n d 200 v r e s pe c t i v e ly r e p e t i t i v e p e a k r e v e r s e v o l t ag e: m a x . 60 v , 120 v , 200 v a n d 250 v r e s pe c t i v e ly r e p e t i t i v e p e a k f o r w a r d c u rr e n t: m a x . 625 m a. p b / r o h s f r ee   c ase: m i n i m e l f g l a ss c a s e ( s o d - 80) w e i gh t: app r o x . 0 . 05g s ym bol v a lue u nit bav 100 60 bav 101 120 bav 102 200 bav 103 250 bav 100 50 bav 101 100 bav 102 150 bav 103 200 m a x i m u m r epe t i t i v e p ea k f o r w a r d c u rr e nt i f rm 625 ma m a x i m u m c o n t i nu o u s f o r w a r d c u rr e n t i f ma a t t = 100 m s , t j = 25 c 3 .0 a t t = 1 s , t j = 25 c 1 .0 m a x i m u m p o w e r d i ss i pa t i on p d 400 mw m a x i m u m j un c t i o n t e m pe r a t u re t j 175 c s t o r age t e m pe r a t u r e r a n ge t s - 65 t o + 175 c p arame t er m a x i m u m c o n t i nu o u s r e v e r s e v o l t age v r v m a x i m u m r epe t i t i v e p ea k r e v e r s e v o l t age v rrm v m a x i m u m s u r ge f o r w a r d c u rr e n t 250 i f sm a p arame t er s ym bol m i n. t y p. m ax. u n it v r = 50 v - - 100 v r = 100 v - - 100 v r = 150 v - - 100 v r = 200 v - - 100 i f = 100 ma - - 1 .0 i f = 200 ma - - 1 . 25 d i ode c apa c i t a n ce cd - - 5 .0 pf i f = 30 m a t o i r = 30 ma r l = 100 w ; m ea s u r ed a t i r = 3 ma ns 50 f = 1 m h z ; v r = 0 - - r e v e r s e r e c o v e r y t i me t rr i r f o r w a r d v o l t age v f v na r e v e r s e c u rr e nt t es t c ond i t i on BAV100-bav103
2 of 2 fig. 1 m a x i m u m fo r w a rd curr e nt fig. 2 t yp i c a l fo r w a rd v olt a ge ve r s u s a m b i e n t t empe r a t ure 0 0 .4 1 .2 f o r w a r d v o l t age , v f ( v) 0 . 01 10 1000 f o r w a r d c u r r e n t , i f ( m a ) 0 .1 1 100 0 0 100 200 a m b i e n t t e m pe r a t u r e , ta ( c) 100 300 0 .2 0 .6 1 .0 1 .4 c o n t i n u o u s f o r w a r d c u r r e n t , i f ( m a ) 200 400 0 .8 t j = 25 c fig. 3 t yp i c a l d io d e c a p a c it a nc e a s fig. 4 t yp i c a l r eve r se curr e nt a f unc tio n of r eve r se v olt a ge ve r s u s junc tio n t empe r a t ure 0 10 20 r e v e r s e v o l t age , v r ( v) 0 .8 1 .5 d i o d e c a p a c i t a n c e , c d ( p f ) 1 .0 1 .2 1 .4 f = 1 m h z; t j = 25 c 100 200 0 10 -2 10 -1 10 10 2 10 3 r e v e r s e c u r r e n t , i r ( m a ) j un c t i o n t e m pe r a t u r e , t j ( c) 1 .3 1 .1 0 .9 v r = v r m a x. 1


▲Up To Search▲   

 
Price & Availability of BAV100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X