Part Number Hot Search : 
SI9933B KA1458D BS103F H11N1TVM RS0203 EP4830 LXF0805G RC1602G
Product Description
Full Text Search
 

To Download APA2011A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 4 - a u g . , 2 0 1 3 w w w . a n p e c . c o m . t w 1 a n p e c r e s e r v e s t h e r i g h t t o m a k e c h a n g e s t o i m p r o v e r e l i a b i l i t y o r m a n u f a c t u r a b i l i t y w i t h o u t n o t i c e , a n d a d v i s e c u s t o m e r s t o o b t a i n t h e l a t e s t v e r s i o n o f r e l e v a n t i n f o r m a t i o n t o v e r i f y b e f o r e p l a c i n g o r d e r s . 2 . 8 w m o n o c l a s s d a u d i o p o w e r a m p l i f i e r w i t h a g c a p a 2 0 1 1 / 2 0 1 1 a f e a t u r e s g e n e r a l d e s c r i p t i o n a p p l i c a t i o n s m o b i l p h o n e s h a n d s e t p d a s p o r t a b l e m u l t i m e d i a d e v i c e o p e r a t i n g v o l t a g e : 2 . 4 v - 5 . 5 v h i g h e f f i c i e n c y u p t o 9 0 % s u p p l y c u r r e n t ?v i d d = 3 m a a t v d d = 5 v ?v i d d = 2 . 5 m a a t v d d = 3 . 6 v l o w s h u t d o w n c u r r e n t ?v i d d = 1 m a a t v d d = 5 v o u t p u t p o w e r a t 1 % t h d + n ?v 1 . 3 w , a t v d d = 5 v , r l = 8 w ?v 0 . 6 w , a t v d d = 3 . 6 v , r l = 8 w ?v 2 . 0 w , a t v d d = 5 v , r l = 4 w ?v 1 . 0 w , a t v d d = 3 . 6 v , r l = 4 w a t 1 0 % t h d + n ?v 1 . 6 w , a t v d d = 5 v , r l = 8 w ?v 0 . 8 w , a t v d d = 3 . 6 v , r l = 8 w ?v 2 . 8 w , a t v d d = 5 v , r l = 4 w ( w l c s p - 9 ) ?v 2 . 4 w , a t v d d = 5 v , r l = 4 w ?v 1 . 2 w , a t v d d = 3 . 6 v , r l = 4 w a p a 2 0 1 1 d y n a m i c r a n g e c o n t r o l ( d r c ) p r o v i d e m a x i m u m 1 5 d b c o n t r o l ( 2 : 1 c o m p r e s s i o n r a t i o ) a p a 2 0 1 1 a n o n - c l i p f u n c t i o n c a n p r o v i d e m a x i - m u m 1 5 d b c o n t r o l ( g a i n d e c r e a s i n g ) l e s s e x t e r n a l c o m p o n e n t s r e q u i r e d f a s t s t a r t - u p t i m e ( 4 m s ) h i g h p s r r : 7 0 d b a t 2 1 7 h z t h e r m a l a n d o v e r - c u r r e n t p r o t e c t i o n s s p a c e s a v i n g p a c k a g e s w l c s p 1 . 5 x 1 . 5 - 9 b u m p , t d f n 3 x 3 - 8 l e a d f r e e a n d g r e e n d e v i c e s a v a i l a b l e ( r o h s c o m p l i a n t ) s i m p l i f i e d a p p l i c a t i o n c i r c u i t the apa2011/2011a is a mono, filter-free class-d audio amplifier available in wlcsp1.5x1.5-9 or tdfn3x3-8 package. the default gains without the external input resistor is 27db. besides, the gain can be low down by external input resistance. apa2011 provides an dynamic-range- control (drc) function, and this function can low down the dynamic range for large input signal. apa2011 can provide maximun 15db gain control. APA2011A can pro- vide maximum 15db gain decrease for non-clipping function , a n d t h i s f u n c t i o n c a n a v o i d o u t p u t s i g n a l c l i p p i n g . high psrr and differential architecture provide increased immunity to noise and rf rectification. in addition to these features, a fast start-up time and small package size make the apa2011/2011a an ideal choice for portable devices. the apa2011/2011a is capable of driving 1.6w at 5v or 0.8w at 3.6v into 8 w . it is also capable of driving 4 w . the apa2011/2011a is designed with a class-d architecture and operating with highly efficiency compared with class- ab amplifier. it?s suitable for power sensitive application, such as battery-powered devices. the filter-free architec- ture eliminates the output filter, reduces the external com- ponent count, board area, and system costs, and simpli- fies the design. moreover, the apa2011/2011a provides thermal and short circuit protection. apa2011/2011a audio input signals audio speaker inp outp inn outn free datasheet http:///
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 4 - a u g . , 2 0 1 3 w w w . a n p e c . c o m . t w 2 a p a 2 0 1 1 / 2 0 1 1 a a b s o l u t e m a x i m u m r a t i n g s ( n o t e 1 ) symbol parameter rating unit v pgnd_gnd pgnd to gnd - 0.3 to +0.3 v dd supply voltage (vdd to pgnd, vdd to gnd) - 0.3 to 6 v in input voltage (inn, inp to gnd) - 0.3 to v dd +0.3 v sd, v dr input voltage (sd, dr to gnd) - 0.3 to v dd +0.3 v t j maximum j unction temperature 150 t stg storage temperature range - 65 to +150 o c o r d e r i n g a n d m a r k i n g i n f o r m a t i o n n o t e : a n p e c l e a d - f r e e p r o d u c t s c o n t a i n m o l d i n g c o m p o u n d s / d i e a t t a c h m a t e r i a l s a n d 1 0 0 % m a t t e t i n p l a t e t e r m i n a t i o n f i n i s h ; w h i c h a r e f u l l y c o m p l i a n t w i t h r o h s . a n p e c l e a d - f r e e p r o d u c t s m e e t o r e x c e e d t h e l e a d - f r e e r e q u i r e m e n t s o f i p c / j e d e c j - s t d - 0 2 0 d f o r m s l c l a s s i f i c a t i o n a t l e a d - f r e e p e a k r e f l o w t e m p e r a t u r e . a n p e c d e f i n e s ? g r e e n ? t o m e a n l e a d - f r e e ( r o h s c o m p l i a n t ) a n d h a l o g e n f r e e ( b r o r c l d o e s n o t e x c e e d 9 0 0 p p m b y w e i g h t i n h o m o g e n e o u s m a t e r i a l a n d t o t a l o f b r a n d c l d o e s n o t e x c e e d 1 5 0 0 p p m b y w e i g h t ) . p i n c o n f i g u r a t i o n sd 1 dr 2 inp 3 inn 4 tdfn3x3-8 top view 7 gnd 5 o ut p 6 vdd 8 o ut n apa2011/2011a handling code temperature range package code package code ha : wlcsp1.5x1.5-9 qb : tdfn3x3-8 operating ambient temperature range i : - 40 to 85 o c handling code tr : tape & reel assembly material g : halogen and lead free device x - date code assembly material a11 x xxxxx - date code apa 2011 xxxxx x - date code a11a x xxxxx - date code apa 2011a xxxxx apa2011 ha : APA2011A ha : apa2011 qb : APA2011A qb : wlcsp1.5x1.5-9 top view a11 x marking outn (a3) pgnd (b3) outp (c3) gnd (a2) vdd (b2) sd (c2) inp (a1) dr (b1) inn (c1) a11a x marking date code pin a1 free datasheet http:///
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 4 - a u g . , 2 0 1 3 w w w . a n p e c . c o m . t w 3 a p a 2 0 1 1 / 2 0 1 1 a symbol parameter rating unit t s dr maximum lead soldering temperature, 10 s econds 260 o c p d power dissipation internally limited w n o t e 1 : s t r e s s e s b e y o n d t h o s e l i s t e d u n d e r " a b s o l u t e m a x i m u m r a t i n g s " m a y c a u s e p e r m a n e n t d a m a g e t o t h e d e v i c e . t h e s e a r e s t r e s s r a t i n g s o n l y a n d f u n c t i o n a l o p e r a t i o n o f t h e d e v i c e a t t h e s e o r a n y o t h e r c o n d i t i o n s b e y o n d t h o s e i n d i c a t e d u n d e r " r e c o m m e n d e d o p e r a t i n g c o n d i t i o n s " i s n o t i m p l i e d . e x p o s u r e t o a b s o l u t e m a x i m u m r a t i n g c o n d i t i o n s f o r e x t e n d e d p e r i o d s m a y a f f e c t d e v i c e r e l i a b i l i t y . t h e r m a l c h a r a c t e r i s t i c s symbol parameter typical value unit q ja thermal resistance - junction to ambient ( note 2) wlcsp1.5x1.5 - 9 tdfn3x3 - 8 165 50 o c /w q j c thermal resistance - junction to case ( note 3) tdfn3x3 - 8 10 o c /w n o t e 2 : p l e a s e r e f e r t o ? l a y o u t r e c o m m e n d a t i o n ? , t h e t h e r m a l p a d o n t h e b o t t o m o f t h e i c s h o u l d s o l d e r e d d i r e c t l y t o t h e p c b ? s t h e r m a l p a d a r e a t h a t w i t h s e v e r a l t h e r m a l v i a s c o n n e c t t o t h e g r o u n d p l a n , a n d t h e p c b i s a 2 - l a y e r , 5 - i n c h s q u a r e a r e a w i t h 2 o z c o p p e r t h i c k n e s s . n o t e 3 : t h e c a s e t e m p e r a t u r e i s m e a s u r e d a t t h e c e n t e r o f t h e e x p o s e d p a d o n t h e u n d e r s i d e o f t h e t d f n 3 x 3 - 8 p a c k a g e . r e c o m m e n d e d o p e r a t i n g c o n d i t i o n s range symbol parameter min. max. unit v dd supply voltage 2 . 4 5.5 v ih high level threshold voltage sd 1 - v il low level threshold voltage sd - 0. 4 v ic common mode input voltage - v dd - 1 v t a ambient temperature range - 40 85 t j junction temp erature range - 40 12 5 o c r l speaker resistance 2.8 - w e l e c t r i c a l c h a r a c t e r i s t i c s apa2011/2011a symbol parameter test condition s min. typ. max. unit i dd supply current - 3 6 ma i sd shutdown current sd = 0v - 1 5 i i input current sd - 0. 1 1 m a f osc oscillator frequency 400 500 600 khz t wake - up recovery time from shutdown - 4 8 ms r i input resistor inn, inp 23.75 25 26.25 r dr dr pin pull - high resistor 9.5 10 10.5 k w r ds(on) static drain - source on - state resistance (pmosfet+nmosfet) v dd = 5v , i l =0.8a wlcsp1.5x1.5 - 9 - 780 - m w v d d = 5 v , g n d = 0 v , a v = 1 5 d b , t a = 2 5 o c ( u n l e s s o t h e r w i s e n o t e d ) a b s o l u t e m a x i m u m r a t i n g s ( c o n t . ) ( n o t e 1 ) free datasheet http:///
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 4 - a u g . , 2 0 1 3 w w w . a n p e c . c o m . t w 4 a p a 2 0 1 1 / 2 0 1 1 a e l e c t r i c a l c h a r a c t e r i s t i c s ( c o n t . ) apa2011/2011a symbol parameter test condition s min. typ. max. unit v dd =3.6 v , i l =0.6a wlcsp1.5x1.5 - 9 - 900 - r ds(on) static drain - source on - state resistance (pmosfet+nmosfet) v dd =2.4 v , i l =0.4a wlcsp1.5x1.5 - 9 - 1000 - m w p o =1. 2 w, r l =8 w +33 m h wlcsp1.5x1.5 - 9 - 90 - h efficiency p o = 2 w, r l = 4 w +33 m h wlcsp1.5x1.5 - 9 - 82 - % v dd = 5v r l = 3 w - 2.45 - r l = 4 w , wlcsp1.5x1.5 - 9 - 2.2 - r l = 4 w - 2.0 - thd +n =1% , f in =1 k hz r l = 8 w 1 1.3 - r l = 3 w - 3.0 - r l = 4 w , wlcsp1.5x1.5 - 9 - 2.8 - r l = 4 w - 2.4 - p o output power thd +n =10% , f in =1 k hz r l = 8 w - 1.6 - w r l = 4 w p o = 1.4 w - 0.05 0.1 r l = 8 w p o = 0.9w - 0.04 0.1 thd+n total harmonic distortion p lus noise f in =1 k hz r l = 8 w p o = 1.5w, v dr =v dd - 3 5 % v os output offset voltage r l = 8 w - - 2 0 mv v n noise output voltage w ith a - weight ing filter , r l = 8 w - 100 200 m vrms s/n signal to noise ratio w ith a - weight ing filter , p o = 0.9 w, r l = 8 w 82 89 - psrr power supply rejection ratio r l =8 w , f in = 217 hz ,v rr =0.5v pp - - 70 - 60 cmrr common mode rejec tion ratio f in =1khz, r l =8 w , v in =0.1v pp - - 60 - 50 att shutdown shutdown attenuation f in =1 k hz , r l = 8 w , v in = 1v pp - - 100 - 90 db v dd = 3.6 v r l = 4 w - 1.0 - thd +n =1%, f in =1 k hz r l = 8 w - 0.6 - r l = 4 w - 1.2 - p o output power thd +n =10%, f in =1 k hz r l = 8 w - 0 .8 - w r l = 4 w p o = 0.7 w - 0.07 0.15 thd+n total harmonic distortion p lus noise f in =1 k hz r l = 8 w p o = 0.4 w - 0.05 0.1 % v os output offset voltage r l = 8 w - - 20 mv v n noise output voltage w ith a - weight ing filter , r l = 8 w - 100 200 m vrms v d d = 5 v , g n d = 0 v , a v = 1 5 d b , t a = 2 5 o c ( u n l e s s o t h e r w i s e n o t e d ) free datasheet http:///
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 4 - a u g . , 2 0 1 3 w w w . a n p e c . c o m . t w 5 a p a 2 0 1 1 / 2 0 1 1 a e l e c t r i c a l c h a r a c t e r i s t i c s ( c o n t . ) v d d = 5 v , g n d = 0 v , a v = 1 5 d b , t a = 2 5 o c ( u n l e s s o t h e r w i s e n o t e d ) apa2011/2011a symbol parameter test condition s min. typ. max. unit v dd = 3.6 v (cont.) s/n signal to noise ratio w ith a - weight ing filter , p o = 0.4 w, r l = 8 w 79 85 - psrr power supply rejection ratio r l =8 w , f in = 217 hz ,v rr =0.2v pp - - 70 - 60 db cmrr co mmon mode rejection ratio f in =1khz, r l =8 w , v in =0.1v pp - - 60 - 50 att shutdown shutdown attenuation f in =1 k hz , r l = 8 w, v in = 1v pp - - 100 - 90 v dd = 2.4 v r l = 4 w - 0 .45 - thd +n =1%, f in =1 k hz r l = 8 w - 0.3 - r l = 4 w - 0. 55 - p o output power thd +n =10%, f in =1 k hz r l = 8 w - 0.35 - w r l = 4 w p o = 0.32 w - 0.2 0.5 thd+n total harmonic distortion p lus noise f in =1 k hz r l = 8 w p o = 0.2 w - 0.1 0.3 % v os output offset voltage r l = 8 w - - 20 mv v n noise output voltage w ith a - weight ing filter , r l = 8 w - 110 220 m vr ms s/n signal to noise ratio w ith a - weight ing filter , p o = 0.2 w, r l = 8 w 75 81 - psrr power supply rejection ratio r l =8 w , f in =217hz ,v rr =0.1v pp - - 65 - 60 cmrr common mode rejection ratio f in =1khz, r l =8 w , v in =0.1v pp - - 60 - 50 att shutdown shutdown atte nuation f in =1 k hz , r l = 8 w, v in = 1v pp - - 100 - 90 db free datasheet http:///
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 4 - a u g . , 2 0 1 3 w w w . a n p e c . c o m . t w 6 a p a 2 0 1 1 / 2 0 1 1 a t y p i c a l o p e r a t i n g c h a r a c t e r i s t i c s efficiency vs. output power (8 w ) e f f i c i e n c y ( % ) output power (w) r l =8 w +33 m h f in =1khz r in =75k w a v =15db aux-0025 aes-17(20khz) v dd =2.4v v dd =3.6v v dd =5v 0 10 20 30 40 50 60 70 80 90 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 efficiency vs. output power (4 w ) e f f i c i e n c y ( % ) output power (w) v dd =2.4v v dd =3.6v v dd =5v r l =4 w +33 m h f in =1khz r in =75k w a v =15db aux-0025 aes-17(20khz) 0 10 20 30 40 50 60 70 80 90 0 0.5 1.0 1.5 2.0 2.5 3.0 output power vs. load resistance o u t p u t p o w e r ( w ) load resistance ( w ) thd+n =10% f in =1khz r in =75k w a v =15db aux-0025 aes-17(20khz) v dd =2.4v v dd =5v wlcsp1.5x1.5-9 tdfn3x3-8 0 0.5 1.0 1.5 2.0 2.5 3.0 4 8 12 16 20 24 28 32 v dd =3.6v output power vs. load resistance load resistance ( w ) o u t p u t p o w e r ( w ) thd+n =1% f in =1khz r in =75k w a v =15db aux-0025 aes-17(20khz) v dd =5v v dd =2.4v v dd =3.6v wlcsp1.5x1.5-9 tdfn3x3-8 0 0.5 1.0 1.5 2.0 2.5 4 8 12 16 20 24 28 32 v dd =2.4v thd+n vs. output power t h d + n ( % ) output power (w ) f in =1khz r in =75k w r l =8 w a v =15db aux-0025 aes-17(20khz) tdfn3x3-8 v dd =3.6v v dd =5v v dd =5.5v v dd =4.2v 0 2.5 1 2 0.01 10 0.1 1 thd+n vs. output power t h d + n ( % ) output power (w ) f in =1khz r in =75k w r l =4 w a v =15db aux-0025 aes-17(20khz) tdfn3x3-8 v dd =2.4v v dd =3.6v v dd =5v v dd =5.5v v dd =4.2v 0.01 10 0.1 1 0 4 1 2 3 free datasheet http:///
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 4 - a u g . , 2 0 1 3 w w w . a n p e c . c o m . t w 7 a p a 2 0 1 1 / 2 0 1 1 a t y p i c a l o p e r a t i n g c h a r a c t e r i s t i c s ( c o n t . ) v dd =2.4v output power (w ) f in =1khz r in =75k w r l =8 w a v =15db aux-0025 aes-17(20khz) wlcsp1.5x1.5-9 v dd =3.6v v dd =5v v dd =5.5v v dd =4.2v thd+n vs. output power t h d + n ( % ) 0 2.8 1 2 0.01 10 0.1 1 r thd+n vs. frequency t h d + n ( % ) v dd =2.4v c i =0.1 m f r in =75k w r l =8 w a v =15db aux-0025 aes-17(20khz) p o =0.2w p o =0.1w frequency (hz ) 20 20k 100 1k 10k 0.01 10 0.1 1 thd+n vs. frequency t h d + n ( % ) v dd =3.6v c i =0.1 m f r in =75k w r l =8 w a v =15db aux-0025 aes-17(20khz) p o =0.5w p o =0.3w p o =0.1w frequency (hz ) 20 20k 100 1k 10k 0.005 10 0.01 0.1 1 f in =1khz r in =75k w r l =4 w a v =15db aux-0025 aes-17(20khz) wlcsp1.5x1.5-9 v dd =2.4v v dd =3.6v v dd =5v v dd =5.5v v dd =4.2v thd+n vs. output power output power (w ) t h d + n ( % ) 0 4.5 1 2 3 4 0.01 10 0.1 1 p o =1w thd+n vs. frequency t h d + n ( % ) v dd =5v c i =0.1 m f r in =75k w r l =8 w a v =15db aux-0025 aes-17(20khz) p o =0.5w p o =0.3w frequency (hz ) 20 20k 100 1k 10k 0.005 10 0.01 0.1 1 10 0 . 01 0 . 1 1 0 5 1 3 4 2 output power ( w ) t h d + n ( % ) thd + n vs . output power f in = 1 khz r in = 75 k w r l = 3 w a v = 15 db aux - 0025 aes - 17 ( 20 khz ) wlcsp 1 . 5 x 1 . 5 - 9 v dd = 5 v v dd = 4 . 2 v v dd = 3 . 6 v v dd = 2 . 4 v free datasheet http:///
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 4 - a u g . , 2 0 1 3 w w w . a n p e c . c o m . t w 8 a p a 2 0 1 1 / 2 0 1 1 a t y p i c a l o p e r a t i n g c h a r a c t e r i s t i c s ( c o n t . ) psrr vs. frequency p o w e r s u p p l y r e j e c t i o n r a t i o ( d b ) v dd =5v v rr =0.5vpp c i =0.1 m f r in =75k w r l =8 w a v =15db inputs short aux-0025 aes-17(20khz) frequency (hz ) -80 +0 -70 -60 -50 -40 -30 -20 -10 20 20k 100 1k 10k r r thd+n vs. frequency t h d + n ( % ) v dd =3.6v c i =0.1 m f r in =75k w r l =4 w a v =15db aux-0025 aes-17(20khz) p o =0.8w p o =0.4w p o =0.2w frequency (hz ) 20 20k 100 1k 10k 0.005 10 0.01 0.1 1 r thd+n vs. frequency t h d + n ( % ) v dd =5v c i =0.1 m f r in =75k w r l =4 w a v =15db aux-0025 aes-17(20khz) p o =1.7w p o =0.5w p o =0.9w frequency (hz ) 20 20k 100 1k 10k 0.005 10 0.01 0.1 1 frequency response g a i n ( d b ) v dd =5v c i =0.1 m f r in =75k w r l =8 w p o =0.13w a v =15db aux-0025 aes-17(20khz) p h a s e ( d e g ) amplitude phase frequency (hz ) -160 +180 -120 -80 -40 +0 +40 +80 +120 +160 20 100k 100 1k 10k -0 +18 +2 +4 +6 +8 +10 +12 +14 +16 cmrr vs. frequency c o m m o n m o d e r e j e c t i o n r a t i o ( d b ) v dd =5v c i =0.1 m f r in =75k w r l =8 w v o =1vrms a v =15db aux-0025 aes-17(20khz) frequency (hz ) 20 20k 100 1k 10k -80 +0 -70 -60 -50 -40 -30 -20 -10 thd+n vs. frequency t h d + n ( % ) v dd =2.4v c i =0.1 m f r in =75k w r l =4 w a v =15db aux-0025 aes-17(20khz) p o =0.3w p o =0.2w frequency (hz ) 20 20k 100 1k 10k 0.005 10 0.01 0.1 1 free datasheet http:///
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 4 - a u g . , 2 0 1 3 w w w . a n p e c . c o m . t w 9 a p a 2 0 1 1 / 2 0 1 1 a t y p i c a l o p e r a t i n g c h a r a c t e r i s t i c s ( c o n t . ) supply current vs. output power s u p p l y c u r r e n t ( a ) output power (w ) v dd =5v c i =1 m f r in =75k w r l =8 w a v =15db aux-0025 aes-17(20khz) v dd =2.4v v dd =3.6v v dd =5v 0 0.05 0.10 0.15 0.20 0.25 0.30 0.35 0.40 0 0.3 0.6 0.9 1.2 1.5 1.8 supply current vs. output power s u p p l y c u r r e n t ( a ) output power (w ) v dd =5v c i =1 m f r in =75k w r l =4 w a v =15db aux-0025 aes-17(20khz) v dd =2.4v v dd =3.6v v dd =5v 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0 0.5 1.0 1.5 2.0 2.5 apa2011 dynamic range control function_tdfn input voltage (vrms ) g a i n ( d b ) o u t p u t p o w e r ( w ) v dd =5v v dr =4.23v c i =0.1 m f r in =75k w r l =4 w a v =15db aux-0025 aes-17(20khz) tdfn3x3-8 0 1.6 1 2 0.1 1 2.5 -0 +16 +1 +2 +3 +4 +5 +6 +7 +8 +9 +10 +11 +12 +13 +14 +15 apa2011 dynamic range control function_tdfn g a i n ( d b ) input voltage (vrms ) v dd =5v v dr =4.5v c i =0.1 m f r in =75k w r l =4 w a v =15db o u t p u t p o w e r ( w ) aux-0025 aes-17(20khz) tdfn3x3-8 -0 +16 +1 +2 +3 +4 +5 +6 +7 +8 +9 +10 +11 +12 +13 +14 +15 3 0.1 1 2 0 2.4 1 2 v dd =5v v dr =4.5v c i =0.1 m f r in =75k w r l =4 w a v =15db o u t p u t p o w e r ( w ) g a i n ( d b ) input voltage (vrms ) apa2011 dynamic range control function_wlcsp aux-0025 aes-17(20khz) wlcsp1.5x1.5-9 0 2.5 1 2 -0 +16 +1 +2 +3 +4 +5 +6 +7 +8 +9 +10 +11 +12 +13 +14 +15 3 0.1 1 2 noise vs. frequency o u t p u t n o i s e v o l t a g e ( m v ) frequency (hz ) v dd =5v c i =0.1 m f r in =75k w r l =8 w a v =15db aux-0025 aes-17(20khz) a-weighting 10 m 1m 100 m 20 20k 100 1k 10k free datasheet http:///
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 4 - a u g . , 2 0 1 3 w w w . a n p e c . c o m . t w 1 0 a p a 2 0 1 1 / 2 0 1 1 a t y p i c a l o p e r a t i n g c h a r a c t e r i s t i c s ( c o n t . ) APA2011A non-clipping function_tdfn g a i n ( d b ) input voltage (vrms ) v dd =5v v dr =4.5v c i =0.1 m f r in =75k w r l =4 w a v =15db o u t p u t p o w e r ( w ) aux-0025 aes-17(20khz) tdfn-8 0 2.4 1 2 -0 +16 +1 +2 +3 +4 +5 +6 +7 +8 +9 +10 +11 +12 +13 +14 +15 3 0.1 1 2 0.1 1 input voltage (vrms ) g a i n ( d b ) o u t p u t p o w e r ( w ) v dd =5v v dr =4.23v c i =0.1 m f r in =75k w r l =4 w a v =15db aux-0025 aes-17(20khz) tdfn-8 APA2011A non-clipping function_tdfn 0 1.6 1 -0 +16 +1 +2 +3 +4 +5 +6 +7 +8 +9 +10 +11 +12 +13 +14 +15 apa2011 dynamic range control function_wlcsp v dd =5v v dr =4v c i =0.1 m f r in =75k w r l =4 w a v =15db g a i n ( d b ) o u t p u t p o w e r ( w ) input voltage (vrms ) aux-0025 aes-17(20khz) wlcsp1.5x1.5-9 0 1.6 1 -0 +16 +1 +2 +3 +4 +5 +6 +7 +8 +9 +10 +11 +12 +13 +14 +15 2 0.1 1 apa2011 dynamic range control function_tdfn v dd =5v v dr =4v c i =0.1 m f r in =75k w r l =4 w a v =15db input voltage (vrms ) o u t p u t p o w e r ( w ) g a i n ( d b ) aux-0025 aes-17(20khz) tdfn3x3-8 -0 +16 +1 +2 +3 +4 +5 +6 +7 +8 +9 +10 +11 +12 +13 +14 +15 2 0.1 1 0 1.2 1 3 0.1 1 2 v dd =5v v dr =4.5v c i =0.1 m f r in =75k w r l =4 w a v =15db o u t p u t p o w e r ( w ) g a i n ( d b ) input voltage (vrms ) aux-0025 aes-17(20khz) wlcsp-9 APA2011A non-clipping function_w l csp 0 2.4 1 2 -0 +16 +1 +2 +3 +4 +5 +6 +7 +8 +9 +10 +11 +12 +13 +14 +15 v dd =5v v dr =4.23v c i =0.1 m f r in =75k w r l =4 w a v =15db aux-0025 aes-17(20khz) wlcsp1.5x1.5-9 o u t p u t p o w e r ( w ) input voltage (vrms ) g a i n ( d b ) apa2011 dynamic range control function_wlcsp -0 +16 +1 +2 +3 +4 +5 +6 +7 +8 +9 +10 +11 +12 +13 +14 +15 2 0.1 1 0 1.6 1 free datasheet http:///
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 4 - a u g . , 2 0 1 3 w w w . a n p e c . c o m . t w 1 1 a p a 2 0 1 1 / 2 0 1 1 a t y p i c a l o p e r a t i n g c h a r a c t e r i s t i c s ( c o n t . ) 0 1.2 1 2 0.1 1 input voltage (vrms ) g a i n ( d b ) o u t p u t p o w e r ( w ) v dd =5v v dr =4v c i =0.1 m f r in =75k w r l =4 w a v =15db aux-0025 aes-17(20khz) tdfn-8 APA2011A non-clipping function_tdfn -0 +16 +1 +2 +3 +4 +5 +6 +7 +8 +9 +10 +11 +12 +13 +14 +15 supply current vs. supply voltage s u p p l y c u r r e n t ( m a ) supply voltage (v ) no load 0 1 2 3 4 5 5.5 0 1 2 3 4 5 shutdown current vs. supply voltage s h u t d o w n c u r r e n t ( m a ) supply voltage (v ) no load 0 0.2 0.4 0.6 0.8 1.0 1.2 0 1 2 3 4 5 5.5 vdr vs. output power (8 w ) 0 1 2 3.9 4.0 4.1 4.2 4.3 4.4 4.5 4.6 4.7 4.8 4.9 5.0 vdr (v) o u t p u t p o w e r ( w ) typ max min v dd =5v 0 1.2 1 2 0.01 1 v dd =5v v dr =4v c i =0.1 m f r in =75k w r l =4 w a v =15db aux-0025 aes-17(20khz) wlcsp-9 o u t p u t p o w e r ( w ) input voltage (vrms ) g a i n ( d b ) APA2011A non-clipping function_w l csp -0 +16 +1 +2 +3 +4 +5 +6 +7 +8 +9 +10 +11 +12 +13 +14 +15 0 1.6 1 2 0.1 1 v dd =5v v dr =4.23v c i =0.1 m f r in =75k w r l =4 w a v =15db aux-0025 aes-17(20khz) wlcsp-9 o u t p u t p o w e r ( w ) input voltage (vrms ) g a i n ( d b ) APA2011A non-clipping function_w l csp -0 +16 +1 +2 +3 +4 +5 +6 +7 +8 +9 +10 +11 +12 +13 +14 +15 free datasheet http:///
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 4 - a u g . , 2 0 1 3 w w w . a n p e c . c o m . t w 1 2 a p a 2 0 1 1 / 2 0 1 1 a t y p i c a l o p e r a t i n g c h a r a c t e r i s t i c s ( c o n t . ) vdr vs. output power (4 w ) 0 1 2 3 4 3.9 4.0 4.1 4.2 4.3 4.4 4.5 4.6 4.7 4.8 4.9 5.0 vdr(v) o u t p u t p o w e r ( w ) typ max min v dd =5v free datasheet http:///
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 4 - a u g . , 2 0 1 3 w w w . a n p e c . c o m . t w 1 3 a p a 2 0 1 1 / 2 0 1 1 a o p e r a t i n g w a v e f o r m s s h u t d o w n r e l e a s e s h u t d o w n ch1: v sd , 5v/div, dc ch2: v outp , 1v/div, dc time: 20 ms/div ch3: v outn , 1v/div, dc chm1: v out (ch2-ch3) , 100mv/div, dc ch1: v sd , 5v/div, dc ch2: v outp , 1v/div, dc time: 1ms/div ch3: v outn , 1v/div, dc chm1: v out (ch2-ch3) , 100mv/div, dc v dd v out v outp & v outn 1 m1 2&3 p o w e r o n p o w e r o f f 1 m1 2&3 v dd v out v outp & v outn ch1: v dd , 5v/div, dc ch2: v outp , 1v/div, dc time: 2 ms/div ch3: v outn , 1v/div, dc chm1: v out (ch2-ch3) , 100mv/div, dc ch1: v dd , 5v/div, dc ch2: v outp , 1v/div, dc time: 40 ms/div ch3: v outn , 1v/div, dc chm1: v out (ch2-ch3) , 100mv/div, dc 1 m1 2&3 v dd v outp & v outn v out 1 m1 2&3 v dd v out v outp & v outn free datasheet http:///
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 4 - a u g . , 2 0 1 3 w w w . a n p e c . c o m . t w 1 4 a p a 2 0 1 1 / 2 0 1 1 a p i n d e s c r i p t i o n pin no. wlcsp1.5x1.5 - 9 tdfn3x3 - 8 name i/o/p function a1 3 inp i positive i nput of power amplifier . a2 7 gnd p ground connection for circuitry. a3 8 outn o negative output of power amplifier. b1 2 dr i setting the maximum output pow er; disable the drc/non - clipping , when v dr <0.2v dd , and if the 0.2v dd c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 4 - a u g . , 2 0 1 3 w w w . a n p e c . c o m . t w 1 5 a p a 2 0 1 1 / 2 0 1 1 a s i n g l e - e n d e d i n p u t m o d e ( t d f n 3 x 3 - 8 ) a n d a v = 1 5 d b t y p i c a l a p p l i c a t i o n c i r c u i t differential input mode (tdfn3x3-8) n o t e : * t h e s e t t i n g v a l u e h a s 1 5 % v a r i a t i o n b y i c p r o c e s s a n d t h i s e q u a t i o n o n l y f o r w l c s p 1 . 5 x 1 . 5 - 9 p a c k a g e , t h e t d f n 3 x 3 - 8 p a c k a g e ? s o u t p u t p o w e r w i l l l e s s t h a n t h e c a l c u l a t i o n . n o t e : * t h e s e t t i n g v a l u e h a s 1 5 % v a r i a t i o n b y i c p r o c e s s a n d t h i s e q u a t i o n o n l y f o r w l c s p 1 . 5 x 1 . 5 - 9 p a c k a g e , t h e t d f n 3 x 3 - 8 p a c k a g e ? s o u t p u t p o w e r w i l l l e s s t h a n t h e c a l c u l a t i o n . 0.1 m f 0.1 m f shutdown control 4w 0.1 m f 10 m f c i1 c i 2 v dd apa2011/ 2011a sd dr inp inn gnd outp vdd outn differential signals *r 1 v dd 1 2 3 4 5 6 7 8 *r 1 : setting the maximum output power dd 1 1 dr v 10k r r v w + = r spk : speaker resistor c s2 c s1 spk 2 dd dr o r ) 0.5v 2(v p * - = 0.022 m f 0.022 m f shutdown control 4w 0.1 m f 10 m f c i1 c i2 v dd apa2011/ 2011a sd dr inp inn gnd outp vdd outn single-ended signals *r 1 v dd 1 2 3 4 5 6 7 8 *r 1 : setting the maximum output power dd 1 1 dr v 10k r r v w + = r spk : speaker resistor r i1 r i2 75k w 75k w c s2 c s1 15db 20log5.6 a 5.6(v/v), 5.6 k 25 ) r & (r 75k 100k a v i2 i1 v = = = w + w w = spk 2 dd dr o r ) 0.5v 2(v p * - = free datasheet http:///
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 4 - a u g . , 2 0 1 3 w w w . a n p e c . c o m . t w 1 6 a p a 2 0 1 1 / 2 0 1 1 a f u n c t i o n d e s c r i p t i o n fully differential amplifier the apa2011/2011a is a fully differential amplifier with differential inputs and outputs. the fully differential has some advantages versus traditional amplifier. first, don?t need the input coupling capacitors because the com- mon-mode feedback will compensate the input bias. the inputs can biased from 0.5v to v dd -0.5v, and the outputs still be biased at mid-supply of apa2011/2011a. if the in- puts are biased out of the input range, the coupling ca- pacitors are required. second, don?t need the mid-sup- ply capacitor (c b ) because any shift of the mid-supply of apa2011/2011a will have the same affect for both positive & negative channel, and will cancel at the differential outputs. third, the fully differential amplifier will cancel the gsm rf transmitter?s signal (217hz). class d operation v outp v out (v outp -v outn ) i out i out output = 0v output > 0v i out output < 0v v outn v outp v outn v outn v outp v out (v outp -v outn ) v out (v outp -v outn ) f i g u r e 1 . a p a 2 0 1 1 / 2 0 1 1 o u t p u t w a v e f o r m ( v o l t a g e & c u r r e n t ) t h e a p a 2 0 1 1 / 2 0 1 1 a m o d u l a t i o n s c h e m e i s s h o w n i n f i g - u r e 1 . t h e o u t p u t s v o u t p a n d v o u t n a r e i n p h a s e w i t h e a c h o t h e r w h e n n o i n p u t s i g n a l s . w h e n o u t p u t > 0 v , t h e d u t y c y c l e o f v o u t p i s g r e a t e r t h a n 5 0 % a n d v o u t n i s l e s s t h a n 5 0 % ; w h e n o u t p u t < 0 v , t h e d u t y c y c l e o f v o u t p i s l e s s t h a n 5 0 % a n d v o u t n i s g r e a t e r t h a n 5 0 % . t h i s m e t h o d r e d u c e s t h e s w i t c h i n g c u r r e n t a c r o s s t h e l o a d a n d r e d u c e s t h e i 2 r l o s s e s i n t h e l o a d t h a t i m p r o v e s t h e a m p l i f i e r ? s e f f i c i e n c y . t h i s m o d u l a t i o n s c h e m e h a s v e r y s h o r t p u l s e s a c r o s s t h e l o a d , t h i s m a k i n g t h e s m a l l r i p p l e c u r r e n t a n d v e r y l i t t l e l o s s o n t h e l o a d , a n d t h e l c f i l t e r c a n b e e l i m i n a t e d i n m o s t a p p l i c a t i o n s . a d d e d t h e l c f i l t e r c a n i n c r e a s e t h e e f f i c i e n c y b y f i l t e r t h e r i p p l e c u r r e n t . non-clipping function (APA2011A) f i g u r e 2 . a p a 2 0 1 1 a n o n - c l i p p i n g c o n t r o l f u n c t i o n v in a v =15db v o u t maximum output power a v =0db t h e a p a 2 0 1 1 a p r o v i d e s t h e 1 5 s t e p s n o n - c l i p p i n g c o n t r o l , a n d t h e r a n g e i s f r o m 1 5 d b t o 0 d b , 1 d b / s t e p . w h e n t h e o u t p u t r e a c h e s t h e m a x i m u m p o w e r s e t t i n g v a l u e , t h e i n t e r n a l p r o g r a m m a b l e g a i n a m p l i f i e r ( p g a ) w i l l d e c r e a s e t h e g a i n f o r p r e v e n t t h e o u t p u t w a v e f o r m c l i p p i n g . t h i s f e a t u r e p r e v e n t s s p e a k e r d a m a g e f r o m o c c u r r i n g c l i p p i n g . u s i n g t h e d r p i n t o s e t t h e non-clipping function and limit the o u t p u t p o w e r . d i s a b l e t h e a g c , w h e n v d r < 0 . 2 v d d , a n d i f t h e 0 . 2 v d d < v d r < 0 . 5 5 v d d , t h e v d r i s s e t t o 0 . 5 5 v d d b y i n t e r n a l , t h i s i s m a x i m u m p o w e r l i m i t ( m i n i m u m t h e o u t - p u t p o w e r ) . (1) dd 1 1 dr v k 10 r r v w + = spk 2 dd dr o r ) v 5 . 0 v ( 2 p * - = r s p k : s p e a k e r r e s i s t o r ( 2 ) free datasheet http:///
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 4 - a u g . , 2 0 1 3 w w w . a n p e c . c o m . t w 1 7 a p a 2 0 1 1 / 2 0 1 1 a f u n c t i o n d e s c r i p t i o n ( c o n t . ) f i g u r e 4 . a p a 2 0 1 1 o u t p u t s i g n a l v s . t i m e a . t h e o u t p u t l e v e l e x c e s s e s t h e a g c s t a r t p o i n t . b . a t o b i s t h e a t t a c k t i m e ( 3 2 m s ) , b u t t h e g a i n n e e d s t o c h a n g e a t o u t p u t s i g n a l z e r o c r o s s i n g . c . t h e o u t p u t l e v e l i s u n d e r t h e l i m i t l e v e l . d . d t o e i s r e l e a s e t i m e ( 5 1 2 m s ) , b u t t h e g a i n n e e d s t o c h a n g e a t o u t p u t s i g n a l z e r o c r o s s i n g . . w h e n t h e a p a 2 0 1 1 / 2 0 1 1 a s e n s e s t h e i n p u t s i g n a l e x - c e s s e s t h e s t a r t p o i n t o f drc/non-clipping , i t n e e d s 3 2 m s t o d e c r e a s e t h e g a i n , t h i s c a l l s ? a t t a c k t i m e ? . a n d i f t h e i n p u t s i g n a l i s s m a l l t h a n t h e t h r e s h o l d a b o u t 5 1 2 m s , t h e g a i n w i l l b e r e c o v e r y , t h i s t i m e c a l l s ? r e l e a s e t i m e ? . t h e a p a 2 0 1 1 ? s c o m p r e s s r a t i o i s 2 : 1 , i t m e a n s w h e n t h e i n p u t s i g n a l h a s t h e 2 d b c h a n g e , t h e o u t p u t s i g n a l w i l l c h a n g e 1 d b . b e c a u s e m o s t s m a l l f o r m s p e a k e r s h a v e o n l y s m a l l d y n a m i c r a n g e , t h e c o m p r e s s a l l o w s i n p u t s i g n a l w i t h l a r g e d y n a m i c r a n g e t o f i t i n t o a s m a l l s p e a k e r w i t h s m a l l d y n a m i c r a g e . and the APA2011A is just decrease the gain to avoid the output signal clipping, and the maximum control is 15db gain. dynamic range control function f i g u r e 3 . a p a 2 0 1 1 a u t o g a i n c o n t r o l f u n c t i o n t h e a p a 2 0 1 1 p r o v i d e s t h e 1 5 s t e p s d y n a m i c r a n g e c o n - t r o l ( d r c ) , a n d t h e r a n g e i s f r o m 1 5 d b t o 0 d b , 1 d b / s t e p . d r c p r o v i d e s c o n t i n u o u s a u t o m a t i c g a i n a d j u s t m e n t t o t h e a m p l i f i e r t h r o u g h a n i n t e r n a l p r o g r a m m a b l e g a i n a m p l i f i e r ( p g a ) . t h i s f e a t u r e e n h a n c e s t h e p e r c e i v e d a u d i o l o u d n e s s a n d p r e v e n t s s p e a k e r d a m a g e f r o m o c - c u r r i n g c l i p p i n g a t t h e s a m e t i m e . the equations 1 & 2 are the method that set the maxi- mum output power. if the r 1 =40k w , the v dr is 4v. therefore, the maximum output power is 1.125w (r l =4 w ), and the output voltage swing is limited at 3vpp (1.5vp) [the limited voltage can be calculated by 4v(v dr )- 2.5v(internal bypass voltage)=1.5v]. the agc start point is 0.536v pp (1.5vp/5.6(a v )=0.268v p ) at output, it means when the output power excesses 0.036w, the agc will start work and decrease the gain by 1db. if the input sig- nal increase un-limit, the gain will be decreased until the maximum gain attenuation (15db). maximum output power v o u t a v =0db a v =15db agc start point v in a v power limit attack time and release time time limit level limit level v i n time v o u t gain release time attack time a b c d limit level limit level non-clipping function (APA2011A) (cont.) note: *the setting value has 15% variation by ic process and this equation only for wlcsp1.5x1.5-9 package, the tdfn3x3-8 package?s output power will less than the calculation. shutdown operation i n o r d e r t o r e d u c e p o w e r c o n s u m p t i o n w h i l e n o t i n u s e , t h e a p a 2 0 1 1 / 2 0 1 1 a c o n t a i n s a s h u t d o w n f u n c t i o n t o e x - t e r n a l l y t u r n o f f t h e a m p l i f i e r b i a s c i r c u i t r y . t h i s s h u t d o w n f e a t u r e t u r n s t h e a m p l i f i e r o f f w h e n l o g i c l o w i s p l a c e d o n t h e s d p i n f o r a p a 2 0 1 1 / 2 0 1 1 a . t h e t r i g g e r p o i n t b e t w e e n free datasheet http:///
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 4 - a u g . , 2 0 1 3 w w w . a n p e c . c o m . t w 1 8 a p a 2 0 1 1 / 2 0 1 1 a shutdown operation (cont.) over-current protection t h e a p a 2 0 1 1 / 2 0 1 1 a m o n i t o r s t h e o u t p u t c u r r e n t . w h e n t h e c u r r e n t e x c e e d s t h e c u r r e n t - l i m i t t h r e s h o l d , t h e a p a 2 0 1 1 / 2 0 1 1 a t u r n s o f f t h e o u t p u t s t a g e t o p r e v e n t t h e o u t p u t d e v i c e f r o m d a m a g e s i n o v e r - c u r r e n t o r s h o r t - c i r - c u i t c o n d i t i o n . t h e i c w i l l t u r n o n t h e o u t p u t b u f f e r a f t e r 1 m s , b u t i f t h e o v e r - c u r r e n t o r s h o r t - c i r c u i t s c o n d i t i o n s t i l l r e m a i n s , i t e n t e r s t h e o v e r - c u r r e n t p r o t e c t i o n a g a i n . t h e s i t u a t i o n w i l l c i r c u l a t e u n t i l t h e o v e r - c u r r e n t o r s h o r t - c i r - c u i t s h a s b e r e m o v e d . thermal protection t h e o v e r - t e m p e r a t u r e c i r c u i t l i m i t s t h e j u n c t i o n t e m p e r a - t u r e o f t h e a p a 2 0 1 1 / 2 0 1 1 a . w h e n t h e j u n c t i o n t e m p e r a - t u r e e x c e e d s t j = + 1 5 0 o c , a t h e r m a l s e n s o r t u r n s o f f t h e o u t p u t b u f f e r , a l l o w i n g t h e d e v i c e s t o c o o l . t h e t h e r m a l s e n s o r a l l o w s t h e a m p l i f i e r t o s t a r t - u p a f t e r t h e j u n c t i o n t e m p e r a t u r e d o w n a b o u t 1 2 5 o c . t h e t h e r m a l p r o t e c t i o n i s d e s i g n e d w i t h a 2 5 o c h y s t e r e s i s t o l o w e r t h e a v e r a g e t j d u r i n g c o n t i n u o u s t h e r m a l o v e r l o a d c o n d i t i o n s , i n - c r e a s i n g l i f e t i m e o f t h e i c . f u n c t i o n d e s c r i p t i o n ( c o n t . ) a l o g i c h i g h a n d l o g i c l o w l e v e l i s t y p i c a l l y 1 . 4 v . i t i s b e s t t o s w i t c h b e t w e e n t h e g r o u n d a n d t h e s u p p l y v o l t a g e v d d t o p r o v i d e m a x i m u m d e v i c e p e r f o r m a n c e . b y s w i t c h i n g t h e s d p i n t o a l o w l e v e l , t h e a m p l i f i e r e n t e r s a l o w - c o n s u m p - t i o n - c u r r e n t s t a t e , i d d f o r a p a 2 0 1 1 / 2 0 1 1 a i s i n s h u t d o w n m o d e . o n n o r m a l o p e r a t i n g , a p a 2 0 1 1 / 2 0 1 1 a ? s s d p i n s h o u l d p u l l t o a h i g h l e v e l t o k e e p t h e i c o u t o f t h e s h u t - d o w n m o d e . t h e s d p i n s h o u l d b e t i e d t o a d e f i n i t e v o l t - a g e t o a v o i d u n w a n t e d s t a t e c h a n g e s . free datasheet http:///
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 4 - a u g . , 2 0 1 3 w w w . a n p e c . c o m . t w 1 9 a p a 2 0 1 1 / 2 0 1 1 a a p p l i c a t i o n i n f o r m a t i o n square wave into the speaker a p p l y t h e s q u a r e w a v e i n t o t h e s p e a k e r m a y c a u s e t h e v o i c e c o i l o f s p e a k e r j u m p o u t t h e a i r g a p a n d d e f a c e t h e v o i c e c o i l . h o w e v e r , t h i s d e p e n d s o n t h e a m p l i t u d e o f s q u a r e w a v e i s h i g h e n o u g h a n d t h e b a n d w i d t h o f s p e a k e r i s h i g h e r t h a n t h e s q u a r e w a v e ? s f r e q u e n c y . f o r 5 0 0 k h z s w i t c h i n g f r e q u e n c y , t h i s i s n o t i s s u e d f o r t h e s p e a k e r b e c a u s e t h e f r e q u e n c y i s b e y o n d t h e a u d i o b a n d a n d c a n ? t s i g n i f i c a n t l y m o v e t h e v o i c e c o i l , a s c o n e m o v e m e n t i s p r o p o r t i o n a l t o 1 / f 2 f o r f r e q u e n c y o u t o f a u d i o b a n d . input resistor, r i t h e a p a 2 0 1 1 / 2 0 1 1 a ? s i n p u t r e s i s t o r i s f i x e d a n d t h e v a l u e i s 2 5 k w . t h e i n p u t r e s i s t a n c e h a s w i d e v a r i a t i o n ( + / - 5 % ) i s c a u s e d b y m a n u f a c t u r e . t h e g a i n a l s o c a n b e s e t b y t h e e x t e r n a l r e s i s t o r s ( r i e x r ) . input capacitor, c i i n t h e t y p i c a l a p p l i c a t i o n , a n i n p u t c a p a c i t o r , c i , i s r e q u i r e d t o a l l o w t h e a m p l i f i e r t o b i a s t h e i n p u t s i g n a l t o t h e p r o p e r d c l e v e l f o r o p t i m u m o p e r a t i o n . i n t h i s c a s e , c i a n d t h e i n p u t i m p e d a n c e r i f o r m a h i g h - p a s s f i l t e r w i t h t h e c o r n e r f r e q u e n c y d e t e r m i n e d i n t h e f o l l o w i n g e q u a t i o n : ( 4 ) i i ) c(highpass c r 2 1 f p = t h e v a l u e o f c i m u s t b e c o n s i d e r e d c a r e f u l l y b e c a u s e i t d i r e c t l y a f f e c t s t h e l o w f r e q u e n c y p e r f o r m a n c e o f t h e c i r c u i t . w h e r e r i i s 2 5 k w ( m i n i m u m ) a n d t h e s p e c i f i c a t i o n c a l l s f o r a f l a t b a s s r e s p o n s e d o w n t o 1 0 0 h z . e q u a t i o n i s r e c o n f i g u r e d a s b e l o w : c i i f r 2 1 c p = ( 5 ) w h e n t h e i n p u t r e s i s t a n c e v a r i a t i o n i s c o n s i d e r e d , t h e c i i s 0 . 0 6 4 m f , s o a v a l u e i n t h e r a n g e o f 0 . 1 m f t o 0 . 2 2 m f w o u l d b e c h o s e n . a f u r t h e r c o n s i d e r a t i o n f o r t h i s c a p a c i - t o r i s t h e l e a k a g e p a t h f r o m t h e i n p u t s o u r c e t h r o u g h t h e i n p u t n e t w o r k ( r i + r f , c i ) t o t h e l o a d . t h i s l e a k a g e c u r r e n t c r e a t e s a d c o f f s e t v o l t a g e a t t h e i n p u t t o t h e a m p l i f i e r t h a t r e d u c e s u s e f u l h e a d r o o m , e s p e c i a l l y i n h i g h g a i n a p p l i c a t i o n s . f o r t h i s r e a s o n , a l o w - l e a k a g e t a n t a l u m o r c e r a m i c c a p a c i t o r i s t h e b e s t c h o i c e . w h e n p o l a r i z e d c a - p a c i t o r s a r e u s e d , t h e p o s i t i v e s i d e o f t h e c a p a c i t o r s h o u l d f a c e t h e a m p l i f i e r i n p u t i n m o s t a p p l i c a t i o n s b e c a u s e t h e d c l e v e l o f t h e a m p l i f i e r i n p u t i s h e l d a t v d d / 2 . p l e a s e n o t e t h a t i t i s i m p o r t a n t t o c o n f i r m t h e c a p a c i t o r p o l a r i t y i n t h e a p p l i c a t i o n . ferrite bead selection i f t h e t r a c e s f o r m a p a 2 0 1 1 / 2 0 1 1 a t o s p e a k e r i s s h o r t , t h e f e r r i t e b e a d f i l t e r s c a n r e d u c e t h e h i g h f r e q u e n c y r a d i a t e d t o m e e t t h e f c c & c e r e q u i r e d . a f e r r i t e t h a t h a s v e r y l o w i m p e d a n c e a t l o w f r e q u e n c i e s a n d h i g h i m p e d a n c e a t h i g h f r e q u e n c i e s ( a b o v e 1 m h z ) i s r e c o m m e n d e d . output low-pass filter i f t h e t r a c e s f o r m a p a 2 0 1 1 / 2 0 1 1 a t o s p e a k e r a r e s h o r t , i t d o n ? t r e q u i r e o u t p u t f i l t e r f o r f c c & c e s t a n d a r d . a f e r r i t e b e a d m a y b e n e e d e d i f i t ? s f a i l i n g t h e t e s t f o r f c c o r c e t e s t e d w i t h o u t t h e l c f i l t e r . t h e f i g u r e 5 i s t h e s a m p l e f o r a d d e d f e r r i t e b e a d ; t h e f e r r i t e s h o w c h o o s i n g h i g h i m p e d a n c e i n h i g h f r e q u e n c y . f i g u r e 5 . f e r r i t e b e a d o u t p u t f i l t e r f i g u r e 6 a n d 7 a n d a r e e x a m p l e s f o r a d d e d t h e l c f i l t e r ( b u t t e r w o r t h ) , i t ? s r e c o m m e n d e d f o r t h e s i t u a t i o n t h a t t h e t r a c e f o r m a m p l i f i e r t o s p e a k e r i s t o o l o n g , a n d n e e d s t o e l i m i n a t e t h e r a d i a t e d e m i s s i o n o r e m i . v on v op 4 w 1n f 1n f ferrite bead ferrite bead ( 3 ) 6 . 5 ) r & r ( riexr k 25 k 100 6 . 5 r r k 100 a 2 i 1 i iexr i v + w w = + w = f o r f u l l y d i f f e r e n t i a l o p e r a t i n g , t h e r i e x r ( r i 1 & r i 2 ) m a t c h i s v e r y i m p o r t a n t f o r c m r r , p s r r , a n d h a r m o n i c d i s t o r t i o n p e r f o r m a n c e . i t ? s r e c o m m e n d e d t o u s e 1 % t o l e r a n c e r e - s i s t o r o r b e t t e r . k e e p t h e i n p u t t r a c e a s s h o r t a s p o s s i b l e t o l i m i t t h e n o i s e i n j e c t i o n . t h e g a i n i s r e c o m m e n d e d t o s e t 5 . 6 v / v o r l o w e r f o r o p t i m a l t h e a p a 2 0 1 1 / 2 0 1 1 a ? s p e r f o r m a n c e . free datasheet http:///
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 4 - a u g . , 2 0 1 3 w w w . a n p e c . c o m . t w 2 0 a p a 2 0 1 1 / 2 0 1 1 a output low-pass filter (cont.) a p p l i c a t i o n i n f o r m a t i o n ( c o n t . ) outp outn 8 w 1 m f 36 m h 36 m h 1 m f f i g u r e 6 . l c o u t p u t f i l t e r f o r 8 w s p e a k e r outp outn 4 w 2.2 m f 18 m h 18 m h 2.2 m f f i g u r e 7 . l c o u t p u t f i l t e r f o r 4 w s p e a k e r f i g u r e 6 a n d 7 ? s l o w p a s s f i l t e r c u t - o f f f r e q u e n c y a r e 2 5 k h z ( f c ) . ( 6 ) power-supply decoupling capacitor, c s t h e a p a 2 0 1 1 / 2 0 1 1 a i s a h i g h - p e r f o r m a n c e c m o s a u d i o a m p l i f i e r t h a t r e q u i r e s a d e q u a t e p o w e r s u p p l y d e c o u p l i n g t o e n s u r e t h e o u t p u t t o t a l h a r m o n i c d i s t o r t i o n ( t h d ) i s a s l o w a s p o s s i b l e . p o w e r s u p p l y d e c o u p l i n g a l s o p r e v e n t s t h e o s c i l l a t i o n s b e i n g c a u s e d b y l o n g l e a d l e n g t h b e - t w e e n t h e a m p l i f i e r a n d t h e s p e a k e r . t h e o p t i m u m d e c o u p l i n g i s a c h i e v e d b y u s i n g t w o d i f f e r - e n t t y p e s o f c a p a c i t o r s t h a t t a r g e t s o n d i f f e r e n t t y p e s o f n o i s e o n t h e p o w e r s u p p l y l e a d s . f o r h i g h e r f r e q u e n c y t r a n s i e n t s , s p i k e s , o r d i g i t a l h a s h o n t h e l i n e , a g o o d l o w e q u i v a l e n t - s e r i e s - r e s i s t a n c e ( e s r ) c e r a m i c c a p a c i t o r , t y p i c a l l y 0 . 1 m f p l a c e d a s c l o s e a s p o s s i b l e t o t h e d e v i c e v d d p i n f o r w o r k s b e s t . f o r f i l t e r i n g l o w e r f r e q u e n c y n o i s e s i g n a l s , a l a r g e a l u m i n u m e l e c t r o l y t i c c a p a c i t o r o f 1 0 m f o r g r e a t e r p l a c e d n e a r t h e a u d i o p o w e r a m p l i f i e r i s r e c o m m e n d e d . layout recommendation f i g u r e 8 . w l c s p 1 . 5 x 1 . 5 - 9 l a n d p a t t e r n r e c o m m e n d a - t i o n f i g u r e 9 . t d f n 3 x 3 - 8 l a n d p a t t e r n r e c o m m e n d a t i o n 0.65mm 1.8mm ground plane for thermalpad 2 . 5 m m 0.35mm 1.2mm 0.275mm thermalvia diamater 12milx5 1 . a l l c o m p o n e n t s s h o u l d b e p l a c e d c l o s e t o t h e a p a 2 0 1 1 / 2 0 1 1 a . f o r e x a m p l e , t h e i n p u t c a p a c i t o r ( c i ) s h o u l d b e c l o s e t o a p a 2 0 1 1 / 2 0 1 1 a ? s i n p u t p i n s t o a v o i d c a u s i n g n o i s e c o u p l i n g t o a p a 2 0 1 1 / 2 0 1 1 a ? s h i g h i m p e d a n c e i n p u t s ; t h e d e c o u p l i n g c a p a c i t o r ( c s ) s h o u l d b e p l a c e d b y t h e a p a 2 0 1 1 ? s p o w e r p i n t o d e c o u p l e t h e p o w e r r a i l n o i s e . 9x f 0.275mm . 0.5mm 0 . 5 m m lc 2 1 f c(lowpass) p = free datasheet http:///
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 4 - a u g . , 2 0 1 3 w w w . a n p e c . c o m . t w 2 1 a p a 2 0 1 1 / 2 0 1 1 a layout recommendation (cont.) a p p l i c a t i o n i n f o r m a t i o n ( c o n t . ) 2 . t h e o u t p u t t r a c e s s h o u l d b e s h o r t , w i d e ( > 5 0 m i l ) a n d s y m m e t r i c . 3 . t h e i n p u t t r a c e s h o u l d b e s h o r t a n d s y m m e t r i c . 4 . t h e p o w e r t r a c e w i d t h s h o u l d g r e a t e r t h a n 5 0 m i l . 5 . t h e t d f n 3 x 3 - 8 t h e r m a l p a d s h o u l d b e s o l d e r e d o n p c b , a n d t h e g r o u n d p l a n e n e e d s s o l d e r e d m a s k ( t o a v o i d s h o r t c i r c u i t ) e x c e p t t h e t h e r m a l p a d a r e a . free datasheet http:///
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 4 - a u g . , 2 0 1 3 w w w . a n p e c . c o m . t w 2 2 a p a 2 0 1 1 / 2 0 1 1 a p a c k a g e i n f o r m a t i o n w l c s p 1 . 5 x 1 . 5 - 9 e d a2 a1 a e e b pin a1 s y m b o l min. max. 0.67 0.20 0.29 0.31 1.47 1.53 0.24 a a1 b d e e millimeters a2 0.33 0.43 0.50 bsc wlcsp1.5x1.5-9 0.020 bsc min. max. inches 0.026 0.008 0.013 0.017 0.011 0.012 0.058 0.060 0.009 0.53 0.021 1.47 1.53 0.058 0.060 free datasheet http:///
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 4 - a u g . , 2 0 1 3 w w w . a n p e c . c o m . t w 2 3 a p a 2 0 1 1 / 2 0 1 1 a p a c k a g e i n f o r m a t i o n t d f n 3 x 3 - 8 d e pin 1 a b a1 a3 s y m b o l min. max. 0.80 0.00 0.25 0.35 1.90 2.40 0.05 1.40 a a1 b d d2 e e2 e l millimeters a3 0.20 ref tdfn3x3-8 0.30 0.50 1.75 0.008 ref min. max. inches 0.031 0.000 0.010 0.014 0.075 0.094 0.055 0.012 0.020 0.70 0.069 0.028 0.002 0.65 bsc 0.026 bsc 0.20 0.008 k 2.90 3.10 0.114 0.122 2.90 3.10 0.114 0.122 pin 1 corner d2 e e 2 k l free datasheet http:///
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 4 - a u g . , 2 0 1 3 w w w . a n p e c . c o m . t w 2 4 a p a 2 0 1 1 / 2 0 1 1 a application a h t1 c d d w e1 f 178.0 ? 2.00 50 min. 8.4+2.00 - 0.00 13.0+0.50 - 0.20 1.5 min. 20.2 min. 8.0 ? 0.30 1.75 ? 0.10 3.5 ? 0.05 p 0 p1 p 2 d 0 d1 t a 0 b 0 k 0 wlcsp1.5x1.5 - 9 4.0 ? 0.10 4.0 ? 0.10 2.0 ? 0.05 1.5+0.10 - 0.00 1.5 min. 0.6+0.00 - 0.40 1.70 ? 0.20 1.70 ? 0.20 0.90 ? 0.20 application a h t1 c d d w e1 f 178.0 ? 2.00 50 min. 12.4+2.00 - 0.00 13.0+0.50 - 0.20 1.5 min. 20.2 min. 12.0 ? 0.30 1.75 ? 0.10 5.5 ? 0.05 p 0 p1 p 2 d 0 d1 t a 0 b 0 k 0 tdfn3x3 - 8 4.0 ? 0.10 8.0 ? 0.10 2.0 ? 0.05 1. 5+0.10 - 0.00 1.5 min. 0.6+0.00 - 0.40 3.30 ? 0.20 3.30 ? 0.20 1.30 ? 0.20 (mm) c a r r i e r t a p e & r e e l d i m e n s i o n s package type unit quantity wlcsp1.5x1.5 - 9 tape & reel 3000 tdfn3x3 - 8 tape & reel 3000 d e v i c e s p e r u n i t a e 1 a b w f t p0 od0 b a0 p2 k0 b 0 section b-b section a-a od1 p1 h t1 a d free datasheet http:///
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 4 - a u g . , 2 0 1 3 w w w . a n p e c . c o m . t w 2 5 a p a 2 0 1 1 / 2 0 1 1 a t a p i n g d i r e c t i o n i n f o r m a t i o n w l c s p 1 . 5 x 1 . 5 - 9 t d f n 3 x 3 - 8 user direction of feed user direction of feed free datasheet http:///
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 4 - a u g . , 2 0 1 3 w w w . a n p e c . c o m . t w 2 6 a p a 2 0 1 1 / 2 0 1 1 a c l a s s i f i c a t i o n r e f l o w p r o f i l e s profile feature sn - pb eutectic assembly pb - free assembly preheat & soak temperature min (t smin ) temperature max (t smax ) time (t smin to t smax ) ( t s ) 100 c 150 c 60 - 120 seconds 150 c 200 c 60 - 1 2 0 seconds average ramp - up rate (t smax to t p ) 3 c/second ma x. 3 c/second max. liquidous temperature ( t l ) time at l iquidous (t l ) 183 c 60 - 150 seconds 217 c 60 - 150 seconds peak package body temperature (t p ) * see classification temp in table 1 see classification temp in table 2 time (t p ) ** within 5 c of the spec ified c lassification t emperature ( t c ) 2 0 ** seconds 3 0 ** seconds average r amp - down rate (t p to t smax ) 6 c/second max. 6 c/second max. time 25 c to p eak t emperature 6 minutes max. 8 minutes max. * tolerance for peak profile temperature (t p ) is defined a s a supplier minimum and a user maximum. ** tolerance for time at peak profile temperature (t p ) is defined as a supplier minimum and a user maximum. c l a s s i f i c a t i o n p r o f i l e free datasheet http:///
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 4 - a u g . , 2 0 1 3 w w w . a n p e c . c o m . t w 2 7 a p a 2 0 1 1 / 2 0 1 1 a c u s t o m e r s e r v i c e a n p e c e l e c t r o n i c s c o r p . head office : no.6, dusing 1st road, sbip, hsin-chu, taiwan, r.o.c. tel : 886-3-5642000 fax : 886-3-5642050 t a i p e i b r a n c h : 2 f , n o . 1 1 , l a n e 2 1 8 , s e c 2 j h o n g s i n g r d . , s i n d i a n c i t y , t a i p e i c o u n t y 2 3 1 4 6 , t a i w a n t e l : 8 8 6 - 2 - 2 9 1 0 - 3 8 3 8 f a x : 8 8 6 - 2 - 2 9 1 7 - 3 8 3 8 table 2. pb - free process ? classification temperatures (tc) package thickness volume mm 3 <350 volume mm 3 350 - 2000 volume mm 3 >2000 <1.6 mm 260 c 260 c 260 c 1.6 mm ? 2.5 mm 260 c 250 c 245 c 3 2.5 mm 250 c 245 c 245 c table 1. snpb eutectic process ? classification temperatures (tc) package thickness volume mm 3 <350 volume mm 3 3 350 <2.5 mm 235 c 22 0 c 3 2.5 mm 220 c 220 c r e l i a b i l i t y t e s t p r o g r a m c l a s s i f i c a t i o n r e f l o w p r o f i l e s ( c o n t . ) test item method description solderability jesd - 22, b102 5 sec, 245 c holt jesd - 22, a108 1000 hrs, bias @ t j =125 c pct jesd - 22, a102 168 hrs, 100 % rh, 2atm , 121 c tct jesd - 22, a104 500 cycles, - 65 c~150 c hbm mil - std - 883 - 3015.7 vhbm ? 2kv mm jesd - 22, a1 15 vmm ? 200v latch - up jesd 78 10ms, 1 tr ? 100ma free datasheet http:///


▲Up To Search▲   

 
Price & Availability of APA2011A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X