Part Number Hot Search : 
MP2504 B1515 901602 RLIZ24NP FOD07 A5800 TS27M2M R2561
Product Description
Full Text Search
 

To Download AOTF4185 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 aos semiconductor product reliability report AOTF4185 , rev b plastic encapsulated device alpha & omega semiconductor, inc www.aosmd.com
2 this aos product reliability report summarizes the qualification result for AOTF4185. accelerated environmental tests are performed on a specific sam ple size, and then followed by electrical test at end point. review of final electrical test resul t confirms that AOTF4185 passes aos quality and reliability requirements. the released product will be categorized by the process family and be monitored on a quarterly basis for continuously improving the product quality. table of contents: i. product description ii. package and die information iii. environmental stress test summary and result iv. reliability evaluation i. product description: the AOTF4185 combines advanced trench mosfet techno logy with a low resistance package to provide extremely low r ds(on) . this device is ideal for load switch and battery protection applications. -rohs compliant details refer to the datasheet. ii. die / package information: AOTF4185 process standard sub-micron low voltage p channel process package type 3 leads to220fl lead frame bare cu die attach soft solder bond wire al & au wire mold material epoxy resin with silica filler moisture level up to level 1 * note * based on info provided by assembler and mold compo und supplier
3 iii. result of reliability stress for AOTF4185 note a: the reliability data presents total of available g eneric data up to the published date. iv. reliability evaluation fit rate (per billion): 46 mttf = 2478 years the presentation of fit rate for the individual pro duct reliability is restricted by the actual burn-i n sample size of the selected product (AOTF4185). fai lure rate determination is based on jedec standard jesd 85. fit means one failure per billion hours. failure rate = chi 2 x 10 9 / [ 2 (n) (h) (af) ] = 1.83 x 10 9 / [ 2x2x77x500x258 ] = 46 mttf = 10 9 / fit = 2.17 x 10 7 hrs = 2478 years chi2 = chi squared distribution, determined by the numbe r of failures and confidence interval n = total number of units from htrb and htgb tests h = duration of htrb/htgb testing af = acceleration factor from test to use conditions ( ea = 0.7ev and tuse = 55c) acceleration factor [ af ] = exp [ea / k (1/tj u C 1/tj s)] acceleration factor ratio list: 55 deg c 70 deg c 85 deg c 100 deg c 115 deg c 130 deg c 150 deg c af 258 87 32 13 5.64 2.59 1 tj s = stressed junction temperature in degree (kelvin), k = c+273.16 tj u =the use junction temperature in degree (kelvin), k = c+273.16 k = boltzmanns constant, 8.617164 x 10 -5 ev / k test item test condition time point lot attribution total sample size number of failures reference standard msl precondition 168hr 85 c /85%rh +3 cycle reflow@250 c - 11 lots 1815 pcs 0 jesd22 - a113 htgb temp = 150 c , vgs=100% of vgsmax 168 hrs 500 hrs 1000 hrs 1 lot (note a*) 7 7 pcs 77 pcs / lot 0 jesd22 - a108 htrb temp = 150 c , vds=80% of vdsmax 168 hrs 500 hrs 1000 hrs 1 lot (note a*) 7 7 pcs 77 pcs / lot 0 jesd22 - a108 hast 130 +/- 2 c , 85%rh, 33.3 psi, vgs = 80% of vgs max 100 hrs 5 lots (note a*) 275 pcs 55 pcs / lot 0 jesd22 - a110 pressure pot 121 c , 29.7psi, rh=100% 96 hrs 11 lots (note a*) 847 pcs 77 pcs / lot 0 jesd22 - a102 temperature cycle -65 c to 150 c , air to air, 250 / 500 cycles 9 lots (note a*) 693 pcs 77 pcs / lot 0 jesd22 - a104


▲Up To Search▲   

 
Price & Availability of AOTF4185

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X