Part Number Hot Search : 
2SC43 NM3SOL3R SDA20000 1SMB13 ER504 2SD15 PFR855S FQA58N08
Product Description
Full Text Search
 

To Download AM1D0505SNZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  series am1d-nz 1 watt | dc-dc converter www.aimtec.com tel: +1 514 620 2722 toll free: + 1 888 9 aimtec (926 6832) f 051e r6.t 1 of 5 north america only features: ? rohs compliant ? 7 pin sip package ? ? high efficiency up to 82% ? low profile plastic package ? ? models single output model input voltage (v) output voltage (v) output current max (ma) input current max | no load (ma) isolation (vdc) efficiency (%) am1d-0505s-nz 4.5-5.5 5 200 250 | 20 1000 72 am1d-0512s-nz 4.5-5.5 12 83 250 | 20 1000 77 * am1d-0515s-nz 4.5-5.5 15 70 248 | 20 1000 79 * am1d-1205s-nz 10.8-13.2 5 200 92 | 15 1000 73 am1d-0505sh30-nz 4.5-5.5 5 200 250 | 20 3000 70 am1d-0509sh30-nz 4.5-5.5 9 110 250 | 20 3000 75 * am1d-0515sh30-nz 4.5-5.5 15 70 248 | 20 3000 80 am1d-1205sh30-nz 10.8-13.2 5 200 92 | 15 3000 72 am1d-2415sh30-nz 21.6-26.4 15 70 52 | 7 3000 82 am1d-0505sh60-nz 4.5-5.5 5 200 256 | 30 6000 75 am1d-0509sh60-nz 4.5-5.5 9 110 253 | 30 6000 75 am1d-0515sh60-nz 4.5-5.5 15 70 253 | 30 6000 78 am1d-1205sh60-nz 10.8-13.2 5 200 104 | 20 6000 78 am1d-1209sh60-nz 10.8-13.2 9 110 104 | 20 6000 76 am1d-1212sh60-nz 10.8-13.2 12 83 104 | 20 6000 79 am1d-1215sh60-nz 10.8-13.2 15 70 104 | 20 6000 81 models dual output model input voltage (v) output voltage (v) output current (ma) input current max | no load (ma) isolation (vdc) efficiency (%) am1d-0505d-nz 4.5-5.5 5 100 250 | 20 1000 72 am1d-0509d-nz 4.5-5.5 9 55 250 | 20 1000 75 am1d-0512d-nz 4.5-5.5 12 42 250 | 20 1000 78 am1d-0515d-nz 4.5-5.5 15 35 248 | 20 1000 79 am1d-1212d-nz 10.8-13.2 12 42 92 | 15 1000 79 am1d-2412d-nz 21.6-26.4 12 42 51 | 7 1000 80 am1d-0505dh30-nz 4.5-5.5 5 100 250 | 20 3000 72 am1d-0512dh30-nz 4.5-5.5 12 42 250 | 20 3000 78 am1d-1212dh30-nz 10.8-13.2 12 42 92 | 15 3000 79 * am1d-1215dh30-nz 10.8-13.2 15 35 90 | 15 3000 80 am1d-2405dh30-nz 21.6-26.4 5 100 56 | 7 3000 74 am1d-2415dh30-nz 21.6-26.4 15 35 52 | 7 3000 81 am1d-0505dh60-nz 4.5-5.5 5 100 256 | 30 6000 75 am1d-0509dh60-nz 4.5-5.5 9 55 253 | 30 6000 75 am1d-0512dh60-nz 4.5-5.5 12 42 253 | 30 6000 78 am1d-0515dh60-nz 4.5-5.5 15 35 253 | 30 6000 78 click on series name for product info on aimtec.com
series am1d-nz 1 watt | dc-dc converter www.aimtec.com tel: +1 514 620 2722 toll free: + 1 888 9 aimtec (926 6832) f 051e r6.t 2 of 5 north america only models dual output (continued) model input voltage (v) output voltage (v) output current (ma) input current max | no load (ma) isolation (vdc) efficiency (%) am1d-1205dh60-nz 10.8-13.2 5 100 104 | 20 6000 78 am1d-1209dh60-nz 10.8-13.2 9 55 102 | 20 6000 79 am1d-1212dh60-nz 10.8-13.2 12 42 103 | 20 6000 81 am1d-1215dh60-nz 10.8-13.2 15 35 102 | 20 6000 81 *not recommended for new design input specifications parameters nominal typical maximum units voltage range 5 4.5-5.5 vdc 12 10.8-13.2 24 21.6-26.4 filter capacitor isolation specifications parameters conditions typical rated units tested i/o voltage 60 sec 1000, 3000 & 6000 vdc resistance > 1000 mohm capacitance 60 pf output specifications parameters conditions typical maximum units voltage accuracy 5 % voltage balance dual output 1 % short circuit protection momentary (1 sec.) continuous on 6000v models line voltage regulation (single) for 1.0% of vin 1.2 % line voltage regulation (dual) for 1.0% of vin 1.2 % load voltage regulation (single) load 10~100% 10 % load voltage regulation (dual) load 10~100% 10 % temperature coefficient 0.03 %/ o c ripple & noise at 20mhz bandwidth 75 mv p-p general specifications parameters conditions typical maximum units switching frequency 100% load (6000v models only) 150 40 khz max case temperature +125 o c operating temperature -40 to +85 up to +105 on 6000v models only, see derating table o c storage temperature -55 to +125 o c derating not-required cooling free air convection humidity 90 % case material non-conductive black plasticul94v-0 weight 2 g dimensions (l x w x h) 1000 & 3000vdc 0.76 x 0.24 x 0.37 inch 19.5 x 6.00 x 9.35 mm 6000vdc 0.76 x 0.39 x 0.49 inch 19.50 x 9.80 x 12.5 mm mtbf >1 100 000 hrs (mil-hdbk -217f, ground benign, t=+25 o c) note: all specifications in this datasheet are measured at an ambient temperature of 25c, humidity<75%, nominal input voltage and at rated output load unless otherwise specified
series am1d-nz 1 watt | dc-dc converter www.aimtec.com tel: +1 514 620 2722 toll free: + 1 888 9 aimtec (926 6832) f 051e r6.t 3 of 5 north america only safety specifications parameters standards ul60950-1: 2001 agency approvals culus (without 6000vdc isolated dual output models); ce (for 3000vdc isolation models an d single 1000vdc isolation models) note: all other models not referenced above are designed to meet standard iec 60950-1:2001 pin out specifications pin 1000 vdc 3000, 6000 vdc single dual single dual 1 + v input + v input + v input + v input 2 - v input - v input - v input - v input 4 - v output - v output no pin no pin 5 no pin common - v output - v output 6 + v output + v output no pin common 7 no pin no pin + v output + v output recommended circuit external capacitor ? single output external capacitor ? dual output vin (vdc) external capacitor ( f) vout (vdc) external capacitor ( f) 5 4.7 5 10 12 2.2 9 4.7 24 1 12 2.2 - - 15 1 vin (vdc) external capacitor ( f) vout (vdc) external capacitor ( f) 5 4.7 5 10 12 2.2 9 4.7 24 1 12 2.2 - - 15 1
series am1d-nz 1 watt | dc-dc converter www.aimtec.com tel: +1 514 620 2722 toll free: + 1 888 9 aimtec (926 6832) f 051e r6.t 4 of 5 north america only dimensions dimensions 1000 and 3000vdc 6000vdc = input reflected ripple 19.50 (0.76) 2.54 (0.10) 6.00 (0.24) printed face 0.50 (0.02) 0.50 (0.02) 0.25 (0.01) 1.25 (0.05) 6.00 (0.24) 10.00 (0.39) 9.35 (0.37) 4.10 (0.16) 19.5 (0.77) 15.24 (0.60) 2.54 (0.10) 9.8 (0.39) printed face 0.50 (0.02) 0.50 (0.02) 0.3(0.01) 3.20 (0.05) 9.8 (0.39) 12.5 (0.49) 12.0 (0.47) 4.10 (0.16) 0.50 (0.02)
series am1d-nz 1 watt | dc-dc converter www.aimtec.com tel: +1 514 620 2722 toll free: + 1 888 9 aimtec (926 6832) f 051e r6.t 5 of 5 north america only emi filter v in c1 l1 c2 5, 9, 12 vdc 4.7 f / 50v 6.8 h 15 vdc 4.7 f / 50v 6.8 h 470 pf / 2kv regulation ? graph ? note: 1. datasheets are updated as needed and as such, specifications ar e subject to change without notic e. once printed or downloaded , datasheets are no longer controlled by aimtec; refer to www.aimtec.com for the most current product specifications. 2. product labels shown, including safety agency ce rtifications on labels, may vary based on the date manufactured. 3. mechanical drawings and specifications are for reference only. 4. all specifications are measured at an am bient temperature of 25c, humidity<75%, nominal input voltage and at rated output load unless otherwise specifie d. 5. aimtec may not have conducted dest ructive testing or chemical analysis on all internal components and chemicals at the time of publishing this document. cas numbers and other limited information are considered proprietary an d may not be available for release. 6. this product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control sys tems or other such applications which necessitate specific safety and regulatory standards ot her the ones listed in this datasheet. 7. warranty is in accordance with aimtec?s st andard terms of sale available at www.aimtec.com. 0 20 60 40 80 100 80 60 40 20 0 105 safe operating area free air convection ambient temperature o c 100 -40 output power % -20 oc 100 derating ? chart (6000v ? isolation ? models ? only)


▲Up To Search▲   

 
Price & Availability of AM1D0505SNZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X