Part Number Hot Search : 
24C08A DS2152L 1N4744B S1000 V375B MPS412 UML12N D2228
Product Description
Full Text Search
 

To Download A-41672-A22A197 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 07/09/2014 please check www.molex.com for latest part information part number: 26-48-1226 status: active overview: kk? interconnect system - molex description: kk? 396 breakaway header, right-angle with friction lock, 22 circuits, tin (sn) plating documents: 3d model product specification ps-08-50 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 ul e29179 general product family pcb headers series 41672 application power, wire-to-board application tooling part link 11-20-0901 overview kk? interconnect system - molex product name kk? 396 upc 800754387156 physical breakaway yes circuits (loaded) 22 circuits (maximum) 22 color - resin black durability (mating cycles max) 25 flammability 94v-0 glow-wire compliant no lock to mating part yes material - metal brass material - plating mating tin material - plating termination tin material - resin polyester net weight 9.529/g number of rows 1 orientation right angle pc tail length 5.38mm pcb locator no pcb retention none pcb thickness - recommended 1.60mm packaging type bag pitch - mating interface 3.96mm pitch - termination interface 3.96mm plating min - mating 5.080m plating min - termination 5.080m polarized to mating part no polarized to pcb yes shrouded no stackable no temperature range - operating see product specification termination interface: style through hole electrical series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no low-halogen status not low-halogen need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 41672 series mates with 2139 kk? crimp housing, 41695 kk? crimp housing, 6442 kk? crimp housing, 2145 pcb connector, 41815 pcb connector, 3069 kk? crimp housing
current - maximum per contact 7a voltage - maximum 250v solder process data duration at max. process temperature (seconds) 5 lead-free process capability wave capable (th only) max. cycles at max. process temperature 1 process temperature max. c 235 material info old part number A-41672-A22A197 reference - drawing numbers product specification ps-08-50 sales drawing sd-41672-001 this document was generated on 07/09/2014 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of A-41672-A22A197

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X