Part Number Hot Search : 
V103AYLF 78L07 34605 ADP3625 TP3D156 TBB512 74HCU04 A393E
Product Description
Full Text Search
 

To Download 2SC6017 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  82212 tkim/32505ea tsim tb-00001269 no.8275-1/10 http://onsemi.com semiconductor components industries, llc, 2013 september, 2013 2sa2169/2SC6017 bipolar transistor (-)50v, (-)10a, low vce(sat), (pnp)npn single tp/tp-fa applications ? relay drivers, lamp drivers, motor drivers features ? adoption of mbit processes ? large current capacity ? low collector-to-emitter saturation voltage ? high-speed switching speci cations ( ): 2sa2169 absolute maximum ratings at ta=25c parameter symbol conditions ratings unit collector-to-base voltage v cbo (--50)100 v collector-to-emitter voltage v ceo (--)50 v emitter-to-base voltage v ebo (--)6 v collector current i c (--)10 a collector current (pulse) i cp pw 100 s (--)13 a continued on next page. package dimensions unit : mm (typ) package dimensions unit : mm (typ) 7518-003 7003-003 ordering number : en8275a product & package information ? package : tp ? package : tp-fa ? jeita, jedec : sc-64, to-251 ? jeita, jedec : s c-63, to-252 ? minimum packing quantity : 500 pcs./bag ? minimum packing quantity : 700 pcs./reel marking packing type (tp-fa) : tl electrical connection (tp, tp-fa) tl 6.5 5.0 2.3 0.5 12 4 3 0.85 0.7 1.2 0.6 0.5 2.3 2.3 7.0 7.5 1.6 0.8 5.5 1.5 1 : base 2 : collecto r 3 : emitter 4 : collecto r tp 6.5 5.0 2.3 0.5 12 4 3 0.85 0.6 0.5 1.2 1.2 2.3 2.3 7.0 2.5 5.5 1.5 0.8 0 to 0.2 1 : base 2 : collecto r 3 : emitter 4 : collecto r tp-fa 2sa2169-e 2SC6017-e 2sa2169-tl-e 2SC6017-tl-e a2169 c6017 lot no. lot no. 2,4 3 1 2SC6017 2,4 3 1 2sa2169
2sa2169 / 2SC6017 no.8275-2/10 continued from preceding page. parameter symbol conditions ratings unit base current i b (--)2 a collector dissipation p c 0.95 w tc=25 c20w junction temperature tj 150 c storage temperature tstg --55 to +150 c electrical characteristics at ta=25c parameter symbol conditions ratings unit min typ max collector cutoff current i cbo v cb =(--)40v, i e =0a (--)10 a emitter cutoff current i ebo v eb =(--)4v, i c =0a (--)10 a dc current gain h fe v ce =(--)2v, i c =(--)1a 200 (560)700 gain-bandwidth product f t v ce =(--)5v, i c =(--)1a (130)200 mhz output capacitance cob v cb =(--)10v, f=1mhz (90)60 pf collector-to-emitter saturation voltage v ce (sat) i c =(--)5a, i b =(--)250ma (--290)180 (--580)360 mv base-to-emitter saturation voltage v be (sat) i c =(--)5a, i b =(--)250ma (--)0.93 (--)1.4 v collector-to-base breakdown voltage v (br)cbo i c =(--)100 a, i e =0a (--50)100 v collector-to-emitter breakdown voltage v (br)ceo i c =(--)1ma, r be = (--)50 v emitter-to-base breakdown voltage v (br)ebo i e =(--)100 a, i c =0a (--)6 v turn-on time t on see speci ed test circuit. (70)40 ns storage time t stg (650)1000 ns fall time t f (60)80 ns switching time test circuit ordering information device package shipping memo 2sa2169-e tp 500pcs./bag pb free 2SC6017-e tp 500pcs./bag 2sa2169-tl-e tp-fa 700pcs./reel 2SC6017-tl-e tp-fa 700pcs./reel v r r b v cc =20v v be = --5v + + 50 input output r l 100 f 470 f pw=20 s i b1 d.c. 1% i b2 i c =20i b1 = --20i b2 =3a for pnp, the p olarit y is reversed. stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above t he recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may affect device reliabili ty.
2sa2169 / 2SC6017 no.8275-3/10 6ma -- 5 . 0 -- 3 . 0 -- 4 . 5 -- 4 . 0 -- 3 . 5 -- 2 . 0 -- 2 . 5 -- 1 . 0 -- 1 . 5 -- 0 . 5 5.0 3.0 4.5 4.0 3.5 2.0 2.5 1.0 1.5 0.5 0 -- 0 . 5 0 --1.0 --1.5 --2.0 i c -- v ce --2ma --6ma --8ma --10ma i b =0 it08961 0.5 0 1.0 1.5 2.0 0 i c -- v ce i b =0 2ma 4ma 8ma 10ma 20ma 12ma 14ma 16ma it08962 2sa2169 2SC6017 --18ma --16ma 18ma --12ma --4ma --14ma --20ma collector-to-emitter voltage, v ce -- v collector current, i c -- a collector-to-emitter voltage, v ce -- v collector current, i c -- a --25 c ta=75 c 25 c --25 c 1000 100 7 7 5 3 2 5 --0.01 3 25 -- 1 0 -- 0 . 1 73 257 3 257 -- 1 . 0 h fe -- i c 2sa2169 v ce = --2v 1000 100 7 7 5 3 2 5 0.01 3 25 10 0.1 73 257 3 257 1.0 it08965 h fe -- i c it08966 0 0 i c -- v be it08964 ta=75 c 25 c 2sa2169 v ce = --2v -- 1 . 0 -- 0 . 8 -- 0 . 6 -- 0 . 4 -- 0 . 2 1.0 0.8 0.6 0.4 0.2 0 0--0.2 -- 0 . 1 -- 0 . 4 -- 0 . 3 -- 0 . 6 -- 0 . 5 -- 0 . 8 -- 1 . 0 --0.7 --0.9 0.2 0.1 0.4 0.3 0.6 0.5 0.8 1.0 0.7 0.9 i c -- v be it08963 --25 c ta=75 c 25 c 2SC6017 v ce =2v ta=75 c 25 c -- 2 5 c 2SC6017 v ce =2v cob -- v cb 3 2 2 7 5 3 100 it08968 2SC6017 f=1mhz cob -- v cb 5 3 2 7 5 3 100 37 -- 0 . 1 25 2 -- 1 . 0 37 5237 5 -- 1 0 37 0.1 25 2 1.0 37 5237 5 10 it08967 2sa2169 f=1mhz base-to-emitter voltage, v be -- v collector current, i c -- a base-to-emitter voltage, v be -- v collector current, i c -- a collector current, i c -- a dc current gain, h fe collector current, i c -- a dc current gain, h fe collector-to-base voltage, v cb -- v output capacitance, cob -- pf collector-to-base voltage, v cb -- v output capacitance, cob -- pf
2sa2169 / 2SC6017 no.8275-4/10 f t -- i c 3 100 10 2 7 5 3 2 --0.01 257 3 -- 0 . 1 257 3257 3 --1.0 --10 it08969 2sa2169 v ce = --5v f t -- i c it08970 2SC6017 v ce =5v 3 100 10 2 7 5 3 2 0.01 257 3 0.1 257 3257 3 1.0 10 collector current, i c -- a gain-bandwidth product, f t -- mhz collector current, i c -- a gain-bandwidth product, f t -- mhz v be (sat) -- i c 3 -- 1 . 0 2 --0.01 --0.1 --10 ta= --25 c 25 c 2 7 5 3 23 57 2 -- 1 . 0 357 2357 2sa2169 i c / i b =50 it08975 2SC6017 i c / i b =50 v be (sat) -- i c it08976 75 c 3 1.0 2 0.01 0.1 10 ta= --25 c 25 c 2 7 5 3 23 57 2 1.0 357 2357 75 c --0.01 --0.1 23 57 23 57 23 57 --1.0 --10 7 5 3 2 7 5 3 2 7 5 3 2 -- 0 . 1 -- 1 . 0 --0.01 v ce (sat) -- i c it08973 ta=75 c 25 c --25 c 0.01 0.1 23 57 23 57 23 57 1.0 10 7 5 3 2 7 5 3 2 0.1 0.01 ta=75 c 25 c -- 2 5 c 2sa2169 i c / i b =50 v ce (sat) -- i c it08974 v ce (sat) -- i c it08972 2SC6017 i c / i b =20 -- 1 . 0 -- 0 . 1 2 3 5 7 2 3 5 7 --0.01 5 7 3 --0.01 --0.1 23 57 23 57 23 57 --1.0 --10 v ce (sat) -- i c ta=75 c --25 c it08971 2sa2169 i c / i b =20 25 c 1.0 0.1 2 3 5 7 2 3 5 7 0.01 5 7 3 0.01 0.1 23 57 23 57 23 57 1.0 10 ta=75 c --25 c 25 c 2SC6017 i c / i b =50 collector current, i c -- a collector current, i c -- a base-to-emitter saturation voltage, v be (sat) -- v base-to-emitter saturation voltage, v be (sat) -- v collector current, i c -- a collector current, i c -- a collector current, i c -- a collector-to-emitter saturation voltage, v ce (sat) -- v collector current, i c -- a collector-to-emitter saturation voltage, v ce (sat) -- v collector-to-emitter saturation voltage, v ce (sat) -- v collector-to-emitter saturation voltage, v ce (sat) -- v
2sa2169 / 2SC6017 no.8275-5/10 0.01 1.0 7 5 3 2 7 5 3 2 0.1 3 10 5 7 3 2 2 it09360 a s o 0.1 1.0 23 57 23 57 2 7 5 3 10 2sa2169 / 2SC6017 tc=25 c single pulse for pnp minus sign is omitted. i cp =13a (pw 100 s) i c =10a 100 s 500 s 10 s 1ms 10ms dc operation 100ms 0 0.2 0.4 0.6 0.8 1.0 0.95 0 20 40 60 80 100 120 140 160 p c -- ta it09361 2sa2169 / 2SC6017 collector-to-emitter voltage, v ce -- v collector current, i c -- a no heat s i nk ambient temperature, ta -- c collector dissipation, p c -- w 0 p c -- tc it09362 5 10 20 15 25 0 20 40 60 80 100 120 140 160 2sa2169 / 2SC6017 collector dissipation, p c -- w case temperature, tc -- c
2sa2169 / 2SC6017 no.8275-6/10 taping speci cation 2sa2169-tl-e, 2SC6017-tl-e
2sa2169 / 2SC6017 no.8275-7/10 outline drawing land pattern example 2sa2169-tl-e, 2SC6017-tl-e mass (g) unit 0.282 * for reference mm unit: mm 7.0 1.5 2.3 2.0 2.5 2.3 7.0
2sa2169 / 2SC6017 no.8275-8/10 bag packing speci cation 2sa2169-e, 2SC6017-e
2sa2169 / 2SC6017 no.8275-9/10 outline drawing 2sa2169-e, 2SC6017-e mass (g) unit 0.315 * for reference mm
2sa2169 / 2SC6017 ps no.8275-10/10 on semiconductor and the on logo are registered trademarks of semiconductor components industries, llc (scillc). scillc owns th e rights to a number of patents, trademarks, copyrights, trade secrets, and other intellectual property. a listing of scillc?s product/patent covera ge may be accessed at www.onsemi.com/site/pdf/patent-marking.pdf. scillc reserves the right to make changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc ass ume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation sp ecial, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different ap plications and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life , or for any other application in which the failure of the scillc product could create a situation where personal injury or death may occur. should buyer purchas e or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its officers, employees, subsidiarie s, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the d esign or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws a nd is not for resale in any manner.


▲Up To Search▲   

 
Price & Availability of 2SC6017

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X