Part Number Hot Search : 
45970 100PB MCP6V02 6204D44 PCJ1084 PTF10015 TK5A65DA 21210
Product Description
Full Text Search
 

To Download 2N5564 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  click to buy demo (http://www.verypdf.com) information furnished by linear integrated systems and micross components is believed to be accurate and reliable. however, no responsibility is assumed for its use; nor for any infringement of patents or other rights of third parties which may result from its use. no license is granted by implication or otherwise under any patent or patent rights of linear integrated systems. features ? improved ? direct ? replacement ? for ? siliconix ? & ? national ? 2N5564 ? high ? gain ? 7500mho ? minimum ? low ? ?on? ? resistance ? 100 ?? maximum ? absolute ? maximum ? ratings ? 1 ? @ ? 25c ? (unless ? otherwise ? noted) ? maximum ? temperatures ? storage ? temperature ?\ 65c ? to ? +200c ? operating ? junction ? temperature ?\ 55c ? to ? +125c ? maximum ? power ? dissipation ? device ? dissipation ? (each ? transistor) ? 325mw ? continuous ? power ? dissipation ? (total) ? 650mw ? maximum ? currents ? gate ? current ? 50ma ? maximum ? voltages ? gate ? to ? drain ?\ 40v ? gate ? to ? source ?\ 40v ? gate ? to ? gate ? 80v ? ?? ?? matching ? characteristics ? @ ? 25c ? (unless ? otherwise ? stated) ? symbol ? characteristic ? min ? typ ? max ? units ? conditions ? |v gs1 ? ? ? v gs2 ? | ? differential ? gate ? to ? source ? cutoff ? voltage ? \\? \\? 5 ? mv ? v dg ? = ? 15v, ? i d ? = ? 2ma ?????????? ? ? |v gs1 ? ? ? v gs2 ? | ? / ?? t ? ? differential ? gate ? to ? source ? cutoff ?? voltage ? change ? with ? temperature ? \\? \\? 10 ? v/c ? v dg ? = ? 15v, ? i d ? = ? 2ma ?????? t a ? = ?\ 55c ? to ? +125c ? i dss1 ?? / ? i dss2 ? ? gate ? to ? source ? saturation ? current ? ratio ? 0.95 ? \\? 1 ? % ? v ds ? = ? 10v, ? v gs ? = ? 0v ? |i g1 ? ? ? i g2 ? | ? differential ? gate ? current ? \\? \\? 20 ? na ? v dg ? = ? 10v, ? i d ? = ? 5ma ?????? t a ? = ? +125c ?? g fs1 ? / ? g fs2 ? ? forward ? transconductance ? ratio 2 ? 0.95 ? \\? 1 ? % ? v ds ? = ? 15v, ? i d ? = ? 2ma, ? f ? = ? 1khz ? ? electrical ? characteristics ? @ ? 25c ? (unless ? otherwise ? noted) symbol ? characteristics ? min. ? typ. ? max. ? units ? conditions ? bv gss ? gate ? to ? source ? breakdown ? voltage ?\ 40 ? \\? ? ? v ? ? i g ? = ?\ 1a, ? v ds ? = ? 0v ? v gs ( off ) ? gate ? to ? source ? cutoff ? voltage ?\ 0.5 ? \\? \ 3 ? v ds ? = ? 15v, ? i d = ? 1na ? v gs ( f ) ? gate ? to ? source ? forward ? voltage ? \\? \\? 1 ? i g ? = ?? 2ma, ? v ds ? = ? 0v ? i dss ? gate ? to ? source ? saturation ? current 3 ? 5 ? \\? 30 ? ma ? v ds ? = ? 15v, ? v gs ? = ? 0v ? i gss ? gate ? leakage ? current 3 ? \\? \\? \ 200 ? na ? v gs ? = ?\ 20v, ? v ds ? = ? 0v, ? 150c ? g fs ? forward ? transconductance ? 7500 ? \\? 12500 ?? s ? ? v dg ? = ? 15v, ? i d = ? 2ma, ? f ? = ? 1khz ? 7000 ? \\? \\? v dg ? = ? 15v, ? i d = ? 2ma, ? f ? = ? 100mhz ? g os ? output ? conductance ? \\? \\? 45 ? v dg ? = ? 15v, ? i d = ? 2ma, ? f ? = ? 1khz ? c iss ? input ? capacitance ? \\? \\? 5 ? pf ? ? v dg ? = ? 15v, ? i d = ? 2ma, ? f ? = ? 100mhz ? c rss ? reverse ? transfer ? capacitance ? \\? \\? 12 ? nf ? noise ? figure ? \\? \\? 1 ? db ? v dg ? = ? 15v, ? i d ? = ? 2ma, ? f ? = ? 10hz, ? r g ? = ? 1m ? _ ? e n ? equivalent ? input ? noise ? voltage ? \\? ? \\? ? 50 ? ? nv/ hz ? v dg ? = ? 15v, ? i d ? = ? 2ma, ? f ? = ? 10hz ? ? notes: ? 1. ? absolute ? maximum ? ratings ? are ? limiting ? values ? above ? which ? serviceability ? may ? be ? impaired ????? 2. ? pulse ? test: ? pw ?? 300s ? duty ? cycle ?? 3% 3. ? assumes ? smaller ? value ? in ? numerator ? ? ? 2N5564 monolithic dual n-channel jfet linear s y stems re p laces discontinued siliconix & national 2N5564 2N5564 applications: ? wideband differential amps ? high-speed,temp-compensated single- ended input amps ? high-speed comparators ? impedance converters and vibrations detectors . the 2N5564 are monolithic dual jfets. the monolithic dual chip design reduces parasitics and gives better performance at very high frequencies while ensuring extremely tight matching. these devices are an excellent choice for use as wideband differential amplifiers in demanding test and measurement applications. the 2N5564 is a direct replacement for discontinued siliconix and national 2N5564. the hermetically sealed to-71 is well suited for military and harsh environment applications. (see packaging information). please contact micross for fu ll package and die dimensions: email: chipcomponents@micross.com web: www.micross.com/distribution.aspx to-71 (top view) available packages: 2N5564 in to-71 2N5564 available as bare die this is trial version if you want get full version, please register it, thank you. www.verypdf.com demo (http://www.verypdf.com) demo (http://www.verypdf.com)


▲Up To Search▲   

 
Price & Availability of 2N5564

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X