Part Number Hot Search : 
2SD17 LTC1856 MRSM75 LTC1856 2N4093 SB144 PBSE5125 P6KE300C
Product Description
Full Text Search
 

To Download 2CZ4004RPG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  - surface mount device type - moisture sensitivity level 1 - low leakage current - pb free version and rohs compliant - packing code with suffix "g" means green compound (halogen-free) - case: sod-123 small outline plastic package - polarity: indicated by cathode band - weight: 9.5mg (approximately) symbol unit v rm v v r v v r(rms) v i o a p d mw v f v i r a c tot pf s r ja o c/w t j o c t stg o c document number: ds_s131002 version: b14 2cz4004 - 2cz4005 taiwan semiconductor small signal product rectifier diode features mechanical data - terminal: matte tin plated, lead free, solderable per mil-std-202, method 208 guarantee d - high temperature soldering guaranteed : 260c/10s maximum ratings and electrical characteristics (t a =25 unless otherwise noted) parameter peak reverse current @ rated vr a power dissipation 1 420 non-repetitive peak reverse voltage reverse voltage ir=100 a ir=100 a non-repetitive peak forward surge current 8.3ms half sine wave forward current rms reverse voltage if=0.5a, ir=1a, irr=0.25a total capacitance reverse recovery time forward voltage i f = 1 a 7.5 max min 15 5 2cz4004 2cz4005 -55 to +150 150 357 1.6 1 v r =4v, f=1.0mhz storage temperature range operating junction temperature range thermal resistance junction to ambient 1.1 i fsm t rr sod-123 600 600 280 400 400 350
ratings and characteristics curves (t a =25 unless otherwise noted) document number: ds_s131002 version: b14 small signal product 2cz4004 - 2cz4005 taiwan semiconductor 1 10 100 1000 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 instantaneous forward current (ma) instantaneous forward voltage (v) fig.1 typical forward characteristics ta=100 ta=25 10 100 1000 0 100 200 300 400 500 600 reverse current (na) reverse voltage (v) fig. 2 reverse characteristics ta=100 ta=25 0 5 10 15 20 0 5 10 15 20 capacitance between terminals (pf) reverse voltage (v) fig. 3 capacitance characteristics ta=25 0 100 200 300 400 0 25 50 75 100 125 150 power dissipation (mw) ambient temperature fig.4 power derating curve
part no. note 1: "x" defines voltage from 400v (2cz4004) to 600v (2cz4005) note 2: part no. suffix ?-xx ? would be used for special requirement part no. document number: ds_s131002 version: b14 2cz4004-m0 rpg 2cz4004 m0 rp g defined manufacture source green compound 2cz4004 rpg 2cz4004 rp g multiple manufacture source green compound 2cz4004 rp 2cz4004 rp multiple manufacture source example preferred part no. part no. suffix packing code packing code suffix description 2cz400x (note 1) -xx rp g sod-123 3k / 7" reel 2cz4004 - 2cz4005 taiwan semiconductor small signal product ordering information part no. suffix (note 2) packing code packing code suffix package packing
small signal product package outline dimensions min max min max a 1.40 1.80 0.055 0.071 b 3.55 3.85 0.140 0.152 c 0.45 0.70 0.018 0.028 d 2.55 2.85 0.100 0.112 e 0.95 1.35 0.037 0.053 f 0.05 0.15 0.002 0.006 g h - 0.10 - 0.004 suggest pad layout a b c d marking part no. marking 2cz4004 z44 2cz4005 z45 document number: ds_s131002 version: b14 1.22 0.048 2.36 0.093 4.19 0.165 0.91 0.036 dim. unit (mm) unit (inch) typ. typ. 2cz4004 - 2cz4005 taiwan semiconductor dim. unit (mm) unit (inch) 0.50 ref 0.02 ref b a e d c f g h
assumes no responsibility or liability for any errors or inaccuracies. information contained herein is intended to provide a product description only. no license, express or implied,to any intellectual property rights is granted by this document. except as provided in tsc's terms and conditions of sale for such products, tsc assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of tsc products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. the products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. customers using or seling these products for use in such applications do so at their own risk and agree to fully indemnify tsc for any damages resulting from such improper use or sale. document number: ds_s131002 version: b14 2cz4004 - 2cz4005 taiwan semiconductor small signal product notice specifications of the products displayed herein are subject to change without notice. tsc or anyone on its behalf,


▲Up To Search▲   

 
Price & Availability of 2CZ4004RPG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X