Part Number Hot Search : 
KDR521T BAS19 ADTR2 ADP32 E003787 ADTR2 KBPC3510 D1005
Product Description
Full Text Search
 

To Download ZXT2MA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ZXT2MA document number: ds35302 rev. 1 - 2 1 of 7 www.diodes.com april 2011 ? diodes incorporated a product line o f diodes incorporated ZXT2MA 20v pnp low saturation switching transistor features and benefits ? bv ceo > -20v ? i c = -3.5a continuous collector current ? low saturation voltage (-220mv @ -1a) ? r sat = 64 m? for a low equivalent on-resistance ? h fe specified up to -6a for high current gain hold up ? r ja efficient, 60% lower than sot23 ? 4mm 2 footprint, 50% smaller than sot23 ? lead free, rohs compliant (note 1) ? halogen and antimony free. "green" device (note 2) ? qualified to aec-q101 standards for high reliability applications ? mosfet gate driving ? dc-dc converters ? charging circuits ? power switches ? motor control mechanical data ? case: dfn322 ? case material: molded plasti c. ?green? molding compound. ? terminals: matte tin finish. ? nominal package height: 0.85mm ? ul flammability rating 94v-0 ? moisture sensitivity: level 1 per j-std-020 ? weight: 0.01 grams (approximate) ordering information (note 3) notes: 1. no purposefully added lead. 2. diodes inc's "green" policy can be found on our website at http://www.diodes.com 3. for packaging details, go to our website at http://www.diodes.com. marking information product marking reel size (inches) tape width (mm) quantity per reel ZXT2MAta s2 7 8 3,000 ZXT2MAtc s2 13 8 10,000 dfn322 s2 = product type marking code to p view c e b top view device symbol bottom view pin out bottom view c be s2
ZXT2MA document number: ds35302 rev. 1 - 2 2 of 7 www.diodes.com april 2011 ? diodes incorporated a product line o f diodes incorporated ZXT2MA maximum ratings parameter symbol limit unit collector-base voltage v cbo -25 v collector-emitter voltage v ceo -20 v emitter-base voltage v ebo -7.5 v peak pulse current i cm -6 a continuous collector current (note 4) i c -3.5 a (note 5) -4.0 base current i b -1 a thermal characteristics @t a = 25c unless otherwise specified characteristic symbol value unit power dissipation linear derating factor (note 4) p d 1.5 12 w mw/ c (note 5) 2.45 19.6 thermal resistance, junction to ambient (note 4) r ja 83 c/w (note 5) 51 thermal resistance, junction to lead (note 6) r jl 16.8 c/w operating and storage temperature range t j, t stg -55 to +150 c notes: 4. for a device surfac e mounted on 31mm x 31mm (10cm 2 ) fr4 pcb with high coverage of single sided 1oz copper, in still air conditions; the device is measured when operating in a steady-state condition. t he entire exposed collector pad is attached to the heatsink. 5. same as note (4), except the device is measured at t < 5 sec. 6. thermal resistance from junction to solder-point (at the end of the collector lead).
ZXT2MA document number: ds35302 rev. 1 - 2 3 of 7 www.diodes.com april 2011 ? diodes incorporated a product line o f diodes incorporated ZXT2MA thermal characteristics 0.1 1 10 0.01 0.1 1 10 0 25 50 75 100 125 150 0.0 0.5 1.0 1.5 2.0 100 1m 10m 100m 1 10 100 1k 0 20 40 60 80 0.1 1 10 100 0 25 50 75 100 125 150 175 200 225 0.1 1 10 100 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 100us 100ms 1s v ce(sat) limited 1ms safe operating area single pulse, t amb =25c dc 10ms i c collector current (a) v ce collector-emitter voltage (v) derating curve 10 sqcm single 1oz cu t amb =25c max power dissipation (w) temperature (c) 10 sqcm single 1oz cu d=0.2 d=0.5 d=0.1 transient thermal impedance single pulse d=0.05 thermal resistance (c/w) pulse width (s) thermal resistance v board area 1oz copper 2oz copper thermal resistance (c/w) board cu area (sqcm) 1oz copper 2oz copper power dissipation v board area t amb =25c t j max =150c continuous p d dissipation (w) board cu area (sqcm)
ZXT2MA document number: ds35302 rev. 1 - 2 4 of 7 www.diodes.com april 2011 ? diodes incorporated a product line o f diodes incorporated ZXT2MA electrical characteristics @t a = 25c unless otherwise specified characteristic symbol min typ max unit test condition collector-base breakdown voltage bv cbo -25 -35 - v i c = -100a collector-emitter breakdown voltage (note 7) bv ceo -20 -25 - v i c = -10ma emitter-base breakdown voltage bv ebo -7.5 -8.5 - v i e = -100a collector cutoff current i cbo - - -25 na v cb = -20v emitter cutoff current i ebo - - -25 ?na v eb = -6v collector emitter cutoff current i ces - - -25 na v ces = -16v static forward current transfer ratio (note 7) h fe 300 475 - - i c = -10ma, v ce = -2v 300 450 - i c = -100ma, v ce = -2v 150 230 - i c = -2a, v ce = -2v 15 30 - i c = -6a, v ce = -2v collector-emitter saturation voltage (note 7) v ce(sat) - -19 -30 mv i c =- 0.1a, i b = -10ma - -170 -220 i c = -1a, i b = -20ma - -190 -250 i c = -1.5a, i b = -50ma - -240 -350 i c = -2.5a, i b = -150ma - -225 -300 i c = -3.5a, i b = -350ma base-emitter turn-on voltage (note 7) v be ( on ) - -0.87 -0.95 v i c = -3.5a, v ce = -2v base-emitter saturation voltage (note 7) v be ( sat ) - -1.01 -1.075 v i c = -3.5a, i b = -350ma output capacitance c obo - 21 30 pf v cb = -10v. f = 1mhz transition frequency f t 150 180 - mhz v ce = -10v, i c = -50ma, f = 100mhz turn-on time t on - 40 - ns v cc = -10v, i c = -1a i b1 = i b2 = -10ma turn-off time t off - 670 - ns notes: 7. measured under pulsed conditions. pulse width 300s. duty cycle 2%
ZXT2MA document number: ds35302 rev. 1 - 2 5 of 7 www.diodes.com april 2011 ? diodes incorporated a product line o f diodes incorporated ZXT2MA typical electrical characteristics 1m 10m 100m 1 10 10m 100m 1 1m 10m 100m 1 10 0.00 0.05 0.10 0.15 0.20 0.25 1m 10m 100m 1 10 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1m 10m 100m 1 10 0.4 0.6 0.8 1.0 1m 10m 100m 1 10 0.2 0.4 0.6 0.8 1.0 0 90 180 270 360 450 540 630 v ce(sat) v i c tamb=25c i c /i b =100 i c /i b =50 i c /i b =10 v ce(sat) (v) i c collector current (a) v be(sat) v i c i c /i b =50 100c 25c -55c v ce(sat) (v) i c collector current (a) h fe v i c v ce =2v -55c 25c 100c normalised gain i c collector current (a) 25c v ce(sat) v i c i c /i b =50 100c -55c v be(sat) (v) i c collector current (a) v be(on) v i c v ce =2v 100c 25c -55c v be(on) (v) i c collector current (a) typical gain (h fe )
ZXT2MA document number: ds35302 rev. 1 - 2 6 of 7 www.diodes.com april 2011 ? diodes incorporated a product line o f diodes incorporated ZXT2MA package outline dimensions suggested pad layout dfn322 dim min max typ a 0.800 1.00 0.850 a1 - 0.050 - a3 0.153 0.253 0.203 b 0.180 0.300 0.230 d 1.900 2.100 2.000 d2 1.220 1.420 1.320 e - - 0.650 e 1.900 2.100 2.000 e2 0.780 0.990 0.880 e4 0.480 0.680 0.580 l 0.300 0.500 0.400 all dimensions in mm dimensions value (in mm) c 0.65 g 0.20 x 0.35 x1 1.52 y 0.55 y1 0.98 y2 0.47 y3 0.63 y4 2.20 d e a1 a3 a d2 e4 e2 l (3x) b (3x) ee x1 y3 y1 y (2x) x (3x) cc y2 y4 g
ZXT2MA document number: ds35302 rev. 1 - 2 7 of 7 www.diodes.com april 2011 ? diodes incorporated a product line o f diodes incorporated ZXT2MA important notice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisdiction). diodes incorporated and its subsidiaries rese rve the right to make modifications, enhancements, improvements, corrections or ot her changes without further notice to this document and any product descri bed herein. diodes incorporated does not assume any liability arising out of the application or use of this document or any product described he rein; neither does diodes incorporated convey any license under its patent or trademark rights, nor the rights of others. any customer or user of this document or products described herein in such applica tions shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on diodes incorporated website, harmless against all damages. diodes incorporated does not warrant or accept any liability whatsoever in respect of any products purchased through unauthoriz ed sales channel. should customers purchase or use diodes inco rporated products for any unintended or una uthorized application, customers shall i ndemnify and hold diodes incorporated and its representativ es harmless against all claims, damages, expenses, and attorney fees arising out of, directly or indirectly, any claim of personal injury or death a ssociated with such unintended or unauthorized application. products described herein may be covered by one or more united states, international or foreign patents pending. product names and markings noted herein may also be covered by one or more united states, international or foreign trademarks. life support diodes incorporated products are specifically not authorized for use as critical com ponents in life support devices or systems without the express written approval of the chief executive offi cer of diodes incorporated. as used herein: a. life support devices or syst ems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when proper ly used in accordance with instructions for use provided in the labeling can be reasonably expected to result in significant injury to the user. b. a critical component is any component in a life support devic e or system whose failure to perform can be reasonably expect ed to cause the failure of the life support device or to affect its safety or effectiveness. customers represent that they have all necessary expertise in the safety and regulatory ramifi cations of their life support dev ices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety-rel ated requirements concerning the ir products and any use of diodes incorporated products in such safety-critical, life support devices or systems, notwithstanding any devices- or s ystems-related information or support that may be provided by diodes incorporated. further, customers must fully indemnify diodes incorporate d and its representatives against any damages arisi ng out of the use of diodes incorporated pr oducts in such safety-critical, life suppor t devices or systems. copyright ? 2011, diodes incorporated www.diodes.com


▲Up To Search▲   

 
Price & Availability of ZXT2MA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X