Part Number Hot Search : 
WSL1506E 2SB869 2SC2983 E13005D 74HC574 SP563 FM2100 MUR3020W
Product Description
Full Text Search
 

To Download ZVN3306FTA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features *r ds(on) =5 w * 60 volt v ds complementary type - zvp3306f partmarking detail - mc absolute maximum ratings. parameter symbol value unit drain-source voltage v ds 60 v continuous drain current at t amb =25c i d 150 ma pulsed drain current i dm 3a gate-source voltage v gs 20 v power dissipation at t amb =25c p tot 330 mw operating and storage temperature range t j :t stg -55 to +150 c electrical characteristics (at t amb = 25c unless otherwise stated). parameter symbol min. max. unit conditions. drain-source breakdown voltage bv dss 60 v i d =1ma, v gs =0v gate-source threshold voltage v gs(th) 0.8 2.4 v i d =1ma, v ds =v gs gate-body leakage i gss 20 na v gs = 20v, v ds =0v zero gate voltage drain current i dss 0.5 50 m a m a v ds =60v, v gs =0v v ds =48v, v gs =0v, t=125c (2) on-state drain current(1) i d(on) 750 ma v ds =18v, v gs =10v static drain-source on-state resistance (1) r ds(on) 5 w v gs =10v, i d =500ma forward transconductance (1)(2) g fs 150 ms v ds =18v, i d =500ma input capacitance (2) c iss 35 pf common source output capacitance (2) c oss 25 pf v ds =18v, v gs =0v, f=1mhz reverse transfer capacitance (2) c rss 8pf turn-on delay time (2)(3) t d(on) 3typ 5 ns v dd ? 18v, i d =500ma rise time (2)(3) t r 4typ 7 ns turn-off delay time (2)(3) t d(off) 4typ 6 ns fall time (2)(3) t f 5typ 8 ns (1) measured under pulsed conditions. width=300 m s. duty cycle 2% (2) sample test. (3) switching times measured with 50 w source impedance and <5ns rise time on a pulse generator spice parameter data is available upon request for this device zvn3306f d g s sot23 product specification 1 of 1 4008-318-123 sales@twtysemi.com http://www.twtysemi.com


▲Up To Search▲   

 
Price & Availability of ZVN3306FTA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X