Part Number Hot Search : 
GD4093B 5TRPB MB89538H A1220 GCM2165 IM100 ZMM11LZB 1600A
Product Description
Full Text Search
 

To Download UG2004PT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  creat by art - dual rectifier construction, positive center-tap - superfast recovery time, high voltage - low forward voltage, high current capability - low thermal resistance - low power loss, high efficiency - halogen-free according to iec 61249-2-21 definition symbol unit v rrm v v rms v v dc v i f(av) a i r a trr ns r jc o c/w t j o c t stg o c document number: ds_d1401026 version: c14 maximum reverse recovery time (note 2) 25 - 55 to +175 note 2: reverse recovery test conditions: i f =0.5a, i r =1.0a, recover to 0.25a. note 1: pulse test with pw=300 s, 1% duty cycle taiwan semiconductor UG2004PT 200 140 200 0.93 200 typical thermal resistance 1.5 operating junction temperature range storage temperature range - 55 to +175 maximum reverse current @ rated vr t j =25 a maximum instantaneous forward voltage (note 1) if= 10 a v f v maximum dc blocking voltage maximum average forward rectified current 20 peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load i fsm 200 maximum repetitive peak reverse voltage maximum rms voltage mounting torque: 10 in-lbs maximum weight: 6.1g (approximately) maximum ratings and electrical characteristics (t a =25 unless otherwise noted) parameter to-247ad (to-3p) mechanical data case: to-247ad (to-3p) molding compound, ul flammability classification rating 94v-0 base p/n with suffix "g" on packing code - halogen-free, rohs compliant terminal: matte tin plated leads, solderable per jesd22-b102 meet jesd 201 class 1a whisker test polarity: as marked UG2004PT ultra fast rectifiers features - compliant to rohs directive 2011/65/eu and in accordance to weee 2002/96/ec
part no. part no. UG2004PT UG2004PT (ta=25 unless otherwise noted) document number: ds_d1401026 version: c14 UG2004PT c0g c0 g green compound ratings and characteristics curves example preferred p/n packing code green compound code description UG2004PT c0 c0 UG2004PT c0 suffix "g" to-3p 30 / tube UG2004PT taiwan semiconductor ordering information packing code green compound code package packing 0 5 10 15 20 25 050100150 average forward current (a) case temperature ( o c) fig.1- maximum forward current derating curve resistive or inductiveload with heatsink 0 25 50 75 100 125 150 175 200 110100 peak forward surge current. (a) number of cycles at 60 hz fig. 3- maximum non-repetitive forward surge current 8.3ms single half sine wave jedec method 0.001 0.01 0.1 1 10 100 0 20 40 60 80 100 120 140 instantaneous reverse current ( a) percent of rated peak reverse voltage (%) fig. 2- typical reverse characteristics tj=25 tj=125 tj=75 0.1 1 10 100 0 0.2 0.4 0.6 0.8 1 1.2 1.4 instantaneous forward current. (a) forward voltage. (v) fig. 4- typical instaneous forward characteristics
min max min max a 15.90 16.40 0.626 0.646 b 7.90 8.20 0.311 0.323 c 5.70 6.20 0.224 0.244 d 20.80 21.30 0.819 0.839 e 3.50 4.10 0.138 0.161 f 19.70 20.20 0.776 0.795 g - 4.30 - 0.169 h 2.90 3.40 0.114 0.134 i 1.93 2.18 0.076 0.086 j 2.97 3.22 0.117 0.127 k 1.12 1.22 0.044 0.048 l 5.20 5.70 0.205 0.224 m 4.90 5.16 0.193 0.203 n 2.70 3.00 0.106 0.118 o 0.51 0.76 0.020 0.030 p/n = marking code g = green compound yww = date code f = factory code document number: ds_d1401026 version: c14 marking diagram UG2004PT taiwan semiconductor package outline dimensions dim. unit (mm) unit (inch) 10 100 1000 0.1 1 10 100 capacitance (pf) reverse voltage. (v) fig. 5- typical junction capacitance f=1mhz vsig=50mvp-p


▲Up To Search▲   

 
Price & Availability of UG2004PT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X